Part Number Hot Search : 
07K75 SI4355 1H333 57788SH AC618 MC9813 SFS4410 TC74VH
Product Description
Full Text Search
 

To Download CP22G-10368MHZ-STBY2-CL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  44 crystal units this is a small leadless surface mount type crystal unit. features 8 compact and thin (6.0 3.5 1.0 mm). 8 it is developed as a pll reference oscillation source for cellular phones, pagers and the like 8 excellent vibration resistance and shock resistance. 8 highly reliable ceramic package is used so that superior heat-resistance and environ- mental characteristics are realized. 8 it is applicable to ir reflow. 8 taping package is for customer automatic loading operation. 8 display of temperature characteristics is possible using a two-dimensional data code. *1 standard frequency (mhz) 1.4 0.9 #4 #1 #2 #3 3.0 4.4 1.5 2.5 1.0 0.2 6.0 0.2 3.5 0.2 #4 #1 #2 #3 1.8 4.4 1.4 2.5 internal connections #2, #4, is connected with a cover. (please connect with a gnd or a power supply.) reference foofprint dimensions (mm) ? 1 two dimensional data code surface mount type crystal units / nx6035sa (cp22g) 10.368 12.6 12.8 13.0 13.56 13.824 14.4 14.85 15.000 15.360 16.000 16.368 16.800 19.2 19.44 19.68 19.8 20.6575 26.0 item type frequency range overtone frequency tolerance (25??c) temperature characteristics (in reference to +25?c) operating temperature range equivalent series resistance drive level standard load capacitance operable temperature range nx6035sa (cp22g) 12.6 mhz ~ 26 mhz fundamental 50 ? max 10 ? (100 ? max) 12pf ?0 ~ +85?c 10 10 -6 10 10 -6 ?0 ~ +75?c 10 10 -6 15 10 -6 ?0 ~ +80?c specification if you need non-standard specification, please contact us. [type name] in ( ) is previous name.


▲Up To Search▲   

 
Price & Availability of CP22G-10368MHZ-STBY2-CL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X