Part Number Hot Search : 
TS024 20001 LUE3333 MC332 IRFB42 SZ6511 ZX84C8V2 PCA1673
Product Description
Full Text Search
 

To Download CFAK12P1140KS35L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20/4/2011 cfak 12p1140/ks35l capacitive sensors capacitive sensors www.baumer.com general data special type liquid level sensor for wastewater mounting type unshielded nominal sensing distance sn 0 mm temperature drift 20 % sensitivity adjustment no output indicator led yellow electrical data voltage supply range +vs 10 ... 30 vdc current consumption max. 12 ma output circuit pnp make function (no) output current < 200 ma voltage drop vd < 2,5 vdc switching frequency < 15 hz short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded housing material pom material (screw nut) pom material (gasket) epdm50 dimension 12 mm housing length 39,5 mm connection types fylead connector m8, l=200 mm ambient conditions operating temperature 0 ... +50 c protection class ip 67 photo connection diagram output +v s pnp bu (3) bn (1) bk (4) z 0 v dimension drawing 29 ,5 ? 7 32, 5 39, 5 21, 5 m1 2 x 1 10 ,6 ? le d sw 17 1, 2 l . a c 4 3 m8 x 1 for installation in grounded metal container for use in contaminated media like blackwater switches in contact with highly conductive media


▲Up To Search▲   

 
Price & Availability of CFAK12P1140KS35L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X