Part Number Hot Search : 
DPH140T BFXXXX IRKL105 472M03 GAAMLA 5R0LP DD84SC DG538ADN
Product Description
Full Text Search
 

To Download CAT25C16P-18-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 by catalyst semiconductor, inc. characteristics subject to change without notice 1 doc. no. 1016, rev. a features  10 mhz spi compatible  1.8 to 5.5 volt operation  32-byte page write buffer  hardware and software protection  block write protection ?protect 1/4, 1/2 or all of eeprom array  low power cmos technology  spi modes (0,0 & 1,1)  industrial temperature range  1,000,000 program/erase cycles  100 year data retention  self-timed write cycle  rohs compliant ? & 8-pin pdip, soic and tssop packages available pin configuration pin functions pin name function so serial data output sck serial clock wp write protect v cc +1.8v to +5.5v power supply v ss ground cs chip select si serial data input hold suspends serial input description the cat25c08/16 is a 8k/16k bit spi serial cmos eeprom internally organized as 1024x8/2048x8 bits. catalysts advanced cmos technology substantially reduces device power requirements. the cat25c08/ 16 features a 32-byte page write buffer. the device operates via the spi bus serial interface and is enabled though a chip select ( cs ). in addition to the chip select, the clock input (sck), data in (si) and data out (so) are required to access the device. the hold pin may be used to suspend any serial communication without resetting the serial sequence. the cat25c08/16 is designed with software and hardware write protection features including block write protection. the device is available in 8-pin dip, 8-pin soic and 8-pin tssop packages. pdip (p, l) soic (s, v) tssop (u, y) 8 7 6 5 v cc hold sck si wp cs so v ss 1 2 3 4 functional symbol v cc v ss so si cs wp hold sck cat25c08 cat25c16 cat25c08, cat25c16 8k/16k spi serial cmos eeprom
2 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice absolute maximum ratings* temperature under bias ................. C 55 c to +125 c storage temperature ....................... C 65 c to +150 c voltage on any pin with respect to v ss (1) .................. C 2.0v to +v cc +2.0v v cc with respect to v ss ................................ C 2.0v to +7.0v package power dissipation capability (ta = 25 c) ................................... 1.0w lead soldering temperature (10 secs) ............ 300 c output short circuit current (2) ........................ 100 ma *comment stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specifica- tion is not implied. exposure to any absolute maximum rating for extended periods may affect device perfor- mance and reliability. note: (1) the minimum dc input voltage is C 0.5v. during transitions, inputs may undershoot to C 2.0v for periods of less than 20 ns. maximum dc voltage on output pins is v cc +0.5v, which may overshoot to v cc +2.0v for periods of less than 20 ns. (2) output shorted for no more than one second. no more than one output shorted at a time. (3) these parameter are tested initially and after a design or process change that affects the parameter according to appropriat e aec-q100 and jedec test methods. (4) latch-up protection is provided for stresses up to 100 ma on address and data pins from C 1v to v cc +1v. (5) v ilmin and v ihmax are reference values only and are not tested. (6) maximum standby current (i sb ) = 10 a for the automotive and extended automotive temperature range. d.c. operating characteristics v cc = +1.8v to +6.0v, unless otherwise specified. limits symbol parameter min. typ. max. units test conditions i cc1 power supply current 5 ma v cc = 5v @ 5mhz (operating write) so=open; cs=vss i cc2 power supply current 3 ma v cc = 5.5v (operating read) f clk = 5mhz i sb (6) power supply current 1 a cs = v cc (standby) v in = v ss or v cc i li input leakage current 2 a i lo output leakage current 3 av out = 0v to v cc , cs = 0v v il (5) input low voltage -1 v cc x 0.3 v v ih (5) input high voltage v cc x 0.7 v cc + 0.5 v v ol1 output low voltage 0.4 v v oh1 output high voltage v cc - 0.8 v v ol2 output low voltage 0.2 v 1.8v v cc <2.7v v oh2 output high voltage v cc -0.2 v i ol = 150 a i oh = -100 a 2.7v v cc <5.5v i ol = 3.0ma i oh = -1.6ma reliability characteristics symbol parameter min. typ. max. units n end (3) endurance 1,000,000 cycles/byte t dr (3) data retention 100 years v zap (3) esd susceptibility 2000 volts i lth (3)(4) latch-up 100 ma
3 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice cat25cxx-1.8 cat25cxx 1.8v-5.5v 2.5v-5.5v 4.5v-5.5v test symbol parameter min. max. min. max. min. max. units conditions t su data setup time 50 20 20 ns t h data hold time 50 20 20 ns t wh sck high time 250 75 40 ns t wl sck low time 250 75 40 ns f sck clock frequency dc 1 dc 5 dc 10 mhz t lz hold to output low z 50 50 50 ns t ri (1) input rise time 2 2 2 s t fi (1) input fall time 2 2 2 s t hd hold setup time 100 40 40 ns t cd hold hold time 100 40 40 ns t wc (3) write cycle time 10 5 5 ms t v output valid from clock low 250 75 40 ns t ho output hold time 0 0 0 ns t dis output disable time 250 75 75 ns t hz hold to output high z 150 50 50 ns t cs cs high time 500 100 100 ns t css cs setup time 500 100 100 ns t csh cs hold time 500 100 100 ns t wps wp setup time 150 50 50 ns t wph wp hold time 150 50 50 ns a.c. characteristics c l = 50pf (2) pin capacitance (1) applicable over recommended operating range from t a =25 ? c, f=1.0 mhz, vcc=+5.0v (unless otherwise noted). symbol test conditions max. units conditions c out output capacitance (so) 8 pf v out =0v c in input capacitance ( cs , sck, si, wp , hold )6 pf v in =0v power-up timing (4)(5) symbol parameter max. units t pur power-up to read operation 1 ms t puw power-up to write operation 1 ms note: (1) this parameter is tested initially and after a design or process change that affects the parameter. (2) ac test conditions: input pulse voltages: 0.3v cc to 0.7v cc input rise and fall times: 10ns input and output reference voltages: 0.5v cc output load: current source iol max/ioh max; c l = 50pf (3) t wc is the time from the rising edge of cs after a valid write sequence to the end of the internal write cycle. (4) this parameter is tested initially and after a design or process change that affects the parameter. (5) t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated.
4 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice functional description the cat25c08/16 supports the spi bus data transmis- sion protocol. the synchronous serial peripheral inter- face (spi) helps the cat25c08/16 to interface directly with many of today s popular microcontrollers. the cat25c08/16 contains an 8-bit instruction register. (the instruction set and the operation codes are de- tailed in the instruction set table) after the device is selected with cs going low, the first byte will be received. the part is accessed via the si pin, with data being clocked in on the rising edge of sck. the first byte contains one of the six op-codes that define the operation to be performed. instruction opcode operation wren 0000 0110 enable write operations wrdi 0000 0100 disable write operations rdsr 0000 0101 read status register wrsr 0000 0001 write status register read 0000 0011 read data from memory write 0000 0010 write data to memory instruction set pin description si: serial input si is the serial data input pin. this pin is used to input all opcodes, byte addresses, and data to be written to the 25c08/16. input data is latched on the rising edge of the serial clock for spi modes (0, 0 & 1, 1). so: serial output so is the serial data output pin. this pin is used to transfer data out of the 25c08/16. during a read cycle, data is shifted out on the falling edge of the serial clock for spi modes (0,0 & 1,1). sck: serial clock sck is the serial clock pin. this pin is used to synchro- nize the communication between the microcontroller figure 1. sychronous data timing valid in v ih v il t css v ih v il v ih v il v oh v ol hi-z t su t h t wh t wl t v t cs t csh t ho t dis hi-z cs sck si so t ri t fi note: dashed line= mode (1, 1) C CCCC
5 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice status register bits array address protection bp1 bp0 protected 0 0 none no protection 0 1 25c08: 0300-03ff quarter array protection 25c16: 0600-07ff 1 0 25c08: 0200-03ff half array protection 25c16: 0400-07ff 1 1 25c08: 0000-03ff full array protection 25c16: 0000-07ff block protection bits 76543210 wpen 0 1 x bp1 bp0 wel rdy status register protected unprotected status wpen wp wp wp wp wp wel blocks blocks register 0 x 0 protected protected protected 0 x 1 protected writable writable 1 low 0 protected protected protected 1 low 1 protected writable protected x high 0 protected protected protected x high 1 protected writable writable write protect enable operation and the 25c08/16. opcodes, byte addresses, or data present on the si pin are latched on the rising edge of the sck. data on the so pin is updated on the falling edge of the sck for spi modes (0,0 & 1,1) . cs cs cs cs cs : chip select cs is the chip select pin. cs low enables the cat25c08/ 16 and cs high disables the cat25c08/16. cs high takes the so output pin to high impedance and forces the devices into a standby mode (unless an internal write operation is underway) the cat25c08/16 draws zero current in the standby mode. a high to low transition on cs is required prior to any sequence being initiated. a low to high transition on cs after a valid write sequence is what initiates an internal write cycle. byte address device address significant bits address don't care bits # address clock pulse cat25c08 a9 - a0 a15 - a10 16 cat25c16 a10 - a0 a15 - a11 16
6 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice figure 2. wren instruction timing figure 3. wrdi instruction timing note: dashed line= mode (1, 1) C CCCC sck si cs so 00000 110 high impedance sck si cs so 00000 100 high impedance note: dashed line= mode (1, 1) C CCCC status register the status register indicates the status of the device. the rdy (ready) bit indicates whether the cat25c08/ 16 is busy with a write operation. when set to 1 a write cycle is in progress and when set to 0 the device indicates it is ready. this bit is read only. the wel (write enable) bit indicates the status of the write enable latch. when set to 1, the device is in a write enable state and when set to 0 the device is in a write disable state. the wel bit can only be set by the wren instruction and can be reset by the wrdi instruction. the bp0 and bp1 (block protect) bits indicate which blocks are currently protected. these bits are set by the user issuing the wrsr instruction. the user is allowed to protect quarter of the memory, half of the memory or the entire memory by setting these bits. once protected the user may only read from the protected portion of the array. these bits are non-volatile. the wpen (write protect enable) is an enable bit for the wp pin. the wp pin and wpen bit in the status register control the programmable hardware write pro- tect feature. hardware write protection is enabled when wp is low and wpen bit is set to high. the user cannot write to the status register, (including the block protect wp wp wp wp wp : write protect wp is the write protect pin. the write protect pin will allow normal read/write operations when held high. when wp is tied low and the wpen bit in the status register is set to 1 , all write operations to the status register are inhibited. wp going low while cs is still low will interrupt a write to the status register. if the internal write cycle has already been initiated, wp going low will have no effect on any write operation to the status register. the wp pin function is blocked when the wpen bit is set to 0. figure 10 illustrates the wp timing sequence during a write operation. hold hold hold hold hold : hold hold is the hold pin. the hold pin is used to pause transmission to the cat25c08/16 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. to pause, hold must be brought low while sck is low. the so pin is in a high impedance state during the time the part is paused, and transitions on the si pins will be ignored. to resume communication, hold is brought high, while sck is low. hold should be held high any time this function is not being used. hold may be tied high directly to v cc or tied to v cc through a resistor. figure 9 illustrates hold timing sequence.
7 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice figure 4. read instruction timing note: dashed line= mode (1, 1) C C C C sck si so 0000001 1 byte address* 012345678910 2021222324252627282930 7 6 5 4 3 2 1 0 *please check the byte address table. cs data out msb high impedance ** a n a 0 opcode bits and the wpen bit) and the block protected sections in the memory array when the chip is hardware write protected. only the sections of the memory array that are not block protected can be written. hardware write protection is disabled when either wp pin is high or the wpen bit is zero. device operation write enable and disable the cat25c08/16 contains a write enable latch. this latch must be set before any write operation. the device powers up in a write disable state when v cc is applied. wren instruction will enable writes (set the latch) to the device. wrdi instruction will disable writes(reset the latch) to the device. disabling writes will protect the device against inadvertent writes. read sequence the part is selected by pulling cs low. the 8-bit read instruction is transmitted to the cat25c08/16, followed by the 16-bit address for 25c08/16. (only 10-bit ad- dresses are used for 25c08, 11-bit addresses are used for 25c16. the rest of the bits are don't care bits). after the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the so pin. the data stored in the memory at the next address can be read sequentially by continu- ing to provide clock pulses. the internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. when the highest address is reached, the address counter rolls over to 0000h allowing the read cycle to be continued indefi- nitely. the read operation is terminated by pulling the cs high. to read the status register, rdsr instruction should be sent. the contents of the status register are shifted out on the so line. the status register may be read at any time even during a write cycle. read sequece is illustrated in figure 4. reading status register is illustrated in figure 5. write sequence the cat25c08/16 powers up in a write disable state. prior to any write instructions, the wren instruction must be sent to cat25c08/16. the device goes into write enable state by pulling the cs low and then clocking the wren instruction into cat25c08/16. the cs must be brought high after the wren instruction to enable writes to the device. if the write operation is initiated immediately after the wren instruction without cs being brought high, the data will not be written to the array because the write enable latch will not have been properly set. also, for a successful write operation the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block protection level.
8 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice sck si so 00 00 00 10 d7 d6 d5 d4 d3 d2 d1 d0 012345678 2122232425262728293031 cs opcode *please check the byte address table data in high impedance byte address* * a n a 0 figure 6. write instruction timing byte write once the device is in a write enable state, the user may proceed with a write sequence by setting the cs low, issuing a write instruction via the si line, followed by the 16-bit address for 25c08/16. (only 10-bit addresses are used for 25c08, 11-bit addresses are used for 25c16. the rest of the bits are don't care bits). programming will start after the cs is brought high. figure 6 illustrates byte write sequence. during an internal write cycle, all commands will be ignored except the rdsr (read status register) instruction. the status register can be read to determine if the write cycle is still in progress. if bit 0 of the status register is set at 1, write cycle is in progress. if bit 0 is set at 0, the device is ready for the next instruction page write the cat25c08/16 features page write capability. after the initial byte, the host may continue to write up to 32 note: dashed line= mode (1, 1) C CCCC bytes. after each byte of data received, lower order address bits are internally incremented by one; the high order bits of address will remain constant.the only restriction is that the 32 bytes must reside on the same page. if the address counter reaches the end of the page and clock continues, the counter will roll over to the first address of the page and overwrite any data that may have been written. the cat25c08/16 is automati- cally returned to the write disable state at the completion of the write cycle. figure 8 illustrates the page write sequence. to write to the status register, the wrsr instruction should be sent. only bit 2, bit 3 and bit 7 of the status register can be written using the wrsr instruction. figure 7 illustrates the sequence of writing to status register. figure 5. rdsr instruction timing note: dashed line= mode (1, 1) C CCCC 012345678 10 911121314 sck si data out msb high impedance opcode so 7 6 5 4 3 2 1 0 cs 00 0 00 1 01
9 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice figure 7. wrsr timing note: dashed line= mode (1, 1) C CCCC 01 2345678 10 911121314 sck si msb high impedance data in 15 so cs 7 6 5 4 3 2 10 00 0 000 0 1 opcode design considerations the cat25c08/16 powers up in a write disable state and in a low power standby mode. a wren instruction must be issued to perform any writes to the device after power up. also,on power up cs should be brought low to enter a ready state and receive an instruction. after a successful byte/page write or status register write, the cat25c08/16 goes into a write disable mode. cs must be set high after the proper number of clock cycles to start an internal write cycle. access to the array during an internal write cycle is ignored and programming is continued. on power up, so is in a high impedance. if an invalid op code is received, no data will be shifted into the cat25c08/16, and the serial output pin (so) will remain in a high impedance state until the falling edge of cs is detected again. when powering down, the supply should be taken down to 0v, so that the cat25c08/16 will be reset when power is ramped back up. if this is not possible, then, following a brown-out episode, the cat25c08/16 can be reset by refreshing the contents of the status reg- ister (see application note an10). figure 8. page write instruction timing note: dashed line= mode (1, 1) C CCCC sck si so 00 00 00 10 byte address data byte 1 012345678 212223 24-31 32-39 data byte 2 data byte 3 data byte n cs opcode 7..1 0 24+(n-1)x8-1..24+(n-1)x8 24+nx8-1 data in high impedance a n a 0 *please check the byte address table.
10 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice figure 10. wp wp wp wp wp timing note: dashed line= mode (1, 1) C CCCC cs sck wp wp t wps t wph figure 9. hold hold hold hold hold timing cs sck hold so t cd t hd t hd t cd t lz t hz high impedance note: dashed line= mode (1, 1) C CCCC
11 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice package information 8-lead 300 mil wide plastic dip (p, l) a e b e1 b2 l a2 a1 e d eb symbol a a1 b b2 d d2 e e1 e eb l min 0.120 0.015 0.014 0.355 0.300 0.300 0.310 0.240 0.115 0.130 0.150 nom 0.018 0.060 0.070 0.045 0.365 0.250 0.430 max 0.210 a2 0.115 0.130 0.195 0.022 0.400 0.325 0.325 0.280 0.100 bsc notes: 1. complies with jedec standard ms001. 2. all dimensions are in inches. 3. dimensioning and tolerancing per ansi y14.5m-1982
12 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice notes: 1. complies with jedec specification ms-012 dimensions. 2. all linear dimensions in millimeters. 8-lead 150 mil wide soic (s, v) symbol a1 a2 b c d e e1 e f min 0.0040 0.0532 0.013 0.1890 02284 0.149 0.0099 nom 0.0098 0.0075 0.050 bsc max 0.0098 0.0688 0.020 0.1968 0.2440 0.1574 0.0196 10 8 e e1 d a1 e l 1 c b a
13 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice 8-lead tssop (u, y) notes: 1. all dimensions in millimeters. 8 5 1 4 e e1 e/2 pin #1 ident. d b l 1 e a a1 a2 see detail a see detail a seating plane c gage plane 0.25 symbol a a1 a2 b c d e e1 e l 1 min 0.05 0.80 0.09 2.90 6.30 6.4 4.30 0.00 8.00 nom 0.90 0.30 0.19 3.00 4.40 0.60 0.75 0.50 max 1.20 0.15 1.05 0.20 3.10 6.50 4.50 0.65 bsc
14 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice t n e n o p m o ce p y t e g a k c a p) w ( e z i s e p a t) p ( h c t i p t r a p p o s s t , c i o s l 8u , s , y , vm m 2 1m m 8 e p a t e z i s a n i m bcn i m * dn i m ng x a m t x a ml e e r / y t q m m 2 1 0 3 3 ) 0 0 . 3 1 ( 0 0 0 3 5 . 1 ) 9 5 0 . 0 ( ) 4 0 5 . 0 ( 0 8 . 2 1 ) 0 0 2 5 . 0 ( 0 2 . 3 1 2 . 0 2 ) 5 9 7 . 0 ( 0 5 ) 9 6 9 . 1 ( ) 8 8 4 . 0 ( 4 . 2 1 ) 8 5 5 . 0 ( 4 . 4 1 _ 4 . 8 1 _ ) 4 2 7 . 0 ( tape and reel direction of feed device orientation reel dimensions (1) embossed carrier dimensions component/tape size cross-reference notes: (1) metric dimensions will govern; english measurements rounded, for reference only and in parentheses. device orientation soic sproket hole tssop tdfn pin 1 pin 1 pin 1 embossed carrier top cover tape thickness (t 1 ) 0.10mm (0.004) max thick embossmen t a d* b* drive spokes optional, if used asterisked dimensions apply. * full radius* tape slot in core for tape start. 2.5mm (0.098) min width 10mm (0.394) min depth g (measured at hub) c n t 40mm (1.575) min. access hole at slot location
15 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice w e f b 0 a 0 p d p 0 p 2 d 1 for components 2.0mm x 1.2mm and larger 10 pitches cumulative tolerance on tape 0.2mm( 0.008) embossment (2) k 0 b 1 k t for machine reference only including draft and radii concentric about b 0 user direction of feed center lines of cavity (2) top cover tape embossed carrier dimensions (12 pape only) embossed tape?ariable dimensions (1) embossed tape?onstant dimensions (1) s e z i s e p a tdep 0 . x a m t. n i m 1 da 0 b 0 k 0 ) 2 ( m m 2 1 ) 9 5 0 . 0 ( 5 . 1 ) 3 6 0 . 0 ( 6 . 1 ) 5 6 0 . 0 ( 5 6 . 1 ) 3 7 0 . 0 ( 5 8 . 1 ) 3 5 1 . 0 ( 9 . 3 ) 1 6 1 . 0 ( 1 . 4 0 0 4 ) 6 1 0 . 0 ( 5 . 1 ) 9 5 0 . 0 ( s e z i s e p a tb 1 . x a mf . x a m kp 2 . n i m rwp m m 2 1 2 . 8 ) 3 2 3 0 . 0 ( ) 5 1 2 0 . 0 ( 5 4 . 5 ) 9 1 2 0 . 0 ( 5 5 . 5 5 . 4 ) 7 7 1 . 0 ( ) 7 7 0 . 0 ( 5 9 . 1 ) 1 8 0 . 0 ( 5 0 . 2 0 3 ) 1 8 1 . 1 ( ) 0 6 4 . 0 ( 7 . 1 1 ) 4 8 4 . 0 ( 3 . 2 1 ) 5 7 2 . 0 ( 9 . 7 ) 5 5 3 . 0 ( 1 . 8 note: (1) metric dimensions will govern; english measurements rounded, for reference only and in parentheses. (2) a 0 b 0 k 0 are determined by component size. the clearance between the component and the cavity must be within 0.05 (0.002) min. to 0.65 (0.026) max. for 12mm tape, 0.05 (0.002) min. to 0.90 (0.035) max. for 16mm tape, and 0.05 (0.002) min. to 1.00 (0.039) ma x. for 24mm tape and larger. the component cannot rotate more than 20 within the determined cavity, see component rotation.
16 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice notes: (1) the device used in the above example is a 25c16vi-1.8gt3 (soic, industrial temperature, 1.8 volt to 5.5 volt operating voltage, tape & reel) ordering information prefix device # suffix 25c16 v i -1.8 product number 25c16: 16k 25c08: 8k cat temperature range blank = commercial (0 c to 70 c) i = industrial (-40 c to +85 c) a = automotive (-40 c to +105 c) e = extended (-40 c to +125 c) company id package p: pdip s: soic u: tssop l: pdip (lead-free, halogen-free) v: soic, jedec (lead-free, halogen-free) y: tssop (lead-free, halogen-free) operating voltage blank (v cc = 2.5v to 5.5v) 1.8 (v cc = 1.8v to 5.5v) gt3 lead finish/tape & reel g: nipdau lead plating t: tape & reel 3: 3000/reel
17 cat25c08/16 doc. no. 1016, rev. a ? 2005 by catalyst semiconductor, inc. characteristics subject to change without notice 8-lead pdip package marking 8-lead soic csi = catalyst semiconductor, inc. 25c16l = device code 25c08l 25c16l i = temperature range yy = production year ww = production week a = product revision vv = voltage range 1.8v - 5.5v = 18 2.5v - 5.5v = blank yywwa 25c16li vv csi = catalyst semiconductor, inc. 25c16v = device code 25c08v 25c16v i = temperature range yy = production year ww = production week a = product revision vv = voltage range 1.8v - 5.5v = 18 2.5v - 5.5v = blank yywwa 25c16vi vv 8-lead tssop ymbv 25y16 y = production year m = production month a = die revision 25y16 = device code 25y08 25y16 i = industrial temperature range v = voltage range 1.8v - 5.5v = 8 2.5v - 5.5v = blank
catalyst semiconductor, inc. corporate headquarters 1250 borregas avenue sunnyvale, ca 94089 phone: 408.542.1000 fax: 408.542.1200 www.catsemi.com copyrights, trademarks and patents trademarks and registered trademarks of catalyst semiconductor include each of the following: dpp ? ae 2 ? minipot ? catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability arising out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semiconductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in production or offered for sale. catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete. publication #: 1016 revison: a issue date: 03/21/06 revision history date rev. reason 03/21/2006 a initial issue


▲Up To Search▲   

 
Price & Availability of CAT25C16P-18-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X