Part Number Hot Search : 
T2700B 101KL 101KL 70001 433D100F 1100E TA1281F NTE70
Product Description
Full Text Search
 

To Download BGU7007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description the BGU7007 is a low noise amplifier (lna) fo r gnss receiver applications in a plastic leadless 6-pin, extremely small sot886 package. the BGU7007 requires only one external matching inductor and one external decoupling capacitor. the BGU7007 adapts itself to the changing environment resulting from co-habitation of different radio systems in modern cellular handsets. it has been designed for low power consumption and optimal performance when jamming signals from co-existing cellular transmitters are present. at low jamming powe r levels it delivers 18.5 db gain at a noise figure of 0.85 db. during high jamming power levels, resulting for example from a cellular transmit burst, it temporar ily increases its bias curr ent to improve sensitivity. 1.2 features and benefits ? covers full gnss l1 band, from 1559 mhz to 1610 mhz ? noise figure (nf) = 0.85 db ? gain 18.5 db ? high input1 db compression point p i (1db) of ? 12 dbm ? high out of band ip3 i of 4 dbm ? supply voltage 1.5 v to 2.85 v ? power-down mode current consumption < 1 a ? optimized performance at lo w supply current of 4.8 ma ? integrated temper ature stabilized bias for easy design ? requires only one input matching inductor and one supply decoupling capacitor ? input and output dc decoupled ? esd protection on all pins (hbm > 2 kv) ? integrated matching for the output ? small 6-pin leadless package 1 mm 1.45 mm 0.5 mm ? 110 ghz transit frequenc y - sige:c technology BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo rev. 1 ? 20 may 2011 product data sheet caution this device is sensitive to electrostatic di scharge (esd). therefore care should be taken during transport and handling.
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 2 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 1.3 applications ? lna for gps, glonass and galileo in smar t phones, feature phones, tablet pcs, personal navigation devices, digital still ca meras, digital video cameras, rf front end modules, complete gps chipset modules and theft protection (laptop, atm) 1.4 quick reference data [1] pcb losses are subtracted. [2] including pcb losses. [3] f 1 = 1713 mhz; f 2 = 1851 mhz; p 1 =p 2 = ? 30 dbm. 2. pinning information table 1. quick reference data f = 1559 mhz to 1610 mhz; v cc = 1.8 v; p i < ? 40 dbm; t amb =25 c; input matched to 50 using a 5.6 nh inductor; unless otherwise specified. symbol parameter conditions min typ max unit v cc supply voltage rf input ac coupled 1.5 - 2.85 v i cc supply current v enable 0.8 v p i < ? 40 dbm 3.4 4.8 6.1 ma p i = ? 20 dbm 8.9 12.8 15.9 ma g p power gain p i < ? 40 dbm, no jammer 16.5 18.5 20.5 db p i = ? 20 dbm 17.5 19.5 21.5 db nf noise figure p i < ? 40 dbm, no jammer [1] - 0.85 1.2 db p i < ? 40 dbm, no jammer [2] - 0.90 1.3 db p i = ? 20 dbm - 1.2 1.6 db p i(1db) input power at 1 db gain compression f = 1559 mhz to 1610 mhz v cc =1.5v ? 16 ? 13 - dbm v cc =1.8v ? 15 ? 12 - dbm v cc =2.85v ? 14 ? 11 - dbm ip3 i input third-order intercept point f = 1.575 ghz v cc =1.5v [3] 14- dbm v cc =1.8v [3] 14- dbm v cc =2.85v [3] 25- dbm table 2. pinning pin description simplified outline graphic symbol 1gnd 2gnd 3rf_in 4v cc 5 enable 6rf_out bottom view 3 2 1 4 5 6 sym12 9 4 5 21 6 3
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 3 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 3. ordering information 4. marking 5. limiting values [1] t sp is the temperature at the soldering point of the emitter lead. [2] due to internal esd diode protection, the applied voltage should not exceed the specified maximum in order to avoid excess current. [3] the rf input and rf output are ac coupled through internal dc blocking capacitors. 6. thermal characteristics table 3. ordering information type number package name description version BGU7007 xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 table 4. marking codes type number marking code BGU7007 b6 table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cc supply voltage rf input ac coupled ? 0.5 3.1 v v enable voltage on pin enable v cc 2.5 v ? 0.5 3.1 v v cc < 2.5 v [2] ? 0.5 v cc +0.6 v v rf_in voltage on pin rf_in dc v cc 3.0 v [3] ? 0.5 3.6 v v cc < 3.0 v [2] [3] ? 0.5 v cc +0.6 v v rf_out voltage on pin rf_out dc v cc 1.8 v [3] ? 0.5 3.6 v v cc < 1.8 v [2] [3] ? 0.5 v cc +1.8 v p i input power - 0 dbm p tot total power dissipation t sp 130 c [1] 55 mw t stg storage temperature ? 65 150 c t j junction temperature - 150 c table 6. thermal characteristics symbol parameter conditions typ unit r th(j-sp) thermal resistance from junction to solder point 225 k/w
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 4 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 7. characteristics table 7. characteristics f = 1559 mhz to 1610 mhz; v cc = 1.8 v; v enable >= 0.8 v; p i < ? 40 dbm; t amb =25 c; input matched to 50 using a 5.6 nh inductor; unle ss otherwise specified. symbol parameter conditions min typ max unit v cc supply voltage rf input ac coupled 1.5 - 2.85 v i cc supply current v enable 0.8 v p i < ? 40 dbm 3.4 4.8 6.1 ma p i = ? 20 dbm 8.9 12.8 15.9 ma v enable 0.35 v --1 a t amb ambient temperature ? 40 +25 +85 c g p power gain t amb =25 c p i < ? 40 dbm, no jammer 16.5 18.5 20.5 db p i = ? 20 dbm, no jammer 17.5 19.5 21.5 db p jam = ? 20 dbm; f jam = 850 mhz 17.5 19.5 21.5 db p jam = ? 20 dbm; f jam = 1850 mhz 17.5 19.5 21.5 db ? 40 c t amb +85 c p i < ? 40 dbm, no jammer 16 - 21 db p i = ? 20 dbm, no jammer 17 - 22 db p jam = ? 20 dbm; f jam = 850 mhz 17 - 22 db p jam = ? 20 dbm; f jam = 1850 mhz 17 - 22 db rl in input return loss p i < ? 40 dbm 5 7 - db p i = ? 20 dbm 7 10 - db rl out output return loss p i < ? 40dbm 1218- db p i = ? 20dbm 1524- db isl isolation 22 24 - db nf noise figure t amb =25 c p i < ? 40 dbm, no jammer [1] - 0.85 1.2 db p i < ? 40 dbm, no jammer [2] - 0.90 1.3 db p i = ? 20 dbm, no jammer - 1.2 1.6 db p jam = ? 20 dbm; f jam = 850 mhz - 1.1 1.5 db p jam = ? 20 dbm; f jam = 1850 mhz - 1.3 1.7 db ? 40 c t amb +85 c p i < ? 40 dbm, no jammer - - 1.7 db p i = ? 20 dbm, no jammer - - 1.9 db p jam = ? 20 dbm; f jam = 850 mhz - - 1.8 db p jam = ? 20 dbm; f jam = 1850 mhz - - 2.0 db
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 5 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo [1] pcb losses are subtracted. [2] including pcb losses. [3] out of band. [4] f 1 = 1713 mhz; f 2 = 1851 mhz; p 1 =p 2 = ? 30 dbm. [5] within 10 % of the final gain. p i(1db) input power at 1 db gain compression f = 1559 mhz to 1610 mhz v cc =1.5v ? 16 ? 13 - dbm v cc =1.8v ? 15 ? 12 - dbm v cc =2.85v ? 14 ? 11 - dbm f = 806 mhz to 928 mhz v cc =1.5v [3] ? 16 ? 13 - dbm v cc =1.8v [3] ? 15 ? 12 - dbm v cc =2.85v [3] ? 15 ? 12 - dbm f = 1612 mhz to 1909 mhz v cc =1.5v [3] ? 14 ? 11 - dbm v cc =1.8v [3] ? 13 ? 10 - dbm v cc =2.85v [3] ? 11 ? 8- dbm ip3 i input third-order intercept point f = 1.575 ghz v cc =1.5v [4] 14- dbm v cc =1.8v [4] 14- dbm v cc =2.85v [4] 25- dbm t on turn-on time [5] --2 s t off turn-off time [5] --1 s k rollett stability factor 1 - - table 7. characteristics ?continued f = 1559 mhz to 1610 mhz; v cc = 1.8 v; v enable >= 0.8 v; p i < ? 40 dbm; t amb =25 c; input matched to 50 using a 5.6 nh inductor; unle ss otherwise specified. symbol parameter conditions min typ max unit table 8. enable (pin 5) ? 40 c t amb +85 c; 1.5 v v cc 2.85 v v enable (v) state 0.35 off 0.8 on
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 6 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 8. application information 8.1 gnss lna for a list of components see table 9 . fig 1. schematics gnss lna evaluation board table 9. list of components for schematics see figure 1 . component description value supplier remarks c1 decoupling capacitor 1 nf various ic1 BGU7007 - nxp l1 high quality matching inductor 5.6 nh murata lqw15a 001aak68 5 v en rf in 3 ic1 5 2 4 1 6 rf out v cc c1 l1 p i = ? 45 dbm. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c p i = ? 45 dbm. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 2. supply current as a function of supply voltage; typical values fig 3. supply current as a function of ambient temperature; typical values v cc (v) 1.0 3.5 3.0 2.0 2.5 1.5 001aao158 4.5 5.5 6.5 i cc (ma) 3.5 (1) (3) (2) t amb (c) -55 105 65 -15 25 001aao159 4.0 5.0 6.0 i cc (ma) 3.0 (3) (1) (2)
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 7 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c v cc = 1.8 v; t amb =25 c. (1) p i = ? 45 dbm (2) p i = ? 30 dbm (3) p i = ? 20 dbm (4) p i = ? 15 dbm fig 4. power gain as a function of frequency; typical values fig 5. power gain as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao160 8 12 4 16 20 g p (db) 0 (1) (3) (2) f (mhz) 500 3000 2500 1500 2000 1000 001aao161 8 12 4 16 20 g p (db) 0 (4) (2) (3) (1) p i = ? 45 dbm; t amb =25 c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v t amb =25 c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 6. power gain as a function of frequency; typical values fig 7. power gain as a function of input power; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao162 8 12 4 16 20 g p (db) 0 (3) (1) (2) p i (dbm) -50 0 -10 -30 -20 -40 001aao163 16 13 19 22 g p (db) g p 10 10 5 20 25 i cc (ma) 0 (1) (2) (3) (1) (2) (3) i cc
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 8 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo v cc = 1.8 v; t amb =25 c; no jammer. fig 8. noise figure as a function of frequency; typical values f (mhz) 1550 1620 1606 1578 1592 1564 001aao164 0.8 0.4 1.2 1.6 nf (db) 0 f = 1575 mhz; t amb =25 c; no jammer. f = 1575 mhz; v cc = 1.8 v; no jammer. fig 9. noise figure as a function of supply voltage; typical values fig 10. noise figure as a function of ambient temperature; typical values v cc (v) 1.2 3.2 2.8 2 2.4 1.6 001aao165 0.8 0.4 1.2 1.6 nf (db) 0 t amb (c) -50 100 70 10 40 -20 001aao166 0.8 0.4 1.2 1.6 nf (db) 0
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 9 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo f jam = 850 mhz; t amb =25 c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v f jam = 1850 mhz; t amb =25 c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 11. noise figure as a function of jamming power; typical values fig 12. noise figure as a function of jamming power; typical values p jam (dbm) -50 0 -10 -30 -20 -40 001aao167 2 1 3 4 nf (db) 0 (3) (1) (2) p jam (dbm) -50 0 -10 -30 -20 -40 001aao168 2 1 3 4 nf (db) 0 (3) (1) (2) v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c v cc = 1.8 v; t amb =25 c. (1) p i = ? 45 dbm (2) p i = ? 30 dbm (3) p i = ? 20 dbm (4) p i = ? 15 dbm fig 13. input return loss as a function of frequency; typical values fig 14. input return loss as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao169 -15 -10 -20 -5 0 rl in (db) -25 (1) (3) (2) f (mhz) 500 3000 2500 1500 2000 1000 001aao170 -20 -10 0 rl in (db) -30 (1) (2) (4) (3)
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 10 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo p i = ? 45 dbm; t amb =25 c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v t amb =25 c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 15. input return loss as a function of frequency; typical values fig 16. input return loss as a function of input power; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao171 -15 -10 -20 -5 0 rl in (db) -25 (1) (3) (2) p i (dbm) -50 0 -10 -30 -20 -40 001aao172 -9 -6 -12 -3 0 rl in (db) -15 (3) (2) (1) v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c v cc = 1.8 v; t amb =25 c. (1) p i = ? 45 dbm (2) p i = ? 30 dbm (3) p i = ? 20 dbm (4) p i = ? 15 dbm fig 17. output return loss as a function of frequency; typical values fig 18. output return loss as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao173 -15 -10 -20 -5 0 rl out (db) -25 (1) (3) (2) f (mhz) 500 3000 2500 1500 2000 1000 001aao174 0 rl out (db) -10 -20 -30 -35 -25 -15 -5 (4) (2) (3) (1)
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 11 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo p i = ? 45 dbm; t amb =25 c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v t amb =25 c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 19. output return loss as a function of frequency; typical values fig 20. output return loss as a function of input power; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao175 -12 -8 -16 -4 0 rl out (db) -20 (1) (3) (2) p i (dbm) -50 0 -10 -30 -20 -40 001aao176 0 rl out (db) -10 -20 -30 -35 -25 -15 -5 (1) (3) (2) v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c v cc = 1.8 v; t amb =25 c. (1) p i = ? 45 dbm (2) p i = ? 30 dbm (3) p i = ? 20 dbm (4) p i = ? 15 dbm fig 21. isolation as a function of frequency; typical values fig 22. isolation as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao177 -20 -30 -10 0 isl (db) -40 (1) (3) (2) f (mhz) 500 3000 2500 1500 2000 1000 001aao178 -20 -30 -10 0 isl (db) -40 (3) (1) (2) (4)
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 12 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo p i = ? 45 dbm; t amb =25 c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v t amb =25 c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 23. isolation as a function of frequency; typical values fig 24. isolation as a function of input power; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao179 -20 -30 -10 0 isl (db) -40 (1) (3) (2) p i (dbm) -50 0 -10 -30 -20 -40 001aao180 -20 -30 -10 0 isl (db) -40 (1) (3) (2) f = 850 mhz. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c f = 1850 mhz. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c fig 25. input power at 1 db gain compression as a function of supply voltage; typical values fig 26. input power at 1 db gain compression as a function of supply voltage; typical values v cc (v) 1.2 3.2 2.8 2 2.4 1.6 001aao181 -12 -8 -16 -4 0 p i(1db) (dbm) -20 (3) (1) (2) v cc (v) 1.2 3.2 2.8 2 2.4 1.6 001aao182 -12 -8 -16 -4 0 p i(1db) (dbm) -20 (3) (1) (2)
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 13 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo f = 1575 mhz. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c fig 27. input power at 1 db gain compression as a function of supply voltage; typical values v cc (v) 1.2 3.2 2.8 2 2.4 1.6 001aao183 -12 -8 -16 -4 0 p i(1db) (dbm) -20 (3) (1) (2) f = 1575 mhz; f 1 = 1713 mhz; f 2 = 1851 mhz; t amb =25 c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v f = 1575 mhz; f 1 = 1713 mhz; f 2 = 1851 mhz; v cc =1.8v. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c fig 28. third order intermodulation distortion and output power as function of input power; typical values fig 29. third order intermodulation distortion and output power as function of input power; typical values p i (dbm) -40 -10 -20 -30 001aao184 20 imd3, p l (dbm) -120 -100 -80 -60 -40 -20 0 (1) (3) (2) (1) (3) (2) p l of 1713 mhz signal imd3 of 1575 mhz signal p i (dbm) -40 -10 -20 -30 001aao185 20 imd3, p l (dbm) -120 -100 -80 -60 -40 -20 0 (3) (1) (2) (1) (3) (2) p l of 1713 mhz signal imd3 of 1575 mhz signal
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 14 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ? 40 c (2) t amb = +25 c (3) t amb = +85 c t amb = 25 c; p i = ? 45 dbm. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 30. rollett stability fa ctor as a function of frequency; typical values fig 31. rollett stability factor as a function of frequency; typical values 001aao186 10 1 10 2 k 10 -1 f (mhz) 0 10000 8000 4000 6000 2000 (1) (2) (3) 001aao187 10 1 10 2 k 10 -1 f (mhz) 0 10000 8000 4000 6000 2000 (1) (2) (3)
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 15 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 9. package outline fig 32. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot88 6 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 16 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 10. abbreviations 11. revision history table 10. abbreviations acronym description ac alternating current atm automated teller machine (cash dispenser) dc direct current glonass global navigation satellite system gnss global navigation satellite system gps global positioning system hbm human body model mmic monolithic microwave integrated circuit pc personal computer pcb printed circuit board rf radio frequency sige:c silicon germanium carbon table 11. revision history document id release date data sheet status change notice supersedes BGU7007 v.1 20110520 product data sheet - -
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 17 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo 12. legal information 12.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 12.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 12.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
BGU7007 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 20 may 2011 18 of 19 nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully in demnifies nxp semi conductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. 12.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 13. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors BGU7007 sige:c low noise amplifier mmic for gps, glonass and galileo ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 20 may 2011 document identifier: BGU7007 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 14. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 2 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 3 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 thermal characteristics . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 application information. . . . . . . . . . . . . . . . . . . 6 8.1 gnss lna . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 10 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 11 revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 12 legal information. . . . . . . . . . . . . . . . . . . . . . . 17 12.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 12.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 12.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 12.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 18 13 contact information. . . . . . . . . . . . . . . . . . . . . 18 14 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


▲Up To Search▲   

 
Price & Availability of BGU7007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X