Part Number Hot Search : 
SHF1108 IRF752 2200B SBA02 S93662SA LP503 1N4565 TC3404
Product Description
Full Text Search
 

To Download ASSFLP1-130000MHZ-D02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | assflp series ? laptop computer ? pda ? lcd ? digital camera ? wireless lan ? mobile phone ? printer ? flat tv ? spread spectrum low emi oscillator ? 5.0 x 3.2 x 1.3 ceramic package ? tri-state function ? ir-reflow capable ? low power consumption ? seam sealed package with high reliability ? rohs compliant 5.0 x 3.2 x 1.3 m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified applications: features: standard specifications: 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator p arameters 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 03.10.09 visit www.abracon.com for terms & conditions of sale abracon p/n frequency range: spread type (typical): emi reduction -7dbc min. 100mhz at c02 (reduction is applied to the entire -9dbc min. 100mhz at c04 frequency spectrum) -15dbc min. 100mhz at c12 with respect to the db level when no modulation. operating temperature: storage temperature: -55c to + 125c frequency stability: supply voltage (vdd): start-up time: 2ms typ. 10ms max. rise time / fall time see table 1 or 2 below load: current consumption: see table 1 or 2 below duty cycle: 50% 5% (c l = 15pf at 50% v dd ) output type: aging (first year) output voltage "high" ; "1": 2.0v min.; 3.2v typ (at 90% v dd ) output voltage "low" ; "0": 0.8v max. ; 0.2v typ (at 10% v dd ) modulation carrier frequency (dither rate): programmable dependant ( 15khz to 120khz ) tri-state function : * frequency stability includes initial tolerance, temperature characteristics, load variation, and supply voltage variation,. -40c to + 85c 50ppm (see options) * cmos 3ppm max.; ta=+25c assflp series 13.000000mhz - 160.000000mhz center spread: 0.125% to 2.00% down spread: -0.25% to -4.00% (see table 3 for options) 2.5 v 5%, or 3.3 v 5% (see options) 15pf max. logic "1" or open: oscillation logic "0" (vil < 0.8 vdc) : hi z table 1: 2.5v typica l ma x typical 1 0 2 0 2.0 1 5 2 0 2.0 2 0 2 5 1.5 2 5 3 0 1.5 table 2: 3.3v typica l ma x typical 1 5 2 0 3.0 2 0 2 5 2.5 2 5 3 0 2.0 3 0 4 0 1.5 0 . 4 z h m 0 6 1 o t 0 0 1 0 . 8 z h m 9 9 . 9 7 o t 0 5 0 . 5 z h m 9 9 . 9 9 o t 0 8 x a m y c n e u q e r f 0 . 0 1 z h m 9 9 . 9 4 o t 3 1 3.0 0 . 3 z h m 0 6 1 o t 0 0 1 current consumption (ma) tr/tf (nsec) current consumption (ma) tr/tf (nsec) 0 . 5 z h m 9 9 . 9 4 o t 3 1 0 . 4 z h m 9 9 . 9 7 o t 0 5 80 to 99.99mhz x a m y c n e u q e r f quick turn delivery! <5 days for small quantities!
| | | | | | | | | | | | | | | pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified options & part identification: (left blank if standard) 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 03.10.09 visit www.abracon.com for terms & conditions of sale assflp series 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator blan k 3.3v 5 % blank 50ppm 1 2.5v 5 % r 25ppm please contact abracon for special tighter stability. c01 0.125 d01 -0.25 c02 0.250 d02 -0.50 c03 0.375 d03 -0.75 c04 0.50 d04 -1.00 c05 0.675 d05 -1.25 c06 0.750 d06 -1.50 c07 0.875 d07 -1.75 c08 1.000 d08 -2.00 c09 1.125 d09 -2.25 c10 1.250 d10 -2.50 c11 1.375 d11 -2.75 c12 1.500 d12 -3.00 c13 1.675 d13 -3.25 c14 1.750 d14 -3.50 c15 1.875 d15 -3.75 c16 2.000 d16 -4.00 frequency xx.xxxx mhz ssbw (typical) c or d see table below assflp - frequency - - - g n i g a k c a p y t i l i b a t s . q e r f e g a t l o v y l p p u s spread spectrum band width table 3: spread spectrum bandwidth selection table spread spectrum band width options center spread (% ) down spread (%) tape and reel (1000pcs) blan k bulk t ssbw: 5.0 x 3.2 x 1.3 m m (typical value)
| | | | | | | | | | | | | | | pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 03.10.09 visit www.abracon.com for terms & conditions of sale tape & reel: tape and reel 1,000pcs/reel outline drawing: dimensions: inches (mm) dimensions: mm assflp series 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator 5.0 x 3.2 x 1.3 m m reflow profile pin 1 2 3 4 function tri-state gnd output vdd


▲Up To Search▲   

 
Price & Availability of ASSFLP1-130000MHZ-D02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X