Part Number Hot Search : 
MA4X714 SSP2N90A N16859NL 2KBP01 229J5XA EL6250CU FAN7371 IX6R11S3
Product Description
Full Text Search
 

To Download ASPI-06P-6R8MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded high current power inductor ||||||||||||||| aspi-06p standard specifications: applications: features: 6.8 x 7.3 x 3.0 mm pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 08.24.07 visit www.abracon.com for terms & conditions of sale ? lowest dcr/uh in this package size ? frequency range up to 5.0mhz ? handles high transient current spikes without saturation ? ultra low buzz noise due to composite construction ? notebook/desktop/server applications ? low profile, high current power supplies ? battery powered devices ? dc/dc converter for fpga parameters abracon p/n: aspi-06p-xxx series operating temperature: -55c to + 125c storage temperature: -55c to + 125c ( h) ( . p y t ) a ( ) 5 . 2 3 % 0 2 0 1 . 0 0 . 6 2 % 0 2 5 1 . 0 0 . 4 2 % 0 2 0 2 . 0 0 . 3 2 % 0 2 2 2 . 0 0 . 0 2 % 0 2 3 3 . 0 5 . 7 1 % 0 2 7 4 . 0 5 . 5 1 % 0 2 8 6 . 0 0 . 3 1 % 0 2 2 8 . 0 0 . 1 1 % 0 2 0 0 . 1 0 . 9 % 0 2 0 5 . 1 0 . 8 % 0 2 0 2 . 2 0 . 8 % 0 2 0 5 . 2 0 . 6 % 0 2 0 3 . 3 5 . 5 % 0 2 0 7 . 4 5 . 4 % 0 2 0 8 . 6 0 . 4 % 0 2 0 2 . 8 0 . 3 % 0 2 0 0 . 0 1 a. inductance decrease current: the current at inductance Q 20% drop of initial value. b. temperature rise current: the current as the core temperature rises to 40 max. c. test freq. : 200khz / 0.25v. 5 . 7 ) 0 4 6 0 . 0 ( 0 8 6 0 . 0 m 2 r 8 - p 6 0 - i p s a 0 . 7 ) 0 2 0 1 . 0 ( 0 5 0 1 . 0 m 0 0 1 - p 6 0 - i p s a 0 . 0 1 ) 0 7 3 0 . 0 ( 0 0 4 0 . 0 m 7 r 4 - p 6 0 - i p s a 0 . 8 ) 0 4 5 0 . 0 ( 0 0 6 0 . 0 m 8 r 6 - p 6 0 - i p s a 0 . 3 1 ) 5 8 1 0 . 0 ( 0 2 2 0 . 0 m 5 r 2 - p 6 0 - i p s a 5 . 3 1 ) 0 8 2 0 . 0 ( 0 0 3 0 . 0 m 3 r 3 - p 6 0 - i p s a 0 . 8 1 ) 0 4 1 0 . 0 ( 0 5 1 0 . 0 m 5 r 1 - p 6 0 - i p s a 0 . 4 1 ) 0 8 1 0 . 0 ( 0 0 2 0 . 0 m 2 r 2 - p 6 0 - i p s a 0 . 4 2 ) 7 6 0 0 . 0 ( 0 8 0 0 . 0 m 2 8 r - p 6 0 - i p s a 0 . 2 2 ) 0 9 0 0 . 0 ( 0 0 1 0 . 0 m 0 r 1 - p 6 0 - i p s a 0 . 6 2 ) 0 4 0 0 . 0 ( 2 4 0 0 . 0 m 7 4 r - p 6 0 - i p s a 0 . 5 2 ) 0 5 0 0 . 0 ( 5 5 0 0 . 0 m 8 6 r - p 6 0 - i p s a 0 . 0 4 ) 5 2 0 0 . 0 ( 1 3 0 0 . 0 m 2 2 r - p 6 0 - i p s a 0 . 0 3 ) 5 3 0 0 . 0 ( 9 3 0 0 . 0 m 3 3 r - p 6 0 - i p s a 52.0 0 . 1 4 ) 4 2 0 0 . 0 ( 0 3 0 0 . 0 m 0 2 r - p 6 0 - i p s a inductance decrease current temperature rise current ( ) max (typ.) (a) typ. inductance tolerance dc resistance ) 5 1 0 0 . 0 ( 7 1 0 0 . 0 m 0 1 r - p 6 0 - i p s a 60.0 ) 9 1 0 0 . 0 ( 5 2 0 0 . 0 m 5 1 r - p 6 0 - i p s a part# options and part identification: (left blank if standard) m 20% please refer to the tables above. t tape and reel tolerance g n i g a k c a p e d o c e c n a t c u d n i aspi - 06p - -
shielded high current power inductor ||||||||||||||| aspi-06p 6.8 x 7.3 x 3.0 mm pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 08.24.07 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 1,000pcs/reel dimensions: mm dimensions: inches (mm) xxx a (mm) b (mm) k (mm) p (mm) w (mm) 7.6 0.1 7.6 0.1 3.8 0.1 12.0 0.1 16.0 0.3 aspi-06p abracon p/n


▲Up To Search▲   

 
Price & Availability of ASPI-06P-6R8MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X