Part Number Hot Search : 
MAX6602 23A01 23A01 3306B B2912BS1 FT5767M FT5767M SE051
Product Description
Full Text Search
 

To Download APM2309AC-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 2 3 0 9 f e a t u r e s a p p l i c a t i o n s p o w e r m a n a g e m e n t i n n o t e b o o k c o m p u t e r , p o r t a b l e e q u i p m e n t a n d b a t t e r y p o w e r e d s y s - t e m s p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n - 3 0 v / - 2 . 2 a , r d s ( o n ) = 1 0 5 m w ( t y p . ) @ v g s = - 1 0 v r d s ( o n ) = 1 6 5 m w ( t y p . ) @ v g s = - 4 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d lead free and green devices available (rohs compliant) t o p v i e w o f s o t - 2 3 - 3 p - c h a n n e l m o s f e t g s d n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 d f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . d g s apm2309 handling code temperature range package code package code a : sot-23-3 operating junction temperature range c : -55 to 150 o c handling code tr : tape & reel assembly material g : halogen and lead free device apm2309 a : m09x x - date code assembly material
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 2 a p m 2 3 0 9 a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage - 30 v gss gate - source voltage 20 v i d * c ontinuous drain current - 2.2 i dm * pulsed drain current v gs = - 10 v - 9 a i s * diode c ontinuous f orward c urrent - 1 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 0.83 p d * maximum power dissipation t a =100 c 0.3 w r q ja * thermal resistance - junction to ambient 150 c / w note : *surface mounted on 1in 2 pad area, t 10sec. apm 2309 symbol parameter test condition s min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds = - 250 m a - 30 - - v v ds = - 24 v, v gs =0v - - - 1 i dss zero gate voltage drain current t j =85 c - - - 30 m a v gs(th) gate threshold voltage v ds =v gs , i ds = - 250 m a - 1.3 - 1.8 - 2.5 v i gss gate leakage current v gs = 16 v, v ds =0v - - 10 m a v gs = - 10 v, i ds = - 2.2 a - 105 130 r ds(on) a drain - source on - s tate resistance v gs = - 4.5 v, i ds = - 1.7 a - 165 220 m w diode characteristics v sd a diod e forward voltage i sd = - 1 a, v gs =0v - - 0.8 - 1.1 v t rr reverse recovery time - 13 - ns q rr reverse recovery charge i s d = - 2.2a, dl s d /dt = 100a/ m s - 6 - nc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 3 a p m 2 3 0 9 apm 2309 symbol parameter test condition s min. typ. max. unit dynamic characteristics b r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz - 11 - w c iss input capacitance - 310 - c oss output capacitance - 40 - c rss rev erse transfer capacitance v gs =0v, v ds = - 15v, f requency =1.0mhz - 25 - pf t d(on) turn - on delay time - 8 15 t r turn - on rise time - 12 23 t d(off) turn - off delay time - 18 33 t f turn - off fall time v dd = - 15 v, r l =1 5 w , i d s = - 1a, v gen = - 10v , r g =6 w - 3 6 ns gate charge characteristics b q g tot al gate charge - 6.4 9 q gs gate - source charge - 1.4 - q gd gate - drain charge v ds = - 15 v, v gs = - 10 v, i d s = - 2.2 a - 1.3 - nc n o t e a : p u l s e t e s t ; p u l s e w i d t h 3 0 0 m s , d u t y c y c l e 2 % . n o t e b : g u a r a n t e e d b y d e s i g n , n o t s u b j e c t t o p r o d u c t i o n t e s t i n g . e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 4 a p m 2 3 0 9 t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s -i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a - v d s - d r a i n - s o u r c e v o l t a g e ( v ) normalized transient thermal resistance t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) -i d - drain current (a) 0 20 40 60 80 100 120 140 160 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 t a =25 o c 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 t a =25 o c,v g =-10v 0.1 1 10 100 0.01 0.1 1 10 50 300 m s rds(on) limit t a =25 o c 10ms 1ms 100ms dc 1e-4 1e-3 0.01 0.1 1 10 100 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 150 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 5 a p m 2 3 0 9 r ds(on) - on - resistance (m w ) d r a i n - s o u r c e o n r e s i s t a n c e - i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e - v d s - d r a i n - s o u r c e v o l t a g e ( v ) -i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s g a t e - s o u r c e o n r e s i s t a n c e - v g s - g a t e - s o u r c e v o l t a g e ( v ) r ds(on) - on - resistance (m w ) normalized threshold voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 5 6 7 8 9 -4.5v -4v -3v -3.5v v gs =-5,-6,-7,-8,-9,-10v 0 1 2 3 4 5 6 7 8 9 60 80 100 120 140 160 180 200 220 240 v gs = -4.5v v gs = -10v 2 3 4 5 6 7 8 9 10 80 100 120 140 160 180 200 220 240 i d =-2.2a -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds = -250 m a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 6 a p m 2 3 0 9 - v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (pf) - v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d -i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) -v gs - gate - source voltage (v) -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r on @t j =25 o c: 105m w v gs = -10v i ds = -2.2a 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 10 t j =150 o c t j =25 o c 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 8 9 10 v ds = -10v i ds = -2.2a 0 5 10 15 20 25 30 0 50 100 150 200 250 300 350 400 450 frequency=1mhz crss coss ciss t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 7 a p m 2 3 0 9 p a c k a g e i n f o r m a t i o n sot-23-3 0 l view a 0 . 2 5 gauge plane seating plane a a 2 a 1 e d e e 1 see view a b c e1 max. 0.057 0.051 0.024 0.006 0.009 0.020 0.012 l 0.30 0 e e1 e1 e d c b 0.08 0.30 0.60 0.012 0.95 bsc 1.90 bsc 0.22 0.50 0.037 bsc 0.075 bsc 0.003 min. millimeters s y m b o l a1 a2 a 0.00 0.90 sot-2 3 -3 max. 1.45 0.15 1.30 min. 0.000 0.035 inches 8 0 8 0 1.40 2.60 1.80 3.00 2.70 3.10 0.122 0.071 0.118 0.102 0.055 0.106 note : dimension d and e1 do not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 10 mil per side. -t- seating plane <4 mils
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 8 a p m 2 3 0 9 c a r r i e r t a p e & r e e l d i m e n s i o n s h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 so t - 23 - 3 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.0 min. 0.6+0.00 - 0. 40 3.20 ? 0.20 3.10 ? 0.20 1.50 ? 0.20 (mm) package type unit quantity sot - 23 - 3 tape & reel 3000 d e v i c e s p e r u n i t
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 9 a p m 2 3 0 9 t a p i n g d i r e c t i o n i n f o r m a t i o m sot-23-3 user direction of feed c l a s s i f i c a t i o n p r o f i l e
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 0 a p m 2 3 0 9 c l a s s i f i c a t i o n r e f l o w p r o f i l e s profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ 125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 3 - s e p . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 1 a p m 2 3 0 9 c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 t a i p e i b r a n c h : 2 f , n o . 1 1 , l a n e 2 1 8 , s e c 2 j h o n g s i n g r d . , s i n d i a n c i t y , t a i p e i c o u n t y 2 3 1 4 6 , t a i w a n t e l : 8 8 6 - 2 - 2 9 1 0 - 3 8 3 8 f a x : 8 8 6 - 2 - 2 9 1 7 - 3 8 3 8


▲Up To Search▲   

 
Price & Availability of APM2309AC-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X