Part Number Hot Search : 
2299F 1A102 MAX7455 D3216V TA0626A MPB038 C0404FC AD622M
Product Description
Full Text Search
 

To Download APM2301CAC-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n f e a t u r e s a p p l i c a t i o n s -20v/-3a r ds(on) = 56m w (typ.) @ v gs = -4.5v r ds(on) = 85m w (typ.) @ v gs = -2.5v r ds(on) = 135m w (typ.) @ v gs = -1.8v super high dense cell design reliable and rugged lead free and green devices available ( rohs compliant) p ower management in notebook computer, portable equipment , and battery powered systems. p channel mosfet n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 c f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . top view of sot-23-3 g s d d g s apm2301c handling code temp erature range package code package code a : sot - 23-3 operating junction temp erature range c : -55 to 150 o c handling code tr : tape & reel assembly material g : halogen and lead free device apm2301c a: c01x x - date code assembly material
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 2 a b s o l u t e m a x i m u m r a t i n g s (t a = 25c unless otherwise noted) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage - 20 v gss gate - source voltage 12 v i d * continuous drain current - 3 i dm * 300 m s pulsed drain current v gs = - 4.5 v - 12 a i s * diode continuous forward current - 1.3 a t j maximum junction temperatu re 150 t stg storage temperature range - 55 to 150 c t a = 25 c 0.83 p d * maximum power dissipation t a =100 c 0.3 w r q jc thermal resistance - junction to case 75 c / w r q j a * thermal resistance - junction to ambient 150 c / w note : *surface mounted on 1in 2 pad area, t 10sec. apm2301c symbol parameter test condition s min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds =250 m a - 20 - - v v ds = - 16v, v gs =0v - - - 1 i dss zero gate voltage drain current t j =85 c - - - 30 m a v gs(th) gat e threshold voltage v ds = v gs , i ds = - 250 m a - 0.5 - 0.75 - 1 v i gss gate leakage current v gs =12v, v ds =0v - - 10 m a v gs = - 4.5v, i ds = - 3 a - 56 70 v gs = - 2.5v, i ds = - 2a - 85 115 r ds(on) a drain - source on - s tate resistance v gs = - 1.8v, i ds = - 1a - 135 250 m w v sd a diode forward voltage i sd = - 1.3 a, v gs =0v - - 0. 75 - 1.3 v gate charge characteristics b q g total gate charge - 7 10 q gs gate - source charge - 1.9 - q gd gate - drain charge v ds = - 10 v, v gs = - 4.5 v, i d s = - 3 a - 1. 9 - nc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 3 e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm2301c symbol parameter test condition s min. typ. max. unit dynamic characteristics b c iss input capacitance - 580 - c oss output capacitance - 100 - c rss reverse transfer capacitance v gs =0v, v ds = - 10v, f requency =1.0mhz - 75 - pf t d(on) turn - on delay time - 4 7 t r turn - on rise time - 13 23 t d(off) turn - off delay time - 35 63 t f turn - off fall time v dd = - 10v, r l = 1 0 w , i d s = 1 a, v gen = - 4.5v, r g = 6 w - 20 36 ns t rr reverse recovery time - 20 - ns q rr reverse recovery charge i s d = - 3 a, dl sd /dt = 100a/ s - 7 - nc note a : pulse test ; pulse width 3 00 m s, duty cycle 2% . note b : guaranteed by design, not subject to production testing .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 4 t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s -i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a - v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) -i d - drain current (a) normalized effective transient 0 20 40 60 80 100 120 140 160 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 t a =25 o c 1e-4 1e-3 0.01 0.1 1 10 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 150 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 t a =25 o c,v g =-4.5v 0.01 0.1 1 10 100 0.01 0.1 1 10 50 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 5 r ds(on) - on - resistance (m w ) d r a i n - s o u r c e o n r e s i s t a n c e - i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e - v d s - d r a i n - s o u r c e v o l t a g e ( v ) -i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s drain-source on resistance - v g s - g a t e - s o u r c e v o l t a g e ( v ) r ds(on) - on - resistance (m w ) normalized threshold voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 2 4 6 8 10 12 -1.5v -2v -2.5v v gs = -3,-4, -5, -6, -7, -8, -9, -10v 1 2 3 4 5 6 7 8 9 10 30 40 50 60 70 80 90 100 i d = -3a -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds = -250 m a 0 2 4 6 8 10 12 0 30 60 90 120 150 180 210 240 v gs = -1.8v v gs = -4.5v v gs = -2.5v t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 6 - v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (nc) - v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d -i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) -v gs - gate - source voltage (v) -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r on @t j =25 o c: 56m w v gs = -4.5v i ds = -3a 0.0 0.3 0.6 0.9 1.2 1.5 0.1 1 10 t j =150 o c t j =25 o c 0 4 8 12 16 20 0 100 200 300 400 500 600 700 800 frequency=1mhz crss coss ciss 0 1 2 3 4 5 6 7 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v ds = -10v i ds = -3a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 7 p a c k a g e i n f o r m a t i o n s o t - 2 3 - 3 0 l view a 0 . 2 5 gauge plane seating plane a a 2 a 1 e d e e 1 see view a b c e1 max. 0.057 0.051 0.024 0.006 0.009 0.020 0.012 l 0.30 0 e e1 e1 e d c b 0.08 0.30 0.60 0.012 0.95 bsc 1.90 bsc 0.22 0.50 0.037 bsc 0.075 bsc 0.003 min. millimeters s y m b o l a1 a2 a 0.00 0.90 sot-2 3 -3 max. 1.45 0.15 1.30 min. 0.000 0.035 inches 8 0 8 0 1.40 2.60 1.80 3.00 2.70 3.10 0.122 0.071 0.118 0.102 0.055 0.106 note : dimension d and e1 do not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 10 mil per side.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 8 r e c o m m e n d e d l a n d p a t t e r n t a p i n g d i r e c t i o n i n f o r m a t i o n s o t - 2 3 - 3 user direction of feed 2 . 4 0 0.8 0 . 8 0.95 unit : mm s o t - 2 3 - 3
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 9 c a r r i e r t a p e & r e e l d i m e n s i o n s application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sot - 23 - 3 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.0 min. 0.6+0.00 - 0.4 0 3.20 ? 0.20 3.10 ? 0.20 1.50 ? 0.20 d e v i c e s p e r u n i t package type unit quantity sot - 23 - 3 tape & reel 3000 ( m m ) h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 1 0 c l a s s i f i c a t i o n p r o f i l e profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. c l a s s i f i c a t i o n r e f l o w p r o f i l e s
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 7 - j u l . , 2 0 0 9 a p m 2 3 0 1 c a w w w . a n p e c . c o m . t w 1 1 c l a s s i f i c a t i o n r e f l o w p r o f i l e s table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ 125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c c u s t o m e r s e r v i c e anpec electronics corp. head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 2f, no. 11, lane 218, sec 2 jhongsing rd., sindain city, taipei county 23146, taiwan tel : 886-2-2910-3838 fax : 886-2-2917-3838


▲Up To Search▲   

 
Price & Availability of APM2301CAC-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X