Part Number Hot Search : 
MST720C CY3670 Z270Y 485CN AXP173 TG2206F 2SK2276 C0402
Product Description
Full Text Search
 

To Download AP2309AGN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss -30v small package outline r ds(on) 75m ? surface mount device i d - 3.4a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-amb maximum thermal resistance, junction-ambient 3 90 /w data and specifications subject to change without notice 201006212 1 AP2309AGN-HF rating - 30 + 20 -3.4 halogen-free product continuous drain current 3 -2.7 pulsed drain current 1 -12 thermal data parameter total power dissipation operating junction temperature range storage temperature range parameter drain-source voltage gate-source voltage continuous drain current 3 -55 to 150 1.38 -55 to 150 advanced power mosfets from apec provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. the sot-23 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g d s d g s sot-23
ap2309agn-h f electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-3a - - 75 m ? v gs =-4.5v, i d =-2.6a - - 120 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-3a - 8.2 - s i dss drain-source leakage current v ds =-24v, v gs =0v - - -1 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =-3a - 7 11.2 nc q gs gate-source charge v ds =-24v - 1.2 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 3.7 - nc t d(on) turn-on delay time 2 v ds =-15v - 6 - ns t r rise time i d =-1a - 9 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =-10v - 19.5 - ns t f fall time r d =15 ? -9- ns c iss input capacitance v gs =0v - 485 780 pf c oss output capacitance v ds =-25v - 80 - pf c rss reverse transfer capacitance f=1.0mhz - 70 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1.2a, v gs =0v - - -1.2 v trr reverse recovery time 2 i s =-3a, v gs =0v, - 18 - ns qrr reverse recovery charge di/dt=100a/s - 9 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2
a p2309agn-h f 65m fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature 2.01e+08 fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0.6 0.8 1 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) r ds(on) i d = -3a v gs = -10v 0 4 8 12 16 20 012345 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 0 4 8 12 16 20 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) v g = -4.0v -10v -7.0v -6.0v -5.0v t a = 150 o c 0 1 2 3 4 0 0.2 0.4 0.6 0.8 1 1.2 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.6 0.8 1 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v) 40 50 60 70 80 246810 -v gs , gate-to-source voltage (v) r ds(on) ( ) i d = -2a t a =25 o c
ap2309agn-h f 65m fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fi g 10. effective transient thermal im p edance fig 11. switching time waveform fig 12. gate charge waveform 4 0 2 4 6 8 10 0481216 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -3a v ds = -24v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a t t rthja = 270 /w 0 200 400 600 800 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss q v g q gs q gd q g charge -4.5v t d(on) t r t d(off) t f v ds v gs 10% 90% 0.02 operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP2309AGN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X