Part Number Hot Search : 
AMA2805D 00A002 MOC8111 C114Y 1SV69 OPT8C KFF6075B UT54ACS
Product Description
Full Text Search
 

To Download AP2307GN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss -16v small package outline r ds(on) 60m surface mount device i d - 4a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 90 /w data and specifications subject to change without notice halogen-free product 1 AP2307GN-HF rating -16 + 8 -4 0.01 continuous drain current 3 -3.3 pulsed drain current 1 -12 parameter drain-source voltage gate-source voltage continuous drain current 3 total power dissipation operating junction temperature range storage temperature range 1.38 -55 to 150 linear derating factor thermal data parameter 201003154 -55 to 150 advanced power mosfets from apec provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. the sot-23 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g d s d g s sot-23
AP2307GN-HF electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -16 - - v v gs =-4.5v, i d =-4a - - 60 m v gs =-2.5v, i d =-3.0a - - 70 m v gs =-1.8v, i d =-2.0a - - 90 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua - - -1.0 v g fs forward transconductance v ds =-5v, i d =-4a - 12 - s i dss drain-source leakage current v ds =-16v, v gs =0v - - -1 ua drain-source leakage current (t j =70 o c) v ds =-12v, v gs =0v - - -25 ua i gss gate-source leakage v gs =+ 8v, v ds =0v - - + 100 na q g total gate charge 2 i d =-4a - 15 24 nc q gs gate-source charge v ds =-12v - 1.3 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 4 - nc t d(on) turn-on delay time 2 v ds =-10v - 8 - ns t r rise time i d =-1a - 11 - ns t d(off) turn-off delay time r g =3.3 ,v gs =-10v - 54 - ns t f fall time r d =10 -36- ns c iss input capacitance v gs =0v - 985 1580 pf c oss output capacitance v ds =-15v - 180 - pf c rss reverse transfer capacitance f=1.0mhz - 160 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1.2a, v gs =0v - - -1.2 v t rr reverse recovery time 2 i s =-4a, v gs =0v, - 39 - ns q rr reverse recovery charge di/dt=100a/s - 26 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 r ds(on) static drain-source on-resistance 2
AP2307GN-HF fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 2 4 6 8 10 12 14 16 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c v g = - 1.8 v -5.0v -4.5v -3.0v -2.5v 0 2 4 6 8 10 12 14 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c v g = - 1.8 v -5.0v -4.5v -3.0v -2.5v 40 50 60 70 13579 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d =-3a t a =25 o c 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = - 4 a v g = -4.5v 0 1 2 3 0 0.2 0.4 0.6 0.8 1 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.0 0.5 1.0 1.5 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v)
AP2307GN-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 0.01 0.10 1.00 10.00 100.00 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 270 /w t t 0 2 4 6 8 0 8 16 24 32 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d =-4a v ds =-12v 100 1000 10000 1 5 9 13 17 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP2307GN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X