Part Number Hot Search : 
SOD323 PT7C5022 LTC1664I ERJ6G IP122 E058A40 470MC F300R
Product Description
Full Text Search
 

To Download AP15P15GM-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet lower gate charge bv dss -140v simple drive requirement r ds(on) 180m ? fast switching characteristic i d -2.7a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 50 /w data and specifications subject to change without notice thermal data parameter continuous drain current 3 -2.1 pulsed drain current 1 -20 total power dissipation operating junction temperature range storage temperature range parameter drain-source voltage gate-source voltage continuous drain current 3 AP15P15GM-HF rating 200911041 halogen-free product 1 -140 + 20 -2.7 2.5 -55 to 150 -55 to 150 advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. s s s g d d d d so-8 g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -140 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-2a - - 180 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-2a - 11 - s i dss drain-source leakage current v ds =-120v, v gs =0v - - -25 ua i gss gate-source leakage v gs = + 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =-2a - 51 80 nc q gs gate-source charge v ds =-70v - 6 - nc q gd gate-drain ("miller") charge v gs =-10v - 12 - nc t d(on) turn-on delay time 2 v ds =-70v - 12 - ns t r rise time i d =-2a - 8.5 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =-10v - 83 - ns t f fall time r d =35 ? -35- ns c iss input capacitance v gs =0v - 2850 4560 pf c oss output capacitance v ds =-25v - 150 - pf c rss reverse transfer capacitance f=1.0mhz - 100 - pf r g gate resistance f=1.0mhz - 6.6 - ? source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-2a, v gs =0v - - -1.3 v t rr reverse recovery time 2 i s =-2a, v gs =0v, - 46 - ns q rr reverse recovery charge di/dt=-100a/s - 106 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 125 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. AP15P15GM-HF 2
a p15p15gm-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 0 4 8 12 16 20 24 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -6.0v -5.0v v g = - 4.0v 0 10 20 30 0 4 8 12 16 20 24 -v ds , drain-to-source voltage (v) -i d , drain current (a) -10v -7.0v -6.0v -5.0v v g = - 4.0v t a =150 o c 115 119 123 127 131 135 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d =-2a t a =25 0.4 0.8 1.2 1.6 2.0 2.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-2a v g =-10v 0 2 4 6 8 10 12 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.4 0.6 0.8 1 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v)
AP15P15GM-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -10v q gs q gd q g charge 0 2 4 6 8 10 12 0 20406080 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = - 2 a v ds = - 70 v 0 1000 2000 3000 4000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 10 100 0.1 1 10 100 1000 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =125 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP15P15GM-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X