Part Number Hot Search : 
1N5400 473K1 LPRAG30L ZMY12 K1538 GRM155 231549P MMBD717
Product Description
Full Text Search
 

To Download ALS40B105RP010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  listed here are only samples of the range of screw terminal capacitors we can produce. electrical characteristics and case size are just two parameters that can be optimised by our design engineers to achieve the exact product you require. please contact our sales office for more details. als30/31 series the als30/31 series of screw terminal capacitors cover a wide range of case sizes and voltage ratings featuring high ripple currents and long life performance. they are ideally suited for industrial and commercial applications demanding high reliability and long life expectancy such as frequency converters, ups systems and switch mode power supplies. als40/41 series the als40/41 series of screw terminal capacitors feature the same high ripple currents and long life characteristics as the als30/31 series but can operate at higher temperatures. they are similarly suited for high reliability and long life applications such as frequency converters, ups systems and switch mode power supplies, but the extended temperature range allows increased ripple currents at lower temperatures. 17 68f to 100f to 1,500,000f 1,500,000f 20% 20% 10v to 10v to 600v d.c. 500v d.c. -40c to -40c to +85c +105c 36 x 52mm to 36 x 52mm to 91 x 220mm 91 x 220mm capacitance range capacitance tolerance voltage range temperature range case sizes als30/31 als40/41 series
s ?d lt l h m insulating disk t (measured from deck surface) ?+? sign s td v safety vent dt ?+? sign z s td v safety vent dt 18 als30/40 fig. 1 - terminal styles a 2 , b, c, f, g, j, m terminations aluminium inserts with m5 threads as standard, max. torque 2nm. optional m6 threaded inserts have a max. torque 4nm. max. torque for stud mounting m8:4nm and m12:8nm . terminal options (preferred options shown in bold) term. thread height dia. - dt thread depth drawing style t - mm mm td - mm 0.5 0.5 minimum a 1 m5 5.5 13 10 fig.2 a 2 m5 7.14 8 10 fig.1 b m5 7.14 13 10 fig.1 c m6 5.5 13 10 fig.1 f m5 2.36 8 5.5 fig.1 g m6 6.35 17 11.8 fig.1 j m6 3.17 17 8.8 fig.1 m m5 7.14 8 10 fig.1 r 3 m5 5.5 15 10 fig. 2 notes: 1 terminal post with flats. can diameters 51, 66, 77, 91mm. dimension z is 10mm. 2 can diameter 36mm only. 3 terminal post with flats. dimension z is 13mm. stud mounting - als31/41 case polarity - due to the presence of electrolyte in the capacitor the aluminium can and stud mounting will essentially be at the same potential as the negative termi- nal. bhc therefore recommends that the stud and can are insulated (see accessories for insulating nuts). mounting any position but refer to the earlier section ?application & operation?. details of mounting clips and stud mounting kits can be found near the back of the catalogue. fig. 2 - terminal style a 1 , r als31/41 case dimensions and terminal styles case sizes
19 related documents iec 384-4 temperature range als30/31 storage ?55c to +85c operating ?40c to +85c environmental classification 40/085/56 als40/41 storage ?55c to +105c operating ?40c to +105c environmental classification 40/105/56 surge voltage 1000 surges (30 seconds) at 85c (als30/31) and 105c (als40/41) with surge voltage applied. see electrical characteristics for more details. short duration surge voltage (<500 ms) rated voltage surge voltage 200 350 250 400 350 500 400 520 415 530 450 550 500 600 charge/discharge 10 6 cycles at 25c and rated voltage. one cycle per second with a time constant of 0.1. technical data d.c. leakage current after application of rated d.c. voltage for 5 minutes at 20c, the d.c. leakage current shall not exceed 0.006 c r u r (0.003 c r u r for als40) or 6ma whichever is the smaller. where c r is the rated capacitance in f and u r is the rated d.c. voltage. vibration 10hz to 55hz at 0.75mm or 10g for 3x2hrs duration. except 220mm long cans 10-55hz at 0.35mm or 5g for 3x0.5hrs duration. insulation resistance > 100m ? at 100v d.c., across insulating sleeve. voltage proof > 2500v d.c., across insulating sleeve. capacitor marking the capacitors are marked with items 1 to 6 from the following list as a minimum, and as much of the remaining information as is practical. 1. rated capacitance in f 2. rated voltage d.c. 3. polarity of terminations 4. tolerance on rated capacitance 5. date code/batch number 6. bhc part number 7. environmental classification technical data continued overleaf.... case sizes & technical data dimensions (sleeved) mm case d l lt* s t v m h mounting weight grams terminal style code 1 2 1 0.5 0.5 mm thread 1 clip nom. a 1 a 2 bcfgjmr da 36 52 58.5 12.8 7.14 8 m8 12 v3/h2/ute2736 75 ? ? ? db 36 62 67.5 12.8 7.14 8 m8 12 v3/h2/ute2736 90 ? ? ? de 36 82 87.5 12.8 7.14 8 m8 12 v3/h2/ute2736 115 ? ? ? df 36 105 111.5 12.8 7.14 8 m8 12 v3/h2/ute2736 140 ? ? ? ke 51 82 86.5 22.2 5.5 13.7 m12 16 v4/ute2737 220 ? ? ? ? ? kf 51 105 110.5 22.2 5.5 13.7 m1 2 16 v4/ute2737 300 ? ? ? ? ? mf 66 105 110.5 28.5 5.5 15.8 m12 16 v10/ute2738 505 ? ? ? ? nd 77 75 79.5 31.8 5.5 19 m12 16 v11 495 ? ? ? ? ? ? ? nf 77 105 110.5 31.8 5.5 19 m12 16 v11 690 ? ? ? ? ? ? ? np 77 146 150.5 31.8 5.5 19 m12 16 v11 960 ? ? ? ? ? ? ? nt 77 220 224.5 31.8 5.5 19 m12 16 v11 1450 ? ? ? ? ? ? ? rc 91 67 71.5 31.8 5.5 25 m12 16 v90 615 ? ? ? ? rd 91 75 79.5 31.8 5.5 25 m12 16 v90 690 ? ? ? ? rh 91 98 103.5 31.8 5.5 25 m12 16 v90 900 ? ? ? ? rp 91 146 149.5 31.8 5.5 25 m12 16 v90 1345 ? ? ? ? rt 91 220 223.5 31.8 5.5 25 m12 16 v90 2000 ? ? ? ? * dimensions lt will change dependant on terminal style.
mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * ordering information for full ordering details see pages 54 & 55. 20 rated voltage d.c. cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 85c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 33000 36x52 20 18 8.4 8.9 als3 - - 333da010 47000 36x62 15 14 10.2 10.7 als3 - - 473db010 68000 36x82 10 9 13.6 14.3 als3 - - 683de010 100000 36x105 8 8 17.1 17.9 als3 - - 104df010 150000 51x82 8 7 16.0 18.0 als3 - - 154ke010 220000 51x105 7 6 20.6 22.0 als3 - - 224kf010 330000 77x75 10 10 18.4 18.5 als3 - - 334nd010 330000 66x105 6 5 24.4 26.0 als3 - - 334mf010 330000 91x67 8 8 22.6 23.1 als3 - - 334rc010 470000 91x75 11 11 19.4 19.5 als3 - - 474rd010 470000 77x105 5 5 30.8 32.8 als3 - - 474nf010 680000 91x98 7 6 27.9 28.0 als3 - - 684rh010 680000 77x146 5 4 32.3 32.7 als3 - - 684np010 1000000 91x146 4 4 45.3 45.6 als3 - - 105rp010 1000000 77x220 4 4 44.7 45.3 als3 - - 105nt010 1500000 91x220 4 4 53.8 54.3 als3 - - 155rt010 10v d.c. (11.5v surge) temperature correction ? als40/41 for ambient temperature other than 105c the following multipliers should be applied to the 105c ripple current. ambient temperature factor 50c 2.5 60c 2.4 70c 2.2 85c 1.8 105c 1.0 n.b. the sum of the d.c. and a.c. voltage components should not exceed the d.c. voltage rating. life expectancy at rated temperature with rated voltage and ripple current applied. can diameter range life expectancy (hours) 36 als30/31 11000 als40/41 6000 51 als30/31 18000 als40/41 7000 66 als30/31 19000 als40/41 8000 77, 91 als30/31 20000 als40/41 9000 ripple current the following values are approximate only, to give an indication of the effects of frequency and temperature on ripple current. more accurate data can be obtained by referring to the application notes available from bhc. frequency correction capacitors shall withstand the rated r.m.s. ripple current as given in the table at upper category temperature in circulat- ing air. for frequencies other than those shown the following formula should be used: ripple current = f x a 2 x b 2 100 x (b 2 - a 2 ) + (f x a 2 ) a = 100hz ripple current b = 10khz ripple current f = required frequency (hz) temperature correction ? als30/31 for ambient temperature other than 85c the following multipliers should be applied to the 85c ripple current. ambient temperature factor 50c 2.1 60c 1.9 70c 1.7 85c 1.0 technical data
16v d.c. (18.4v surge) cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 85c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 21 mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * rated voltage d.c. 40v d.c. (46v surge) 63v d.c. (72.5v surge) 25v d.c. (28.5v surge) 22000 36x52 22 18 8.3 8.8 als3 - - 223da016 33000 36x62 17 14 10.1 10.6 als3 - - 333db016 47000 36x82 11 10 13.4 14.1 als3 - - 473de016 68000 36x105 9 8 16.9 17.7 als3 - - 683df016 100000 51x82 10 9 16.0 16.9 als3 - - 104ke016 150000 51x105 8 7 20.0 20.9 als3 - - 154kf016 220000 77x75 10 10 18.5 18.6 als3 - - 224nd016 220000 66x105 6 5 29.3 29.7 als3 - - 224mf016 330000 91x67 8 8 22.6 23.1 als3 - - 334rc016 330000 91x75 11 11 19.1 19.2 als3 - - 334rd016 330000 77x105 5 5 28.6 30.8 als3 - - 334nf016 470000 91x98 7 7 27.6 27.8 als3 - - 474rh016 470000 77x146 5 5 38.9 39.6 als3 - - 474np016 680000 91x146 4 4 45.3 45.5 als3 - - 684rp016 680000 77x220 4 4 46.7 47.6 als3 ? ? 684nt016 1000000 91x220 4 3 56.4 57.3 als3 ? ? 105rt016 15000 36x52 24 20 8.2 8.7 als3 ? ? 153da025 22000 36x62 17 15 9.9 10.4 als3 ? ? 223db025 33000 36x82 11 10 13.2 13.9 als3 ? ? 333de025 47000 36x105 9 7 16.6 17.4 als3 ? ? 473df025 68000 51x82 11 10 15.6 16.9 als3 ? ? 683ke025 100000 51x105 9 8 19.6 20.6 als3 ? ? 104kf025 150000 77x75 11 11 17.9 18.1 als3 ? ? 154nd025 150000 66x105 6 6 28.4 28.9 als3 ? ? 154mf025 220000 91x67 9 8 21.9 22.6 als3 ? ? 224rc025 220000 91x75 12 12 18.7 18.8 als3 ? ? 224rd025 220000 77x105 6 6 28.1 30.8 als3 ? ? 224nf025 330000 91x98 8 8 26.4 26.5 als3 ? ? 334rh025 330000 77x146 5 5 37.3 39.6 als3 ? ? 334np025 470000 91x146 4 4 43.6 43.9 als3 ? ? 474rp025 470000 77x220 4 4 45.8 47.0 als3 ? ? 474nt025 680000 91x220 4 4 55.4 56.7 als3 ? ? 684rt025 10000 36x52 23 20 7.9 8.4 als3 - - 103da040 15000 36x62 17 14 9.5 10.0 als3 - - 153db040 22000 36x82 11 10 12.7 13.3 als3 - - 223de040 33000 51x82 12 11 14.2 16.7 als3 - - 333ke040 47000 51x82 12 11 14.2 16.7 als3 - - 473ke040 68000 51x105 10 9 18.0 20.6 als3 - - 683kf040 100000 77x75 13 12 16.4 16.5 als3 - - 104nd040 100000 66x105 7 6 26.3 26.6 als3 - - 104mf040 100000 91x67 8 7 23.0 24.8 als3 - - 104rc040 100000 91x75 10 10 20.3 20.4 als3 - - 104rd040 150000 77x105 8 8 26.8 30.2 als3 - - 154nf040 150000 91x98 7 7 28.6 28.9 als3 - - 154rh040 220000 77x146 6 5 35.4 39.6 als3 - - 224np040 220000 91x146 4 4 46.5 47.0 als3 - - 224rp040 330000 77x220 4 4 45.0 46.5 als3 - - 334nt040 470000 91x220 4 4 52.3 53.4 als3 - - 474rt040 4700 36x52 36 28 6.7 7.4 als3 - - 472da063 6800 36x62 26 20 8.2 9.0 als3 - - 682db063 10000 36x82 17 14 10.8 11.9 als3 - - 103de063 15000 36x105 15 8 10.9 14.4 als3 - - 153df063 15000 51x82 12 11 13.9 14.4 als3 - - 153ke063 22000 51x82 12 11 13.9 14.4 als3 - - 223ke063 33000 51x105 10 9 17.4 18.0 als3 - - 333kf063 47000 77x75 13 13 16.6 16.8 als3 - - 473nd063 47000 66x105 8 7 26.7 26.5 als3 - - 473mf063 47000 91x75 11 10 20.3 20.7 als3 - - 473rd063 68000 91x67 10 9 20.9 22.4 als3 - - 683rc063 68000 77x105 8 8 24.7 26.4 als3 - - 683nf063 68000 91x98 8 7 28.9 29.6 als3 - - 683rh063 100000 77x146 6 6 34.8 35.4 als3 - - 104np063 150000 91x146 5 5 40.2 40.7 als3 - - 154rp063 150000 77x220 4 4 43.3 45.1 als3 - - 154nt063 220000 91x220 4 4 52.4 54.3 als3 - - 224rt063 ordering information for full ordering details see pages 54 & 55.
200v d.c. (230v surge) 22 cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 85c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz rated voltage d.c. 250v d.c. (287v surge) mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * 2200 36x52 69 55 4.9 5.4 als3 - - 222da100 3300 36x62 49 39 6.0 6.6 als3 - - 332db100 4700 36x82 33 27 7.9 8.8 als3 - - 472de100 6800 36x105 23 19 10.0 11.1 als3 - - 682df100 10000 51x82 28 24 10.1 10.5 als3 - - 103ke100 15000 51x105 20 18 12.6 13.1 als3 - - 153kf100 22000 77x75 25 24 12.0 12.2 als3 - - 223nd100 22000 66x105 13 12 18.4 19.1 als3 - - 223mf100 22000 91x67 15 13 18.9 20.9 als3 - - 223rc100 22000 91x75 21 20 14.7 15.0 als3 - - 223rd100 33000 77x105 15 14 17.6 19.0 als3 - - 333nf100 33000 91x98 13 12 20.8 21.2 als3 - - 333rh100 47000 77x146 10 9 25.2 25.7 als3 - - 473np100 68000 91x146 9 8 29.4 29.8 als3 - - 683rp100 68000 77x220 7 6 40.6 41.5 als3 - - 683nt100 100000 91x220 6 5 30.8 33.3 als3 - - 104rt100 470 36x52 286 227 2.6 4.3 als3 - - 471da200 680 36x62 199 158 3.9 5.4 als3 - - 681db200 1000 36x82 135 107 5.1 7.1 als3 - - 102de200 1500 36x105 90 72 5.6 9.1 als3 - - 152df200 2200 51x82 73 60 8.2 9.7 als3 - - 222ke200 3300 51x105 48 40 9.2 13.1 als3 - - 332kf200 4700 77x75 48 42 10.6 11.5 als3 - - 472nd200 4700 66x105 33 27 13.0 19.1 als3 - - 472mf200 6800 66x105 27 23 15.7 17.7 als3 - - 682mf200 6800 91x67 38 29 13.7 18.5 als3 - - 682rc200 6800 91x75 35 31 13.3 14.3 als3 - - 682rd200 10000 77x105 28 25 14.9 15.9 als3 - - 103nf200 10000 91x98 23 20 18.8 20.3 als3 - - 103rh200 15000 77x146 18 16 21.4 22.7 als3 - - 153np200 22000 91x146 13 12 26.7 28.0 als3 - - 223rp200 22000 77x220 11 9 36.1 38.7 als3 - - 223nt200 33000 91x220 10 9 42.2 44.8 als3 - - 333rt200 470 36x52 247 187 3.0 4.5 als3 - - 471da250 680 36x62 172 131 3.8 5.6 als3 - - 681db250 1000 36x82 117 89 5.0 7.4 als3 - - 102de250 1500 51x82 86 67 6.2 9.8 als3 - - 152ke250 2200 51x82 69 55 7.7 9.1 als3 - - 222ke250 3300 51x105 45 36 10.4 12.4 als3 - - 332kf250 3300 77x75 52 43 10.4 11.9 als3 - - 332nd250 4700 66x105 31 24 15.0 18.2 als3 - - 472mf250 4700 91x75 38 32 13.2 14.9 als3 - - 472rd250 6800 91x67 35 27 13.5 17.7 als3 - - 682rc250 6800 77x105 29 25 15.0 16.5 als3 - - 682nf250 10000 91x98 24 21 17.1 18.4 als3 - - 103rh250 10000 77x146 19 16 21.6 24.0 als3 - - 103np250 15000 91x146 14 12 27.0 29.5 als3 - - 153rp250 15000 77x220 12 10 32.4 36.5 als3 - - 153nt250 22000 77x220 9 7 36.3 45.8 als3 - - 223nt250 22000 91x220 12 10 42.3 47.4 als3 - - 223rt250 100v d.c. (115v surge) ordering information for full ordering details see pages 54 & 55.
350v d.c. (385v surge) 400v d.c. (440v surge) cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 85c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 23 rated voltage d.c. 415v d.c. (456v surge) mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * 330 36x52 325 226 2.4 5.0 als3 - - 331da350 470 36x82 223 154 3.4 7.2 als3 - - 471de350 680 36x105 154 107 4.4 9.0 als3 - - 681df350 1000 51x82 116 82 6.1 10.6 als3 - - 102ke350 1500 51x105 77 55 8.2 13.5 als3 - - 152kf350 2200 51x105 66 48 8.7 14.1 als3 - - 222kf350 2200 77x75 66 50 9.1 15.6 als3 - - 222nd350 2200 66x105 52 37 11.9 19.3 als3 - - 222mf350 3300 66x105 39 29 12.8 20.3 als3 - - 332mf350 3300 91x67 49 34 11.8 18.0 als3 - - 332rc350 3300 91x75 47 36 12.5 19.8 als3 - - 332rd350 4700 77x105 35 27 14.7 21.7 als3 - - 472nf350 4700 91x98 31 24 16.3 26.6 als3 - - 472rh350 6800 77x146 23 18 19.3 26.0 als3 - - 682np350 6800 91x146 20 15 24.9 34.4 als3 - - 682rp350 10000 77x220 15 11 31.7 39.3 als3 - - 103nt350 15000 91x220 15 12 38.2 46.4 als3 - - 153rt350 220 36x52 570 387 2.1 4.4 als3 - - 221da400 330 36x62 382 260 2.7 5.5 als3 - - 331db400 470 36x82 267 182 3.5 7.1 als3 - - 471de400 680 36x105 185 126 4.4 8.8 als3 - - 681df400 1000 51x82 139 98 5.8 10.3 als3 - - 102ke400 1500 51x105 92 65 7.8 13.1 als3 - - 152kf400 1500 77x75 97 70 8.3 14.7 als3 - - 152nd400 2200 51x105 78 56 8.4 13.5 als3 - - 222kf400 2200 66x105 62 44 11.2 18.8 als3 - - 222mf400 2200 91x75 69 50 10.7 18.9 als3 - - 222rd400 3300 91x67 53 38 11.7 17.1 als3 - - 332rc400 3300 77x105 49 36 13.4 21.3 als3 - - 332nf400 3300 91x98 45 32 14.9 25.3 als3 - - 332rh400 4700 77x105 38 26 14.6 20.9 als3 - - 472nf400 4700 91x98 36 26 17.1 25.4 als3 - - 472rh400 4700 77x146 33 24 18.0 26.0 als3 - - 472np400 6800 77x146 27 20 19.5 26.9 als3 - - 682np400 6800 91x146 24 17 23.2 32.9 als3 - - 682rp400 6800 77x220 22 15 29.0 40.7 als3 - - 682nt400 10000 91x220 17 12 35.7 49.4 als3 - - 103rt400 220 36x52 555 368 2.1 4.4 als3 - - 221da415 330 36x62 372 247 2.7 5.6 als3 - - 331db415 470 36x82 261 173 3.5 7.2 als3 - - 471de415 680 36x105 180 120 4.5 9.0 als3 - - 681df415 1000 51x82 136 94 5.7 10.4 als3 - - 102ke415 1500 51x105 90 62 7.6 13.1 als3 - - 152kf415 1500 77x75 96 68 8.1 14.7 als3 - - 152nd415 2200 66x105 61 42 11.0 18.9 als3 - - 222mf415 2200 91x67 71 49 10.5 17.5 als3 - - 222rc415 2200 91x75 68 49 11.1 18.9 als3 - - 222rd415 3300 77x105 48 36 13.4 21.3 als3 - - 332nf415 3300 91x98 45 32 14.6 25.3 als3 - - 332rh415 4700 77x146 33 24 17.6 25.9 als3 - - 472np415 6800 91x146 23 17 22.7 32.8 als3 - - 682rp415 6800 77x220 21 15 28.5 40.1 als3 - - 682nt415 10000 91x220 17 12 35.2 48.7 als3 - - 103rt415 ordering information for full ordering details see pages 54 & 55.
450v d.c. (495v surge) 500v d.c. (550v surge) rated voltage d.c. cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 85c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 24 550v d.c. (605v surge) 600v d.c. (640v surge) mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * 150 36x52 735 485 1.8 4.1 als3 - - 151da450 220 36x62 502 332 2.4 5.1 als3 - - 221db450 330 36x82 335 221 3.1 6.7 als3 - - 331de450 470 36x105 235 155 4.0 8.4 als3 - - 471df450 680 51x82 175 117 4.9 9.9 als3 - - 681ke450 1000 51x105 118 79 6.5 12.6 als3 - - 102kf450 1500 77x75 95 65 8.7 14.9 als3 - - 152nd450 1500 66x105 81 52 9.5 17.4 als3 - - 152mf450 2200 91x67 74 46 9.6 15.4 als3 - - 222rc450 2200 91x75 67 47 11.5 19.0 als3 - - 222rd450 2200 66x105 67 47 11.1 19.3 als3 - - 222mf450 2200 77x105 59 41 12.2 21.1 als3 - - 222nf450 3300 91x75 53 33 12.6 17.9 als3 - - 332rd450 3300 77x105 40 30 13.8 21.2 als3 - - 332nf450 3300 91x98 44 30 15.6 25.5 als3 - - 332rh450 3300 77x146 39 27 16.1 25.1 als3 - - 332np450 4700 77x146 36 26 17.1 25.2 als3 - - 472np450 4700 91x146 29 19 21.0 31.8 als3 - - 472rp450 6800 77x220 21 14 27.4 38.8 als3 - - 682nt450 10000 91x220 18 13 33.4 46.5 als3 - - 103rt450 100 36x52 1231 847 1.6 2.9 als3 - - 101da500 150 36x62 823 566 2.0 3.7 als3 - - 151db500 220 36x82 560 386 2.7 4.8 als3 - - 221de500 330 36x82 450 350 3.2 5.7 als3 - - 331de500 330 36x105 374 258 3.5 6.2 als3 - - 331df500 470 51x82 276 194 4.4 7.5 als3 - - 471ke500 680 51x105 190 133 5.7 9.6 als3 - - 681kf500 1000 77x75 173 109 7.6 12.2 als3 - - 102nd500 1000 66x105 137 96 8.1 13.8 als3 - - 102mf500 1500 77x105 91 65 10.6 17.0 als3 - - 152nf500 1500 91x67 110 87 9.5 14.3 als3 - - 152rc500 1500 91x75 119 76 10.1 15.9 als3 - - 152rd500 2200 91x98 80 50 13.7 21.1 als3 - - 222rh500 2200 77x146 62 44 14.3 21.8 als3 - - 222np500 3300 77x146 54 39 15.3 22.6 als3 - - 332np500 3300 91x146 51 32 19.0 28.3 als3 - - 332rp500 4700 77x220 37 24 24.3 33.3 als3 - - 472nt500 6800 91x220 27 22 26.5 41.3 als3 - - 682rt500 68 36x52 2178 1665 0.9 1.3 als3 - - 680da550 150 36x82 988 757 1.4 2.3 als3 - - 151de550 220 36x105 674 500 2.0 2.9 als3 - - 221df550 330 51x82 458 330 3.0 3.4 als3 - - 331ke550 470 51x105 321 248 3.9 4.4 als3 - - 471kf550 680 77x75 230 173 4.5 6.0 als3 - - 681nd550 680 66x105 221 170 5.4 6.3 als3 - - 681mf550 1000 66x105 154 120 5.8 7.5 als3 - - 102mf550 1200 77x105 130 99 7.7 9.0 als3 - - 122nf550 1500 77x146 103 80 9.0 11.4 als3 - - 152np550 1800 77x146 87 68 11.0 12.2 als3 - - 182np550 2200 77x220 70 55 13.9 17.3 als3 - - 222nt550 3300 77x220 48 40 16.5 20.2 als3 - - 332nt550 68 36x52 2772 1662 0.7 1.3 als3 - - 680da600 100 36x62 1886 1131 0.9 1.6 als3 - - 101db600 150 36x82 1257 754 1.3 2.1 als3 - - 151de600 220 36x105 858 514 1.6 2.8 als3 - - 221df600 220 51x82 862 519 2.1 3.5 als3 - - 221ke600 470 51x105 407 246 3.3 5.5 als3 - - 471kf600 680 66x105 281 170 4.7 7.8 als3 - - 681mf600 680 77x75 290 179 4.4 7.0 als3 - - 681nd600 1000 77x105 194 119 6.2 10.0 als3 - - 102nf600 1500 77x146 130 79 8.7 14.0 als3 - - 152np600 2200 77x220 88 53 13.5 18.3 als3 - - 222nt600 ordering information for full ordering details see pages 54 & 55.
25 33000 36x52 22 19 7.1 7.5 als4 - - 333da010 47000 36x62 16 14 8.6 9.0 als4 - - 473db010 68000 36x82 11 10 11.5 12.0 als4 - - 683de010 100000 36x105 8 7 14.5 15.1 als4 - - 104df010 150000 51x82 12 11 12.3 12.4 als4 - - 154ke010 220000 51x105 8 8 16.8 17.0 als4 - - 224kf010 330000 77x75 13 12 14.1 14.1 als4 - - 334nd010 330000 66x105 6 6 24.4 24.7 als4 - - 334mf010 330000 91x67 8 8 19.2 19.7 als4 - - 334rc010 470000 91x75 11 11 16.4 16.5 als4 - - 474rd010 470000 77x105 7 7 23.1 23.2 als4 - - 474nf010 680000 91x98 7 7 23.5 23.6 als4 - - 684rh010 680000 77x146 5 5 27.4 27.8 als4 - - 684np010 1000000 91x146 4 4 38.3 38.5 als4 - - 105rp010 1000000 77x220 4 4 37.8 38.3 als4 - - 105nt010 1500000 91x220 4 4 45.5 46.0 als4 - - 155rt010 22000 36x52 24 20 7.0 7.4 als4 - - 223da016 33000 36x62 17 14 8.5 8.9 als4 - - 333db016 47000 36x82 11 10 11.3 11.9 als4 - - 473de016 68000 36x105 9 8 14.3 15.0 als4 - - 683df016 100000 51x82 12 11 12.3 12.5 als4 - - 104ke016 150000 51x105 8 8 16.7 17.0 als4 - - 154kf016 220000 77x75 12 12 14.2 14.3 als4 - - 224nd016 220000 66x105 6 6 24.5 24.8 als4 - - 224mf016 330000 91x67 8 8 19.2 19.7 als4 - - 334rc016 330000 91x75 11 11 16.2 16.2 als4 - - 334rd016 330000 77x105 7 7 22.7 22.9 als4 - - 334nf016 470000 91x98 8 7 23.4 23.5 als4 - - 474rh016 470000 77x146 5 5 32.3 32.6 als4 - - 474np016 680000 91x146 4 4 38.3 38.5 als4 - - 684rp016 680000 77x220 4 4 39.6 40.4 als4 - - 684nt016 1000000 91x220 4 3 47.8 48.6 als4 - - 105rt016 15000 36x52 24 20 6.9 7.3 als4 - - 153da025 22000 36x62 17 15 8.4 8.8 als4 - - 223db025 33000 36x82 11 10 11.1 11.7 als4 - - 333de025 47000 36x105 9 8 14.0 14.7 als4 - - 473df025 68000 51x82 13 12 12.0 12.2 als4 - - 683ke025 100000 51x105 9 8 16.4 16.7 als4 - - 104kf025 150000 77x75 13 13 13.7 13.8 als4 - - 154nd025 150000 66x105 6 6 23.8 24.1 als4 - - 154mf025 150000 91x75 10 10 18.7 18.8 als4 - - 154rd025 220000 91x67 9 8 18.6 19.2 als4 - - 224rc025 220000 77x105 8 7 22.3 22.4 als4 - - 224nf025 330000 91x98 8 8 22.3 22.4 als4 - - 334rh025 330000 77x146 5 5 31.0 31.1 als4 - - 334np025 470000 91x146 4 4 36.9 37.1 als4 - - 474rp025 470000 77x220 4 4 38.9 39.8 als4 - - 474nt025 680000 91x220 4 3 47.0 48.1 als4 - - 684rt025 10000 36x52 23 19 6.6 6.9 als4 - - 103da040 10000 36x62 19 16 8.1 8.7 als4 - - 103db040 15000 36x82 13 10 10.8 11.6 als4 - - 153de040 22000 36x105 10 8 13.6 14.5 als4 - - 223df040 33000 51x82 13 12 11.7 12.0 als4 - - 333ke040 47000 51x105 9 8 16.2 16.6 als4 - - 473kf040 68000 77x75 13 13 13.9 14.0 als4 - - 683nd040 100000 66x105 7 7 20.6 20.8 als4 - - 104mf040 100000 91x67 10 9 17.7 18.5 als4 - - 104rc040 100000 91x75 12 11 16.0 16.1 als4 - - 104rd040 100000 77x105 7 7 22.4 22.7 als4 - - 104nf040 150000 91x98 8 8 22.6 22.8 als4 - - 154rh040 150000 77x146 5 5 31.3 31.6 als4 - - 154np040 220000 91x146 4 4 36.8 37.1 als4 - - 224rp040 220000 77x220 4 4 37.7 39.2 als4 - - 224nt040 330000 91x220 4 4 45.6 47.0 als4 - - 334rt040 rated voltage d.c. cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 105c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 10v d.c. (11.5v surge) 16v d.c. (18.4v surge) 25v d.c. (28.5v surge) 40v d.c. (46v surge) mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * ordering information for full ordering details see pages 54 & 55.
rated voltage d.c. cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 105c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 63v d.c. (72.5v surge) 3300 36x52 38 30 5.5 6.2 als4 - - 332da063 4700 36x62 27 22 6.7 7.5 als4 - - 472db063 6800 36x82 19 15 8.9 10.0 als4 - - 682de063 10000 36x105 13 10 11.2 12.6 als4 - - 103df063 15000 51x82 16 15 10.7 11.2 als4 - - 153ke063 22000 51x105 11 10 14.7 15.3 als4 - - 223kf063 22000 77x75 14 12 14.6 15.1 als4 - - 223nd063 33000 66x105 8 7 21.3 22.2 als4 - - 333mf063 33000 91x67 10 8 18.1 20.1 als4 - - 333rc063 33000 91x75 11 11 17.1 17.5 als4 - - 333rd063 47000 77x105 9 8 20.7 21.1 als4 - - 473nf063 47000 91x98 8 7 24.4 25.1 als4 - - 473rh063 68000 77x146 6 6 29.1 29.8 als4 - - 683np063 100000 91x146 5 5 34.5 35.2 als4 - - 104rp063 100000 77x220 4 4 36.7 38.8 als4 - - 104nt063 150000 91x220 4 4 44.4 46.5 als4 - - 154rt063 1500 36x52 79 62 3.9 4.5 als4 - - 152da100 2200 36x62 56 44 4.8 5.5 als4 - - 222db100 3300 36x82 37 29 6.4 7.4 als4 - - 332de100 4700 36x105 26 21 8.1 9.3 als4 - - 472df100 6800 51x82 32 28 8.0 8.4 als4 - - 682ke100 10000 51x105 21 18 10.9 11.5 als4 - - 103kf100 15000 77x75 28 26 9.7 9.9 als4 - - 153nd100 15000 66x105 14 12 15.8 16.7 als4 - - 153mf100 15000 91x75 20 18 12.9 13.4 als4 - - 153rd100 22000 91x67 17 16 14.3 15.2 als4 - - 223rc100 22000 77x105 15 13 15.5 16.0 als4 - - 223nf100 22000 91x98 13 11 18.4 19.0 als4 - - 223rh100 33000 77x146 10 10 21.6 22.2 als4 - - 333np100 47000 91x146 9 8 25.9 26.5 als4 - - 473rp100 47000 77x220 7 6 35.4 36.6 als4 - - 473nt100 100000 91x220 6 6 37.2 37.9 als4 - - 104rt100 680 36x52 195 154 2.9 4.0 als4 - - 681da200 680 36x62 188 147 3.3 4.6 als4 - - 681db200 1000 36x82 128 100 4.3 6.1 als4 - - 102de200 1500 36x105 86 67 5.6 7.8 als4 - - 152df200 2200 51x82 71 58 6.8 8.0 als4 - - 222ke200 3300 51x105 47 38 9.1 10.9 als4 - - 332kf200 4700 77x75 48 42 8.7 9.4 als4 - - 472nd200 6800 66x105 27 23 12.9 14.5 als4 - - 682mf200 6800 91x67 37 28 11.8 15.9 als4 - - 682rc200 6800 91x75 36 32 10.9 11.7 als4 - - 682rd200 6800 77x105 29 25 13.4 14.8 als4 - - 682nf200 10000 91x98 23 20 15.4 16.6 als4 - - 103rh200 10000 77x146 19 16 19.3 21.5 als4 - - 103np200 15000 91x146 14 12 24.2 26.5 als4 - - 153rp200 22000 77x220 11 10 29.5 31.6 als4 - - 223nt200 33000 91x220 10 8 34.3 36.4 als4 - - 333rt200 470 36x52 235 174 2.5 3.9 als4 - - 471da250 680 36x62 164 122 3.2 4.8 als4 - - 681db250 1000 36x82 111 83 4.2 6.3 als4 - - 102de250 1000 36x105 108 79 4.7 7.5 als4 - - 102df250 1500 51x82 83 64 6.2 8.2 als4 - - 152ke250 2200 51x105 56 42 8.3 11.1 als4 - - 222kf250 3300 77x75 52 42 8.5 9.7 als4 - - 332nd250 4700 66x105 30 24 12.3 15.0 als4 - - 472mf250 4700 91x67 42 30 10.9 16.3 als4 - - 472rc250 4700 91x75 38 32 10.7 12.1 als4 - - 472rd250 6800 77x105 30 25 12.1 13.4 als4 - - 682nf250 6800 91x98 25 20 15.1 17.3 als4 - - 682rh250 10000 77x146 19 16 17.5 19.5 als4 - - 103np250 15000 91x146 14 12 21.9 23.9 als4 - - 153rp250 15000 77x220 12 10 29.2 33.0 als4 - - 153nt250 22000 91x220 11 9 34.1 38.2 als4 - - 223rt250 26 100v d.c. (115v surge) 200v d.c. (230v surge) 250v d.c. (287v surge) mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * ordering information for full ordering details see pages 54 & 55.
27 rated voltage d.c. cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 105c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 350v d.c. (385v surge) 220 36x52 457 303 1.8 4.5 als4 - - 221da350 330 36x62 307 204 2.4 5.7 als4 - - 331db350 470 36x82 215 143 3.0 7.2 als4 - - 471de350 680 36x105 149 99 3.9 8.9 als4 - - 681df350 1000 51x82 113 78 5.0 10.0 als4 - - 102ke350 1500 51x105 75 52 6.8 12.5 als4 - - 152kf350 2200 77x75 66 49 8.3 13.7 als4 - - 222nd350 2200 66x105 51 35 9.8 17.9 als4 - - 222mf350 2200 91x67 74 52 9.1 16.4 als4 - - 222rc350 2200 91x75 56 40 9.4 17.8 als4 - - 222rd350 3300 77x105 41 30 11.7 19.7 als4 - - 332nf350 4700 91x98 31 23 14.6 23.2 als4 - - 472rh350 4700 77x146 27 20 15.7 23.6 als4 - - 472np350 6800 91x146 19 14 20.3 29.7 als4 - - 682rp350 6800 77x220 23 17 25.4 35.7 als4 - - 682nt350 10000 91x220 21 16 31.0 42.7 als4 - - 103rt350 220 36x52 542 349 2.0 4.9 als4 - - 221da400 220 36x62 537 344 2.1 5.4 als4 - - 221db400 470 36x82 254 164 3.2 7.8 als4 - - 471de400 470 36x105 251 161 3.5 8.5 als4 - - 471df400 680 51x82 183 121 4.2 9.8 als4 - - 681ke400 1000 51x105 124 81 5.6 12.3 als4 - - 102kf400 1500 77x75 93 64 7.6 13.9 als4 - - 152nd400 2200 66x105 60 41 9.7 18.1 als4 - - 222mf400 2200 91x67 63 44 9.4 15.9 als4 - - 222rc400 2200 91x75 67 47 10.0 17.5 als4 - - 222rd400 2200 77x105 62 42 10.6 19.8 als4 - - 222nf400 3300 91x98 44 31 13.6 23.4 als4 - - 332rh400 4700 77x146 33 23 15.4 22.6 als4 - - 472np400 6800 91x146 23 17 20.0 28.3 als4 - - 682rp400 6800 77x220 21 15 23.5 33.3 als4 - - 682nt400 10000 91x220 18 14 29.0 40.3 als4 - - 103rt400 220 36x52 530 331 2.0 5.0 als4 - - 221da415 220 36x62 524 325 2.1 5.4 als4 - - 221db415 330 36x82 349 217 2.8 7.1 als4 - - 331de415 470 36x105 245 152 3.5 8.7 als4 - - 471df415 680 51x82 180 115 4.4 9.9 als4 - - 681ke415 1000 51x105 122 77 5.8 12.3 als4 - - 102kf415 1500 77x75 95 65 7.6 13.8 als4 - - 152nd415 2200 66x105 60 39 9.7 18.1 als4 - - 222mf415 2200 91x67 61 43 9.4 15.8 als4 - - 222rc415 2200 91x75 67 47 10.0 17.3 als4 - - 222rd415 2200 77x105 61 41 10.7 19.7 als4 - - 222nf415 3300 91x98 44 30 13.6 23.3 als4 - - 332rh415 3300 77x146 40 27 14.2 23.6 als4 - - 332np415 4700 91x146 29 19 18.5 29.8 als4 - - 472rp415 6800 77x220 21 14 23.0 32.5 als4 - - 682nt415 10000 91x220 18 14 28.3 39.3 als4 - - 103rt415 150 36x52 721 360 1.8 4.5 als4 - - 151da450 150 36x62 715 356 1.9 4.8 als4 - - 151db450 220 36x82 487 242 2.5 6.2 als4 - - 221de450 330 36x105 325 162 3.2 7.9 als4 - - 331df450 470 51x82 239 123 4.1 9.0 als4 - - 471ke450 680 51x105 164 84 5.3 11.3 als4 - - 681kf450 1000 77x75 125 69 7.0 13.2 als4 - - 102nd450 1500 66x105 79 42 8.9 17.1 als4 - - 152mf450 1500 91x67 78 57 8.7 15.3 als4 - - 152rc450 1500 91x75 87 49 9.3 16.7 als4 - - 152rd450 1500 77x105 80 43 9.8 18.7 als4 - - 152nf450 2200 91x98 58 32 12.5 22.5 als4 - - 222rh450 2200 77x146 54 29 13.1 22.9 als4 - - 222np450 3300 77x146 38 27 14.6 22.0 als4 - - 332np450 3300 91x146 37 20 17.4 28.9 als4 - - 332rp450 4700 77x220 27 15 21.9 32.0 als4 - - 472nt450 6800 91x220 19 15 23.5 39.2 als4 - - 682rt450 400v d.c. (440v surge) mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * 415v d.c. (456v surge) 450v d.c. (495v surge) ordering information for full ordering details see pages 54 & 55.
rated voltage d.c. cap case esr (m ? ) ) ) ) ) impedance (m ? ) ) ) ) ) ripple current type number (f) size at 20c at 20c (a) at 105c (mm) 100hz (max) 10 khz (max) 100 hz 10 khz 500v d.c. (550v surge) 100 36x52 1499 1135 0.9 1.4 als4 - - 101da500 150 36x62 1002 758 1.1 1.8 als4 - - 151db500 220 36x82 683 500 1.5 2.4 als4 - - 221de500 330 36x105 456 347 1.9 3.1 als4 - - 331df500 470 51x82 332 240 2.9 4.0 als4 - - 471ke500 680 51x105 228 170 3.8 5.1 als4 - - 681kf500 680 77x75 234 173 4.2 5.8 als4 - - 681nd500 680 91x67 242 201 4.9 6.3 als4 - - 681rc500 1000 66x105 155 117 5.5 7.4 als4 - - 102mf500 1000 91x75 161 119 5.6 7.8 als4 - - 102rd500 1500 77x105 110 81 6.9 9.5 als4 - - 152nf500 1500 91x98 107 79 7.8 10.6 als4 - - 152rh500 2200 77x146 74 57 9.7 12.7 als4 - - 222np500 3300 91x146 51 40 13.0 16.8 als4 - - 332rp500 3300 77x220 49 39 15.4 19.4 als4 - - 332nt500 28 mounting style 0 or 1 termination style a,b,c,f,g,j,m or r * * ordering information for full ordering details see pages 54 & 55.


▲Up To Search▲   

 
Price & Availability of ALS40B105RP010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X