Part Number Hot Search : 
UM36541S BA4558F 2520E RT9536H M54HC112 8F320 FAN5332A 48D05
Product Description
Full Text Search
 

To Download ALS31C224NF025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs complian t als30 series 85c ? c ompact size ? l ong life, 20000 hours at 85 c (u r, i r applied) ? h igh ripple current ? excellent surge voltage capability ? o ptimized designs available on request app lication b asic design smoothing, energy storage, or pulse opera- tion in telecommunication demanding power supplies, process control, ac-motor control, traction, welding and measuring. s tandards iec 60384-4 long life grade 40/85/56, c apacitance range 100 C 680000 f c apacitance tolerance C20 to +20% r ated voltage u r 25C500 vdc s urge voltage u s 1.15 x u r (for u r < 250 vdc) 1.10 x u r (for u r > 350 vdc) s urge voltage u ss (s hort duration) l eakage current i l = 0.006 x c r x u r (a) or 6ma whichever is the smaller. note, c r is in f. o perational life time +85c, u r , i r +85c, u r shelf life 2000 hrs at 0v +85c, or 30000 hrs at 0v +40c t emperature range C40 to +85c (operating) -55c to +85c (storage) the als30/31 series of screw terminal capacitors cover a wide range of case sizes and voltage ratings featuring high ripple currents and long life performance. they are ideally suited for industrial and can diameter 36 11000 hrs 51 18000 hrs 66 19000 hrs 77, 90 20000 hrs end of life requirement: c/c < 10% esr < 2 x initial esr value i l < initial specified limit can diameter 36 22000 hrs 51 36000 hrs 66 38000 hrs 77, 90 40000 hrs u r u ss 200 350 250 400 350 500 400 520 415 530 450 550 500 600 test condition: < 500ms surge, 100 cycles @ 20c test condition: < 30s surge, 1000 cycles @ 85c test condition: u r , 5mins., 20c commercial applications demanding high reliability and long life expectancy such as frequency converters, ups systems and switch mode power supplies. spe cification
43 bhc and evox rifa electrolytic capacitors c ase d l lt* s t v m h mounting weight grams t erminal style c ode 1 2 1 0.5 0.5 mm thread 1 clip nom. a c g j m r da 36 52 58.5 12.8 7.14 8 m8 12 v3/h2/ute2736 75 ? db 36 62 67.5 12.8 7.14 8 m8 12 v3/h2/ute2736 90 ? de 36 82 87.5 12.8 7.14 8 m8 12 v3/h2/ute2736 115 ? df 36 105 111.5 12.8 7.14 8 m8 12 v3/h2/ute2736 140 ? ke 51 82 86.5 22.2 5.5 13.7 m12 16 v4/ute2737 220 ? kf 51 105 110.5 22.2 5.5 13.7 m12 16 v4/ute2737 300 ? mf 66 105 110.5 28.5 5.5 15.8 m12 16 v10/ute2738 505 ? ? nd 77 75 79.5 31.8 5.5 19 m12 16 v11 495 ? ? ? ? ? ? nf 77 105 110.5 31.8 5.5 19 m12 16 v11 690 ? ? ? ? ? ? np 77 146 150.5 31.8 5.5 19 m12 16 v11 960 ? ? ? ? ? ? nt 77 220 224.5 31.8 5.5 19 m12 16 v11 1450 ? ? ? ? ? ? qc 90 67 71.5 31.8 5.5 25 m12 16 v90 615 ? ? ? qd 90 75 79.5 31.8 5.5 25 m12 16 v90 690 ? ? ? qh 90 98 103.5 31.8 5.5 25 m12 16 v90 900 ? ? ? qp 90 146 149.5 31.8 5.5 25 m12 16 v90 1345 ? ? ? qt 90 220 223.5 31.8 5.5 25 m12 16 v90 2000 ? ? ? s ?d lt l h m insulating disk t (measured from deck surface) ?+? sign s td v safety vent dt z td v dt spe cification * dimensions lt will change dependant on terminal style. d imensions table als 30 (sleeved) mm fig. 1 fig. 2 t erminal styles a, r t erminal styles a (?36mm only), c, g, j, m t erminations aluminium inserts with m5 threads as standard, max. torque 2nm. optional m6 threaded inserts have a max. torque 4nm. max. torque for stud mounting m8:4nm and m12:8nm . als30 85c case polarity due to the presence of electrolyte in the capacitor the aluminium can and stud mounting will essentially be at the same polarity as the negative terminal. we recommend that the stud and can are insulated (see accessories for insulating nuts). als30 clamp mounting als31 stud mounting t erminals options * preferred options in bold t erm. t hread height dia. - dt t hread depth drawing s tyle t - mm mm td - mm 0.5 0.5 minimum a* m5 5.5 13 10 fig.1 z=10mm a* m5 7.14 8 10 fig.2 ?36mm only c m6 5.5 13 10 fig.2 g m6 6.35 17 11.8 fig.2 j m6 3.17 17 8.8 fig.2 m m5 7.14 8 10 fig.2 r m5 5.5 15 10 fig.1 z=13mm
als30 85c a rticle table als 30 (85c) cap (f) case size (mm) esr (m w ) at 20 c 100h z (max) i mpedance (m w ) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 15000 36x52 24 20 8.2 8.7 als3 C C 153da025 22000 36x62 17 15 9.9 10.4 als3 C C 223db025 33000 36x82 11 10 13.2 13.9 als3 C C 333de025 47000 36x105 9 7 16.6 17.4 als3 C C 473df025 68000 51x82 11 10 15.6 16.9 als3 C C 683ke025 100000 51x105 9 8 19.6 20.6 als3 C C 104kf025 150000 77x75 11 11 17.9 18.1 als3 C C 154nd025 150000 66x105 6 6 28.4 28.9 als3 C C 154mf025 220000 90x67 9 8 21.9 22.6 als3 C C 224qc025 220000 90x75 12 12 18.7 18.8 als3 C C 224qd025 220000 77x105 6 6 28.1 30.8 als3 C C 224nf025 330000 90x98 8 8 26.4 26.5 als3 C C 334qh025 330000 77x146 5 5 37.3 39.6 als3 C C 334np025 470000 90x146 4 4 43.6 43.9 als3 C C 474qp025 470000 77x220 4 4 45.8 47.0 als3 C C 474nt025 680000 90x220 4 4 55.4 56.7 als3 C C 684qt025 10000 36x52 23 20 7.9 8.4 als3 - - 103da040 15000 36x62 17 14 9.5 10.0 als3 - - 153db040 22000 36x82 11 10 12.7 13.3 als3 - - 223de040 33000 51x82 12 11 14.2 16.7 als3 - - 333ke040 47000 51x82 12 11 14.2 16.7 als3 - - 473ke040 68000 51x105 10 9 18.0 20.6 als3 - - 683kf040 100000 77x75 13 12 16.4 16.5 als3 - - 104nd040 100000 66x105 7 6 26.3 26.6 als3 - - 104mf040 100000 90x67 8 7 23.0 24.8 als3 - - 104qc040 100000 90x75 10 10 20.3 20.4 als3 - - 104qd040 150000 77x105 8 8 26.8 30.2 als3 - - 154nf040 150000 90x98 7 7 28.6 28.9 als3 - - 154qh040 220000 77x146 6 5 35.4 39.6 als3 - - 224np040 220000 90x146 4 4 46.5 47.0 als3 - - 224qp040 330000 77x220 4 4 45.0 46.5 als3 - - 334nt040 470000 90x220 4 4 52.3 53.4 als3 - - 474qt040 4700 36x52 36 28 6.7 7.4 als3 - - 472da063 6800 36x62 26 20 8.2 9.0 als3 - - 682db063 10000 36x82 17 14 10.8 11.9 als3 - - 103de063 15000 36x105 15 8 10.9 14.4 als3 - - 153df063 15000 51x82 12 11 13.9 14.4 als3 - - 153ke063 22000 51x82 12 11 13.9 14.4 als3 - - 223ke063 33000 51x105 10 9 17.4 18.0 als3 - - 333kf063 47000 77x75 13 13 16.6 16.8 als3 - - 473nd063 47000 66x105 8 7 26.7 26.5 als3 - - 473mf063 47000 90x75 11 10 20.3 20.7 als3 - - 473qd063 68000 90x67 10 9 20.9 22.4 als3 - - 683qc063 68000 77x105 8 8 24.7 26.4 als3 - - 683nf063 68000 90x98 8 7 28.9 29.6 als3 - - 683qh063 100000 77x146 6 6 34.8 35.4 als3 - - 104np063 150000 90x146 5 5 40.2 40.7 als3 - - 154qp063 150000 77x220 4 4 43.3 45.1 als3 - - 154nt063 220000 90x220 4 4 52.4 54.3 als3 - - 224qt063 25 vdc ( u r ) 40 vdc ( u r ) 63 vdc ( u r ) mounting style 0=plain or 1=stud t ermination style a,c,g,j,m or r * *
4 bhc and evox rifa electrolytic capacitors als30 85c a rticle table als30 (85c) cap (f) case size (mm) esr (m w) at 20 c 100h z (max) i mpedance (m w) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 2200 36x52 69 55 4.9 5.4 als3 - - 222da100 3300 36x62 49 39 6.0 6.6 als3 - - 332db100 4700 36x82 33 27 7.9 8.8 als3 - - 472de100 6800 36x105 23 19 10.0 11.1 als3 - - 682df100 10000 51x82 28 24 10.1 10.5 als3 - - 103ke100 15000 51x105 20 18 12.6 13.1 als3 - - 153kf100 22000 77x75 25 24 12.0 12.2 als3 - - 223nd100 22000 66x105 13 12 18.4 19.1 als3 - - 223mf100 22000 90x67 15 13 18.9 20.9 als3 - - 223qc100 22000 90x75 21 20 14.7 15.0 als3 - - 223qd100 33000 77x105 15 14 17.6 19.0 als3 - - 333nf100 33000 90x98 13 12 20.8 21.2 als3 - - 333qh100 47000 77x146 10 9 25.2 25.7 als3 - - 473np100 68000 90x146 9 8 29.4 29.8 als3 - - 683qp100 68000 77x220 7 6 40.6 41.5 als3 - - 683nt100 100000 90x220 6 5 30.8 33.3 als3 - - 104qt100 470 36x52 286 227 2.6 4.3 als3 - - 471da200 680 36x62 199 158 3.9 5.4 als3 - - 681db200 1000 36x82 135 107 5.1 7.1 als3 - - 102de200 1500 36x105 90 72 5.6 9.1 als3 - - 152df200 2200 51x82 73 60 8.2 9.7 als3 - - 222ke200 3300 51x105 48 40 9.2 13.1 als3 - - 332kf200 4700 77x75 48 42 10.6 11.5 als3 - - 472nd200 4700 66x105 33 27 13.0 19.1 als3 - - 472mf200 6800 66x105 27 23 15.7 17.7 als3 - - 682mf200 6800 90x67 38 29 13.7 18.5 als3 - - 682qc200 6800 90x75 35 31 13.3 14.3 als3 - - 682qd200 10000 77x105 28 25 14.9 15.9 als3 - - 103nf200 10000 90x98 23 20 18.8 20.3 als3 - - 103qh200 15000 77x146 18 16 21.4 22.7 als3 - - 153np200 22000 90x146 13 12 26.7 28.0 als3 - - 223qp200 22000 77x220 11 9 36.1 38.7 als3 - - 223nt200 33000 90x220 10 9 42.2 44.8 als3 - - 333qt200 470 36x52 247 187 3.0 4.5 als3 - - 471da250 680 36x62 172 131 3.8 5.6 als3 - - 681db250 1000 36x82 117 89 5.0 7.4 als3 - - 102de250 1500 51x82 86 67 6.2 9.8 als3 - - 152ke250 2200 51x82 69 55 7.7 9.1 als3 - - 222ke250 3300 51x105 45 36 10.4 12.4 als3 - - 332kf250 3300 77x75 52 43 10.4 11.9 als3 - - 332nd250 4700 66x105 31 24 15.0 18.2 als3 - - 472mf250 4700 90x75 38 32 13.2 14.9 als3 - - 472qd250 6800 90x67 35 27 13.5 17.7 als3 - - 682qc250 6800 77x105 29 25 15.0 16.5 als3 - - 682nf250 10000 90x98 24 21 17.1 18.4 als3 - - 103qh250 10000 77x146 19 16 21.6 24.0 als3 - - 103np250 15000 90x146 14 12 27.0 29.5 als3 - - 153qp250 15000 77x220 12 10 32.4 36.5 als3 - - 153nt250 22000 77x220 9 7 36.3 45.8 als3 - - 223nt250 22000 90x220 12 10 42.3 47.4 als3 - - 223qt250 100 vdc ( u r ) 200 vdc ( u r ) 250 vdc ( u r ) mounting style 0=plain or 1=stud t ermination style a,c,g,j,m or r * *
als30 85c a rticle table als 30 (85c) cap (f) case size (mm) esr (m w ) at 20 c 100h z (max) i mpedance (m w ) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 350 vdc ( u r ) 400 vdc ( u r ) 415 vdc ( u r ) 330 36x52 325 226 2.4 5.0 als3 - - 331da350 470 36x82 223 154 3.4 7.2 als3 - - 471de350 680 36x105 154 107 4.4 9.0 als3 - - 681df350 1000 51x82 116 82 6.1 10.6 als3 - - 102ke350 1500 51x105 77 55 8.2 13.5 als3 - - 152kf350 2200 51x105 66 48 8.7 14.1 als3 - - 222kf350 2200 77x75 66 50 9.1 15.6 als3 - - 222nd350 2200 66x105 52 37 11.9 19.3 als3 - - 222mf350 3300 66x105 39 29 12.8 20.3 als3 - - 332mf350 3300 90x67 49 34 11.8 18.0 als3 - - 332qc350 3300 90x75 47 36 12.5 19.8 als3 - - 332qd350 4700 77x105 35 27 14.7 21.7 als3 - - 472nf350 4700 90x98 31 24 16.3 26.6 als3 - - 472qh350 6800 77x146 23 18 19.3 26.0 als3 - - 682np350 6800 90x146 20 15 24.9 34.4 als3 - - 682qp350 10000 77x220 15 11 31.7 39.3 als3 - - 103nt350 15000 90x220 15 12 38.2 46.4 als3 - - 153qt350 220 36x52 570 387 2.1 4.4 als3 - - 221da400 330 36x62 382 260 2.7 5.5 als3 - - 331db400 470 36x82 267 182 3.5 7.1 als3 - - 471de400 680 36x105 185 126 4.4 8.8 als3 - - 681df400 1000 51x82 139 98 5.8 10.3 als3 - - 102ke400 1500 51x105 92 65 7.8 13.1 als3 - - 152kf400 1500 77x75 97 70 8.3 14.7 als3 - - 152nd400 2200 51x105 78 56 8.4 13.5 als3 - - 222kf400 2200 66x105 62 44 11.2 18.8 als3 - - 222mf400 2200 90x75 69 50 10.7 18.9 als3 - - 222qd400 3300 90x67 53 38 11.7 17.1 als3 - - 332qc400 3300 77x105 49 36 13.4 21.3 als3 - - 332nf400 3300 90x98 45 32 14.9 25.3 als3 - - 332qh400 4700 77x105 38 26 14.6 20.9 als3 - - 472nf400 4700 90x98 36 26 17.1 25.4 als3 - - 472qh400 4700 77x146 33 24 18.0 26.0 als3 - - 472np400 6800 77x146 27 20 19.5 26.9 als3 - - 682np400 6800 90x146 24 17 23.2 32.9 als3 - - 682qp400 6800 77x220 22 15 29.0 40.7 als3 - - 682nt400 10000 90x220 17 12 35.7 49.4 als3 - - 103qt400 220 36x52 555 368 2.1 4.4 als3 - - 221da415 330 36x62 372 247 2.7 5.6 als3 - - 331db415 470 36x82 261 173 3.5 7.2 als3 - - 471de415 680 36x105 180 120 4.5 9.0 als3 - - 681df415 1000 51x82 136 94 5.7 10.4 als3 - - 102ke415 1500 51x105 90 62 7.6 13.1 als3 - - 152kf415 1500 77x75 96 68 8.1 14.7 als3 - - 152nd415 2200 66x105 61 42 11.0 18.9 als3 - - 222mf415 2200 90x67 71 49 10.5 17.5 als3 - - 222qc415 2200 90x75 68 49 11.1 18.9 als3 - - 222qd415 3300 77x105 48 36 13.4 21.3 als3 - - 332nf415 3300 90x98 45 32 14.6 25.3 als3 - - 332qh415 4700 77x146 33 24 17.6 25.9 als3 - - 472np415 6800 90x146 23 17 22.7 32.8 als3 - - 682qp415 6800 77x220 21 15 28.5 40.1 als3 - - 682nt415 10000 90x220 17 12 35.2 48.7 als3 - - 103qt415 mounting style 0=plain or 1=stud t ermination style a,c,g,j,m or r * *
4 bhc and evox rifa electrolytic capacitors als30 85c a rticle table als30 (85c) cap (f) case size (mm) esr (m w) at 20 c 100h z (max) i mpedance (m w) at 20 c 10 kh z (max) r ipple current(a ) at 85c t ype number 100 hz 10 khz 450 vdc ( u r ) 500 vdc ( u r ) 150 36x52 735 485 1.8 4.1 als3 - - 151da450 220 36x62 502 332 2.4 5.1 als3 - - 221db450 330 36x82 335 221 3.1 6.7 als3 - - 331de450 470 36x105 235 155 4.0 8.4 als3 - - 471df450 680 51x82 175 117 4.9 9.9 als3 - - 681ke450 1000 51x105 118 79 6.5 12.6 als3 - - 102kf450 1500 77x75 95 65 8.7 14.9 als3 - - 152nd450 1500 66x105 81 52 9.5 17.4 als3 - - 152mf450 2200 90x67 74 46 9.6 15.4 als3 - - 222qc450 2200 90x75 67 47 11.5 19.0 als3 - - 222qd450 2200 66x105 67 47 11.1 19.3 als3 - - 222mf450 2200 77x105 59 41 12.2 21.1 als3 - - 222nf450 3300 90x75 53 33 12.6 17.9 als3 - - 332qd450 3300 77x105 40 30 13.8 21.2 als3 - - 332nf450 3300 90x98 44 30 15.6 25.5 als3 - - 332qh450 3300 77x146 39 27 16.1 25.1 als3 - - 332np450 4700 77x146 36 26 17.1 25.2 als3 - - 472np450 4700 90x146 29 19 21.0 31.8 als3 - - 472qp450 6800 77x220 21 14 27.4 38.8 als3 - - 682nt450 10000 90x220 18 13 33.4 46.5 als3 - - 103qt450 100 36x52 1231 847 1.6 2.9 als3 - - 101da500 150 36x62 823 566 2.0 3.7 als3 - - 151db500 220 36x82 560 386 2.7 4.8 als3 - - 221de500 330 36x82 450 350 3.2 5.7 als3 - - 331de500 330 36x105 374 258 3.5 6.2 als3 - - 331df500 470 51x82 276 194 4.4 7.5 als3 - - 471ke500 680 51x105 190 133 5.7 9.6 als3 - - 681kf500 1000 77x75 173 109 7.6 12.2 als3 - - 102nd500 1000 66x105 137 96 8.1 13.8 als3 - - 102mf500 1500 77x105 91 65 10.6 17.0 als3 - - 152nf500 1500 90x67 110 87 9.5 14.3 als3 - - 152qc500 1500 90x75 119 76 10.1 15.9 als3 - - 152qd500 2200 90x98 80 50 13.7 21.1 als3 - - 222qh500 2200 77x146 62 44 14.3 21.8 als3 - - 222np500 3300 77x146 54 39 15.3 22.6 als3 - - 332np500 3300 90x146 51 32 19.0 28.3 als3 - - 332qp500 4700 77x220 37 24 24.3 33.3 als3 - - 472nt500 6800 90x220 27 22 26.5 41.3 als3 - - 682qt500 mounting style 0=plain or 1=stud t ermination style a,c,g,j,m or r * *
me chanical data m ounting position the capacitor can be mounted in any position so long as the safety vent can operate. it is possible for some electrolyte to be expelled. as this is a conducting liquid, suitable precautions should be instigated by the system designer to avoid secondary short circuits. t h e c a p a c i t o r s a re d e s i g n e d t o b e mounted in free air and are not suitable for submersion in liquid. v ibration 10hz to 55hz at 0.75mm or 10g for 3x2hrs duration. except 220mm long cans 10hz to 55hz at 0.35mm or 5g for 3x0.5hrs duration. i nsulating resistance > 100 mohms at 100v d.c., across insulating sleeve. v oltage proof > 2500v d.c., across insulating sleeve. s afety vent a safety vent for over pressure is featured on terminal deck. this is in the form of a rubber plug designed to relieve build up of internal pressure due to over stress or catastrophic failure. ope rational data the failure rate is derived from our periodic test results. the failure rate ( r ) is therefore only given at test temperature for life tests. an estimation is also given at 40c. the expected failure rate for this capacitor range is based on our periodic test results for capacitors with structural similarity. failure rate is frequently quoted in fit (failures in time) where 1 fit = 1 x 10 -9 failures per hour. failure rates include both catastrophic and parametric failures t a failure rate per hour 85c 250 fit 40c 12 fit reliability operational lifetime please see separate bhc application notes td003 for calculating operational life expectancy under customer specific conditions. als30 85c statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.


▲Up To Search▲   

 
Price & Availability of ALS31C224NF025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X