Part Number Hot Search : 
27C020 ZS4737A DTB113EK 225IV LT1962 GT80J101 LT1962 01912
Product Description
Full Text Search
 

To Download AGP15-40092 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agp15-400 thru agp15-800 document number 88535 14-oct-05 vishay general semiconductor www.vishay.com 1 do-204ac (do-15) p a t e n t e d * ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602 of 1976; brazed-lead assembly by patent no. 3,930,306 of 1976 and glass composition by patent no. 3,752,701 of 1973 glass passivated junction plastic controlled avalanche rectifier major ratings and characteristics i f(av) 1.5 a v rrm 400 v to 800 v p rm 500 w i fsm 50 a i r 5.0 a v f 1.1 v t j max. 175 c features  superectifier struct ure for high reliability application  cavity-free glass-passivated junction  controlled avalanche characteristics  low forward voltage drop  low leakage current, i r less than 0.1 a  high forward surge capability  meets environmental standard mil-s-19500  solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes application mechanical data case: do-204ac, molded epoxy over glass body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol agp15-400 agp15-600 agp15-800 unit maximum recurrent peak reverse voltage v rrm 400 600 800 v maximum rms voltage v rms 280 420 560 v maximum dc blocking voltage v dc 400 600 800 v maximum peak power dissipation in the avalanch region 20 s pulse p rm 500 w max. average forward rectified current 0.375" (9.5 mm) lead lengths at t a = 55 c i av 1.5 a peak forward surge current 8.3 ms single half sine- wave superimposed on rated load i fsm 50 a maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length at t a = 55 c i r(av) 100 a operating and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com 2 document number 88535 14-oct-05 agp15-400 thru agp15-800 vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol agp15-400 agp15-600 agp15-800 unit minimum avalanche breakdown voltage at 100 a v br 450 675 880 v maximum avalanche breakdown voltage at 100 a v br 750 1000 1200 v maximum instantaneous forward voltage at 1.5 a v f 1.1 v maximum reverse current at rated dc blocking voltage i r 5.0 a typical reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.0 s typical junction capacitance at 4.0 v, 1 mhz c j 15 pf parameter symbol agp15-400 agp15-600 agp15-800 unit typical thermal resistance (1) r ja 25 c/w figure 1. maximum forward current derating curve 0 0.75 1.0 1.5 25 50 75 100 125 150 175 a v erage for w ard rectified c u rrent (a) am b ient temperat u re (c) 0.5 0.25 1.25 single phase half w a v e 60 hz resisti v eorind u cti v e load 0.375" (9.5mm) lead length figure 2. typical instantaneous forward characteristics 0.1 instantaneo u sfor w ard c u rrent (a) instantaneo u sfor w ard v oltage ( v ) 10 0.6 0.4 0. 8 1.0 1.2 1.4 1.6 0.01 1.0 t j = 25 c p u lse w idth = 300 s 2% d u ty cycle
agp15-400 thru agp15-800 document number 88535 14-oct-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. maximum non-repetitiv e peak forward surge current figure 4. maximum non-repetit ive reverse avalanche power dissipation nu m b er of cycles at 60 hz 10 100 1 peak for w ard s u rge c u rrent (a) 1 10 100 t a = 55 c 8 .3 ms single half sine- w a v e 020 60 40 100 8 0 percent of rated peak re v erse v oltage (%) 0.01 0.1 10 1 instantaneo u s re v erse leakage c u rrent ( a) t j = 125 c t j = 25 c t j = 75 c figure 5. typical revers e leakage characteristics p u lse d u ration ( s) peak re v erse a v alanche po w er ( w ) 10 100 1000 10000 10 100 1000 t j = 25 c 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 0.230 (5.8) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. do-204ac (do-15)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of AGP15-40092

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X