Part Number Hot Search : 
DD200KB SRC12 NTE135 SSD081 CZRA1150 LVCH16 M7403 B8852
Product Description
Full Text Search
 

To Download 3RP1505-1AQ30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1207 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specifed. specifcations and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. catalog 1308242 issued 3-03 (pdf rev. 9-09) 3rp1 series multifunction solid state din mount time delay relay ? available as spdt or dpdt ? 15 time setting ranges ? .05s - 100hr programmable timing range ? universal 24-240 vac/vdc or fxed input types. ? 3a switching current rating ? fits 35mm din track ? single function, delay-on available input data @ 25c voltage: universal input type: 24 - 240v, 50/60 hz. ac or dc. fixed input type: 24, 100-127, 200-240ac; 24vdc. operating range: ac: 85 to 110%. dc: 80 to 125%. power requirement: universal input type: ac: 6va. dc: 2w. ordering information C authorized distributors are more likely to stock boldface items listed below. timing specifcations timing ranges: 0.05 to 1 / 0.15 to 3 / 0.5 to 10 / 1.5 to 30 / 5 to 100 sec.; 0.05 to 1 / 0.15 to 3 / 0.5 to 10 / 1.5 to 30 / 5 to 100 min.; 0.05 to 1 / 0.15 to 3 / 0.5 to 10 / 1.5 to 30 / 5 to 100 hr. timing adjustment: potentiometer adjustable within selected range. tolerance: 5% of full scale value. reset time: 150 ms. minimum on period: 35 msec. repeatability: 1%. timing modes see the following page for a description of timing modes. mechanical data termination: screw terminal. enclosure: plastic din case. mounting: 35mm din track. weight: (3rp1505) 5.29 oz. (150g) approximately. (3rp1525) 3.88 oz. (110g) approximately. environmental data temperature range: storage: -40c to +80c. operating: -25c to +60c. protection category: ip 20 according to en 60529. contact data @ 25c arrangements: 1 form c (spdt). 2 form c (dpdt) material: silver tin oxide. rating: 3a @ 250vac. switching frequency: 2,500 ops./hour. electrical life: 200,000 operations min. at rated load. mechanical life: 30 x 10 6 operations. standards and specifcations ? iec 721-3-3 "ambient conditions" ? iec 61812-1/din vde 0435 part 2021 "solid state relays, time relays" ? iec 1000 "electromagnetic compatibility" ? iec 947-5-1: din vde 0660 part 200 "low-voltage control circuit devices" confguring ? changing the timer range and their functions will only be effective when they are carried out in a voltage-free state. ? trigger input b1 or b3 must only be started when the supply voltage is applied. ? the same potential must be applied to a1 and b1, or a3 and b3. with the two-voltage design, only one voltage range must be connected. ? the triggering of the load paralleled to the start input is not permissible when using ac (see adjacent diagrams). l1 n k2 k1 b1 s1 a2 a1 l1 n k2 k1 b1 s1 a1 s1 input voltage input contact wiring functions part dc ac type arrang. diagram number 3rp1505 multifunction 24 24, 100-127 fixed spdt 1 to 8 1 to 8 3rp15 05-1aq30 24 24, 200-240 fixed spdt 1 to 8 1 to 8 3rp15 05-1ap30 24 24, 100-127 fixed dpdt 9 to 24 9 to 24 3rp15 05-1bq30 24-240 24-240 universal dpdt 9 to 24 9 to 24 3rp15 05-1bw30 3rp1525 delay on 24 24, 100-127 fixed spdt 1 1 3rp15 25-1aq30 24 24, 200-240 fixed spdt 1 1 3rp15 25-1ap30 24 24, 100-127 fixed dpdt 9 9 3rp15 25-1bq30 24 24, 200-240 fixed dpdt 9 9 3rp15 25-1bp30 users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals fles of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. this data is for reference purposes only this product's status is: obsolete. tyco electronics no longer offers the 3rp1 series.
1208 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specifed. specifcations and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. catalog 1308242 issued 3-03 (pdf rev. 9-09) b1 15 a3 ac 10 0/1 27v a c20 0/240v a c/dc 24v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 a3 15 28 ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 b1 15 28 a3 b3 26 26 a c/dc 24v 25 a2 16 18 28 26 ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 b1 15 28 a3 b3 26 a c/dc 24v ? ? ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 a3 15 24 22 ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 a3 15 24 22 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 a3 15 28 26 ? ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 a3 15 24 22 ? a1 25 a2 16 18 b1 15 28 a3 b3 26 ac 10 0/1 27v a c20 0/240v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 b1 15 28 a3 b3 26 a c/dc 24v ? ? ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v ? ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 27 a2 y1 8 a3 17 28 ? b3 a1 wiring diagram 1. on-delay 2. off-delay 3. on and off delay 4. flashing with auxiliary voltage with auxiliary voltage 3rp1505-1a 3rp1505-1a 3rp1505-1a 3rp1505-1a 3rp1525-1a outline dimensions 3rp1505-1a, 3rp1525-1a 3rp1505-1b, 3rp1525-1b 3.23 (82.0) 2.99 (7 6.0) 2.44 (62.0) 3.54 (90.0) 4.33 (1 1 0.0) 4.72 (1 20.0) .59 (1 5.0) .886 (22.5) .23 (6.0) .1 9 (5.0) 2.36 (60.0) 3.39 (86.0) .31 (8.0) 4.02 (1 02.0) 3.23 (82.0) 2.44 (62.0) 4.33 (1 1 0.0) .59 (1 5.0) .886 (22.5) .23 (6.0) .1 9 (5.0) 2.36 (60.0) 3.39 (86.0) .31 (8.0) 4.72 (1 20.0) 1. 18 (30.0) 9. on-delay 10. off-delay 11. on-and off-delay 12. flashing with auxiliary voltage with auxiliary voltage 3rp1505-1b 3rp1505-1b 3rp1505-1b 3rp1505-1b 3rp1525-1b 13. making-pulse contact 14. breaking-pulse contact 15. pulse forming 16. additive on-delay with auxiliary with auxiliary voltage with auxiliary voltage voltage and instantaneous contact 3rp1505-1b 3rp1505-1b 3rp1505-1b 3rp1505-1b a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 b1 15 a2 16 18 a3 b3 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 a3 15 a2 16 18 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 a3 15 a2 16 18 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 a3 15 a2 16 18 ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 b1 15 a2 16 18 a3 b3 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 b1 15 a2 16 18 a3 b3 ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 b1 15 a2 16 18 a3 b3 ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 b1 15 a2 16 18 a3 b3 5. making-pulse contact 6. breaking-pulse contact 7. pulse forming 8. additive on-delay with auxiliary with auxiliary voltage with auxiliary voltage voltage and instantaneous contact 3rp1505-1a 3rp1505-1a 3rp1505-1a 3rp1505-1a 3rp1525-1a
1209 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specifed. specifcations and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. catalog 1308242 issued 3-03 (pdf rev. 9-09) timing function descriptions and settings 3rp1505-1a 3rp1505-1b wiring diagrams (continued) 17. on-delay and 18. off-delay 19. on and off delay 20. flashing and instantaneous contact with auxiliary voltage and with auxiliary voltage and instantaneous contact instantaneous contact instantaneous contact 3rp1505-1b 3rp1505-1b 3rp1505-1b 3rp1505-1b 21. making-pulse contact and 22. breaking-pulse contact 23. pulse forming with 24. star-delta function instantaneous contact with auxiliary voltage and auxiliary voltage and instantaneous contact instantaneous contact 3rp1505-1b 3rp1505-1b 3rp1505-1b 3rp1505-1b b1 15 a3 ac 10 0/1 27v a c20 0/240v a c/dc 24v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 a3 15 28 ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 b1 15 28 a3 b3 26 26 a c/dc 24v 25 a2 16 18 28 26 ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 b1 15 28 a3 b3 26 a c/dc 24v ? ? ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 a3 15 24 22 ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 a3 15 24 22 a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 a3 15 28 26 ? ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 a3 15 24 22 ? a1 25 a2 16 18 b1 15 28 a3 b3 26 ac 10 0/1 27v a c20 0/240v a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 25 a2 16 18 b1 15 28 a3 b3 26 a c/dc 24v ? ? ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v ? ac 10 0/1 27v a c20 0/240v a1 21 a2 16 18 b1 15 24 a3 b3 22 a c/dc 24v ? a c/dc 24v ac 10 0/1 27v a c20 0/240v a1 27 a2 y1 8 a3 17 28   b3 a1 1. on delay 5. impulse on 9. on delay 13. impulse on 17. on delay 21. impulse on 2. off delay 6. impulse off 10. off delay 14. impulse off 18. off delay 22. impulse off 3. on/off delay 7. pulse shaping 11. on/off delay 15. pulse shaping 19. on/off delay 23. pulse shaping 4. flasher 8. cumulative on delay 12. flasher 16. cumulative on delay 20. flasher 24. star/delta t a./a2 1 5/1 8 1 5/1 6 t t 35ms t t a./a2 b ./a2 a./a2 1 5/1 8 1 5/1 6 b./a2 1 5/1 8 1 5/1 6 a./a2 1 5/1 8 1 5/1 6 t t t a./a2 1 5/1 8 1 5/1 6 b./a2 t a./a2 1 5/1 8 1 5/1 6 b./a2 a./a2 1 5/1 8 1 5/1 6 b./a2 t 1 t 2 t t 3 a./a2 1 5/1 8 1 5/1 6 > _ 35ms > _ 35ms > _ t a./a2 1 5/1 8 1 5/1 6 t 35ms t t a./a2 b ./a2 a./a2 1 5/1 8 1 5/1 6 b ./a2 1 5/1 8 1 5/1 6 a./a2 1 5/1 8 1 5/1 6 t t t a./a2 1 5/1 8 1 5/1 6 b ./a2 t a./a2 1 5/1 8 1 5/1 6 b./a2 a./a2 1 5/1 8 1 5/1 6 b./a2 t 1 t 2 t t 3 > _ 35ms > _ 35ms > _ 25/28 25/26 25/28 25/26 25/28 25/26 25/28 25/26 t a./a2 1 5/1 8 1 5/1 6 25/28 25/26 25/28 25/26 25/28 25/26 22/24 21/22 t a./a2 1 5/1 8 1 5/1 6 21/24 21/22 t 35ms a./a2 1 5/1 8 1 5/1 6 b./a2 > _ 21/24 21/22 t t a./a2 b./a2 1 5/1 8 1 5/1 6 a./a2 1 5/1 8 1 5/1 6 t t 21/24 21/22 21/24 21/22 t a./a2 1 5/1 8 1 5/1 6 21/24 21/22 t a./a2 1 5/1 8 1 5/1 6 b./a2 35ms > _ 21/24 21/22 t a./a2 1 5/1 8 1 5/1 6 b./a2 35ms > _ 21/24 21/22 a./a2 1 7/1 8 27/28 t 50ms


▲Up To Search▲   

 
Price & Availability of 3RP1505-1AQ30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X