Part Number Hot Search : 
C1005 SMG2303 10016 SC3150 SA48A MSK612B BA6809 2SC22
Product Description
Full Text Search
 

To Download 3269P-1-500LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features stable, in nite resolution cermet element vertical and horizontal adjust styles optional packaging on embossed tape compatible with surface mount manufacturing processes rohs compliant* - see processing information on lead free surface mount trimmers for trimmer applications/processing guidelines, click here 3269 - 1/4 ?square smd trimpot trimming potentiometer electrical characteristics standard resistance range ........................10 ohms to 1 megohm (see standard resistance table) resistance tolerance ........... ?0 % std. (closer tolerance available) absolute minimum resistance ........................... 1 % or 2 ohms max. (whichever is greater) contact resistance variation ........................ 3.0 % or 3 ohms max. (whichever is greater) adjustability voltage .................................. ?.02 % resistance ............................ ?.05 % resolution ................................... in nite insulation resistance ............... 500 vdc. 1,000 megohms min. dielectric strength sea level................................ 600 vac 80,000 feet ............................ 250 vac effective travel .................12 turns nom. environmental characteristics power rating (300 volts max.) 85 ? .................................... 0.25 watt 150 ? ....................................... 0 watt temperature range ... -65 ? to +150 ? temperature coef cient ... ?00 ppm/? seal test ......................85 ? fluorinert? humidity .......mil-std-202 method 106 (2 % tr; ir 100 megohms) vibration ....... 30 g (1 % tr; 1 % vr) shock ......... 100 g (1 % tr; 1 % vr) load life .. 1,000 hours 0.25 watt @ 85 ? (3 % tr; 3 % or 3 ohms whichever is greater, crv) rotational life .......................200 cycles (2 % tr; 3 % or 3 ohms, whichever is greater, crv) physical characteristics torque ............................. 3.0 oz-in. max. mechanical stops ................. wiper idles terminals .......................solderable pins weight ..................................... 0.015 oz. marking ........................... manufacturers trademark, resistance code, wiring diagram, date code, manufacturers model number and style standard packaging .....50 pcs. per tube adjustment tool ..............................h-90 wiper ............... 50 % (actual tr) ?0 % product dimensions 1 3 cw clockwise ccw 2 wiper how to order 3269 x - 1 - 103 g lf model style standard or modi ed product indicator for p pin style: -1 = terminals #1 & #3 away from sprocket holes -2 = terminals #1 & #3 toward sprocket holes for w & x pin styles: -1 = terminals #1 & #3 toward sprocket holes -2 = terminals #1 & #3 away from sprocket holes for p, w & x pin styles: -11 = ? % tr resistance code embossed tape designator g = embossed tape ??style - 750 pcs./13 ? reel ?, x?style - 500 pcs./13 ? reel terminations lf = 100 % tin-plated (rohs compliant) blank = 90 % tin / 10 % lead-plated (standard) standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 tolerances: 0.25 except where noted (.010) dimensions: mm (inches) popular distribution values listed in boldface. special resistances available. 2.54 (.100) 2.54 (.100) recommended pcb layout - "p" recommended pcb layout - "w" & "x" 1.19 (.047) typ. 3.30 (.130) typ. 9.70 (.382) 2.54 (.100) 2.54 (.100) 1.19 (.047) typ. 2.79 (.110) typ. 7.62 (.300) 3269p common dimensions 1.02 (.040) 1.78 (.070) wide x x deep dia. .51 (.020) .51 (.020) adj. slot 1 2 3 1.52 .38 (.060 .015) 5.21 ?0.63 (.205 ?.025) 6.35 .51 (.250 .020) 1.02 (.040) typ 3 plcs. 2.54 (.100) typ. 3 plcs. 2.54 (.100) 2.54 (.100) .46 .03 (.018 .001) dia. typ. 3269w 1 3 2 .43 .05 (.017 .002) dia. typ. 1.52 .38 (.060 .015) 1.02 (.040) 6.35 .51 (.250 .020) sq. 1.02 (.040) 7.44 (.293) 2.54 (.100) 2.54 (.100) 2.29 (.09) typ. 3 plcs. 4.32 (.170) 1.02 (.040) typ 3269x 1.02 (.040) 1.52 .38 (.060 .015) 1.02 (.040) 7.44 (.293) 1 2 3 2.29 (.090) typ. 3 plcs. *rohs directive 2002/95/ec jan 27 2003 including annex. ??luorinert?is a registered trademark of 3m co. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. *rohs compliant versions available
?rimpot?is a registered trademark of bourns, inc. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3269 - packaging speci cations packaging speci cations (p style) (w & x styles) tape 330.2 5.08 (13.000 .200) 16.51 2.03/ -.000 (.650 .080/ -.000) reel 7.50 .10 (.295 .004) 12.00 .10 (.472 .004) 1.5 + .10/ ?00 (.059 + .004/ ?000) 4.00 .01 (.157 .004) 2.00 .05 (.079 .002) 1.75 .10 (.069 .004) dia. 13.0 .51 (.512 .020) 17.78 .25 (.700 .010) equal spaced 3 plcs. dia. 99.06 1.02 (3.90 .040) 18.69 .79 (.736 .031) dia. dia. 16.0 .10 (.630 .004) embossed carrier tape cover tape tape 330.2 5.08 (13.000 .200) 16.51 2.03/ -.000 (.650 .080/ -.000) reel 7.50 .10 (.295 .004) 12.00 .10 (.472 .004) 1.5 + .10/ ?00 (.059 + .004/ ?000) 4.00 .01 (.157 .004) 2.00 .05 (.079 .002) 1.75 .10 (.069 .004) dia. 13.0 .51 (.512 .020) 17.78 .25 (.700 .010) equal spaced 3 plcs. dia. 99.06 1.02 (3.90 .040) 18.69 .79 (.736 .031) dia. dia. 16.0 .10 (.630 .004) embossed carrier tape cover tape -1 as shown meets eia speci cation 481. units packaged 750 pieces per reel. -2 as shown meets eia speci cation 481. units packaged 500 pieces per reel. rev. 08/10


▲Up To Search▲   

 
Price & Availability of 3269P-1-500LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X