Part Number Hot Search : 
78M12 31300 RBV5010 MAX2406 74HCT373 N4XJL IPW60R STPS745M
Product Description
Full Text Search
 

To Download 1N4385GP-HE373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88507 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 glass passivated junction rectifier 1n4383gp thru 1n4385g p, 1n4585gp, 1n4586gp vishay general semiconductor features ? superectifier structure for high reliability application ? cavity-free glass- passivated junction ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in general purpose rect ification of power supplies, inverters, converters and freewheeling diodes application. mechanical data case: do-204ac, molded epoxy over glass body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 cla ss 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end note (1) jedec registered values primary characteristics i f(av) 1.0 a v rrm 200 v to 1000 v i fsm 50 a i r 5.0 a v f 1.0 v t j max. 175 c do-204ac (do-15) superectifier ? maximum ratings (t a = 25 c unless otherwise noted) (1) parameter symbol 1n4383gp 1n4384gp 1n4385gp 1n4585gp 1n4586gp unit maximum repetitive pe ak reverse voltage v rrm 200 400 600 800 1000 v maximum rms voltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 100 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 50 a maximum full load reverse current, full cycle average 0.375"(9.5 mm) lead length at t a = 100 c i r(av) 275 250 225 200 200 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88507 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 15-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 1n4383gp thru 1n4385gp, 1n4585gp, 1n4586gp vishay general semiconductor note (1) jedec registered values note (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive pe ak forward surge current electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol 1n4383gp 1n4384gp 1n4385gp 1n4585gp 1n4586gp unit maximum instantaneous forward voltage 1.0 a v f 1.0 v maximum dc reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a t a = 150 c 250 typical reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr (1) 2.0 s typical junction capacitance 4.0 v, 1 mhz c j 15 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol 1n4383gp 1n4384gp 1n4385gp 1n4585gp 1n4586gp unit typical thermal resistance r ? ja (1) 45 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode 1n4385gp-e3/54 0.425 54 4000 13" diam eter paper tape and reel 1n4385gp-e3/73 0.425 73 2000 ammo pack packaging 1n4385gphe3/54 (1) 0.425 54 4000 13" diameter paper tape and reel 1n4385gphe3/73 (1) 0.425 73 2000 ammo pack packaging 0 25 50 75 100 125 150 175 200 0.2 0.4 0.6 0.8 1.0 average forwar d rectied current (a) ambient temperature (c) 60 hz re s i s tive or inductive load 0.375 " (9.5 mm) lead length 0 10 1 100 10 20 30 40 50 number of cycle s at 60 hz peak forwar d s urge current (a) t a = 100 c 8.3 m s s ingle half s ine-wave
document number: 88507 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 1n4383gp thru 1n4385g p, 1n4585gp, 1n4586gp vishay general semiconductor fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance package outline dimensions in inches (millimeters) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 100 in s tantaneou s forward voltage (v) in s tantaneou s forward current (a) t j = 25 c pul s e width = 300 s 1 % duty cycle 0 0.01 0.1 1 10 60 80 100 20 40 percent of rated peak rever s e voltage (%) in s tantaneou s rever s e leakage current (a) t j = 125 c t j = 25 c t j = 75 c 100 1 10 100 rever s e voltage (v) junction capacitanc e (pf) 110 t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p 0.01 0.1 10 1 100 0.1 10 100 1 tran s ient thermal impedance (c/w) t - pul s e duration ( s ) do-204ac (do-15) 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 1.0 (25.4) min. 0.300 (7.6) 0.230 (5.8) 1.0 (25.4) min.
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 1N4385GP-HE373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X