Part Number Hot Search : 
AK4675 MAX6647 TAR8D02K 2SC4759 KF200 E43CA CDRH6D28 AK5355VN
Product Description
Full Text Search
 

To Download 06010P30PLAKP2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.oxleygroup.com/interconnect oxley inc. oxley uk email: sales@oxleyinc.com electronics components division odc: smfil: 40566/2-10/2000 tel: (203) 488 1033 email: sales@oxley.co.uk tel: +44 (0)1229 582621 11 kinky pin plated through hole (pth) connectors kinky pins were designed specifically to meet the demands of plated through hole (pth) technology introduced in printed circuit boards. they have been used in a wide range of commercial and military applications including sub-sea fibre optic repeators, radars and mulit-function lcd cockpit displays in military fast jets. they tend to be used with flexi-circuit termination and as solder ter mina ls, c onnectors and in multi way pin arrays. they use a unique kinked retention mechanism which gives a fit in the pth that is unsurpassed. the kinked leg provides a tight non-aggressive spring loaded fit whilst the straight leg ensures the pin is kept perp endicular to the pcb prior to soldering. this kinky pin mechanism gives an additi onal be nefit which is a key part of its operation. the slotted design induces wicking of the solder up into the kink and up to the flange which means that the solder joint is solid and free of air pockets. this reduces the possibility of dry joints developing and the life of the solder joint is therefore increased. in our opinion and that of our customers, there is no better pth solder-in ter minal! the kinky pin range is comprehensive and our in- house high precision machining capabilities mean that we have the ability to manufacture bespoke versions on request. standard finishes are tin lead and gold; other finishes are available on r equest. kinky pins features  unique kinked retention mechanism retains pin in pcb plated through hole (pth) prior to soldering.  low insertion force avoids damage to plating of pth during assembly.  slotted design enhances solderability and reliability.  family optimised for a wide range of pth diameters 0.508 mm (0.020") - 1.524 mm (0.060").  capable of hand and semi-automatic machine insertion.  available in a wide range of styles and finishes for alternative applications.  vibratory bowl fed semi-automatic insertion machines available, details on request. approvals  approved to bs 9000 (bs 9525 f0050) application  self retaining compliant pin for plated through holes in multilayer printed circuit boards.
www.oxleygroup.com/interconnect oxley inc. oxley uk email: sales@oxleyinc.com electronics components division odc: smfil: 40566/2-10/2000 tel: (203) 488 1033 email: sales@oxley.co.uk tel: +44 (0)1229 582621 kinky pin plated through hole (pth) connectors 12 kinky pin test points 020/c/kp2 [i = 3.7 mm (0.146")] 020/pt/kp2 [i = 6.1 mm (0.240")] 020/pt/kp2/l [i = 7.3 mm (0.287")] 028/30p/kp2 030/30p/kp2 040/30p/kp2 050/30p/kp2 060/30p/kp2 028/30p/la/kp2 030/30p/la/kp2 040/30p/la/kp2 050/30p/la/kp2 060/30p/la/kp2 028/30p/kp2/l 030/30p/kp2/l 040/30p/kp2/l 050/30p/kp2/l 060/30p/kp2/l 040/lt/30p/kp2/l 050/lt/30p/kp2/l 060/lt/30p/kp2/l 040/lt/t/kp2 050/lt/t/kp2 060/lt/t/kp2 028/t/kp2 030/t/kp2 040/t/kp2 050/t/kp2 060/t/kp2 prefix: 020/- mounting hole diameter: 0.52 mm (0.020") - 0.68 mm (0.027") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.0 mm (0.039") prefix: 028/- mounting hole diameter: 0.68 mm (0.027") - 0.84 mm (0.033") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.6 mm (0.063") prefix: 030/- mounting hole diameter: 0.81 mm (0.032") - 0.96 mm (0.038") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.6 mm (0.063") prefix: 040/- mounting hole diameter: 0.96 mm (0.038") - 1.12 mm (0.044") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.6 mm (0.063") prefix: 050/- mounting hole diameter: 1.21 mm (0.048") - 1.37 mm (0.054") min. pitch using assembly tool: 3.0 mm (0.118") shoulder diameter a: 2.4 mm (0.094) prefix: 060/- mounting hole diameter: 1.50 mm (0.059") - 1.65 mm (0.065") min. pitch using assembly tool: 3.0 mm (0.118") shoulder diameter a: 2.4 mm (0.094)
www.oxleygroup.com/interconnect oxley inc. oxley uk email: sales@oxleyinc.com electronics components division odc: smfil: 40566/2-10/2000 tel: (203) 488 1033 email: sales@oxley.co.uk tel: +44 (0)1229 582621 13 kinky pin plated through hole (pth) connectors prefix: 028/- mounting hole diameter: 0.68 mm (0.027") - 0.84 mm (0.033") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.6 mm (0.063") prefix: 030/- mounting hole diameter: 0.81 mm (0.032") - 0.96 mm (0.038") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.6 mm (0.063") prefix: 040/- mounting hole diameter: 0.96 mm (0.038") - 1.12 mm (0.044") min. pitch using assembly tool: 2.5 mm (0.098") shoulder diameter a: 1.6 mm (0.063") prefix: 050/- mounting hole diameter: 1.21 mm (0.048") - 1.37 mm (0.054") min. pitch using assembly tool: 3.0 mm (0.118") shoulder diameter a: 2.4 mm (0.094) prefix: 060/- mounting hole diameter: 1.50 mm (0.059") - 1.65 mm (0.065") min. pitch using assembly tool: 3.0 mm (0.118") shoulder diameter a: 2.4 mm (0.094) kinky pin test points 1 mm snaplox kinky-pins (to suit socket type number ls/b1/093) 2 mm snaplox kinky-pins (to suit socket type number ls/b2/156) 028/10p/30p/la/kp2 030/10p/30p/la/kp2 040/10p/30p/la/kp2 050/10p/30p/la/kp2 060/10p/30p/la/kp2 028/10p/30p/kp2/l 030/10p/30p/kp2/l 040/10p/30p/kp2/l 050/10p/30p/kp2/l 060/10p/30p/kp2/l 030/b1/kp2 040/b1/kp2 050/b1/kp2 ls/b1/093 (to suit 1 mm snaplox) 028/so/bk2p 030/so/bk2p 040/so/bk2p 050/so/bk2p 060/so/bk2p 028/so/bk2f 030/so/bk2f 040/so/bk2f 050/so/bk2f 060/so/bk2f 040/lt/bk2p 050/lt/bk2p 060/lt/bk2p 040/lt/bk2f 050/lt/bk2f 060/lt/bk2f
www.oxleygroup.com/interconnect oxley inc. oxley uk email: sales@oxleyinc.com electronics components division odc: smfil: 40566/2-10/2000 tel: (203) 488 1033 email: sales@oxley.co.uk tel: +44 (0)1229 582621 kinky pin plated through hole (pth) connectors 14 assembly tools -/30p/kp2, -/30p/kp2/l, -/lt/30p/kp2/l: at1/kp1 (028 - 040)/t/kp2, -/lt/t/kp2, -/-/bk2f, -/-/bk2p: at1/kp2 -/10p/30p/kp2/l, (050-060)/t/kp2: at1/kp3 -/30p/la/kp2, -/10p/30p/la/kp2: at1/kp4 socket ls/b2/156 (to suit all 2 mm snaplox) 30/ls/093 (to suit -/30p/kp2 and -/30p/kp2/l))
www.oxleygroup.com/interconnect oxley inc. oxley uk email: sales@oxleyinc.com electronics components division odc: smfil: 40566/2-10/2000 tel: (203) 488 1033 email: sales@oxley.co.uk tel: +44 (0)1229 582621 15 kinky pin plated through hole (pth) connectors materials characteristics assembly tools pin copper alloy sockets contact insulation brass high dispersion grade ptfe finishes : pin standard options tin lead gold (standard on snaplox kinky pins) socket standard options silver gold contact resistance (with socket) less than 5 millohms current for 10c rise above ambient 7 a climatic category - 55 to +125 c solderability exceeds requirements of bs 2011 (iec 68) test t component type number tool number -/30p/kp2 -/30p/kp2/l -/lt/30p/kp2/l at1/kp1 (028 - 040) /t/kp2 -/lt/t/kp2 -/-/bk2f -/-/bk2p at1/kp2 -/10p/30p/kp2/l (050 - 060) /t/kp2 at1/kp3 -/30p/la/kp2 -/10p/30p/la/kp2 at1/kp4
www.oxleygroup.com/interconnect oxley inc. oxley uk email: sales@oxleyinc.com electronics components division odc: smfil: 40566/2-10/2000 tel: (203) 488 1033 email: sales@oxley.co.uk tel: +44 (0)1229 582621 kinky pin plated through hole (pth) connectors 16 mounting details and shoulder diameter mounting details : minimum board thickness 1.4 mm (0.055") 0.9 mm (0.036") for 020/- and 2.36 mm (0.093") for -/10p prefix no mounting hole dia. after through plating min. pitch using assembly tool ?a 020/- 0.52 mm (0.020") - 0.68 mm (0.027") 2.5 mm (0.098") 1.0 mm (0.039") 028/- 0.68 mm (0.027") - 0.84 mm (0.033") 2.5 mm (0.098") 1.6 mm (0.063") 030/- 0.81 mm (0.032") - 0.96 mm (0.038") 2.5 mm (0.098") 1.6 mm (0.063") 040/- 0.96 mm (0.038") - 1.12 mm (0.044") 2.5 mm (0.098") 1.6 mm (0.063") 050/- 1.21 mm (0.048") - 1.37 mm (0.054") 3.0 mm (0.118") 2.4 mm (0.094") 060/- 1.50 mm (0.059") - 1.65 mm (0.065") 3.0 mm (0.118") 2.4 mm (0.094")


▲Up To Search▲   

 
Price & Availability of 06010P30PLAKP2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X