Part Number Hot Search : 
T6A6CI MBR645 SMBJ54 TT5665 DI150 SMBJ54 TA8473F PRODUCTS
Product Description
Full Text Search
 

To Download XP1006-FA-0N00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m/a-com tech asias three stage 8.5-11.0 ghz gaas packaged power amplifier has a large signal gain of 21 db with a +40 dbm saturated output power. this device uses m/a-com tech asias gaas phemt device model technology, and is based upon optical gate lithography to ensure high repeatability and uniformity. the device comes in a 10 pin, high frequency, lcc flange package. the package has a copper composite base material and a laminated ceramic substrate. this device is well suited for radar applications. ? x-band 10w power amplifier ? flange package ? 21 db large signal gain ? +40 dbm saturated output power ? 30% power added efficiency ? 100% on-wafer rf, dc and output power testing features general description electrical characteristics (pulsed mode f=10 khz, duty cycle=5%, ta=25 oc) parameter frequency range (f) input return loss (s11) 1 output return loss (s22) 1 large signal gain (s21) gain flatness ( s21) reverse isolation (s12) 1 saturated output power (psat) power added efficiency (pae) drain bias voltage (vd1,2,3) gate bias voltage (vg) supply current (id) (vd=8.0v, vg=-0.7v typical) units ghz db db db db db dbm % vdc vdc a min. 8.5 - - - - - - - - - - typ. - 15.0 12.0 21 +/-0.5 60.0 +40 30 +8.0 -0.7 4.0 max. 11.0 - - - - - - - +8.5 - 4.5 absolute maximum ratings supply voltage (vd) supply current (id) gate bias voltage (vg) input power (pin) storage temperature (tstg) operating temperature (ta) channel temperature (tch) +8.5 vdc 4.5 a +0.0 vdc 30 dbm -65 to +165 oc -55 to mttf table 1 mttf table 1 (1) channel temperature affects a device's mttf. it is recommended to keep channel temperature as low as possible for maximum life. (1) measured on-wafer pre-packaging. xp1006-fa rev 01-sep-10 rohs compliant 8.5-11.0 ghz gaas power amplifier flange, 10 pin page 1 of 6 3f, 3-2 industry east ix road, science-based industrial park hsinchu 30075 taiwan, r.o.c tel +886-3-567-9680 / fax +886-3-567-9433 email mtatechnicalhelp@macomtech.com visit macomtechasia.com for additional data sheets and product information. characteristic data and specifications are subject to change without notice. ?2010 m/a-com tech asia advanced: data sheets contain information regarding a product m/a-com tech asia is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com tech asia has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed.
power amplifier measurements (pulsed mode f=10 khz, duty cycle=5%, ta=25 oc) psat (dbm), pin = 19 dbm (25 devices) 0 5 10 15 20 25 30 35 40 45 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) psat (dbm) psat (dbm), pin = 19 dbm (25 devices) 34 35 36 37 38 39 40 41 42 43 44 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) psat (dbm) large signal gain (db), pin = 19 dbm (25 devices) 0 5 10 15 20 25 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) gain (db) large signal gain (db), pin = 19 dbm (25 devices) 15 16 17 18 19 20 21 22 23 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) gain (db) pae (%), pin = 19 dbm (25 devices) 0% 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) pae (%) drain currents (a), 5 us pulse, pin = 19 dbm (25 devices) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) id (a) xp1006-fa rev 01-sep-10 rohs compliant 8.5-11.0 ghz gaas power amplifier flange, 10 pin page 2 of 6 3f, 3-2 industry east ix road, science-based industrial park hsinchu 30075 taiwan, r.o.c tel +886-3-567-9680 / fax +886-3-567-9433 email mtatechnicalhelp@macomtech.com visit macomtechasia.com for additional data sheets and product information. characteristic data and specifications are subject to change without notice. ?2010 m/a-com tech asia advanced: data sheets contain information regarding a product m/a-com tech asia is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com tech asia has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed.
gate bias (v), (25 devices) -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 freq (ghz) vg (v) following test conditions apply for all measured data unless otherwise stated: vd = 8.0v, 4.0a. pin = +20 dbm, temp = +25c, pulsed duty cycle = 5% xp1006-fa, pout vs temp. 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 8 8.5 9 9.5 10 10.5 11 11.5 12 rf (ghz) pout (dbm) +25 c -40 c +85 c xp1006-fa, pout vs applied dc voltage 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 8 8.5 9 9.5 10 10.5 11 11.5 12 rf (ghz) pout (dbm) 8v, 4a 6v, 4a 7v, 4a xp1006-fa, pout vs dc current 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 8 8.5 9 9.5 10 10.5 11 11.5 12 rf (ghz) pout (dbm) 8v, 3a 8v, 4a 8v, 5a xp1006-fa, pout vs pulse duty cycle 30.0 32.0 34.0 36.0 38.0 40.0 42.0 44.0 8 8.5 9 9.5 10 10.5 11 11.5 12 rf (ghz) pout (dbm) 5% 10% 25% xp1006-fa rev 01-sep-10 rohs compliant 8.5-11.0 ghz gaas power amplifier flange, 10 pin page 3 of 6 3f, 3-2 industry east ix road, science-based industrial park hsinchu 30075 taiwan, r.o.c tel +886-3-567-9680 / fax +886-3-567-9433 email mtatechnicalhelp@macomtech.com visit macomtechasia.com for additional data sheets and product information. characteristic data and specifications are subject to change without notice. ?2010 m/a-com tech asia advanced: data sheets contain information regarding a product m/a-com tech asia is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com tech asia has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. power amplifier measurements (pulsed mode f=10 khz, duty cycle=5%, ta=25 oc)
physical dimensions functional schematic pin designations (note: engineering designator is i0004966) g d d 1 2 3 4 6 5 7 8 9 10 pin description typ. values 0 (flange) gnd 1 vg -0.7 v 2 nc 3 rf in +19.0 dbm 4 nc 5 nc 6 vd(3) 8.0 v 7 nc 8 rf out +40.0 dbm 9 nc 10 vd(1,2,3) 8.0 v xp1006-fa rev 01-sep-10 rohs compliant 8.5-11.0 ghz gaas power amplifier flange, 10 pin page 4 of 6 3f, 3-2 industry east ix road, science-based industrial park hsinchu 30075 taiwan, r.o.c tel +886-3-567-9680 / fax +886-3-567-9433 email mtatechnicalhelp@macomtech.com visit macomtechasia.com for additional data sheets and product information. characteristic data and specifications are subject to change without notice. ?2010 m/a-com tech asia advanced: data sheets contain information regarding a product m/a-com tech asia is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com tech asia has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. m/a-com tech asia
mttf xp1006-fa, mttf with rf power applied 1.0e-01 1.0e+00 1.0e+01 1.0e+02 1.0e+03 1.0e+04 1.0e+05 1.0e+06 20 30 40 50 60 70 80 90 100 110 120 backplate temperature (c) mttf (millions of hours) 100% dc duty cycle 50% dc duty cycle 30% dc duty cycle 10% dc duty cycle xp1006-fa, mttf without rf power 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 1.0e+03 1.0e+04 1.0e+05 20 30 40 50 60 70 80 90 100 110 120 backplate temperature (c) mttf (millions of hours) 100% dc duty cycle 50% dc duty cycle 30% dc duty cycle 10% dc duty cycle mttf is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate. app note [1] biasing - this device is biased with vd(1,2,3) = 8.0v and 4.0 a (pin 6,10). the drain current is controlled by the gate bias with a typical value of vg = -0.7v (pin 1). it is recommended to use active biasing to keep the currents constant as the rf power and temperature vary; this gives the most reproducible results. the recommended power-up sequence is described below: 1. apply -2.0 v to vg 2. apply +8.0 v to vd(1,2,3) 3. adjust vg to achieve nominal drain current 4. apply rf power 5. re-adjust vg to maintain nominal drain current. depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. the gate of the phemt is controlled to maintain correct drain current and thus drain voltage. xp1006-fa rev 01-sep-10 rohs compliant 8.5-11.0 ghz gaas power amplifier flange, 10 pin page 5 of 6 3f, 3-2 industry east ix road, science-based industrial park hsinchu 30075 taiwan, r.o.c tel +886-3-567-9680 / fax +886-3-567-9433 email mtatechnicalhelp@macomtech.com visit macomtechasia.com for additional data sheets and product information. characteristic data and specifications are subject to change without notice. ?2010 m/a-com tech asia advanced: data sheets contain information regarding a product m/a-com tech asia is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com tech asia has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed.
handling and assembly information ordering information life support policy - m/a-com tech asia's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president and general counsel of m/a-com tech asia. as used herein: (1) life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. mounting onto circuit boards - special design considerations allow the Cfa packages to operate at high frequencies. one element required for operation at high frequency is the use of fine geometry leads. fine geometry leads are not as robust, and it is possible to exceed the yield or tensile strength even with small hand tools. even though firmly attached, extra care in handling is essential. precautions: ? check all fixtures used for assembly, lead forming, and testing, to be sure that parts are not subjected to unnecessary physical stress. ? check that test sockets are easy to load, and not likely to torque or twist the leads. ? be sure that the package is attached to a flat surface. ? do not over-torque mounting screws. ? do not use conductive gaskets or shims under the package. ? do not use test fixtures or sockets that may produce a sharp lifting force on the leads. ? if packages must be removed after solder attach, do not pry the leads up so that the force lifting the lead from the board is also lifting the lead from the package. use a probe to press down on the lead-to-package joint, and lift the lead when the solder is fluid. mounting screws - 1. mounting surface should be tapped for close tolerance fit of inner to external thread 2. mounting surface must be flat 3. excessive bending or deformation of the package during mounting is likely to damage the ceramic. to avoid this: ? insert all mounting screws for a given package and tighten all finger tight. ? begin tightening screws on opposite corners of the package to 1/3 torque ? tighten following same screw position pattern to 2/3 torque ? tighten following same screw position pattern to full torque 4. the use of ground or thermal pads under the package is not recommended. product name length, min diameter thread pitch material torque, in-oz screw, english stainless steel socket head cap 1/8" 0 80 type 316 1.0 screw, english stainless steel socket head cap 1/8" 2 56 type 316 2.0 screw, metric stainless steel socket head cap 6 mm m1.6 0.35mm type 316 1.0 screw, metric stainless steel socket head cap 6 mm m2.5 0.45mm type 316 2.0 c a u t i o n : e s d s e n s i t i v e appropriate precautions in handling, packaging and testing devices must be observed. proper esd procedures should be followed when handling this device. xp1006-fa rev 01-sep-10 rohs compliant 8.5-11.0 ghz gaas power amplifier flange, 10 pin page 6 of 6 3f, 3-2 industry east ix road, science-based industrial park hsinchu 30075 taiwan, r.o.c tel +886-3-567-9680 / fax +886-3-567-9433 email mtatechnicalhelp@macomtech.com visit macomtechasia.com for additional data sheets and product information. characteristic data and specifications are subject to change without notice. ?2010 m/a-com tech asia advanced: data sheets contain information regarding a product m/a-com tech asia is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com tech asia has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. ? do not ingest. ? do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. ? observe government laws and company regulations when discarding this product. this product must be discarded in accordance with methods specified by applicable hazardous waste procedures. caution! - m/a-com tech asia mmic products contain gallium arsenide (gaas) which can be hazardous to the human body and the environment. for safety, observe the following procedures: part number for ordering description XP1006-FA-0N00 nickel/gold plated rohs compliant 10l flange package in bulk quantity


▲Up To Search▲   

 
Price & Availability of XP1006-FA-0N00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X