Part Number Hot Search : 
UMH2N TS932BID XBXXX M300004 F1508 M62383FP 78L12 T500APA1
Product Description
Full Text Search
 

To Download WA88PS-3R48F-NS62P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
5 power dera ting curve 0 20 30 40 50 60 70 80 90 100 110 10 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 tempera ture (?c) percent of ra ted power resistance range in ohms tcrs for msi resistors temperature coefficient of resistance type 0.1 1 5 10 1m 10m 100m 250m 500m 750m to < 1 to < 5 to < 10 to < 1 m to < 10m to < 100m to < 250m to < 500m to < 750m to < 1g 96 400 300 200 100 200 200 300 300 400 400 84 300 100 100 100 200 200 300 300 400 400 66 300 100 100 100 200 200 300 300 400 400 98 300 100 100 100 100 200 300 300 400 400 91 100 100 100 100 100 100 150 200 300 300 10 100 100 100 100 100 200 200 200 300 300 20 300 100 100 100 100 100 300 300 400 400 81 100 100 100 100 100 100 200 200 300 300 56 100 100 100 100 100 100 200 200 300 300 19 100 100 100 100 100 100 150 200 300 300 82 100 100 100 100 100 100 150 200 300 300 93 100 100 100 100 100 100 150 200 300 300 61 100 100 100 100 100 100 150 200 300 300 86 100 100 100 100 100 100 300 200 300 300 5 500 200 200 100 100 200 200 200 200 200 83 100 100 100 100 100 100 150 200 300 300 90 100 100 100 100 100 100 200 300 400 400 87 100 100 100 100 100 100 150 200 300 300 94 100 100 100 100 100 100 200 300 400 400 97 200 100 100 100 100 200 200 300 400 400 80 500 300 100 100 100 100 100 100 200 200 88 100 100 100 100 100 100 150 200 300 300 85 500 300 100 100 100 100 100 100 200 200 89 100 100 100 100 100 100 150 200 300 300 68 100 100 100 100 100 100 200 300 400 400 30 200 100 100 100 100 100 150 200 300 300 28 200 100 100 100 100 100 150 200 300 300 26 200 100 100 100 100 100 150 200 300 300 1. table list optimal tcrs, add 200 for standard tcrs. 2. optimal tcrs valid for sm termination, may not be available for all other terminations. ___________________________________________________________ electrical performance characteristics ___________________________________________________________ mil-prf-55342 test mil-prf-55342 requirement msi typical ______________________________________________________________ short term overload 0.25% 0.03% high temperature exposure 0.50% 0.05% thermal shock 0.50% 0.07% low temperature operation 0.25% 0.05% resistance to bonding exposure / soldering heat 0.25% 0.09% moisture resistance 0.50% 0.06% stability (life 70c 2,000hrs) 0.50% 0.04% stability (life 70c 10,000hrs) 2.00% 0.07% ______________________________________________________________ operating temperature range from -55c to +150c power rating at 70c derated linearly to 0% power at 150c. (p=e 2 /r) made in america 8031 rev b 0604
6 mini wa series resistors e-mail: msithick@mini-systemsinc.com web site: http://www.mini-systemsinc.com made in america 8013 rev b 0604 wa series resistors length width thickness pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) mwa 96 0201 0.024 0.002 0.012 0.002 0.008 0.002 0.007 0.002 (0.610 0.051) (0.305 0.051) (0.203 0.051) (0.178 0.051) 84 0202 0.024 0.002 0.021 0.002 0.008 0.002 0.007 0.002 (0.610 0.051) (0.533 0.051) (0.203 0.051) (0.178 0.051) 66 0203 0.027 0.002 0.031 0.002 0.012 0.003 0.008 0.002 (0.686 0.051) (0.787 0.051) (0.305 0.076) (0.203 0.051) 98 0302 0.032 0.003 0.020 0.003 0.012 0.003 0.008 0.003 1 (0.813 0.076) (0.508 0.076) (0.305 0.076) (0.203 0.076) 91 0303 0.030 0.003 0.030 0.003 0.012 0.003 0.008 0.003 1 (0.762 0.076) (0.762 0.076) (0.305 0.076) (0.203 0.076) 10 0404 0.037 0.003 0.035 0.003 0.012 0.003 0.012 0.004 (0.940 0.076) (0.889 0.076) (0.305 0.076) (0.305 0.102) 1 dimensions are for back termination only. length width thickness pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) wa 20 0402 0.044 0.004 0.022 0.003 0.013 0.003 0.011 0.004 (1.118 0.102) (0.559 0.076) (0.330 0.076) (0.279 0.102) 81 0502 0.054 0.005 0.025 0.003 0.013 0.003 0.015 0.005 1 (1.372 0.127) (0.635 0.076) (0.330 0.076) (0.381 0.127) 56 0503 0.050 0.005 0.032 0.003 0.013 0.003 0.015 0.005 (1.270 0.127) (0.813 0.076) (0.330 0.076) (0.381 0.127) 19 0504 0.055 0.005 0.042 0.003 0.013 0.003 0.015 0.005 1 (1.397 0.127) (1.067 0.076) (0.330 0.076) (0.381 0.127) 82 0505 0.054 0.005 0.050 0.003 0.013 0.003 0.015 0.005 1 (1.372 0.127) (1.270 0.076) (0.330 0.076) (0.381 0.127) 93 0603 0.065 0.005 0.032 0.003 0.013 0.003 0.015 0.005 1 (1.651 0.127) (0.813 0.076) (0.330 0.076) (0.381 0.127) 61 0604 0.065 0.005 0.042 0.003 0.018 0.003 0.017 0.005 (1.651 0.127) (1.067 0.076) (0.457 0.076) (0.432 0.127) 1 dimensions are for back termination only.
7 w t l wa (wrap around) wa series resistors length width thickness pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) wa 86 0805 0.080 0.006 0.050 0.003 0.018 0.003 0.015 0.005 (2.032 0.152) (1.270 0.076) (0.457 0.076) (0.381 0.127) 5 1002 0.105 0.005 0.027 0.003 0.013 0.003 0.020 0.005 (2.667 0.127) (0.686 0.076) (0.330 0.076) (0.508 0.127) 83 1005 0.104 0.006 0.050 0.003 0.018 0.004 0.015 0.005 (2.642 0.152) (1.270 0.076) (0.457 0.102) (0.381 0.127) 90 1010 0.104 0.006 0.100 0.003 0.018 0.004 0.015 0.005 (2.642 0.152) (2.540 0.076) (0.457 0.102) (0.381 0.127) 87 1206 0.127 0.006 0.063 0.003 0.018 0.004 0.019 0.005 1 (3.226 0.152) (1.600 0.076) (0.457 0.102) (0.483 0.127) 94 1210 0.125 0.005 0.100 0.003 0.018 0.004 0.019 0.005 (3.175 0.127) (2.540 0.076) (0.457 0.102) (0.483 0.127) 97 1218 0.120 0.005 0.180 0.003 0.030 0.005 0.025 0.005 (3.048 0.127) (4.572 0.076) (0.762 0.127) (0.635 0.127) 80 1505 0.155 0.005 0.050 0.003 0.018 0.004 0.015 0.005 (3.937 0.127) (1.270 0.076) (0.457 0.102) (0.381 0.127) 88 2010 0.210 0.006 0.098 0.003 0.018 0.004 0.020 0.005 (5.334 0.152) (2.489 0.076) (0.457 0.102) (0.508 0.127) 85 2307 0.228 0.005 0.075 0.003 0.018 0.004 0.020 0.005 (5.791 0.127) (1.905 0.076) (0.457 0.102) (0.508 0.127) 89 2512 0.256 0.006 0.124 0.003 0.030 0.005 0.020 0.005 (6.502 0.152) (3.150 0.076) (0.762 0.127) (0.508 0.127) 68 3939 0.394 0.008 0.390 0.005 0.030 0.005 0.043 0.005 (10.008 0.203) (9.906 0.127) (0.762 0.127) (1.092 0.127) 30 5024 0.501 0.008 0.246 0.004 0.030 0.005 0.058 0.005 (12.725 0.203) (6.248 0.102) (0.762 0.127) (1.473 0.127) 28 6632 0.674 0.008 0.332 0.005 0.030 0.005 0.067 0.006 1 (17.120 0.203) (8.433 0.127) (0.762 0.127) (1.702 0.152) 26 6645 0.675 0.009 0.499 0.005 0.030 0.005 0.067 0.006 1 (17.145 0.229) (12.675 0.127) (0.762 0.127) (1.702 0.152) 1 dimensions are for back termination only. made in america 8013 rev b 0604
8 mini hw series resistors e-mail: msithick@mini-systemsinc.com web site: http://www.mini-systemsinc.com made in america 8033 rev a 0604 hw series resistors length width thickness 1 top contact pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) mhw 96 0201 0.023 0.002 0.012 0.002 0.008 0.002 0.005 0.002 (0.584 0.051) (0.305 0.051) (0.203 0.051) (0.127 0.051) 84 0202 0.023 0.002 0.021 0.002 0.008 0.002 0.005 0.002 (0.584 0.051) (0.533 0.051) (0.203 0.051) (0.127 0.051) 66 0203 0.026 0.002 0.031 0.002 0.013 0.003 0.006 0.002 (0.660 0.051) (0.787 0.051) (0.330 0.076) (0.152 0.051) 98 0302 0.031 0.003 0.020 0.003 0.013 0.003 0.006 0.002 (0.787 0.076) (0.508 0.076) (0.330 0.076) (0.152 0.051) 91 0303 0.029 0.003 0.030 0.003 0.013 0.003 0.006 0.002 (0.736 0.076) (0.762 0.076) (0.330 0.076) (0.152 0.051) 10 0404 0.036 0.003 0.035 0.003 0.013 0.003 0.009 0.002 (0.914 0.076) (0.889 0.076) (0.330 0.076) (0.229 0.051) 1 solder may add up to an additional 0.004 in thickness. length width thickness 1 top contact pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) hw 20 0402 0.043 0.004 0.022 0.003 0.013 0.003 0.009 0.002 (1.092 0.102) (0.559 0.076) (0.330 0.076) (0.229 0.051) 81 0502 0.051 0.004 0.025 0.003 0.013 0.003 0.010 0.002 (1.295 0.102) (0.635 0.076) (0.330 0.076) (0.254 0.051) 56 0503 0.048 0.004 0.032 0.003 0.013 0.003 0.011 0.002 (1.219 0.102) (0.813 0.076) (0.330 0.076) (0.279 0.051) 19 0504 0.053 0.004 0.042 0.003 0.013 0.003 0.011 0.002 (1.346 0.102) (1.067 0.076) (0.330 0.076) (0.279 0.051) 82 0505 0.051 0.004 0.050 0.003 0.013 0.003 0.009 0.002 (1.295 0.102) (1.270 0.076) (0.330 0.076) (0.229 0.051) 93 0603 0.063 0.004 0.032 0.003 0.013 0.003 0.010 0.002 (1.600 0.102) (0.813 0.076) (0.330 0.076) (0.254 0.051) 61 0604 0.063 0.004 0.042 0.003 0.018 0.004 0.013 0.002 (1.600 0.102) (1.067 0.076) (0.457 0.102) (0.330 0.051) 1 solder may add up to an additional 0.004 in thickness.
9 w t l hw (half-wrap) hw series resistors length width thickness 1 top contact pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) hw 86 0805 0.078 0.004 0.050 0.003 0.018 0.004 0.013 0.002 (1.981 0.102) (1.270 0.076) (0.457 0.102) (0.330 0.051) 5 1002 0.103 0.004 0.027 0.003 0.013 0.003 0.016 0.002 (2.616 0.102) (0.686 0.076) (0.330 0.076) (0.406 0.051) 83 1005 0.101 0.004 0.050 0.003 0.018 0.004 0.013 0.002 (2.565 0.102) (1.270 0.076) (0.457 0.102) (0.330 0.051) 90 1010 0.101 0.004 0.100 0.003 0.018 0.004 0.012 0.002 (2.565 0.102) (2.540 0.076) (0.457 0.102) (0.305 0.051) 87 1206 0.123 0.004 0.063 0.003 0.018 0.004 0.015 0.002 (3.124 0.102) (1.600 0.076) (0.457 0.102) (0.381 0.051) 94 1210 0.123 0.004 0.100 0.003 0.019 0.004 0.015 0.002 (3.124 0.102) (2.540 0.076) (0.483 0.102) (0.381 0.051) 97 1218 0.118 0.004 0.180 0.003 0.030 0.005 0.022 0.002 (2.997 0.102) (4.572 0.076) (0.762 0.127) (0.559 0.051) 80 1505 0.153 0.004 0.050 0.003 0.018 0.004 0.012 0.002 (3.886 0.102) (1.270 0.076) (0.457 0.102) (0.305 0.051) 88 2010 0.207 0.004 0.098 0.003 0.018 0.004 0.017 0.002 (5.258 0.102) (2.489 0.076) (0.457 0.102) (0.432 0.051) 85 2307 0.226 0.004 0.075 0.003 0.018 0.004 0.016 0.002 (5.740 0.102) (1.905 0.076) (0.457 0.102) (0.406 0.051) 89 2512 0.253 0.004 0.124 0.003 0.030 0.005 0.017 0.002 (6.426 0.102) (3.150 0.076) (0.762 0.127) (0.432 0.051) 68 3939 0.390 0.006 0.390 0.005 0.030 0.005 0.040 0.002 (9.906 0.152) (9.906 0.127) (0.762 0.127) (1.016 0.051) 30 5024 0.497 0.006 0.246 0.005 0.030 0.005 0.053 0.002 (12.624 0.152) (6.248 0.127) (0.762 0.127) (1.346 0.051) 28 6632 0.669 0.006 0.332 0.005 0.030 0.005 0.063 0.002 (16.993 0.152) (8.433 0.127) (0.762 0.127) (1.600 0.051) 26 6645 0.669 0.006 0.499 0.005 0.030 0.005 0.063 0.002 (16.993 0.152) (12.675 0.127) (0.762 0.127) (1.600 0.051) 1 solder may add up to an additional 0.004 in thickness. made in america 8033 rev a 0604
10 mini msr series resistors e-mail: msithick@mini-systemsinc.com web site: http://www.mini-systemsinc.com made in america 8020 rev b 0604 length width thickness 1 pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) msr 96 0201 0.022 0.002 0.012 0.002 0.007 0.002 0.005 0.002 (0.559 0.051) (0.305 0.051) (0.178 0.051) (0.127 0.051) 84 0202 0.022 0.002 0.020 0.002 0.007 0.002 0.005 0.002 (0.559 0.051) (0.508 0.051) (0.178 0.051) (0.127 0.051) 66 0203 0.025 0.002 0.030 0.002 0.012 0.003 0.006 0.002 (0.635 0.051) (0.762 0.051) (0.305 0.076) (0.152 0.051) 98 0302 0.030 0.002 0.020 0.002 0.012 0.003 0.006 0.002 (0.762 0.051) (0.508 0.051 (0.305 0.076) (0.152 0.051) 91 0303 0.028 0.002 0.030 0.002 0.012 0.003 0.006 0.002 (0.711 0.051) (0.762 0.051) (0.305 0.076) (0.152 0.051) 10 0404 0.035 0.002 0.035 0.002 0.012 0.003 0.009 0.002 (0.889 0.051) (0.889 0.051) (0.305 0.076) (0.229 0.051) 1 solder may add up to an additional 0.004 in thickness. msr series resistors length width thickness 1 pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) msr 20 0402 0.040 0.002 0.020 0.002 0.013 0.003 0.009 0.002 (1.016 0.051) (0.508 0.051) (0.330 0.076) (0.229 0.051) 81 0502 0.048 0.002 0.023 0.002 0.013 0.003 0.010 0.002 (1.219 0.051) (0.584 0.051) (0.330 0.076) (0.254 0.051) 56 0503 0.045 0.002 0.030 0.002 0.013 0.003 0.011 0.002 (1.143 0.051) (0.762 0.051) (0.330 0.076) (0.279 0.051) 19 0504 0.050 0.002 0.040 0.002 0.013 0.003 0.011 0.002 (1.270 0.051) (1.016 0.051) (0.330 0.076) (0.279 0.051) 82 0505 0.048 0.002 0.048 0.002 0.013 0.003 0.009 0.002 (1.219 0.051) (1.219 0.051) (0.330 0.076) (0.229 0.051) 93 0603 0.060 0.002 0.030 0.002 0.013 0.003 0.010 0.002 (1.524 0.051) (0.762 0.051) (0.330 0.076) (0.254 0.051) 61 0604 0.060 0.002 0.040 0.002 0.018 0.003 0.013 0.002 (1.524 0.051) (1.016 0.051) (0.457 0.076) (0.330 0.051) 1 solder may add up to an additional 0.004 in thickness.
11 w t l msr (t op contact) msr series resistors length width thickness 1 pad width case inches inches inches inches style type size (mm) (mm) (mm) (mm) msr 86 0805 0.075 0.002 0.048 0.002 0.018 0.003 0.013 0.002 (1.905 0.051) (1.219 0.051) (0.457 0.076) (0.330 0.051) 5 1002 0.100 0.002 0.025 0.002 0.013 0.003 0.016 0.002 (2.540 0.051) (0.635 0.051) (0.330 0.076) (0.406 0.051) 83 1005 0.098 0.002 0.048 0.002 0.018 0.003 0.013 0.002 (2.489 0.051) (1.219 0.051) (0.457 0.076) (0.330 0.051) 90 1010 0.098 0.002 0.098 0.002 0.018 0.003 0.012 0.002 (2.489 0.051) (2.489 0.051) (0.457 0.076) (0.305 0.051) 87 1206 0.121 0.002 0.061 0.002 0.018 0.003 0.015 0.002 (3.073 0.051) (1.549 0.051) (0.457 0.076) (0.381 0.051) 94 1210 0.120 0.002 0.098 0.002 0.018 0.003 0.015 0.002 (3.048 0.051) (2.489 0.051) (0.457 0.076) (0.381 0.051) 97 1218 0.115 0.002 0.179 0.002 0.030 0.005 0.022 0.002 (2.921 0.051) (4.547 0.051) (0.762 0.127) (0.559 0.051) 80 1505 0.150 0.002 0.048 0.002 0.018 0.003 0.012 0.002 (3.810 0.051) (1.219 0.051) (0.457 0.076) (0.305 0.051) 88 2010 0.204 0.002 0.096 0.002 0.018 0.003 0.017 0.002 (5.182 0.051) (2.438 0.051) (0.457 0.076) (0.432 0.051) 85 2307 0.223 0.002 0.073 0.002 0.018 0.003 0.016 0.002 (5.664 0.051) (1.854 0.051) (0.457 0.076) (0.406 0.051) 89 2512 0.250 0.002 0.122 0.002 0.027 0.003 0.017 0.002 (6.350 0.051) (3.099 0.051) (0.686 0.076) (0.432 0.051) 68 3939 0.386 0.002 0.386 0.002 0.030 0.005 0.040 0.002 (9.804 0.051) (9.804 0.051) (0.762 0.127) (1.016 0.051) 30 5024 0.494 0.002 0.243 0.002 0.030 0.005 0.053 0.002 (12.548 0.051) (6.172 0.051) (0.762 0.127) (1.346 0.051) 28 6632 0.666 0.002 0.328 0.002 0.030 0.005 0.063 0.002 (16.916 0.051) (8.331 0.051) (0.762 0.127) (1.600 0.051) 26 6645 0.666 0.002 0.495 0.002 0.030 0.005 0.063 0.002 (16.916 0.051) (12.573 0.051) (0.762 0.127) (1.600 0.051) 1 solder may add up to an additional 0.004 in thickness. made in america 8020 rev b 0604


▲Up To Search▲   

 
Price & Availability of WA88PS-3R48F-NS62P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X