Part Number Hot Search : 
1N990A BR8005G TM9101 NJU3712 8F400 2N4115 CM200 8F400
Product Description
Full Text Search
 

To Download VSORC20AD180100TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 or 50 mil pitch, t-filter resistor/capacitor networks vtsrc, vssrc, vsorc-ad vishay thin film www.vishay.com for technical questi ons contact thin-film@vishay.com document number: 60086 100 revision: 19-jul-06 rc networks small outline, surface mount, emi/rfi reduction, t-filter networks vishay thin film?s schematic ad is designed as an 8 channel filter for use with personal computer and peripheral 110 ports such as scsi ports. the use of single die technology for filtering minimizes space and allows for more freedom in routing. with a rugged molded case to protect the circuit from the environment and an integrated thin film network this product is your choice when reduced size, improved accuracy and surface mount capability are your goals. available packages soic, ssop and tssop. schematic ad features ? lead (pb)-free available ? resistors and capacitors on a single chip ? saves board space ? reduces total assembly costs ? uniform performance characteristics ? compatible with automatic surface mounting equipment ? ul 94v-0 flame resistant ? rugged, molded case construction typical performance * pb containing terminations are not rohs compliant, exemptions may apply actual size 20 19 1 8 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 tcr tolerance resistor 200 10 % tcc tolerance capacitor 200 20 % models standard values vsorc vssrc vtsrc r (ohms) c (pf) x3347 standard electrical specifications test specifications condition material tantalum nitride on silicon resistance range 10 ohms to 750 ohms tcr: tracking 10 ppm/c absolute 200 ppm/c 0 c to + 70 c tolerance: absolute 10 % standard (r) absolute 20 % standard (c) at 1 mhz & v rms over + 10 c to + 70 c power rating: package 1 w - (t)ssop. 1.2 w - soic see derating curve capacitance range 10 pf to 150 pf - tssop/10 pf to 250 pf - soic and ssop stability: r ratio 2 % 1000 hrs. esd protection > 2 kv mil-std-883, method 3015 breakdown voltage 35 - 50 v operating temperature range 0 c to + 70 c storage temperature range - 55 c to + 125 c power rating/resistor 100 mw a v aila b le p b -free rohs* compliant
vtsrc, vssrc, vsorc-ad 25 or 50 mil pitch, t-filter resistor/capacitor networks vishay thin film document number: 60086 for technical questions contact thin-film@vishay.com www.vishay.com revision: 19-jul-06 101 rc networks dimensions and imprinting in inches and millimeters derating curve b c pin #1 model date code d a res/cap x x x x x xxx/xxx x x x x e h j g f w model vtsrc20-ad vssrc20-ad vsorc20-ad inches millimeters inches millimeters inches millimeters a 0.256 0.003 6.5 0.08 0.344 max. 8.74 max. 0.500 0.010 12.7 0.25 b (ref.) 0.025 0.65 0.025 0.64 0.050 1.27 c (ref.) 0.0087 0.22 0.010 0.25 0.016 0.41 d 0.004 0.10 0.006 0.15 0.008 0.20 e (typ.) 0.024 0.61 0.025 0.64 0.030 0.76 f 0.173 0.003 4.39 0.08 0.154 0.003 3.9 0.293 0.003 7.44 g 0.015 45 0.38 0.015 45 0.38 0.025 45 0.64 h 0.252 0.005 6.4 0.13 0.236 0.008 6.0 0.20 0.406 0.005 10.31 j (ref.) 0.005 0.13 0.010 0.25 0.010 0.25 w 0.043 0.005 1.09 0.13 0.064 0.005 1.6 0.100 0.005 2.59 imprinting vsorc, vssrc, vtsrc 20 ad xxx / xxx model pin count schematic resistance code: e.g. 100 = 10 ohm / capacitance code: e.g. 101 = 100 pf xxxx date code * optional marking mechanical specifications resistive element tantalum nitride substrate material silicon body molded epoxy terminals copper alloy plating tin lead lead coplanarity 0.0005 inches marking resistance to solvents permanency testing per mil-std-202, method 215 lead (pb)-free option 100 % sn matte lead (pb)-free finish plated 100 8 0 60 40 20 0 - 50 0 25 70 125 150 r e w o p d e t a r f o t n e c r e p am b ient temperat u re c packing information model leads tape and reel tubes vtsrc (tssop) 20 2500 74 vssrc (ssop) 20 2500 55 vsorc (soic) 20 1000 38
vtsrc, vssrc, vsorc-ad vishay thin film 25 or 50 mil pitch, t-filter resistor/capacitor networks www.vishay.com for technical questi ons contact thin-film@vishay.com document number: 60086 102 revision: 19-jul-06 rc networks global part number information new global part numbering: vtsrc20ad330470t1 (preferred part number format) global model number of leads/ schematics resistance & tolerance/ capacitance & tolerance pac k ag i n g vtsrc vssrc vsorc (lead (pb)-free) (e1) 20ad xxxyyy first 2 digits are significant figures. last digit specifies number of zeroes to follow. k = 10 % capacitor tol. fixed m = 20 % resistance tol. fixed uf = tubed tape and reel tf = full reels historical part number example: vtsrc20ad330k470mt/r (will continue to be accepted) vtsrc 20 ad 330k 470m t/r model number of leads schematic resistance tolerance packaging src2 ad3 0 vt 047 3 0t1
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of VSORC20AD180100TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X