Part Number Hot Search : 
ST333C T6302 MAX5422 CSNL361 STPS2L40 00022 2SK2183 2SK3901
Product Description
Full Text Search
 

To Download VC-495-DPF-305A-167331645MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 vectron international ?267 lowell road, hudson, nh 03051 ?tel: 1-88-vectron-1 ?web: www.vectron.com performance characteristics description precision 14 x 9 mm vcxo with high frequency crystal, standard footprint. features ?small smd hff vcxo ?50.0mhz to 170mhz ?3.3v supply voltage ?-20 to +70? / -40 to 85? ?lvpecl / hcmos / lvds output ?complementary outputs available frequency: f o 50.0 170.0 mhz supply voltage: vcc 3.135 3.3 3.465 v output option a lvhcmos: i cc 20.0 40.0 ma option f compl. lvpecl: i cc 50.0 70.0 ma option p compl. lvds: i cc 15.0 40.0 ma output option a lvhcmos option f: complementary. lvpecl option p: complementary. lvds output load option a: 1 kohm // 15pf option f: 50 ohm option p: 100 ohm differential rise/fall time tr/tf: option a: t r / t f 3.0 ns option f: t r / t f 1.0 ns option p: t r / t f 1.0 ns symmetry (duty/cycle): sym 40 60 % temp. stab. d - 205 -20 to +70?: f temp -20.0 +20.0 ppm f - 305 -40 to +85?: f temp -30.0 +30.0 ppm accuracy @ +25c after reflow: fcal -15.0 +15.0 ppm aging first year: f first -3.0 +3.0 ppm aging per year thereafter: f aging -2.0 +2.0 ppm freq. vs. supply for 5% change: f sup -3.0 +3.0 ppm freq. vs. load for 10% change: f load -1.0 +1.0 ppm deviation: f pull 100 ppm control voltage: v c 0.3 3.0 v transfer function: positive linearity: lin 10 % storage temperature: ts -45 +95 ? package size: 13.8 x 9.1 x 5.5 mm parameter symbol minimum typical maximum units voltage controlled crystal oscillators vc-490/495 8798_aa's vectron 05/30/02 3:11 pm page 18
19 vectron international ?267 lowell road, hudson, nh 03051 ?tel: 1-88-vectron-1 ?web: www.vectron.com vc-490/495 option a outline drawing/pad layout ordering information pin function 1 control voltage 2 gnd, case 3 rf output 4 supply voltage option f, p outline drawing/pad layout pin out information, vc-490 pin function 1 control voltage 2 n.c. (output enable/disable) 3 gnd, case 4 rf output 5 complementary rf-output 6 supply voltage pin out information, vc-495 61.44mhz 77.76mhz 125.0mhz 155.52mhz 166.6286mhz 167.331645mhz standard frequencies vc t emperature & stability d-205 = 20ppm over -20 to +70 o c f-305 = 30ppm over 40 to +85 o c output frequency 50.0... 170.0mhz 490 a d d 205 155.52 product family vc =vcxo package 490 =13.8x9.1x5.5mm with 6 pads 495 =13.8x9.1x5.5mm with 4 pads supply v oltage d = +3.3v + 5% output t ype a= lvcmos f = complementary. lvpecl p= complementary. lvds mhz a voltage controlled crystal oscillators vcxo 8798_aa's vectron 05/30/02 3:11 pm page 19


▲Up To Search▲   

 
Price & Availability of VC-495-DPF-305A-167331645MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X