Part Number Hot Search : 
16LV8 16LV8 16LV8 TS9519GF STBC0 20030 LA7470 AT54C
Product Description
Full Text Search
 

To Download TPC27AHM387A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 89056 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 10-may-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount par ? transient voltage suppressors high temperature stability an d high reliability conditions tpc6.8 thru tpc43a vishay general semiconductor new product typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automoti ve, and telecommunication. features ? junction passivation optimized design passivated anisotropic rectifier technology ?t j = 185 c capability suitable for high reliability and automotive requirement ? very low profile - typical height of 1.1 mm ? ideal for automated placement ? uni-direction only ? excellent clamping capability ? low incremental surge resistance ? very fast response time ? meets msl level 1, per j-std-020 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to ie c 61249-2-21 definition mechanical data case: to-220aa (smpc) molding compound meets ul 94 v-0 flammability rating base p/nhm3 - halogen-free, rohs compliant, and automotive grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 hm3 suffix meets jesd 201 class 2 whisker test notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) measured on 8.3 ms single hal f sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum (3) pulse test: 300 s pulse width, 1 % duty cycle primary characteristics v br 6.8 v to 43 v p ppm 1500 w i fsm 200 a t j max. 185 c to-277a (smpc) a 2 1 esmp ? series cathode 1 cathode 2 anode a maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol value unit peak power dissipation with a 10/1000 s wavefo rm (fig. 3) (1)(2) p ppm 1500 w peak power pulse current with a 10/1000 s waveform (fig. 1) (1) i ppm see next table a peak forward surge current 8. 3 ms single ha lf sine-wave (2) i fsm 200 a maximum instantaneous forward voltage at 100 a (3) v f 3.5 v operating junction and storage temperature range t j , t stg - 65 to + 185 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 89056 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 10-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tpc6.8 thru tpc43a vishay general semiconductor new product notes (1) v br measured after i t applied for 300 s, i t = square wave pulse or equivalent (2) surge current waveform per fi g. 3 and derated per fig. 2 (3) all terms and symbols are cons istent with ansi/ieee c62.35 electrical characteristics (t a = 25 c, unless otherwise noted) device type device marking code breakdown voltage v br (1) at i t (v) test current i t ( m a) stand-off voltage v wm (v) maximum reverse leakage at v wm i r ( a) maximum reverse leakage at v wm t j = 150 c i d ( a) maximum peak pulse surge current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) min. max. tpc6.8 ddp 6.12 7.48 10 5.50 1500 10 000 139 10.8 tpc6.8a dep 6.45 7.14 10 5.80 1500 10 000 143 10.5 tpc7.5 dfp 6.75 8.25 10 6.05 500 5000 128 11.7 tpc7.5a dgp 7.13 7.88 10 6.40 500 5000 133 11.3 tpc8.2 dhp 7.38 9.02 10 6.63 200 2000 120 12.5 tpc8.2a dkp 7.79 8.61 10 7.02 200 2000 124 12.1 tpc9.1 dlp 8.19 10.0 1.0 7.37 50 500 109 13.8 tpc9.1a dmp 8.65 9.55 1.0 7.78 50 500 112 13.4 tpc10 dnp 9.0 11.0 1.0 8.10 20 200 100 15.0 tpc10a dpp 9.5 10.5 1.0 8.55 20 200 103 14.5 tpc11 dqp 9.9 12.1 1.0 8.92 5.0 50 92.6 16.2 tpc11a drp 10.5 11.6 1.0 9.40 5.0 50 96.2 15.6 tpc12 dsp 10.8 13.2 1.0 9.72 2.0 10 86.7 17.3 tpc12a dtp 11.4 12.6 1.0 10.2 2.0 10 89.8 16.7 tpc13 dup 11.7 14.3 1.0 10.5 2.0 10 78.9 19.0 tpc13a dvp 12.4 13.7 1.0 11.1 2.0 10 82.4 18.2 tpc15 dwp 13.5 16.5 1.0 12.1 1.0 10 68.2 22.0 tpc15a dxp 14.3 15.8 1.0 12.8 1.0 10 70.8 21.2 tpc16 dyp 14.4 17.6 1.0 12.9 1.0 10 63.8 23.5 tpc16a dzp 15.2 16.8 1.0 13.6 1.0 10 66.7 22.5 tpc18 edp 16.2 19.8 1.0 14.5 1.0 10 56.6 26.5 tpc18a eep 17.1 18.9 1.0 15.3 1.0 10 59.5 25.2 tpc20 efp 18.0 22.0 1.0 16.2 1.0 10 51.5 29.1 tpc20a egp 19.0 21.0 1.0 17.1 1.0 10 54.2 27.7 tpc22 ehp 19.8 24.2 1.0 17.8 1.0 10 47.0 31.9 tpc22a ekp 20.9 23.1 1.0 18.8 1.0 10 49.0 30.6 tpc24 elp 21.6 26.4 1.0 19.4 1.0 10 43.2 34.7 tpc24a emp 22.8 25.2 1.0 20.5 1.0 10 45.2 33.2 tpc27 enp 24.3 29.7 1.0 21.8 1.0 10 38.4 39.1 tpc27a epp 25.7 28.4 1.0 23.1 1.0 10 40.0 37.5 tpc30 eqp 27.0 33.0 1.0 24.3 1.0 10 34.5 43.5 tpc30a erp 28.5 31.5 1.0 25.6 1.0 10 36.2 41.4 tpc33 esp 29.7 36.3 1.0 26.8 1.0 10 31.4 47.7 tpc33a etp 31.4 34.7 1.0 28.2 1.0 10 32.8 45.7 tpc36 eup 32.4 39.6 1.0 29.1 1.0 15 28.8 52.0 tpc36a evp 34.2 37.8 1.0 30.8 1.0 15 30.1 49.9 tpc39 ewp 35.1 42.9 1.0 31.6 1.0 15 26.6 56.4 tpc39a exp 37.1 41.0 1.0 33.3 1.0 15 27.8 53.9 tpc43 eyp 38.7 47.3 1.0 34.8 1.0 20 24.2 61.9 tpc43a ezp 40.9 45.2 1.0 36.8 1.0 20 25.3 59.3
document number: 89056 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 10-may-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tpc6.8 thru tpc43a vishay general semiconductor new product note (1) automotive grade ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature fig. 3 - pulse waveform fig. 4 - typical j unction capacitance ordering information (example) preferred p/n unit weight (g) preferred package code base qu antity delivery mode tpc10ahm3/86a (1) 0.10 86a 1500 7" diameter plastic tape and reel tpc10ahm3/87a (1) 0.10 87a 6500 13" diameter plastic tape and reel 0.1 1 10 100 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms p ppm - peak po w er (kw) t d - p u lse width (s) t a = 25 c non-repetiti v e p u lse wa v eform sho w n in fig. 3 0 25 50 75 100 0 50 100 150 200 t j - initial temperat u re (c) peak p u lse p o w er (p pp ) or c u rrent (i pp ) derating in p ercentage ( %) 0 50 100 150 t r = 10 s peak val u e i ppm half val u e - i ppm i pp 2 t d 10/1000 s wa v eform as defined by r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse width (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 10 100 1000 10 000 1 10 100 j u nction capacitance (pf) v br - breakdo w n voltage (v) t j = 25 c f = 1.0 mhz v sig = 50 mvp-p v r , meas u red at zero bias v r meas u red at stand-off voltage, v wm
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 89056 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 10-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tpc6.8 thru tpc43a vishay general semiconductor new product package outline dimensions in inches (millimeters) conform to jedec to-277a to-277a ( s mpc) 0.016 (0.40) 0.006 (0.15) 0.047 (1.20) 0.039 (1.00) 0.146 (3.70) 0.134 (3.40) 0.087 (2.20) 0.075 (1.90) 0.189 (4.80) 0.173 (4.40) 0.049 (1.24) 0.037 (0.94) 0.053 (1.35) 0.041 (1.05) 0.030 (0.75) nom. 0.084 (2.13) nom. 0.155 (3.94) nom. mountin g pa d layout 0.268 (6.80) 0.186 (4.72) min. 0.050 (1.27) min. 0.041 (1.04) 0.055 (1.40) min. 0.189 (4.80) min. 0.187 (4.75) 0.175 (4.45) 0.262 (6.65) 0.250 (6.35) 0.242 (6.15) 0.238 (6.05) 0.171 (4.35) 0.167 (4.25) a k 2 k 1
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TPC27AHM387A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X