Part Number Hot Search : 
20ESK6 IE0505S 1SV302 A5801024 043045 W86L387D N4751 BU508D
Product Description
Full Text Search
 

To Download TFR315B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfr 315b.doc version 1.1 23.09.05 vi telefilter resonator specification tfr 315b 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. measurement condition ambient temperature: 25 c input power level: 0 dbm terminating impedance: * input: 50 ? output: 50 ? characteristics remark: the minimum of the pass band attenuation a min is defined as the insertion loss a e . the centre frequency f c is the frequency of t he minimum of the passband attenuation a min . the tolerance for the centre frequency also includes a frequency shift due to the temperature coefficient of frequency tc f in the operating temperature range and a production to lerance for the centre frequency f c . d a t a typ. value tolerance / limit insertion loss a e = a min - max. 2,5 db (reference level) centre frequency f c 315,15 mhz 100 khz ageing of centre frequency (absolute value during the first year) - max. -40/+10 ppm/yr quality factor unloaded q 8400 - loaded q 50 ? 2000 - parallel capacitance c 0 3,8 pf - motional resistance r 1 27 ? - motional inductance l 1 117 h - motional capacitance c 1 2,1 ff - dc insulation resistance - min. 1 m ? permissible dc voltage v dc - max. 12 v input power level - max. 0 dbm operating temperature range otr - -10 c ... + 60c storage temperature range - -40 c ... + 85c turnover temperature t 0 25 c max. 15 c temperature coefficient of frequency tc f ** 0,035 ppm/k 2 *) the equivalent circuit m odel is for reference only. **) ? f(hz) = tc f (ppm/k2) x (t 0 -t)2 x f cat (mhz). generated: checked / approved:
filename: tfr 315b.doc version 1.1 23.09.05 vi telefilter resonator specification tfr 315b 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. resonator characteristic 314.7 314.8 314.9 315 315.1 315.2 315.3 315.4 315.5 315.6 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 frequency in mhz magnitude in db 314.7 314.8 314.9 315 315.1 315.2 315.3 315.4 315.5 315.6 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 frequency conductance in s construction and pin connection (all dimensions in mm) 3,8 0,15 1 3 4 6 1,2 max. 1,5 1 0,64 2,54 0,3x45 13 6 4 date code 50 ohm test circuit l test = 80 nh equivalent circuit 2 5 c 0 l1 saw l 2 2 5 1, 3, 4, 6 r 1 l 1 c 1 315b r t28 1 ground 2 input 3 ground 4 ground 5 output 6 ground date code: year + week t 2005 u 2006 v 2007 ...
filename: tfr 315b.doc version 1.1 23.09.05 vi telefilter resonator specification tfr 315b 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. stability characteristics after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely, 1 octave per min, 10 cycles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; packing tape & reel: iec 286 ? 3, with exeption of value for n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters peer reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 a o : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 reel (all dimensions in mm) a : 330 w1 : 12,4 +2/-0 w2(max) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2
filename: tfr 315b.doc version 1.1 23.09.05 vi telefilter resonator specification tfr 315b 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfr 315b.doc version 1.1 23.09.05 vi telefilter resonator specification tfr 315b 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. history version reason of changes name date 1.0 - generation of development s pecification steiner 05.09.2005 1.1 - added resonator characteristic; generation of resonator specification martens 23.09.2005


▲Up To Search▲   

 
Price & Availability of TFR315B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X