Part Number Hot Search : 
A1540 VNQ810M S1202 SP3078E IC16F8 2SB899F AM2147 330K100
Product Description
Full Text Search
 

To Download SUD50P04-09L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix sud50p04-40p new product document number: 69731 s-80109-rev. b, 21-jan-08 www.vishay.com 1 p-channel 40-v (d-s) mosfet features ? trenchfet ? power mosfet ? 100 % uis tested applications ? backlight inverter for lcd display ? full bridge dc/dc converter product summary v ds (v) r ds(on) ( ) i d (a) a q g (typ.) - 40 0.040 at v gs = - 10 v - 8 17 nc 0.050 at v gs = - 4.5 v - 8 to-252 s gd top v ie w drain connected to ta b orderin g information: sud50p04-40p-e3 (lead (p b )-free) s g d p-channel mosfet notes: a. package limited. b. surface mounted on 1" x 1" fr4 board. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds - 40 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) t c = 25 c i d - 8 a a t c = 70 c - 8 a t a = 25 c - 6 b t a = 70 c - 4.8 b pulsed drain current i dm - 30 continuous source-drain diode current t c = 25 c i s - 8 a t a = 25 c - 2.0 b single pulse avalanche current l = 0.1 mh i as 15 avalanche energy e as 11.25 mj maximum power dissipation t c = 25 c p d 24 w t c = 70 c 15.3 t a = 25 c 2.4 b t a = 70 c 1.5 b operating junction and storage temperature range t j , t stg - 55 to 150 c thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b steady state r thja 43 52 c/w maximum junction-to-case steady state r thjc 4.3 5.2 rohs compliant
www.vishay.com 2 document number: 69731 s-80109-rev. b, 21-jan-08 vishay siliconix sud50p04-40p new product notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = - 250 a - 40 v v ds temperature coefficient v ds /t j i d = - 250 a - 41 mv/c v gs(th) temperature coefficient v gs(th) /t j 4.3 gate-source threshold voltage v gs(th) v ds = v gs , i d = - 250 a - 1.4 - 2.7 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = - 40 v, v gs = 0 v - 1 a v ds = - 40 v, v gs = 0 v, t j = 70 c - 20 on-state drain current a i d(on) v ds - 5 v, v gs = - 10 v - 10 a drain-source on-state resistance a r ds(on) v gs = - 10 v, i d = - 5 a 0.030 0.040 v gs = - 4.5 v, i d = - 4 a 0.036 0.050 forward transconductance a g fs v ds = - 15 v, i d = - 5 a 20 s dynamic b input capacitance c iss v ds = - 20 v, v gs = 0 v, f = 1 mhz 1555 pf output capacitance c oss 176 reverse transfer capacitance c rss 142 total gate charge q g v ds = - 20 v, v gs = - 10 v, i d = - 5 a 38.5 60 nc v ds = - 20 v, v gs = - 4.5 v, i d = - 5 a 17 27 gate-source charge q gs 4.2 gate-drain charge q gd 7.0 gate resistance r g f = 1 mhz 3 tu r n - o n d e l ay t i m e t d(on) v dd = - 20 v, r l = 4 i d ? - 5 a, v gen = - 4.5 v, r g = 1 47 80 ns rise time t r 60 110 turn-off delay time t d(off) 35 60 fall time t f 13 25 tu r n - o n d e l ay t i m e t d(on) v dd = - 20 v, r l = 4 i d ? - 5 a, v gen = - 10 v, r g = 1 10 20 rise time t r 14 25 turn-off delay time t d(off) 36 60 fall time t f 10 20 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c - 8 a pulse diode forward current a i sm - 30 body diode voltage v sd i s = - 2 a - 0.76 - 1.2 v body diode reverse recovery time t rr i f = 20 a, di/dt = 100 a/s, t j = 25 c 22 40 ns body diode reverse recovery charge q rr 22 40 nc reverse recovery fall time t a 15 ns reverse recovery rise time t b 7
document number: 69731 s-80109-rev. b, 21-jan-08 www.vishay.com 3 vishay siliconix sud50p04-40p new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current gate charge 0 6 12 1 8 24 30 0.0 0.5 1.0 1.5 2.0 2.5 v ds - drain-to-so u rce v oltage ( v ) - drain c u rrent (a) i d v gs =10thr u 4 v 3 v 0.020 0.026 0.032 0.03 8 0.044 0.050 0 6 12 1 8 24 30 - on-resistance ( ) r ds(on) i d - drain c u rrent (a) v gs =4.5 v v gs =10 v 0 2 4 6 8 10 0 8 16 24 32 40 i d =5a - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v gs v ds =10 v v ds =20 v v ds =30 v transfer characteristics capacitance on-resistance vs. junction temperature 0 1 2 3 4 5 0.0 0. 8 1.6 2.4 3.2 4.0 v gs - gate-to-so u rce v oltage ( v ) - drain c u rrent (a) i d t j = 25 c t j = - 55 c t j = 125 c c rss 0 500 1000 1500 2000 2500 0 6 12 1 8 24 30 c oss c iss v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 - 50 - 25 0 25 50 75 100 125 150 t j - j u nction temperat u re (c) ( n ormalized) - on-resistance r ds(on) i d =5a v gs =10 v v gs =4.5 v
www.vishay.com 4 document number: 69731 s-80109-rev. b, 21-jan-08 vishay siliconix sud50p04-40p new product typical characteristics 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage single pulse power, junction-to-case 0.0 0.3 0.6 0.9 1.2 1.5 t j = 150 c 100 v sd - so u rce-to-drain v oltage ( v ) - so u rce c u rrent (a) i s 10 t j = 25 c 1 - 0.3 - 0.1 0.1 0.3 0.5 0.7 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a v ariance ( v ) v gs(th) t j - temperat u re (c) i d =5ma 0 24 4 8 72 96 120 0 1 1 1 0 0 . 00.01 time (s) po w er ( w ) 0.1 on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient safe operating area, junction-to-ambient 0 0.03 0.06 0.09 0.12 0246 8 10 - on-resistance ( ) r ds(on) v gs - gate-to-so u rce v oltage ( v ) t a =25 c t a = 125 c i d =5a 0 24 4 8 72 96 120 0.001 0.01 0.1 1 10 100 time (s) po w er ( w ) 0.01 100 1 100 0.01 - drain c u rrent (a) i d 0.1 v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified 1ms 10 ms 100 ms dc 10 s 0.1 1 10 10 t a = 25 c single p u lse 1s limited b yr ds(on) *
document number: 69731 s-80109-rev. b, 21-jan-08 www.vishay.com 5 vishay siliconix sud50p04-40p new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max) = 175 c, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for case s where additional heatsinking is used. it is used to determine the cu rrent rating, when this rating falls below the package limit. safe operating area, junction-to-case current derating*, junction-to-case power derating*, junction-to-case 0.01 100 1 100 0.01 - drain c u rrent (a) i d 0.1 v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified 1ms 10 ms 100 ms dc 100 s 0.1 1 10 10 t c = 25 c single p u lse limited b yr ds(on) * 0 4 9 13 1 8 22 0 25 50 75 100 125 150 t c - case temperat u re (c) i d - drain c u rrent (a) package limited 0 7 14 21 2 8 35 0 25 50 75 100 125 150 175 t c - case temperat u re (c) po w er ( w ) current derating*, junction-to-ambient power derating*, junction-to-ambient 0 1 3 4 6 7 0 25 50 75 100 125 150 t a - am b ient temperat u re (c) - drain c u rrent (a) i d 0 0.7 1.4 2.1 2. 8 3.5 0 25 50 75 100 125 150 175 t a - am b ient temperat u re (c) po w er ( w )
www.vishay.com 6 document number: 69731 s-80109-rev. b, 21-jan-08 vishay siliconix sud50p04-40p new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?69731. normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 1000 10 -1 10 -4 100 0.2 0.1 0.05 0.02 sq u are w a v ep u lse d u ration (s) n ormalized effecti v e transient thermal impedance 1 0.1 0.01 single p u lse t 1 t 2 n otes: p dm 1. d u ty cycle, d = 2. per unit base = r thja = 52 c/ w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. s u rface mo u nted d u ty cycle = 0.5 normalized thermal transient impedance, junction-to-case 10 -3 10 -2 0 1 1 10 -1 10 -4 0.2 0.1 d u ty cycle = 0.5 sq u are w a v ep u lse d u ration (s) n ormalized effecti v e transient thermal impedance 1 0.1 0.01 single p u lse 0.02 0.05
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SUD50P04-09L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X