Part Number Hot Search : 
CXD2093Q STK500 ATTINY GBJ2K G5512 AD7541 62200 MSO2M
Product Description
Full Text Search
 

To Download SPS-9380VW-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway SPS-9380VW-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2009 v1.0 1 sps-9380vw-c xx 0g (rohs compliant) cwdm / 3 gb/s medium power sm video digital diagnostic sfp transceiver ********************************************************************************************************************************************************************** features l smpte 297-2006 compatible l hot-pluggable sfp footprint lc optical transceiver l small form-factor pluggable (sfp) msa compatible l speed from 50 mbps to 3gbps l power budger > 28 db l support video pathological patterns for sd-sdi, hd-sdi and 3g-sdi l 18-ch cwdm: 1270 nm to 1610 nm l sff-8472 digital diagnostic function l single +3.3 v power supply l rohs-6 compliant l 0 to 70 o c operation l hot pluggable l class 1 laser international safety standard iec-60825 compliant applications l smpte 297-2006 compliant electrical-to-optical interfaces l high-density video routers description the SPS-9380VW-CXX0G is a single mode transceiver module designed to transmit/receive optical serial digital signals as defined in smpte 297-2006. it supports from 50 mbps to 3 gbps and is specifically designed for transmitted the smpte 259m, smpte 344m, smpte 292m and smpte 424m sdi pathological patterns. it is with the sfp 20-pin connector to allow hot plug capability. digital diagnostic functions are available via an i 2 c. this module is designed for single mode fiber and operates at a nominal wavelength of cwdm wavelength. there are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm. a guaranteed minimum optical link budget of 28 db is offered. the transmitter section uses a multiple quantum well cwdm dfb laser and is a class 1 laser compliant according to international safety standard iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. laser safety this single mode transceiver is a class 1 laser product. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information tx rx p/no. type bit rate (mb/s) (nm) power (dbm) (nm) sen. (dbm) package temp ( o c) rohs compliant SPS-9380VW-CXX0G transceiver 50 to 3000 cwdm* 4 to 0 1260/1620 -9 to -28 lc sfp with dmi 0 to 70 yes cwdm * wavelength (0 to 70 o c) central wavelength min. (nm) typ. (nm) max. (nm) clasp color code central wavelength min. (nm) typ. (nm) max. (nm) clasp color code -c270 1264.5 1270 1277.5 light purple -c450 1444.5 1450 1457.5 yellow orange -c290 1284.5 1290 1297.5 sky blue -c470 1464.5 1470 1477.5 gray -c310 1304.5 1310 1317.5 yellow green -c490 1484.5 1490 1497.5 violet -c330 1324.5 1330 1337.5 yellow ocher -c510 1504.5 1510 1517.5 blue -c350 1344.5 1350 1357.5 pink -c530 1524.5 1530 1537.5 green -c370 1364.5 1370 1377.5 beige -c550 1544.5 1550 1557.5 yellow -c390 1384.5 1390 1397.5 white -c570 1564.5 1570 1577.5 orange -c410 1404.5 1410 1417.5 silver -c590 1584.5 1590 1597.5 red -c430 1424.5 1430 1437.5 black -c610 1604.5 1610 1617.5 brown cwdm * : 18 wavelengths from 1270 nm to 1610 nm, each step 20 nm.
optoway SPS-9380VW-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2009 v1.0 2 absolute maximum ratings exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating case temperature tc 0 70 o c power supply voltage vcc 0 4 v esd tolerance on all pins 1 kv hbm relative humidity --- 5 95 % rh non-condensing recommended operating conditions parameter symbol min typ max units / notes power supply voltage vcc 3.13 3.3 3.47 v operating case temperature tc 0 70 o c baud rate 50 3000 mb/s power supply current icc 200 300 ma transmitter specifications (0 o c < tc < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes optical optical transmit power po 0 4 dbm 1 output center wavelength l l c C 5.5 l c l c +7.5 nm 2 output spectrum width dl --- 1 nm -20 db width side mode suppression ratio smsr 30 db extinction ratio er 5 7.5 db relative intensity noise rin -120 db/hz 135 ps 3, smpte 424m 270 ps 3, smpte 292m 800 ps 3, smpte 344m optical rise time / fall time tr / tf 1.5 ns 3, smpte 259m electrical differential input voltage v ih - v il 200 1200 mvp-p ac coupled input disable input voltage -- low v tdis,l 0 0.8 v tx output enabled disable input voltage -- high v tdis,h 2.0 vcc+0.3 v tx ouput disabled v oh 2.5 vcc+0.3 v scl, sda v ol 0 0.5 v 1. output power is power coupled into a 9/125 m m single mode fiber. 2. itu-t g.694.2 cwdm wavelength from 1270 nm to 1610 nm, each step 20 nm. 3. 20% to 80%, unfiltered. receiver specifications (0 o c < tc < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes optical wavelength of operation 1260 --- 1620 nm -9 --- -28 dbm pathological sensitivity for smpte 424m 2.97 gb/s sen -9 --- -28 dbm prbs 2 23 -1, ber=1e-12 -9 --- -28 dbm pathological sensitivity for smpte 292m 1.485 gb/s sen -9 --- -28 dbm prbs 2 23 -1, ber=1e-12 signal detect -- asserted pa --- --- -28 dbm transition: low to high signal detect -- deasserted pd -36 --- --- dbm transition: high to low signal detect -- hysteresis 1 6 db optical return loss -27 db
optoway SPS-9380VW-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2009 v1.0 3 electrical cml output (differential) 550 660 850 mvp-p ac coupled output 135 ps 4, smpte 424m 270 ps 4, smpte 292m 800 ps 4, smpte 344m optical rise time / fall time tr / tf 1.5 ns 4, smpte 259m output los voltage -- low v ol 0 0.5 v i ol =-1.6ma, 1 ttl unit load output los voltage -- high v oh 2.5 vcc+0.3 v i oh =40 m a, 1 ttl unit load v oh 2.5 vcc+0.3 v scl, sda v ol 0 0.5 v 4. 20% to 80%, unfiltered.
optoway SPS-9380VW-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2009 v1.0 4 connection diagram pin signal name description pin signal name description 1 tx gnd transmitter ground 11 rx gnd receiver ground 2 tx fault transmitter fault indication 12 rx data out- inverse receiver data out 3 tx disable transmitter disable (module disables on high or open) 13 rx data out+ receiver data out 4 mod-dfe2 modulation definition 2 C two wires serial id interface 14 rx gnd receiver ground 5 mod-def1 modulation definition 1 C two wir es serial id interface 15 vcc rx receiver power C 3.3v 5% 6 mod-def0 modulation definition 0 C ground in module 16 vcc tx transmitter power C 3.3v 5% 7 n/c not connected 17 tx gnd transmitter ground 8 los loss of signal 18 tx data in+ transmitter data in 9 rx gnd receiver ground 19 tx data in- inverse transmitter data in 10 rx gnd receiver ground 20 tx gnd transmitter ground module definition module definition mod-def2 pin 4 mod-def1 pin 5 mod-def0 pin 6 interpretation by host 4 sda scl lv-ttl low serial module definition protocol module definition 4 specifies a serial definition protocol. for this definition, upon power up, mod-def(1:2) appear as no connector (nc) and mod-def(0) is ttl low. when the host system detects this condition, it activates the serial protocol. the protocol uses the 2-wire serial cmos e 2 prom protocol of the atmel at24c01a/02/04 family of components.
optoway SPS-9380VW-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2009 v1.0 5 recommended circuit schematic 100nf 10 f 100nf 10 f veer post amp ld driver z=50 z=50 z=50 z=50 veet 1 h 1 h td - td + vcct vccr rd - rd + 100 sfp module los 100nf 10 f protocol eeprom module detect scl sda loss of singal tx_disable tx_fault mod_def(0) mod_def(1) mod_def(2) 4.7k to 10k 4.7k to 10k 4.7k to 10k 4.7k to 10k tx_fault tx_disable (1,17,20) 3 2 18 19 16 15 12 13 8 (9,10,11,14) 6 5 4 4.7k to 10k vcc 3.3v vcc 3.3v ic td + td - re-clocker rd - rd + re-clocker package diagram units in mm note: specifications subject to change without notice.
optoway SPS-9380VW-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2009 v1.0 6 revision history version subject release date 1.0 initial datasheet 2009/8/1


▲Up To Search▲   

 
Price & Availability of SPS-9380VW-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X