goo electronic tech nologies a per brick" fuses 6125td series, time delay description . time delay surface mount fuse capable of replacing glass tube fuses in certain applications . environmentally rugged, complies with eia-|s-722 standard . solder lmmersion compatible . targeted for consumer electronics agency information . ul recognition guide & file numbers:jdy)? & e19180. . csa certification record no:053787 c 000 & class no:1422 30. environmental data . life test mil-std-2o2, method 1084, test condition d . load humidity: m|l-std-2o2, method'103b . moisture resistance: mil-std-2o2, method 106e . thermal shock: mil-std-202, method 107d, air-to-air . case resistance: einis-722 . resistance to dissolution of metallization: ansij-std-002, test d . mechanical shock mil-std-2o2, method 2138, test condition a . high frequency vibration: mil-std-2o2, method 204d, test condition d . resistance to solvents: mil-std-2o2, method 215a ordering . specify product code and packaging code dimgnsions '{incr,es; 2 a)+n ta (01 0 7f0"005) ?.7?!o.15 (0,107 r0,006) land pattern :d 1?5 --t l- zn nqrr ' ' ' tl f- d### -l l2.6 l3.ol k->k->t | (0.102) | (0.1r8) i 8.6 (0.s38) soldering method . wave lmmersion: 260"c, 3 sec max. .lnfrared:260"c, 30 sec max. ffi ffi ffi ffi m ---j electrical characteristics % of amo ratinq ooeninq time 10o7" 4 hours minimum 20o7" 1 second minimum 200% 2-4 seconds tvoical 200% 60 seconds maximum spfcifi(latir)ns product code voltage rating ac dc interrupting rating* 125vac 60vdc dc cold resistance"* (ohms) min. tvp. max. typical melting l2t+ typical voltage droot 6125td250ma tbd tbd tbd tbd tbd tbd tbd tbd tbd 6125td375ma tbd tbd tbd tbd tbd tbd tbd tbd tbd 6125td500ma 125v 60v 50a 50a .3350 .4025 .4700 0.716 245 my 6125td750ma 125v 60v 504 504 .2000 .2350 .2700 1.07 250 mv 6125tdla 125v 60v 504 50a .1 350 .1680 .2000 2.88 256 mv 6125td1.5a 125v 60v 50a 50a .0550 .0630 .0700 2.35 125 mv 612std2a 1 25v 60v 504 50a .0380 .0480 .0580 9.45 133 mv 6125td2.5a 125v 60v 50a 50a .0280 .0350 .o420 16.2 130 mv 6125td3a 1 25v 60v s0a 50a .0225 .0263 .0300 15.3 97 mv 6125td3.54 1 25v 60v 50a 50a .0170 .0195 .0220 14.5 95 mv 6125td4a i zjv 60v 50a 504 .0160 .0185 .0210 38.8 106 mv 6125td5a 1 25v 60v 50a 504 .01 '15 .0133 .0150 34.4 100 mv 6125td7a 1 25v 60v 50a 50a .0073 .0087 .0100 90.2 99 mv . ac lnterrupting rating (measured at designated voltage, 100% power factor); dc hterrupting rating (measured at designated voltage, time constant of less than 50 microseconds, battery source) '- dc cold resistance (measured at 10% of rated currenl) t typical melting l't (measured with a battery bank at rated dc voltage, lox-rated current (not to exceed lr), time constant of calibrated circuit less than 50 microseconds) + typical voltage drop (measured at rated currenl after temperature stabilizes) device designed to carry rated current for four hours minimum. an operating current of 80% or less of rated current is recommended, with further derating required at elevat- ed ambient temderatures. 28
goo electron ic tech nologies @ -.-====---j brick" fuset 6125td series,time dela t per time current curve 1 ? currem tn npers :a -6 < q |