specification SE-600-5 model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) input inrush current (typ.) leakage current over temperature safety standards safety & emc withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage ac current (typ.) 5v 100a 0 ~ 100a 500w 150mvp-p 4.75 ~ 5.5v 2.0% 0.5% 2.0% 1000ms, 50ms/230vac 1000ms, 50ms/115vac at full load 20ms/230vac 16ms/115vac at full load 90 ~ 132vac / 180 ~ 264vac selected by switch 254 ~ 370vdc 47 ~ 63hz 78% 12a/115vac 7.5a/230vac 25a/115vac 50a/230vac <2.0ma / 240vac 105 ~ 125% rated output power 5.75 ~ 6.3v 13.8 ~ 16.2v 18 ~ 21v 27.6 ~ 32.4v 31 ~ 36.5v 42 ~ 50v 57.6 ~ 67.2v protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage, re-power on to recover 85 5 (tsw1) detect on heatsink of power transistor protection type : shut down o/p voltage, recovers automatically after t emperature goes down ul60950-1 approved i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc -20 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.05%/ (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 197k hrs min. mil-hdbk-217f (25 ) 247*127*63.5mm (l*w*h) 2.1kg; 6pcs/13.4kg/1.03cuft 83% 84% 87% 87% 87% 88% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 150mvp-p 10 ~ 13.5v 150mvp-p 13.5 ~ 16.5v 150mvp-p 22 ~ 26.4v 150mvp-p 200mvp-p 24 ~ 30v 32 ~ 40v 200mvp-p 43 ~ 56v 12v 50a 0 ~ 50a 600w 15v 40a 0 ~ 40a 600w 24v 25a 0 ~ 25a 600w 27v 36v 22.2a 16.6a 0 ~ 22.2a 0 ~ 16.6a 599.4w 597.6w 48v 12.5a 0 ~ 12.5a 600w SE-600-12 SE-600-15 SE-600-24 SE-600-27 SE-600-36 SE-600 -48 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3 . tolerance : includes set up tolerance, line regulation and load regulat ion. file name:SE-600-spec 2008-04-10 ac input active surge current limitingac input range selected by switch protections:short circuit / overload / over voltage / over temperature forced air cooling by built-in dc fan high power density 4.9w/in built-in remote sense function ul approved low cost 2 years warranty 3 features : ripple & noise (max.) note.2 voltage tolerance note.3 environment protection 600w single output power supply s e - 6 0 0 s e r i e s
mechanical specification derating curve static characteristics file name:SE-600-spec 2008-04-10 case no. 926a unit:mm ambient temperature ( ) load (%) load (%) 20 40 60 80 100 input voltage (vac) 60hz 90 180 95 190 100 200 115 230 130 260 90 100 80 70 60 50 40 -20 0 10 20 30 40 50 60 70 (horizontal) 5v other 600w single output power supply s e - 6 0 0 s e r i e s block diagram fosc : 68khz o.v.p. control fg i/p -v +v rectifiers & filter switching power filter & rectifiers filter emi o.l.p. detection circuit pwm o.t.p. 13 2 ac/l ac/n 1~3 4~6 +v fg -v 12 +s -s jst xhp or equivalent jst sxh-001t or equivalent ac input terminal : pin no. assignment dc output terminal : pin no. assignment rs connector (cn4) : jst b-xh or equivalent pin no. assignment mating housing terminal 230/115vac 8.2 10 12 3 4-m3 l=4 11 220 220 16 247 20 30 30 20 63.5 12 3 4 5 6 13 10 127 i/p o/p +adj. rs - + cn4 rs - + 4-m3 l=4 14 max. 17 max. air flow direction
|