Part Number Hot Search : 
SK301 DG417CJ MF4002 PF0603S1 C0912A R2040 154062 SD152608
Product Description
Full Text Search
 

To Download S1206CPX1R43D20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1206 thick film chip resistor standard grade, surface mount, solderable glass passivation wraparound terminations pretinned 96% alumina chip resistor film state of the art, inc. 2470 fox hill road, state college, pa 16803-1797 phone (814) 355-8004 fax (814) 355-2714 toll free 1-800-458-3401 where quality isn't a goal...it's our tradition three packaging options are available: ? bulk packaging - (5000 per bag max.) ? waffle pack - (140 per tray max.) ? tape & reel - (5000 per reel max.) packaging sota offers a full line of component parts in the 1206 size including military (mil-prf-55342 "s" level) and high- reliability (customer specified testing). available options are epoxy bondable and wire bondable terminations, custom part marking, and untrimmed resistors. options performance characteristics resistance range (1) tolerances (2) maximum power maximum voltage 1w-40mw 1%, 2%, 5%, 10% 250 mw 100 volts part numbering tcr 10: 100 ppm 20: 200 ppm 30: 300 ppm s1206cpx 150 j 20 tolerances d: 0.5% f: 1% g: 2% j: 5% k: 10% m: 20% resistance value three or four digits are used with all leading digits significant. four digits are used for 1% tolerance or lower, otherwise three digits are used. the last digit specifies the number of zeros to add. the letter "r" is used to represent the decimal for fractional ohmic values. example: 5r6 is 5.6 ohms. mechanical length width thickness top term. bottom term. approx. weight inches .125 (+.010/-.005) .065 (.005) .015 - .022 .010 - .020 .010 - .030 .0087 grams mm 3.18 (+.25/-.13) 1.65 (.13) .38 - .56 .25 - .51 .25 - .76 typical life test performance power dissipation current noise power derating ? tcr's to 100 ppm ? made with the same materials and process as our mil-prf-55342 "s" level qualified chips ? suitable for solder reflow, vapor phase, or wave solder attachment features ? tolerances to 0.5% ? operating temperature range : -55 c to +150 c ? pretinned (sn60) nickel barrier terminations (1) sota offers milliohm and high megohm resistors with excellent performance. (2) 0.5% in limited availability (3) typical resistance change, the maximum is the same as mil-prf-55342. test methods are per mil-prf-55342. solderability: solder coating compatible with sn60, 62 or 63 solders, provides good wetting with all types of solder attachment. all product is tested iaw mil-std-202, method 208, including 8 hour steam aging. 10/01/97 < 100 ppm 0.03% 0.03% 0.03% 0.03% 0.05% 0.05% see chart environmental performance (3) tcr (-55 to +125 c in ppm/ c) thermal shock low temperature operation short-time overload resistance to bonding exposure moisture resistance high temperature exposure life


▲Up To Search▲   

 
Price & Availability of S1206CPX1R43D20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X