Part Number Hot Search : 
VUO105 RFU37 40A11 MOC208 MAX5481 LT2178A BAS20 2SC17
Product Description
Full Text Search
 

To Download PW05-4-16S-LT1-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). pw05 series connectors 5.08mm (.20") contact spacing, board-to-board connectors dimensions and specifications subject to change without notice. ? ? ? ? ? ? ? ? ? ? ? ? ? ? the pw05 series is a board to board connector for high speed applications using mixed power and signal contacts. applica- tions include personal computers, office automation equipment and measuring devices. most suitable for connecting between power and backplane of computer, control unit, telecommunica- tion and measuring equipment. features ? pin contact is available in solderless compliant or through hole ? mixed signal and power contact general specifications number of contacts power: 2 to 12, signal: 0 to 32 contact spacing power: 5.08mm (.20"), signal: 2.54mm (.10") current rating power contact: 1 C 39 amps. 2 C 35.5 amps. 4 C 22.5 amps. 6 C 20 amps. 8 C 18.8 amps. 10 C 18 amps. 12 C 17.5 amps. signal contact: 3 amps. dielectric withstanding voltage 1000 vac r.m.s. (for one minute) insulation resistance 1 x 10 6 megohms min. contact resistance 30 milliohms max. applicable pcb thickness: through hole 1.6mm (.063") compliant 2.4mm (.094") operating temperature range -10 c to +75 c materials and finishes description materials/finishes insulator glass-filled pbt (black) pin contact ca725 connecting area: gold plating over nickel terminal: tin plating over nickel socket contact copper connecting area: gold plating over nickel terminal: tin plating over nickel 23.2 (.913) connector profile (ref.)
dimensions in mm (inches). 0 12 4 10 positions electric current 12 10 20 30 40 39 35.5 22.5 17.5 derating curve pw05 C 4 C 16 p C sm 9 C a2 series no. of contacts (power): 2-12 no. of contacts (signal): 0-32 connector type p C pin termination style sm C straight (compliant pin) st C straight (through hole) terminal length 9 C 3.8 contact finish a2 C connecting area: gold plating 0.3 m m (.000012") over nickel ordering information pin side pw05 C 4 C 16 s C lt 1 C a2 series no. of contacts (power): 2-12 no. of contacts (signal): 0-32 connector type s C socket termination style lt C right angle terminal length 1 C 2.8mm (.110") contact finish a2 C connecting area: gold plating 0.3 m m (.000012") over nickel socket side position and electric current curve 0 50 100 75 105 temperature of contacting point of power contact electric current 10 105 c is available temperature for continuous use of insulator (pbt) note 1) allowable electric current per contact (when all contacts are conducted electricity) ?1 contact type ?2 contact type ?4 contact type ?12 contact type . . . . . . . 39.0 (a) . . . . . . . 35.5 (a) . . . . . . . 22.5 (a) . . . . . . 17.5 (a) note 2) 20 30 40 39 35.5 22.5 17.5 pw05 series connectors 5.08mm (.20") contact spacing, board-to-board connectors note 1: plug side contacts are different for 50 w & 75 w . receptacle side is the same. note 2: applicable cable 50 w : 0.8dCqev 75 w : 8cv-e41447
dimensions in mm (inches). 2.54 (.100) 0.8 (.003) 11.8 (.465) 0.2 (.008) 14.3 (.563) 0.2 (.008) 11.43 (.450) 0.2 (.008) 7.62 (.300) 0.1 (.004) 1.905 (.075) 0.1 (.004) 13.54 (.533) - 0.2 (.008) 0 (0) 37.18 (1.464) - 0.2 (.008) 14.44 (.569) - 0.2 (.008) 0 (0) 2.54 (.100) 0.8 (.003) 5.08 (.200) 0.8 (.003) 27.94 (1.100) 0.1 (.004) 2.95 (.117) 2.8 (.110) 2.5 (.098) 2.54 (.100) 16.6 (.654) 39.9 (1.571) 0.1 (.004) 45 (1.772) - 0.3 (.012) ?2.6 (.102) 0.02 (.079) c1 0 (0) 5.08 (.200) 0.5 (.002) 2.54 (.100) 0.05 (.002) 5.3 (.209) 11.43 (.450) 0.05 (.002) (1.905 (.075) x 6) 44 - ?0.8 (.031) +0.1 (.004) 0 (0) 1.905 (.075) 0.05 (.002) 27.94 (1.10) 0.1 (.004) 39.9 (1.27) 0.1 (.004) 7.62 (.300) 0.05 (.002) 15.24 (.600) 0.05 (.002) 2.54 (.100) 0.05 (.002) 2 - ?2.8 (.110) 0.1 (.004) socket 4 power, 16 signal contacts ? right angle through hole contacts ? part number: PW05-4-16S-LT1-A2 consult jae for applicable pcb dimensions. 11.34 (.450) 0.1 (.004) 2.54 (.100) 0.5 (.020) 2.54 (.100) 0.5 (.020) 1.905 (.077) 0.5 (.020) 7.62 (.300) 0.5 (.020) 7.62 (.300) 0.5 (.020) 15.24 (.600) 0.5 (.020) 5.08 (.200) 0.8 (.003) 43.18 (1.700) 0.1 (.004) 27.94 (1.100) 0.1 (.004) 0.3 (.012) 2 - ?2.8 (.110) 0.02 (.079) 44 - ?0.9 (.028) 13.1 (.516) 0.2 (.008) 5 (.197) 0.2 (.008) 17.34 (.683) 0.2 (.008) 13.54 (.533) - 0.2 (.008) 0 (0) 37.38 (1.472) - 0.2 (.008) 2.54 (.100) 0.8 (.003) 5.08 (.200) 0.8 (.003) 43.18 (1.700) 0.1 (.004) 27.94 (1.100) 0.1 (.004) 3.8 (.150) 2.54 (.100) 2.54 (.100) 2.54 (.100) 0.3 (.012) 48.18 (1.897) - 0.3 (.012) ?2.8 (.110) 0.02 (.079) c1 0 (0) 0 (0) pin 4 power, 16 signal contacts ? straight compliant contacts ? part number: pw05-4-16p-sm9-a2 recommended pcb layout (ref.) recommended pcb layout (ref.) pw05 series connectors 5.08mm (.20") contact spacing, board-to-board connectors
dimensions in mm (inches). socket 10 power, 32 signal contacts ? right angle through hole contacts ? part number: pw05-10-32s-lt1-a2(l) consult jae for applicable pcb dimensions. 2.54 (.100) 0.08 (.003) 2.54 (.100) 0.08 (.003) 11.9 (.469) 0 (0) - 0.2 (.008) 8.9 (.350) 0.2 (.008) 14.27 (.562) - 0.2 (.008) 0 (0) 7.62 (.300) 0.1 (.004) 15.1 (.594) 0.2 (.008) 11.43 (.450) 0.2 (.008) 18 (.709) 0.2 (.008) 68.58 (2.700) 0.1 (.004) 75.82 (2.989) 0.1 (.004) 1.905 (.075) 0.1 (.004) 81.28 (3.200) 0.1 (.004) 87.4 (3.441) 0.2 (.008) 77.82 (3.064) - 0.2 (.008) 11.08 (.436) 13.62 (.536) 21.5 (.846) 2.8 (.110) 0.635 (.025) 2 - ?.3 (.130) 0 (0) 81.28 (3.200) 0.1 (.004) 55.88 (2.200) 0.1 (.004) 5.08 (.200) 0.05 (.002) 2.54 (.100) 0.05 (.002) 7.62 (.300) 0.05 (.002) 3.3 (.130) 0.635 (.250) 0.05 (.002) 1.905 (.075) 0.05 (.002) 5.715 (.225) 0.05 (.002) 11.43 (.450) 0.05 (.002) (1.905 (.075) x 6) 68.58 (2.700) 0.1 (.004) ?00 (3.937) 0.05 (.002) 2 ?.3 (.130) 0.1 (.004) 5 (.197) 0.2 (.008) 16 (.629) 0.2 (.008) 12.1 (.476) 0.2 (.008) 68.58 (2.700) 0.1 (.004) 68.58 (2.700) 0.1 (.004) 88.9 (3.500) 0.1 (.004) 1.905 (.075) 0.05 (.002) 78.02 (3.071) + 0.2 (.008) 93.9 (3.697) - 0.3 (.118) 84 (3.307) - 0.3 (.012) 15.5 (.610) 3.8 (.150) 7.62 (.300) 2.54 (.100) 0 (0) 0 (0) 45.72 (1.800) 0.1 (.004) 88.9 (3.500) 0.1 (.004) 5.08 (.200) 0.08 (.003) 2.54 (.100) 0.05 (.002) 5.08 (.200) 0.5 (.002) 7.62 (.300) 17.78 (.700) 0.05 (.002) 2.54 (.100) 0.05 (.002) 2.54 (.100) 0.05 (.002) 11.43 (.450) 0.5 (.002) + 0.1 (.004) 2 - ?.8 (.110) 0.1 (.004) 102 - ?.8 (.315) + 0.1 (.004) 0 (0) 2 - ?.8 (.110) pin 10 power, 32 signal contacts ? straight through hole contacts ? part number: pw05-10-32p-st9-a2 recommended pcb layout (ref.) recommended pcb layout (ref.) pw05 series connectors 5.08mm (.20") contact spacing, board-to-board connectors
dimensions in mm (inches). socket 12 power, 16 signal contacts ? right angle through hole contacts ? part number: pw05-12-16s-lt1-a2 consult jae for applicable pcb dimensions. 2.54 (.100) 0.08 (.003) 2.54 (.100) 0.08 (.003) 11.9 (.469) - 0.2 (.008) 0 (0) 8.9 (.350) 0.2 (.008) 14.27 (.562) - 0.2 (.008) 0 (0) 7.62 (.300) 0.1 (.004) 15.1 (.594) 0.2 (.008) 11.43 (.450) 0.2 (.008) 18 (.709) 0.2 (.008) 68.58 (2.700) 0.1 (.004) 75.82 (2.989) 0.1 (.004) 1.905 (.075) 0.1 (.004) 81.28 (3.200) 0.1 (.004) 87.4 (3.441) 0.2 (.008) 77.82 (3.064) - 0.2 (.008) 11.08 (.436) 13.62 (.536) 21.5 (.846) 2.8 (.110) 0.635 (.025) 2 - ?.3 (.130) 0 (0) 81.28 (3.200) 0.1 (.004) 55.88 (2.200) 0.1 (.004) 5.08 (.200) 0.5 (.002) 2.54 (.100) 0.05 (.002) 7.62 (.300) 0.05 (.002) 3.3 (.130) 0.635 (.250) 0.05 (.002) 1.905 (.075) 0.05 (.002) 5.715 (.225) 0.05 (.002) 11.43 (.450) 0.05 (.002) (1.905 (.075) x 6) 68.58 (2.700) 0.1 (.004) 100 - ?.8 (.032) 2 - ?.3 (.130) 0.1 (.004) pin 12 power, 16 signal contacts ? straight compliant contacts ? part number: pw05-12-16p-sm9-a2-1 2.54 (.100) 0.08 (.003) 5.08 (.200) 0.08 (.003) 5 (.197) 0.2 (.008) 16 (.630) 0.2 (.008) 12.1 (.476) 0.2 (.008) 68.58 (2.700) 0.1 (.004) 88.9 (3.500) 0.1 (.004) 88.9 (3.500) 0.1 (.004) + 0.1 (.004) 78.02 (3.076) 0.2 (.008) 93.9 (3.697) - 0.3 (.012) 84 (3.307) - 0.3 (.012) 15.5 (.810) 0 (0) 55.88 (2.200) 0.1 (.004) 5.08 (.200) 0.05 (.002) 2.54 (.100) 0.05 (.002) 2.54 (.100) 0.05 (.002) 7.62 (.300) 0.05 (.002) 7.62 (.300) 0.05 (.002) 1.905 (.075) 0.05 (.002) 11.43 (.450) 0.05 (.002) 68.58 (2.700) 0.1 (.004) 100 - ?.9 (.035) 2 - ?.8(.110) 0.1 (.004) 2 - ?2.8 (.110) recommended pcb layout (ref.) recommended pcb layout (ref.) pw05 series connectors 5.08mm (.20") contact spacing, board-to-board connectors


▲Up To Search▲   

 
Price & Availability of PW05-4-16S-LT1-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X