Part Number Hot Search : 
A3064 ACE9926B HD6801 2SK90 NJM2063 1V221M MMBZ5255 M8192A
Product Description
Full Text Search
 

To Download PSC-4-1W-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  iso 9001 iso 14001 certified mini-cir cuits ? p.o. box 350166, brooklyn, new york 11235-0003 (718) 934-4500 fax (718) 332-4661 for detailed performance specs & shopping onl ine see mini-circuits web site the design engineers search engine provides actual data instantly from mini-circuits at: www.minicircuits.com rf/if microw a ve components minicir cuits.com all new non-catalog model power splitter/combiner rev. or m114324 p sc-4-1 w-75 07 10 30 electrical specifications 75?@ +25oc parameter min. typ. max. units frequency 5 650 mhz isolation 5-50mhz 22 38 db 50-325mhz 22 40 db 325-650mhz 18 25 db insertion loss above 6.0 db 5-50mhz 0.6 0.9 db 50-325mhz 0.65 1.2 db 325-650mhz 0.9 1.5 db phase unbalance 5-50mhz 1 deg. 50-325mhz 3 deg. 325-650mhz 5 deg. amplitude unbalance 5-50mhz 0.2 db 50-325mhz 0.3 db 325-650mhz 0.6 db 4 way-0 electrical schematic PSC-4-1W-75 case style: a05 this is a non-catalog model and can be manufactured on speci?c request. pricing and delivery information can be supplied upon request. please click back, and then click contact us for applications support. important note maximum ratings operating temperature - 55 c to 100 c storage temperature - 55 c to 100 c abs. max power 0.5 w internal load dissipation .250w pin connections sum port 4 port 1 7 port 2 8 port 3 1 port 4 2 gnd ext 3,5,6 case gnd 3,5,6


▲Up To Search▲   

 
Price & Availability of PSC-4-1W-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X