Part Number Hot Search : 
B090A9M WJ114 DS181 MMP12321 TA8227AP P2010 ZFUY10C AV93LC46
Product Description
Full Text Search
 

To Download PRF12A056-346GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  recessed body pr pl 5 energy way, west warwick, ri 02893 usatel: 800.424.9850 | 401.823.5200 fax: 401.823.8723 info@advanced.com | www.advanced.com catalog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. image sensorsockets inch/(mm) proteksion tm image sensor sockets features: ? protect sensor per formance by inserting after the reflowsoldering process. ? eliminate the chance for damageto valuable sensors during exposure to heat and errant solder flux on glass components. ? reduce costs by eliminating theneed for glass cleaning operations. specifications: terminals: brass - copper alloy(c36000) astm-b-16 contacts: ber yllium copper (c17200) astm-b-194 plating: g - gold over nickelm - matte t in over nickel t - t in/lead over nickel body material: f: fr-4 glass epoxy , u.l. rated 94v -0 thermal index: -40c to 140c (-40f to 284f)gold per astm-b-488 matte t in per astm545-97 t in/lead per mil-p-81728 nickel per qq-n-290 table of models how to order number of positionstotal number of pins per socket ps f 04 a 056 - 141 m g pitch (pin to pin) a = .100/(2.54mm)b = .070/(1.78mm) [dual row models only] c = .050/(1.27mm) [dual row models only] terminal type row to row spacing see table on next page body type f - fr-4 see options on next page model type rohs compliant insulators: ps - dual row standard pr - dual row recessed pd - quad row standard pl - quad row recessed contact plating terminal plating rohs compliant: g - goldm - matte tin t - tin/lead rohs compliant: g - goldt - tin/lead ps pd standard body dual row quad row dual row quad row pc pf footprint-specific sockets open (cutout) full (solid) number of positionstotal number of pins per socket 1 f b pc 056 - 141 t g pitch (pin to pin) a = .100/(2.54mm)b = .070/(1.78mm) c = .050/(1.27mm) terminal type body type f - fr-4 see options on next page model type rohs compliant insulators: pc - open body (cutout) pf - full body (solid wafer) contact plating terminal plating rohs compliant: g - goldm - matte tin t - tin/lead rohs compliant: g - goldt - tin/lead footprint dash # if applicable * dual row and quad row standard socketsfootprint-specific sockets *submit your device? s mechanical specs and we will create a footprint number for you. shown above lef t with kodak image sensor device, courtesy of eastman kodak comp any , for demonstration purposes only .
5 energy way, west warwick, ri 02893 usatel: 800.424.9850 | 401.823.5200 fax: 401.823.8723 info@advanced.com | www.advanced.com catalog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. image sensorsockets inch/(mm) proteksion tm image sensor sockets .125 (3.18) .165 (4.19) .062 dia. (1.57) .020 dia. (.51) .150 (3.81) .212 (5.38) .042 dia. (1.07) .018 dia. (.46) .095 (2.41) .092 (2.33) .080 (2.03) .110 (2.79) .105 (2.67) .015 dia. (.38) .042 dia. (1.07) standard terminals type -01 type -141 type -217 type -346 .020 dia. (.51) .125 (3.18) .165 (4.19) .145 (3.68) .072 dia. (1.83) .024 dia. (.61) .120 (3.05) .430 (10.92) .150 (3.81) hole depth .072 dia. (1.83) .160 (4.06) .370 (9.40) .024 dia. (.61) .072 dia. (1.83) .300 (7.62) type -385 type -674 row to row spacing pitch (pin to pin) pitch(pin to pin) row to row spacing (see table for standard sizes) example part number: plf18a056-141tg .100/(2.54mm) pitch 1.78mm and 1.27mm pitch code inch mm m 01 0.300 7.62 02 0.400 10.16 03 0.450 1 1.43 04 0.600 15.24 05 0.610 15.49 06 0.700 17.78 07 0.800 20.32 08 0.802 20.37 09 0.880 22.35 10 0.900 22.86 11 0.910 23.1 1 12 1.005 25.53 13 1.010 25.65 14 1.200 30.48 15 1.300 33.02 16 1.320 33.53 17 1.400 35.56 18 1.410 35.81 19 1.520 38.61 20 1.700 43.18 21 1.800 45.72 22 2.000 50.80 23 2.010 51.05 24 2.600 66.04 .062 (1.57) pc board custom options: ? molded insulators ? peel-a-w ay ? removable t erminal carriers for low profileapplications ? low , medium and high insertion for ce contacts footprints: ? virtually any footprint available. ? submit your device? s mechanical specs and we will create afootprint number for you. ? fully customizable. .100/(2.54) typ. 1.600 sq. (40.64) 256 pins footprint number 256 16 x 16 rows additional standard and custom terminals available.see terminals section or consult factory.


▲Up To Search▲   

 
Price & Availability of PRF12A056-346GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X