Part Number Hot Search : 
2SD14 SMBJ16 S12200H 25320 DL5223 1SS306 SA1052 MP5001DQ
Product Description
Full Text Search
 

To Download PR2-6R34-FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pr series ? cost effective high-voltage surge resistors to 200 joules ? available on rcds exclusive swift tm program ? molded surface mount version available ( prm series) options ? opt. er: group a screening per mil-r-39008 rcr ? opt. f: flameproof coating ? opt. b: increased power (see specifcations table) ? opt. x: non-inductive (see performance char. table) ? custom marking, cut & form, burn-in, etc. surge resistors, 1/8w to 15w, 2kv to 25kv excellent low cost replacement for composition resistors series pr pulse resistors withstand higher energy pulses than conven- tional flm & wirewound types, without the performance disadvant ages of carbon comp resistors. the heavy duty construction features a high thermal conductivity core and coating, enabling improved stability and environmental performance. series pr satisy a wide variety of pulse applications including lightning, snubber, in-rush current, capacitor charge, etc. rohs (sn) or mil-spec (sn-pb) termination fnish available. specifications inch [mm] d l h d rcd type wattage rating max. continuous voltage 1,5,8 max. peak pulse voltage 2,5,8 resistance range 5 l (body length) d 6 (body dia.) d.004 [.1] h 4 (min) standard option b pr1/8 1/8w 1/2w 150v 2kv 0.1w-2k .145.025 [3.69.64] .062.015 [1.6.38] .018 [.46] 1.0 [25.4] pr1/4 1/4w 1w 250v 3.5kv 0.1w-10k .240.032 [6.1.8] .085.025 [2.16.64] .022 [.56] 1.0 [25.4] pr1/2 1/2w 2w 350v 5kv 0.1w-24k .375.040 [9.21] .156.025 [3.96.64] .028 [.7] 1.25 [32] pr1 1w 4w 500v 10kv 0.1w-100k .600.040 [15.21] .225.032 [5.72.8] .031 [.8] 3 1.25 [32] pr2 2w 5w 750v 15kv 0.1w-200k .875.062 [22.21.6] .312.040 [7.921] .039 [1] 3 1.375 [35] 7 pr5 5w 10w 800v 18kv 0.1w-220k 1.05.062 [26.7 1.6] .350.040 [8.891] .039 [1] 1.375 [35] pr10 10w 15w 1000v 25kv 0.1w-510k 1.72.062[43.71.6] .350.040 [8.891] .039 [1] 1.375 [35] resistors ? capacitors?coils? delay lines rcd pr2 10k 5% 1 max voltage = (pxr), not to exceed value listed. 2 pulse voltage & energy capability is dependent on res.value, waveform, repetition rate, & environmental conditions (refer to r-42 for derating factors). 3 .040 (1mm) lead dia. is available on pr1 (specify pr1-18), .032 [.8mm] lead dia. is available on pr2 (specify pr2-20) 4 lead length is for bulk packaging, taped parts may be shorter (consult taping dimensions). 5 expanded range avail. 6 allow .024 [.6mm] additonal for opt. x or values <1w 7 specify opt. 56 for 1.5 [38.1] min. lead length, opt. 70 for 2 [50.8] lead length 8 multiply by 0.7 on opt.x parts. rohs term.w is pb-free and rohs compliant; q is sn-pb fa029 k sale of this product is in accordance with gf-061. specifcations subject to change without notice. performance characteristics, typ. application note * specify opt.75 for induc levels 50% that of opt.x, or opt.76 for 33% that of opt.x derating, wattage & voltage pr1/8-pr2: 1.25%/c >70c, pr5-pr10 & opt. b: 0.8%/c >25c max.induc*: opt. x 50w 0.2uh pr1/8x-pr1/2x,0.3uh pr1x-pr2x, 0.7uh pr5x-pr10x max.induc*: opt. x > 50w 0.37uh pr1/8x-pr1/2x, 0.6uh pr1x- pr2x, 1.4uh pr5x-pr10x short-time overload 0.5% temperature cycling 0.5% tcr (20 & 50ppm avail.) 100ppm/c(<0.2w=200ppm) moisture resistance 1% shock and vibration 0.2% effect of soldering 0.2% voltage coeffcient 0.005%/v load life 0.5% std, 1% opt.b operating temp range -55 to +150c, +275c avail. dielectric strength (1kv avail.) 500v (pr1/8 & pr1/4 =300v) rcd components inc, 520 e.industrial park dr, manchester, nh, usa 03109 rcdcomponents.com tel: 603 - 669 - 0054 fax: 603 - 669 - 5455 email:sales@rcdcomponents.com 73 use chart above to select model to meet desired surge level. pulse not to exceed peak v & j ratings (derate 30% for opt.x), and average power during repetitive pulses nte rated w. a safety factor of 30% typ. is recommended for infrequent pulses, 50% typ. for repetitive pulses (refer to note r42 for derating factors at- tributable to pulse width, rep. rate, temp., altitude, humidity). verify by evaluating under worst-case conditions. depending on specifcs, pr series c an often satisfy the surge requirements of ul-217, -268, -294, -497, -508, -913, -943, -991, -1459, -1971, ansi/ieee c62.41, ccitt (rec. k17), bellcore tr-nwt-001089 & tr- tsy-000057, csa c22.2-225, iec 664, iec 801.5, ieee587, can.doc. cs-03, fcc part 68., etc. consult factory for assistance. p/n designation: pr1/2 - 102 - k t w options : x, s, f, er, b (leave blank if std) resis. code 1% tol: 3 signif. fgures & multiplier, e.g. r100=0.1 w, 1r00=1w, 10r0=10w, 1000=100 w, 1001=1k. 2%-10%: 2 signif.fg. & multiplier (r10=0.1 w, 1r0=1w, 100=10w, 102=1k) termination : w= rohs (std), q= tin/lead (leave blank if either is acceptable) optional tc : 20 =20ppm, 50= 50ppm (leave blank if standard) packaging : b = bulk, t = tape & reel tolerance : j=5% (standard), f=1%, g=2%, k=10% rcd type surge capability energy rating, joules (j) 0.1 0.25 0.5 .75 1 2.5 5 7.5 10 25 50 75 100 250 500 750 1k 2.5k 5k 7.5k 10k 25k 50k 75k 100k resistance value (ohms) 1000 100 10 1 pr1 pr2 pr5 pr10 pr1/8 pr1/4 pr1/2


▲Up To Search▲   

 
Price & Availability of PR2-6R34-FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X