Part Number Hot Search : 
SMF05 00K6T CM150 TS4890IS KA358DTF MN13801 80N60F ZXCL330
Product Description
Full Text Search
 

To Download PPR1250-400-50R0J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series pms, ppr, ppt resistors & terminations high power, thin film, drop-in C 10-650 watts, dc-4 ghz notes 1. input power ratings are based on flange temperature of 100 c maximum. 2. 50 and 100 ohms standard. other values from 10-500 ohms available on special order. contact factory for details. standard tolerance 5%. specify resistance value when ordering. 3. vswr applies to termination style only. general speci fications resistive element thin film and thick film* substrate beryllium oxide ceramic cover alumina ceramic mounting flange copper,nickel plated per qq-n-290 tab beryllium copper,gold plated per mil-g-45204 average power derating curv e flange temperature ? c power derating % of rated power 100 100 125 150 75 75 50 50 25 25 0 frequency input power vswr (typical) capacitance figure model range (watts avg.) (note 3) (pf) (typ.) no. ppr & ppt 300-10-3* dc-4.0 ghz 10 1.35:1 ?dc-4.0 ghz 0.8 1 pms-100 & pms-200* dc-2.0 ghz 20 1.25:1 ?dc-2.0 ghz 1.2 2 ppr & ppt 515-20-3* dc-2.0 ghz 20 1.10:1 ?dc-1.0 ghz 0.8 3 1.25:1 ?1.0-2.0 ghz ppt515-30-4 dc-4.0 ghz 30 1.20:1 ?dc-4 ghz 1.2 4 ppr & ppt 515-30* dc-2.0 ghz 30 1.10:1 ?dc-1.0 ghz 0.8 5 1.25:1 ?1.0-2.0 ghz ppr & ppt 800-40-3 dc-4.0 ghz 40 1.25:1 ?dc-4.0 ghz 1.4 6 ppt800-100a dc-2.0 ghz 100 1.25:1 ?dc-2.0 ghz 1.4 7 ppr & ppt 870-150-3* dc-1.0 ghz 150 1.20:1 ?dc-500 mhz 3.5 8 1.35:1 ?500-1000 mhz ppr & ppt 975-250-3 dc-1.0 ghz 250 1.25:1 ?dc-500 mhz 5.0 9 1.35:1 ?500-1000 mhz ppr & ppt 1250-400 dc-500 mhz 400 1.50:1 ?dc-500 mhz 7.0 10 ppr &ppt 1900-800 dc-500 mhz 650 1.25:1 ?dc-200 mhz 10.2 11 1.50:1 ?200-500 mhz performance specifications general information these high power devices are designed to dissipate power in r.f. circuits when mounted to an appropriate heat sink. the ter- minations provide a low vswr under maximum power condi- tions. the resistor configurations are typically used in wilkinson type power divider networks, or to terminate 3 db stripline or microstrip hybrids. * low cost thick film models available on some sizes.consult factory for specifications. terminations (ppt) series resistors (ppr) series figures ppt 300-10-3 ? 10 watts flange mounted ppr 300-10-3 ? 10 watts flange mounted fig. 1 pms 100 ? 20 watts stud mounted pms 200 ? 20 watts stud mounted fig. 2 .062 [1.57] .100 [2.54] .100 [2.54] .200 [5.08] .300 [7.62] .200 [5.08] .005 .001 [0.13 0.03] .110 [2.79] .030 [0.76] .040 [1.02] .125 [3.17] min .160 [4.06] max .116 [ 2.95] .060[1.52] max. .250[6.4] .250 [6.4] .065[1.65] typ. .092[2.34] typ. .062 [1.57] .375[9.53] .032[0.81] wide x .035[0.89] deep slot 6-32 nc-2a thd .500 .015 [12.7 0.38] typ. .003 .001 [0.08 0.03] physical dimensions terminations (ppt) series resistors (ppr) series figures rev 7/06 key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25] rohs  
fig. 3 ppt 515-20-3 ? 20 watts flange mounted ppr 515-20-3 ? 20 watts flange mounted fig. 5 ppt 515-30 ? 30 watts flange mounted ppr 515-30 ? 30 watts flange mounted fig. 4 ppt 515-30-4 ? 30 watts flange mounted offered as a termination only! .005 .001 [0.13 0.03] tab thickness .040 [1.02] .560 [14.22] .800 [20.32] .108 [2.74] .060 [1.52] .150 [3.81] max .150 [3.81] min .400 [10.16] .120 [3.05] .115 [2.92] .230 [5.84] .130 [3.30] thru 2 pls ppt 800-40-3 ? 40 watts flange mounted ppr 800-40-3 ? 40 watts flange mounted fig. 6 terminations (ppt) series resistors (ppr) series figures physical dimensions terminations (ppt) series resistors (ppr) series figures .003 .001 [0.08 0.03] .130 [3.30] .062 [1.57] .160 [4.06] max .250 [6.35] .125 [3.18] .125 [3.18] .060 [1.52] typ .095 [2.41] .250 [6.35] min .515 (13.08) .250 [6.35] min .116 [2.95] .003 .001 [0.08 0.03] .130 [3.30] .062 [1.57] .160 [4.06] max .250 [6.35] .125 [3.18] .125 [3.18] .060 [1.52] typ .095 [2.41] .250 [6.35] min .515 (13.08) .250 [6.35] min .116 [2.95] .003 .001 [0.08 0.03] .110 [2.79] .062 [1.57] .150 [3.81] max .250 [6.35] .125 [3.18] .125 [3.18] .060 [1.52] typ .095 [2.41] .250 [6.35] min .515 (13.08) .250 [6.35] min .116 [2.95] series pms, ppr, ppt resistors & terminations key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25]
.003 .001 [0.08 0.03] .062 [1.57] .155 [3.94] .160 [4.06] max .187 [4.76] .375 [9.52] .120 [3.05] .250 [6.35] .560 [14.22] .870 [22.10] .125 [3.18] min .108 [2.74] .161 [4.09] thru 2 pls terminations (ppt) series resistors (ppr) series figures physical dimensions terminations (ppt) series resistors (ppr) series figures fig. 8 fig. 9 ppt 870-150-3 ? 150 watts flange mounted ppr 870-150-3 ? 150 watts flange mounted ppt 975-250-3 ? 250 watts flange mounted ppr 975-250-3 ? 250 watts flange mounted ppt 1250-400 ? 400 watts flange mounted ppr 1250-400 ? 400 watts flange mounted fig. 10 .005 .001 [0.13 0.03] tab thickness .040 [1.02] .560 [14.22] .800 [20.32] .108 [2.74] .060 [1.52] .150 [3.81] max .150 [3.81] min .400 [10.16] .120 [3.05] .115 [2.92] .230 [5.84] .130 [3.30] thru 2 pls fig. 7 offered as a termination only! ppt 800-100a ? 100 watts flange mounted .200 [5.08] max .375 [9.53] .110 [2.79] .300 [7.62] .125 [3.18] min .975 [24.77] .375 [9.52] .725 [18.41] .120 [3.05] .125 [3.17] .171 [4.34] .125 [3.17] thru 2 pls .188 [4.76] .003 .001 [0.08 0.03] .500 [12.7] 1.250[31.8] .125 [3.18] min. 500[12.7] .250[6.4] .875 [22.23] .120[3.05] typ. .160[4.06] dia typ. .125[3.18] .210[5.33] max. .171[4.34] .003 .001 [0.08 0.03] series pms, ppr, ppt resistors & terminations key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25]
fig. 11 ppt 1900-800 ? 650 watts flange mounted ppr 1900-800 ? 650 watts flange mounted .125 [3.18] min .250 [6.35] 1.550 [39.37] 1.000 [25.40] 1.900 [48.26] 1.040 [26.42] .175 [4.45] .500 [12.70] .270 [6.86] l c .195 [4.95] .125 [3.18] .166 [4.22] thru 4 pls .005 .001 [0.13 0.03] .250 [6.35] max terminations (ppt) series resistors (ppr) series figures physical dimensions terminations (ppt) series resistors (ppr) series figures series pms, ppr, ppt resistors & terminations key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25] k di-resistor produc ts 60 south jefferson road, whippany, nj 07981 tel: 973-887-8100 ? fax: 973-884-0445 www.aeroflex-kdi.com ? sales@aeroflex-kdi.com key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25]


▲Up To Search▲   

 
Price & Availability of PPR1250-400-50R0J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X