Part Number Hot Search : 
LVG32643 FP205 BGY88 SB1020 7808V 29152 80N6F M5321
Product Description
Full Text Search
 

To Download MPAHTH22NF2010000V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  marquage modle capacit - tolrance t ension nominale date - code marking model capacitance - tolerance rated voltage date - code exemple de codification la commande dilectrique p olyester mtallis t echnologie autocicatrisable, non inductif enrob polyester obtur rsine poxy option p our utilisation dans lhuile rf. : mra ht h mpa ht h les dimensions l, d, e, h sont augmentes de 2 mm dielectric metallized polyester t echnology self-healing, non inductive polyester wrapped epoxy resin sealed optional feature for application in oil ref. : mra ht h mpa h th l, d, e, h dimensions are increased by 2 mm mra ht mpa ht condensateurs polyester mtallis haute tension high -voltage metallized polyester capacitors how to order 21 option feature application in oil option utilisation dans huile caractristiques gnrales general characteristics t emprature d'utilisation ?55? + 85 ? operating temperature t angente de langle de pertes 1 khz x 100.10 ? dissipation factor at 1 khz rsistance d'isolement sous 500 v cc insulation resistance under 500 v dc ? pour c r x 0,33 f x 30 000 m ? ? for c r x 0,33 f ? pour c r ` 0,33 f x 10 000 m ? . ? ? for c r ` 0,33 f t ension de tenue ? x 10 kv 1,5 u rc /1 mn ? x 10 kv withstand voltage ? ` 10 kv 1,2 u rc /1 mn ? ` 10 kv autres caractristiques voir page 10 for other characteristics see page 10 l d w x 25 mra ht sorties axiales / axial leads l w +10% C 0,05 ! 32 x 32 0,8 1 l e h w x 25 mpa ht sorties axiales / axial leads l w +10% C 0,05 ! 32 x 32 0,8 1 dl eh 2 max max max t ension / volt age u rc t ension / volt age u ra v aleurs de capacit et de tension capacitance values and rated voltage t oute valeur intermdiaire est excute dans les dimensions de la valeur immdiatement suprieure any intermediate value is made in the dimensions of the next higher value 1 000 v cc 250 v ca 719 510 719 510 719 510 719 510 819 613 919 613 919 613 10 19 7 14 11 19 7 14 11 19 7 14 11 32 7 14 11 32 7 14 11 32 7 14 12 32 8 15 14 32 10 17 16 32 13 20 16 45 12 19 19 45 13 23 22 45 17 26 26 45 19 32 27 60 20 33 33 60 23 40 38 60 29 45 dl eh 1 600 v cc 330 v ca 719 510 719 510 719 510 719 510 819 613 919 613 919 613 932 511 932 511 932 613 11 32 7 14 12 32 8 15 14 45 8 15 16 45 10 17 16 45 11 21 20 45 14 24 23 45 15 29 25 45 19 32 28 60 20 33 33 60 24 40 38 60 30 46 dl eh 2 500 v cc 480 v ca 10 19 7 14 10 19 7 14 10 19 7 14 10 19 7 14 10 19 7 14 10,5 32 7 14 10 32 7 14 10 32 7 14 10 32 7 14 11 32 8 15 11 45 8 15 12 45 9 16 14 45 10 17 18 45 13 20 20 45 14 24 24 45 18 28 28 45 20 34 35 45 25 39 40 45 30 47 dl eh 4 000 v cc 630 v ca 10 26 7 14 12 26 7 14 12 26 9 16 13 32 9 16 15 32 11 18 15 32 11 18 15 32 11 18 12 45 6 13 12 45 6,5 13,5 14 45 8 15 14 45 9,5 16,5 16 45 11,5 18,5 18 45 13 23 22 45 16 26 26 45 19 32 dl eh 6 300 v cc 1 200 v ca 10 38 7 14 10 38 7 14 10 38 7 14 12 38 8 15 14 38 9 16 16 38 11 18 18 38 13 23 22 38 16 26 25 38 18 31 30 38 22 36 28 75 17 31 32 75 21 35 36 75 26 42 dl eh 10 000 v cc 1 500 v ca 12 50 8 15 12 50 8 15 12 50 8 15 15 50 10 17 16 50 12 19 18 50 14 21 22 50 16 26 20 75 10 19 22 75 12 22 25 75 15 26 30 75 17 31 34 75 22 35 38 75 26 42 dl eh 15 000 v cc 2 500 v ca 20 70 7 21 20 70 8 23 20 70 10 25 22 70 13 28 25 70 16 31 30 70 20 35 34 85 18 34 34 85 23 38 40 85 29 44 t olrances sur capacit / capacitance tolerances 20% 10% 5% 1nf 1,5 2,2 3,3 4,7 6,8 10 15 22 33 47 68 0,1 f 0,15 0,22 0,33 0,47 0,68 1 1,5 2,2 3,3 4,7 capacitance t ype appellation commerciale mpa ht 1 f 20 % 1 600 v capacit h capacitance tolerance t olrance sur capacit rated voltage (v dc ) t ension nominale ( v cc ) 2 max max max 2 max max max 2 max max max 2 max max max 2 max max max 2 max max max


▲Up To Search▲   

 
Price & Availability of MPAHTH22NF2010000V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X