Part Number Hot Search : 
TC74LCX 0000MH V14E320P 40200 TECHNO SF2N5601 1N595 C557C
Product Description
Full Text Search
 

To Download MCU0805-2501P5340R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product specification file under bccomponents, bc08 2001 jun 08 bccomponents mct 0603; mcu 0805; mca 1206 precision flat chip resistors
2001 jun 08 2 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 features ? thin-film technology ? low tc: 10 to 25 ppm/k ? precision tolerance of value: 0,1 and 0,25% ? superior overall stability: class 0,1 and 0,25 ? case sizes: ? imperial: 0603; 0805; 1206 ? metric: rr 1608m; rr 2012m; rr 3216m. applications ? test and measuring equipment ? medical equipment ? industrial equipment. description mct 0603, mct 0805 and mca 1206 precision thin film flat chip resistors combine the proven reliability of the professional products with an advanced level of precision and stability. therefore they are perfectly suited for applications in the fields of test and measuring equipment together with industrial and medical electronics. production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal alloy is deposited on a super high grade (96% al 2 0 3 ) ceramic substrate and conditioned to achieve the desired temperature coefficient. specially designed inner contacts are deposited on both sides. a special laser is used to achieve the target value by smoothly fine trimming the resistive layer without damaging the ceramics. a further conditioning is applied in order to stabilize the trimming result. the resistor elements are covered by a blue protective coating designed for electrical, mechanical and climatic protection. the terminations receive a final pure tin on nickel plating. the result of the determined production is verified by an extensive testing procedure and optical inspection performed on 100% of the individual chip resistors. only accepted products are laid directly into the paper tape in accordance with iec 60286-3 . the resistors are suitable for processing on automatic smd assembly systems and for automatic soldering using wave, reflow or vapour phase. the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the resistors are tested in accordance with cecc 40401-801 which refers to en 140000 ( iec 60115-1) and en 140400 (iec 60115-8) . bccomponents beyschlag has achieved "approval of manufacturer" in accordance with en 100114-1 . the release certificate for "technology approval schedule" in accordance with cecc 240001 based on en 100114-6 is granted for the bccomponents beyschlag manufacturing process. on request, resistors are available with established reliability in accordance with cecc 40401-801 version e .
2001 jun 08 3 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 quick reference data description mct 0603 mcu 0805 mca 1206 metric size rr 1608m rr 2012m rr 3216m resistance range 47 ? to 150 k ? 47 ? to 221 k ? 47 ? to 332 k ? resistance tolerance 0,25%; 0,1% 0,1% temperature coefficient 25 ppm/k; 15 ppm/k; 10 ppm/k 25 ppm/k operation mode precision standard precision standard standard climatic category (lct/uct/days) 10/85/56 55/125/56 10/85/56 55/125/56 55/125/56 rated dissipation, p 70 0,032 w 0,1 w 0,050 w 0,125 w 0,125 w operating voltage, u max ac/dc 25 v 75 v 35 v 150 v 150 v film temperature 85 c 125 c85 c 125 c 125 c max. resistance change at p 70 for resistance range, ? r / r max., after: 100 ? to 18 k ? 100 ? to 33 k ? 47 ? to 332 k ? 1 000 h 0,1% 0,25% 0,1% 0,25% 0,1% 8 000 h 0,25% 0,5% 0,25% 0,5% 0,25% 225 000 h 0,5% 1,0% 0,5% 1,0% 0,5% specified lifetime 225 000 h 225 000 h 225 000 h permissible voltage against ambient: 1 minute 100 v 200 v 200 v continuous 75 v 75 v 75 v failure rate 2 10 ? 9 /h 2 10 ? 9 /h 2 10 ? 9 /h
2001 jun 08 4 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 table 1 temperature coefficient and resistance range notes 1. resistance values to be selected from e96 and e192 series, other values are available on request. 2. tc 10 is specified over the temperature range from ? 10 c to 85 c. resistance ranges printed in bold are preferred t.c. / tolerance combinations with optimized availability. description resistance value (1) t.c. tolerance mct 0603 mcu 0805 mca 1206 25 ppm/k 0,25% 47 ? to 150 k ? 47 ? to 221 k ?? 0,1% 100 ? to 150 k ? 47 ? to 221 k ? 47 ? to 332 k ? 15 ppm/k 0,25% 47 ? to 150 k ? 47 ? to 100 k ?? 0,1% 100 ? to 100 k ? 100 ? to 100 k ?? 10 ppm/k (2) 0,25% 47 ? to 20 k ? 47 ? to 36 k ?? 0,1% ? 100 ? to 20 k ? 100 ? to 36 k ?
2001 jun 08 5 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 ordering information components may be ordered by using either a simple clear text ordering code, see ? type description and ordering code ? or bccomponents ? unique 12nc. numeric ordering code (12nc) ? the resistors have a 12-digit ordering code starting with 2312. ? the subsequent 4 digits indicate the resistor type, specification and packaging; see table 2. ? the remaining 4 digits indicate the resistance value: ? the first 3 digits indicate the resistance value. ? the last digit indicates the resistance decade in accordance with table 3. table 2 12nc ordering code indicating resistor type and packaging resistance ranges printed in bold are preferred t.c. / tolerance combinations with optimized availability. description ordering code 2312 ... ..... cardboard tape on reel ty p e t. c . t o l . p1 1000 units p5 5000 units pw 20000 units mct 0603 25 ppm/k 0,25% 201 6.... 216 6.... 206 6.... 0,1% 201 7.... 216 7.... 206 7.... 15 ppm/k 0,25% 202 6.... 217 6.... 207 6.... 0,1% 202 7.... 217 7.... 207 7.... 10 ppm/k 0,25% 203 6.... 218 6.... 208 6.... 0,1% 203 7.... 218 7.... 208 7.... mcu 0805 25 ppm/k 0,25% 241 6.... 256 6.... 246 6.... 0,1% 241 7.... 256 7.... 246 7.... 15 ppm/k 0,25% 242 6.... 257 6.... 247 6.... 0,1% 242 7.... 257 7.... 247 7.... 10 ppm/k 0,25% 243 6.... 258 6.... 248 6.... 0,1% 243 7.... 258 7.... 248 7.... mca 1206 25 ppm/k 0,1% 381 7.... 396 7.... 386 7.... table 3 last digit of 12nc indicating resistance decade resistance decade last digit 10 to 99,9 ? 9 100 to 999 ? 1 1to9,99k ? 2 10 to 99,9 k ? 3 100 to 999 k ? 4 o rdering example the ordering code of a mct 0603 resistor, value 47 k ? and tc 25 with 0,1% tolerance, supplied in cardboard tape of 5 000 units per reel is: 2312 216 74703.
2001 jun 08 6 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 type description and ordering code ? we recommend that the clear text ordering code is used, to minimize the possibility of errors in order handling. 
 
  
     
 
 
    !"##       $!%"  
    &' !" #$ %! (!"' !" $ !
2001 jun 08 7 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 functional description derating 
 )*"   
 
  +  ,  -!.!"  !. fig.1 derating, standard operation. mct 0603 mcu 0805, mca 1206 fig.1 derating, standard operation. 
 "& )*"   
 
  +  ,  -!.!"  !. fig.2 derating, precision operation. mct 0603 mcu 0805
2001 jun 08 8 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 current noise fig.3 current noise a 1 in accordance with iec 60195.               /010 0  2  mct 0603 mcu 0805 mca 1206
2001 jun 08 9 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 mechanical data outlines table 4 chip resistor types, mass and relevant physical dimensions; see fig.4 ty p e h (mm) l (mm) w (mm) w t (mm) t 1 (mm) t 2 (mm) mass (mg) mct 0603 0,45 +0,1/ ? 0,05 1,55 0,05 0,85 0,1 > 75% of w 0,3 +0,15/ ? 0,2 0,3 +0,15/ ? 0,2 1,5 mcu 0805 0,45 +0,1/ ? 0,05 2,0 0,1 1,25 0,15 > 75% of w 0,4 +0,1/ ? 0,2 0,4 +0,1/ ? 0,2 3,2 mca 1206 0,55 0,1 3,2 +0,1/ ? 0,2 1,6 0,15 > 75% of w 0,5 0,25 0,5 0,25 10,0 t 2 t 1 l h w w t ccc293 fig.4 outlines. for dimensions see table 4.
2001 jun 08 10 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 tests and requirements essentially all tests are carried out in accordance with the following specifications: en 140000 / iec 60115-1, generic specification (includes tests) en 140400 / iec 60115-1, sectional specification (includes schedule for qualification approval) cecc 40401-801, detail specification (includes schedule for conformance inspection) most of the components are approved in accordance with the european cecc-system, where applicable. table 5 contains only the most important tests. for the full test schedule refer to the documents listed above. the testing also covers most of the requirements specified by eia/is-703 and jis-c-5202. the tests are carried out in accordance with iec 60068 and under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, upper category temperature; damp heat, long term, 56 days) is valid. unless otherwise specified the following values apply: temperature: 15 c to 35 c relative humidity: 45% to 75% air pressure: 86 kpa to 106 kpa (860 mbar to 1 060 mbar). for testing the components are mounted on a test board ain accordance with to iec 60115-1, 4.31 unless otherwise specified. in table 5 the tests and requirements are listed with reference to the relevant clauses of iec 60115-1 and iec 60068-2; a short description of the test procedure is also given. table 5 test procedures and requirements iec 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r / r ) ? stability class 0,1 stability class 0,25 stability for product types: mct 0603 ? 100 ? to 18 k ? > 18 k ? mcu 0805 ? 100 ? to 33 k ? > 33 k ? mca 1206 47 ? to 332 k ?? ? 4.5 ? resistance 0,1% 0,1%; 0,25% 4.8.4.2 ? temperature coefficient at 20 / lct / 20 c and 20 / uct / 20 c 25 ppm/k 25 ppm/k; 15 ppm/k; 10 ppm/k 4.25.1 ? endurance room temperature; u = or u = u max ; 1,5 h on; 0,5 h off 70 c; 1000 h 0,1% (0,1% + 0,02 ? ) 0,25% 70 c; 8000 h 0,25% (0,25% + 0,05 ? ) 0,5% 4.25.3 ? endurance at upper category temperature 125 c; 1000 h 85 c; 1000 h 0,25% ? ? (0,1% + 0,02 ? ) 0,25% ? 4.24 3 (ca) damp heat, steady state 40 2 c; 56 days; 93 +2/ ? 3% rh 0,25% (0,1% + 0,02 ? ) 0,25% p 70 r
2001 jun 08 11 bccomponents product specification precision flat chip resistors mct 0603; mcu 0805; mca 1206 stability for product types: mct 0603 ? 100 ? to 18 k ? > 18 k ? mcu 0805 ? 100 ? to 33 k ? > 33 k ? mca 1206 47 ? to 332 k ?? ? 4.23 climatic sequence: 4.23.2 2 (ba) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; 90 to 100 % rh; 1 cycle 4.23.4 1 (aa) cold ? 55 c; 2 h 4.23.5 13 (m) low air pressure 8,5 kpa; 2 h; 15 to 35 c 4.23.6 30 (db) damp heat, cyclic 55 c; 5 days; 95 to 100 % rh; 5 cycles 0,25% no visible damage (0,1% + 0,02 ? ) no visible damage 0,25% no visible damage ? 1 (aa) cold ? 55 c; 2 h ? (0,05% + 0,01 ? ) 0,05% 4.13 ? short time overload room temperature; u = 2,5 or u = 2 u max ; 5 s 0,1% no visible damage (0,05% + 0,01 ? ) no visible damage 0,05% no visible damage 4.19 14 (na) rapid change of temperature 30 minutes at lct and 30 minutes at uct; 5cycles 0,1% no visible damage (0,05% + 0,01 ? ) no visible damage 0,05% no visible damage 4.29 45 (xa) component solvent resistance isopropyl alcohol +23 c; toothbrush method marking legible; no visible damage 4.18.2 20 (tb) resistance to soldering heat unmounted components; 260 5 c; 10 1s 0,1% no visible damage (0,05% + 0,01 ? ) no visible damage 0,05% no visible damage 4.17.2 20 (ta) solderability +215 c; 3 s solder bath method good tinning ( 95% covered); no visible damage 4.32 21 (ul 3 ) shear (adhesion) 5 n; 10 s no visible damage 4.7 ? voltage proof u rms = 100 v; 60 s no flashover or breakdown iec 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r / r ) ? stability class 0,1 stability class 0,25 p 70 r


▲Up To Search▲   

 
Price & Availability of MCU0805-2501P5340R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X