Part Number Hot Search : 
EN8966 CPC1317 KV1300NT LTF2012D BU406 BU931 3266W204 IRF840SP
Product Description
Full Text Search
 

To Download JT00RP-18-53S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amphenol circular interconnects d-11 mil-c-38999 series ii jt series bayonet coupled crimp circular connectors features ? lightweight space-saving design ? durability ? 500 cycles ? emi shielded optional customer options shell sizes ? 9 contact arrangements ? 100+ circuit sizes ? 1 to 128 specifications operating temperature ? -55oc up to 200oc current rating contact size 20 ? 7.5a contact size 16 ? 13a voltage rating (sea level) service rating i ? 600vac(rms) service rating ii ? 900vac(rms) tooling crimp tool ? m22520/1-01 positioner ? m22520/1-04 insert/remove* ? m81969/14-03** insert/remove* ? m81969/14-10*** * plastic tool ** for size 16 contacts. *** for size 20 contacts related information detailed catalogue ? 12-090-14 solder, pcb, wire wrap, coax, fiber & filter optional part number system: (refer to part number make-up for assistance ? opposite) jt xx xx-xx-x x x (x) connector type deviations jt: standard mil-c-38999 ii jts: high temperature jtn: chemical & fuel resistant shell style 00: wall mount receptacle 01: line receptacle alternate keying 02: box mount receptacle blank: normal position 06: straight plug see detailed catalogue for variations 07: jam-nut receptacle 08: 90o plug (aao) contact style i: solder mount rec. (hermetic only) p: pins s: sockets service class rp: potting boot + grommet insert arrangements re: environmental sealed can add sr see insert arrangement table rt: environmental w/o rear accessory (page d-12 and d-13) y: hermetically sealed a: fixed solder contacts (ltd only) shell size for cadmium-free zinc cobalt plating consult representative sr = strain relief see insert arrangement table (page d-12 and d-13) jt accessories ? cable clamp for crimp type housing (if ordered separately to connector) part number system: finish (-xx9 standard) diagram chromate treat -xx0 anodic coating -xx5 cadmium plated nickel base -xx7 olive drab, cadmium, nickel base -xx9 10-405982-xxx shell size 8/10/12/14/16/ 18/20/22/24 finish see adjacent table electroless nickel -xxg jt accessories ? heat shrinkable backshells (shielded) backshell configuration (-x) part number: shell size finish type -1 -2 -3 diagram abk a-war- x 8 abk a-wbr- x 10 abk a-wcr- x 12 abk a-wdr- x 14 abk a-wer- x 16 abk a-wfr- x 18 abk a-wgr- x 20 abk a-whr- x 22 abk a-wjr- x 24 olive drab cadmium shielded straight 45o right angle alternatives: unshielded replace r with u, electroless nickel replace w with f. jt accessories - caps part numbers: shell size cap & chain for plugs cadmium plate, ni base chain length cap & chain for receptacle cadmium plate, ni base chain length 8 10-241801-089 10-241800-089 10 10-241801-109 76.2mm 10-241800-109 76.2mm 12 10-241801-129 10-241800-129 14 10-241801-149 10-241800-149 16 10-241801-169 10-241800-169 18 10-241801-189 88.9mm 10-241800-189 88.9mm 20 10-241801-209 10-241800-209 22 10-241801-229 10-241800-229 24 10-241801-249 101.6mm 10-241800-249 101.6mm diagram alternate cap finishes (replace last digit): 0=chromate, 5=anodic, g=electroless ni connectors individually packaged with crimp contacts ( bulk contacts available) and insert/extract tool. asf/ltd/aao part number make-up jt00? jts00? jtn00? wall mount receptacle part number make-up jt01? jts01? jtn01? line receptacle part number make-up jt02re? jts02re? jtn02re? cannot add sr box mount receptacle part number make-up jt07? jts07? jtn07? jam nut receptacle part number make-up jt06? jts06? jtn06? straight plug ms part numbering system contacts variations: see page d-13 for a list of pins, sockets, coax and power contacts available finish suffix w/sr suffix cadmium plated ni base (sr) olive drab cadmium plated, ni base (014) (386) electroless ni (023) (424) anodic coating (alumilite) (005) (300) chromate treated (iridite 14-2) (011) (344)


▲Up To Search▲   

 
Price & Availability of JT00RP-18-53S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X