Part Number Hot Search : 
IA175 72HFR20M UPC1679G TSI62B1 P6KE300A 64LE99 HXJ9008 RT1P24BS
Product Description
Full Text Search
 

To Download IRG4PH50K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c-1 www.irf.com IRG4PH50K short circuit rated ultrafast igbt insulated gate bipolar transistor pd - 9.1576 v ces = 1200v v ce(on) typ. = 2.77v @v ge = 15v, i c = 24a e c g n-channel features benefits l high short circuit rating optimized for motor control, t sc =10s, v cc = 720v, t j = 125c, v ge = 15v l combines low conduction losses with high switching speed l latest generation design provides tighter parameter distribution and higher efficiency than previous generations l as a freewheeling diode we recommend our hexfred tm ultrafast, ultrasoft recovery diodes for minimum emi/noise and switching losses in the diode and igbt l latest generation 4 igbts offer highest power density motor controls possible l this part replaces the irgph50k and irgph50m devices to-247 ab absolute maximum ratings parameter max. units v ces collector-to-emitter voltage 1200 v i c @ t c = 25c continuous collector current 45 i c @ t c = 100c continuous collector current 24 a i cm pulsed collector current 90 i lm clamped inductive load current 90 t sc short circuit withstand time 10 s v ge gate-to-emitter voltage 20 v e arv reverse voltage avalanche energy a 190 mj p d @ t c = 25c maximum power dissipation 200 w p d @ t c = 100c maximum power dissipation 78 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw. 10 lbf?in (1.1n?m) parameter typ. max. units r q jc junction-to-case 0.64 r q cs case-to-sink, flat, greased surface 0.24 c/w r q ja junction-to-ambient, typical socket mount 40 wt weight 6 (0.21) g (oz) thermal resistance
IRG4PH50K c-2 www.irf.com parameter min. typ. max. units conditions q g total gate charge (turn-on) 180 270 i c = 24a q ge gate - emitter charge (turn-on) 25 38 nc v cc = 400v see figure 8 q gc gate - collector charge (turn-on) 70 110 v ge = 15v t d(on) turn-on delay time 36 t r rise time 27 t j = 25c t d(off) turn-off delay time 200 300 i c = 24a, v cc = 960v t f fall time 130 190 v ge = 15v, r g = 5.0 w e on turn-on switching loss 1.21 energy losses include "tail" e off turn-off switching loss 2.25 mj see figures 9,10,14 e ts total switching loss 3.46 4.1 t sc short circuit withstand time 10 s v cc = 720v, t j = 125c v ge = 15v, r g = 5.0 w t d(on) turn-on delay time 35 t j = 150c, t r rise time 29 i c = 24a, v cc = 960v t d(off) turn-off delay time 380 v ge = 15v, r g = 5.0 w t f fall time 280 energy losses include "tail" e ts total switching loss 7.80 mj see figures 10,11,14 l e internal emitter inductance 13 nh measured 5mm from package c ies input capacitance 2800 v ge = 0v c oes output capacitance 140 pf v cc = 30v see figure 7 c res reverse transfer capacitance 53 ? = 1.0mhz parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 1200 v v ge = 0v, i c = 250a v (br)ecs emitter-to-collector breakdown voltage 18 v v ge = 0v, i c = 1.0a d v (br)ces / d t j temperature coeff. of breakdown voltage 0.91 v/c v ge = 0v, i c = 2.0ma 2.77 3.5 i c = 24a v ge = 15v v ce(on) collector-to-emitter saturation voltage 3.28 i c = 45a see figures 2, 5 2.54 i c = 24a , t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v ce = v ge , i c = 250a d v ge(th) / d t j temperature coeff. of threshold voltage -10 mv/c v ce = v ge , i c = 2.0ma g fe forward transconductance 13 19 s v ce = 100 v, i c = 24a 250 v ge = 0v, v ce = 1200v 2.0 v ge = 0v, v ce = 10v, t j = 25c 5000 v ge = 0v, v ce = 1200v, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 20v electrical characteristics @ t j = 25c (unless otherwise specified) i ces zero gate voltage collector current v a switching characteristics @ t j = 25c (unless otherwise specified) ns ns a repetitive rating; pulse width limited by maximum junction temperature. ? pulse width 80s; duty factor 0.1%. ? pulse width 5.0s, single shot. notes: repetitive rating; v ge = 20v, pulse width limited bymax. junction temperature. (see figure 13b) v cc = 80% (v ces ), v ge = 20v, l = 10h, r g = 5.0 w , (see figure 13a)
IRG4PH50K c-3 www.irf.com fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 1 10 100 1 10 v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) ce c v = 15v 20s pulse width ge t = 25 c j t = 150 c j 1 10 100 5 6 7 8 9 10 11 12 v , gate-to-emitter voltage (v) i , collector-to-emitter current (a) ge c v = 50v 5s pulse width cc t = 25 c j t = 150 c j 0 10 20 30 40 50 60 0.1 1 10 100 f, fre q uenc y ( khz ) a 60% of rated voltage ideal diodes square wave: for both: duty cycle: 50% t = 125c t = 90c gate drive as specified sink j power d issipation = 40w triangular wave: clamp voltage: 80% of rated load current ( a )
IRG4PH50K c-4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature 25 50 75 100 125 150 0 10 20 30 40 50 t , case temperature ( c) maximum dc collector current(a) c 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectan g ular pulse duration ( sec ) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) -60 -40 -20 0 20 40 60 80 100 120 140 160 1.5 2.0 2.5 3.0 3.5 4.0 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce v = 15v 80 us pulse width ge i = a 48 c i = a 24 c i = a 12 c
IRG4PH50K c-5 www.irf.com fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature 0 40 80 120 160 200 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge v = 400v i = 24a cc c 0 10 20 30 40 50 3.0 4.0 5.0 6.0 7.0 total switching losses (mj) v = 960v v = 15v t = 25 c i = 24a cc ge j c -60 -40 -20 0 20 40 60 80 100 120 140 160 0.1 1 10 100 t , junction temperature ( c ) total switching losses (mj) j r = ohm v = 15v v = 960v g ge cc i = a 48 c i = a 24 c i = a 12 c 5.0 w 1 10 100 0 1000 2000 3000 4000 v , collector-to-emitter voltage (v) c, capacitance (pf) ce v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies ge gc , ce res gc oes ce gc c ies c oes c res r g , gate resistance ( w )
IRG4PH50K c-6 www.irf.com 1 10 100 1000 1 10 100 1000 10000 v = 20v t = 125 c ge j o safe operating area v , collector-to-emitter voltage (v) i , collector current (a) ce c fig. 11 - typical switching losses vs. collector-to-emitter current fig. 12 - turn-off soa 0 10 20 30 40 50 0 5 10 15 20 25 i , collector-to-emitter current (a) total switching losses (mj) c r = ohm t = 150 c v = 960v v = 15v g j cc ge 5.0 w


▲Up To Search▲   

 
Price & Availability of IRG4PH50K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X