Part Number Hot Search : 
255035 WP36BHD 1N1183 KSC5026 IP7905H 68C155 AMC7111 FX105
Product Description
Full Text Search
 

To Download IHLP-2525BD-0133UH-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 12 ihlp-2525bd-01 vishay dale document number 34154 revision 21-may-04 for technical questions, contact magnetics@vishay .com low profile, high current inductor description ihlp-2525bd-01 model 1.0 h inductance value 20% inductance tolerance features lowest height (2.4mm) in this package footprint. shielded construction. frequency range up to 5.0mhz. lowest dcr/ h, in this package size. handles high transient current spikes without saturation. ultra low buzz noise, due to composite construction. 100% lead (pb) free. applications pda/notebook/desktop/server applications. high current pol converters. low profile, high current power supplies. battery powered devices. dc/dc converters in distributed power systems. dc/dc converter for field programmable gate array (fpga). dimensions in inches [millimeters] typical pad layout (min.) 0.135 [3.43] 0.290 [7.37] 0.255 0.010 [6.47 0.254] 0.270 0.015 [6.86 0.381] 0.125 [3.18] 0.095 [2.4] max. 0.146 [3.71] 0.050 0.012 [1.27 0.30] notes: 1. all test data is referenced to 25 c ambient. 2. operating temperature range - 55 c to + 125 c 3. dc current (a) that will cause an approximate ? t of 40 c. 4. dc current (a) that will cause lo to drop approximately 20% 5. the part temperature (ambient + temp rise) should not exceed 125 c under worst case operating conditions. circuit design, component placement, pwb trace size and thickness, airflow and other cooling provisions all affect the part temperature. part temperature should be verified in the end application. sap part numbering guidelines (internal) product family size see the end of this data book for conversion tables inductance value package code tol. series ihlp2 5 25bdrz1r0m01 manufactured under one or more of the following: us patents; 6,198,375 / 6,204,744 / 6,449,829 / 6,460,244. several foreign patents, and other patents pending. lo dcr m ? dcr m ? heat rating saturation inductance typical max current current h 20% 25 c25 c dc amps 3 dc amps 4 @100khz, .25v, 0a typical typical 0.1 1.5 1.7 30 50 0.22 2.9 3.2 21 34 0.33 3.7 4.1 18 22 0.47 6 6.5 13.5 21 0.68 8.7 9.4 11 18 0.82 10.6 11.8 10 17 1.0 13.1 14.2 9.0 16 1.5 18.5 21.2 7.5 15 2.2 28 34 6.5 14 3.3 36.5 51.6 5.0 13 4.7 45.2 63 4.5 10 6.8 72.5 95 3.5 9 8.2 84.2 106 3.0 8 10 115.6 129 2.5 7 standard electrical specifications
www.vishay.com 13 ihlp-2525bd-01 vishay dale document number 34154 revision 21-may-04 for technical questions, contact magnetics@vishay .com ihlp-2525bd-01 0.1 h dc current (amps) inductance h performance graphs temperature ( c) ihlp-2525bd-01 0.22 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 0.33 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 0.47 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 0.68 h dc current (amps) inductance h temperature ( c) low profile, high current inductor ihlp-2525bd-01 0.82 h dc current (amps) inductance h temperature ( c) 40 100 20 60 0.000 80 0 l ? t c 10 0 30 40 20 50 0.120 0.100 0.080 0.060 0.040 0.020 40 100 20 60 0.00 80 0 l ? t c 10 0 30 25 20 5 0.25 0.20 0.15 0.10 0.05 35 15 40 100 20 60 0.00 80 0 l ? t c 10 0 30 25 20 5 0.25 0.20 0.15 0.10 0.05 15 0.30 0.35 40 100 20 60 0.00 80 0 l ? t c 10 0 20 5 0.25 0.20 0.15 0.10 0.05 15 0.30 0.35 0.45 0.40 0.50 40 100 20 60 0.00 80 0 l ? t c 10 0 12 16 20 2 0.60 0.50 0.40 0.30 0.20 0.10 4 6 8 14 18 0.70 0.80 0.00 l ? t c 10 0 12 16 2 0.60 0.50 0.40 0.30 0.20 0.10 4 6 8 14 18 0.70 0.80 0.90 40 100 20 60 80 0
www.vishay.com 14 ihlp-2525bd-01 vishay dale document number 34154 revision 21-may-04 for technical questions, contact magnetics@vishay .com low profile, high current inductor performance graphs ihlp-2525bd-01 1.0 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 1.5 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 2.2 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 3.3 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 4.7 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 6.8 h dc current (amps) inductance h temperature ( c) 40 100 20 60 0 80 0 l ? t c 10 0 12 16 20 2 0.6 0.4 0.2 4 6 8 14 18 0.8 1.2 1.0 40 100 20 60 0 80 0 l ? t c 10 0 12 16 2 0.6 0.4 0.2 4 6 8 14 18 0.8 1.2 1.0 1.4 1.6 40 100 20 60 0.0 80 0 l ? t c 10 0 12 2 2.0 1.5 0.5 4 6 8 14 2.5 1.0 40 100 20 60 0.0 80 0 l ? t c 10 0 12 2 1.5 1.0 0.5 4 6 8 2.0 3.0 2.5 3.5 4.0 40 100 20 60 0.0 80 0 l ? t c 5 0 6 8 10 1 2.5 1.5 0.5 2 3 4 7 9 3.0 4.0 3.5 4.5 5.0 2.0 1.0 40 100 20 60 0.0 80 0 l ? t c 5 0 6 8 1 3.0 2.0 1.0 2 3 4 7 9 4.0 6.0 5.0 7.0 8.0
www.vishay.com 15 ihlp-2525bd-01 vishay dale document number 34154 revision 21-may-04 for technical questions, contact magnetics@vishay .com low profile, high current inductor performance graphs ihlp-2525bd-01 8.2 h dc current (amps) inductance h temperature ( c) ihlp-2525bd-01 10.0 h dc current (amps) inductance h temperature ( c) 0.0 l ? t c 5 0 6 1 6.0 5.0 4.0 3.0 2.0 1.0 2 3 4 7 8 7.0 8.0 9.0 40 100 20 60 80 0 40 100 20 60 0 80 0 l ? t c 2 0 6 5 4 1 12 10 8 6 4 7 3 2


▲Up To Search▲   

 
Price & Availability of IHLP-2525BD-0133UH-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X