Part Number Hot Search : 
1N542 SN74L M65677FP 220M06 2SA11 GRM21BR TDA89 STTH30
Product Description
Full Text Search
 

To Download HMC364S8GE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com frequency dividers & detectors - smt 6 6 - 32 general description features functional diagram the hmc364s8g & HMC364S8GE are low noise divide-by-2 static dividers with ingap gaas hbt technology in 8 lead surface mount plastic pac- kages. this device operates from dc (with a square wave input) to 12.5 ghz input frequency with a single +5v dc supply. the low additive ssb phase noise of -145 dbc/hz at 100 khz offset helps the user maintain good system noise performance. ultra low ssb phase noise: -145 dbc/hz wide bandwidth output power: 4 dbm single dc supply: +5v s8g smt package typical applications prescaler for dc to x band pll applications: ? satellite communication systems ? fiber optic ? point-to-point and point-to-multi-point radios ? vsat electrical speci cations, t a = +25 c, 50 ohm system, vcc= 5v parameter conditions min. typ. max. units maximum input frequency 12.5 13.5 ghz minimum input frequency sine wave input. [1] 0.2 0.5 ghz input power range fin = 1 to 10 ghz -15 >-20 +10 dbm fin = 10 to 12 ghz -10 >-15 +5 dbm fin = 12 to 12.5 ghz -4 >-8 +2 dbm output power fin = 6 ghz 2 5 dbm fin = 9 ghz -2 dbm fin = 11 ghz -5 dbm fin = 12.5 ghz -8 dbm reverse leakage both rf outputs terminated 40 db ssb phase noise (100 khz offset) pin = 0 dbm, fin = 6 ghz -145 dbc/hz output transition time pin = 0 dbm, fout = 882 mhz 100 ps supply current (icc) 105 ma 1. divider will operate down to dc for square-wave input signal. hmc364s8g / 364s8ge smt gaas hbt mmic divide-by-2, dc - 12.5 ghz v04.1109
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com frequency dividers & detectors - smt 6 6 - 33 -30 -20 -10 0 10 20 03691215 input power (dbm) input frequency (ghz) ssb phase noise performance, pin= 0 dbm, t= 25 c input sensitivity window, t= 25 c input sensitivity window vs. temperature output power vs. temperature recommended operating window reverse leakage, pin= 0 dbm, t= 25 c output harmonic content, pin= 0 dbm, t= 25 c -160 -140 -120 -100 -80 -60 -40 -20 0 10 2 10 3 10 4 10 5 10 6 10 7 ssb phase noise (dbc/hz) offset frequency (hz) -5 -2 1 4 7 10 03691215 +25 c +85 c -40 c output power (dbm) input frequency (ghz) -50 -40 -30 -20 -10 0 03691215 both output ports terminated one output port terminated power level (dbm) input frequency (ghz) -50 -40 -30 -20 -10 0 03691215 pfeedthru 3rd harmonic output level (dbm) input frequency (ghz) -30 -20 -10 0 10 20 03691215 min pin +25 c max pin +25 c min pin +85 c max pin +85 c min pin -40 c max pin -40 c input power (dbm) input frequency (ghz) hmc364s8g / 364s8ge v04.1109 smt gaas hbt mmic divide-by-2, dc - 12.5 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com frequency dividers & detectors - smt 6 6 - 34 output voltage waveform, pin= 0 dbm, fout= 882 mhz, t= 25 c absolute maximum ratings outline drawing typical supply current vs. vcc note: divider will operate over full voltage range shown above rf input (vcc = +5v) -13 dbm vcc +5.5v vlogic vcc -1.6v to vcc -1.2v thermal resistance (rth) (junction to ground paddle) 69.3 c/w storage temperature -65 to -150 c operating temperature -40 to +85 c vcc (v) icc (ma) 4.75 93 5.00 105 5.25 115 electrostatic sensitive device observe handling precautions notes: 1. leadframe material: copper alloy 2. dimensions are in inches [millimeters] 3. dimension does not include moldflash of 0.15mm per side. 4. dimension does not include moldflash of 0.25mm per side. 5. all ground leads and ground paddle must be soldered to pcb rf ground. part number package body material lead finish msl rating package marking [3] hmc364s8g low stress injection molded plastic sn/pb solder msl1 [1] hmc364 xxxx HMC364S8GE rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] hmc364 xxxx [1] max peak re ow temperature of 235 c [2] max peak re ow temperature of 260 c [3] 4-digit lot number xxxx package information -700 -500 -300 -100 100 300 500 700 22.7 23.1 23.5 23.9 24.3 24.7 amplitude (mv) time (ns) hmc364s8g / 364s8ge v04.1109 smt gaas hbt mmic divide-by-2, dc - 12.5 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com frequency dividers & detectors - smt 6 6 - 35 pin description pin number function description interface schematic 1 out divided output 180 out of phase with pin 3. 2, 6 n/c no connection 3 out divided output. 4 vcc supply voltage 5v 0.25v. 5 in rf input must be dc blocked. 7 in rf input 180 out of phase with pin 5 for differential operation. a/c ground for single ended operation 8 gnd exposed paddle must be connected to rf/dc ground. hmc364s8g / 364s8ge v04.1109 smt gaas hbt mmic divide-by-2, dc - 12.5 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com frequency dividers & detectors - smt 6 6 - 36 evaluation pcb list of materials for evaluation pcb 104631 [1] the circuit board used in the nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and backside ground slug should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. this evaluation board is designed for single ended input testing. j2 and j3 provide differential output signals. item description j1 - j3 pcb mount sma rf connector c1 - c4 100 pf capacitor, 0402 pkg. c5 1000 pf capacitor, 0603 pkg. c6 10 f tantalum capacitor u1 hmc364s8g / HMC364S8GE divide-by-2 pcb [2] 104627 eval board [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 hmc364s8g / 364s8ge v04.1109 smt gaas hbt mmic divide-by-2, dc - 12.5 ghz
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com frequency dividers & detectors - smt 6 6 - 37 application circuit hmc364s8g / 364s8ge v04.1109 smt gaas hbt mmic divide-by-2, dc - 12.5 ghz


▲Up To Search▲   

 
Price & Availability of HMC364S8GE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X