Part Number Hot Search : 
MR852 D8222 SN74L 2SK1918 24WC16 90010 CAR6AC MJ14000
Product Description
Full Text Search
 

To Download GT11-8DP-28DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  coaxial cable connection of antennas, sensors, and communication trunk lines gt11 series ?connectors for coaxial cables features cost efficient termination highly efficient and reliable single motion crimp termination allows high volume production with semi- automatic equipment. lock-release latching system shock / vibration resistant electrical connections verification of the full contact insertion 77
for double-conductor coaxial shielded cable gt11-2s-5.2c gt11-2s-6.0c 761-0002-3 761-0028-7 part number cl no. applicable cable 4.5 to 5.2mm 5.8 to 6.2mm item outer terminal insulator material brass pt finish tin plating color: dark gray * the suitable terminals might differ depending on the internal structure of the cable. (54$' (54$'   part number cl no. conductor size (awg) material finish packaging #18 to 22 #24 to 28 brass tin plating 8,000 pcs. per reel gt11-2p-5.2c gt11-2p-6.0c 761-0001-0 761-0027-4 part number cl no. applicable cable 4.5 to 5.2mm 5.8 to 6.2mm item outer terminal insulator material brass pt finish tin plating color: dark gray * the suitable terminals might differ depending on the internal structure of the cable. gt11-1822pcf gt11-2428pcf 761-0003-6 761-0019-6 part number cl no. conductor size (awg) material finish packaging #18 to 22 #24 to 28 brass tin plating 8,000 pcs. per reel f connectors outer terminals inner terminals m connectors outer terminals inner terminals 78
for double-conductor coaxial cable b shown with inserted retainer part number gt11-2s-hu cl no. material color 761-0005-1 pbt light gray part number gt11-2p-hu cl no. material color 761-0006-4 pbt light gray b fully mated connector assemblies part number gt11n-2pp-hu cl no. material color 761-0008-0 pbt light gray f connectors housing m connectors housing b shown with inserted retainer b shown with inserted retainer 79
part number gt11-2s-hu cl no. material finish color pbt brass pbt phosphor bronze ---- tin plating ---- tin plating light gray ---- dark gray ---- 761-0005-1 for outer conductor for inner conductor ? b recommended board mounting pattern b recommended panel cut-out for outer conductor for inner conductor ? , x part number gt11x-2/2p-ds cl no. material finish color pbt brass pbt phosphor bronze ---- tin plating ---- tin plating light gray ---- dark gray ---- 761-0022-0 part number gt11-2p-dsa cl no. 761-0038-0 m connectors housing housing (2-position type) b fully mated connector assemblies b recommended board mounting pattern housing (straight type) b recommended board mounting pattern b fully mated connector assemblies 80
w aterproof type for double-conductor coaxial cable part number gt11w-2p-hu cl no. material 761-0023-3 pbt part number gt11w-2s-hu cl no. material 761-0024-6 pbt part number gt11w-6.0r cl no. applicable cable 761-0025-9 pbt silicon rubber compound f connectors housing b fully mated connector assemblies m connectors housing retainer (used with gt11w-2s-hu and gt11w-2p-hu) 81
w aterproof type for double-conductor coaxial cable part number gt11k-2/2s-hu cl no. material color 761-0039-3 pbt light gray * mates only with gt11kn-2/2pp-hu. part number gt11kn-2/2pp-hu cl no. material color 761-0040-2 pbt light gray f connectors housing b shown with inserted retainer b shown with inserted retainer m connectors housing 82
1 strip the cable. 2 cut the shield and expose the wire. 3 cut back the shield above the sheath and wrap with conductive tape. 4 strip the wire and form it. jig used: cable-forming strip jig (refer to page 85 for detail.) 5 crimp the wire to the internal terminal. jig used: automatic crimping machine. (refer to page 85 for detail.) 6 insert the internal terminals into the outer terminals. 7 crimp the outer terminal. jig used: outside tube caulking jig. (refer to page 91 for detail.) 8 insert the terminal into the housing. (please insert until the terminal is stopped by the lance.) 9 mount the retainer to complete the task. refer to page 84 for information about the retainer mounting method. b t ermination sequence cable shield wire conductor 1mm max. the shield must be visible. the joined side of the crimp portion faces upward (for both male and female). 83
a. insert so that the terminal locking tab is inserted between the top surface of the terminal and the housing. b. push in while changing the angle of the retainer until the front surface comes to a stop. c. press the rear portion of the retainer and snap it into the locked position. d. if locking is not complete, press the rear portion of the retainer again while pulling it backward. * check that all locations are locked. * check that the bands are housed in all of the receiving areas. b retainer mounting method 84
b t ermination tools item capacity stroke number of strokes weight motor crimping speed specification 1.5tons 30mm 200spm (50hz) 75kg 0.2kw 2000 to 4000 pcs. per day remarks 200spm (60hz) ac100v specifications user's manuals are available. please ask your hirose electric account representative. main unit accessory (electrical box) part number cm-105 part number ct11-ct/ad * crimp height setting tables are available for each cable type. please contact your nearest hirose electric account representa tive. different cables will require different crimp height settings. part number ct11-st/ad mounting dimensions weight power supply air pressure task time capacity approximately 400 w x 500 d x 300 h approximately 40 kg ac100v (50/60hz) 5-6kgf/cm approximately 14 seconds remarks approximately 300 w x 250 d x 200 h approximately 5 kg specifications main unit accessory (electrical box) mounting dimensions weight power supply air pressure specification approximately 300 w x 400 d x 300 h approximately 25 kg ac100v (50/60hz) 5-6kgf/cm remarks approximately 300 w x 250 d x 200 h approximately 5 kg specifications cable-forming strip jig (for 2-conductor cable) automatic crimping machine (for 2-conductor and 8-conductor cable) cable-forming strip jig (for 2-conductor cable) 85
for 8-conductor coaxial shielded cable part number cl no. conductor size (awg) material finish gt11-1822scf 761-0004-9 #24 to 28 phosphor bronze tin plating gt11-2428scf 761-0020-5 #24 to 28 phosphor bronze tin plating part number cl no. material gt11-8ds-2.8c 761-0014-2 pbt part number cl no. material finish gt11-8ds-5c 761-0015-5 brass phosphor bronze f connectors inner terminal insulator outer terminals 86
part number cl no. material finish gt11-8ds-sb 761- 0016-8 brass tin plating part number cl no. material gt11-8ds-hu 761-0017-0 pbt part number cl no. material gt11-8ds-6r 761-0018-3 pbt shield plate housing retainer (used with gt11-8ds-hu) 87
part number cl no. conductor size (awg) material finish gt11-1822pcf 761-0003-6 #18 to 22 phosphor bronze tin plating gt11-2428pcf 761-0019-6 #24 to 28 phosphor bronze tin plating part number cl no. material gt11-8dp-2.8c 761-0009-2 pbt part number cl no. material finish gt11-8dp-5c 761-0010-1 brass phosphor bronze m connectors inner terminals insulator outer terminals 88
part number cl no. material finish gt11-8dp-sb 761-0011-4 brass phosphor bronze part number cl no. material gt11-8dp-hu 761-0012-7 pbt part number cl no. material gt11-8dp-6r 761-0013-0 pbt * reserved for product expansion shield plate housing retainer (used with gt11-8ds-hu) 89
part number cl no. item material finish housing pbt outer terminal phosphor bronze tin plating gt11-8dp-2.8ds 761-0021-8 insulator pbt terminal brass tin plating printed circuit board type board b recommended board mounting pattern b fully mated connector assemblies 90
b t ermination sequence 1 strip the cable. 2 cut the shield and expose the wire. 3 cut back the shield above the sheath and wrap with conductive tape. 4 strip the wire. 5 crimp the internal terminals. 6 insert the inner terminals into the insulated case. 7 insert what was made in step 6 into the outer terminals. 8 insert the caulking shield cover onto the outer terminals. 9 insert what was made in step 8 into the housing. ! 0 insert the retainer. cable shield wire conductive tape internal terminals inner terminal outer terminals shield cover housing retainer completion 91
hand press part number gt11-8s/p-hp b te rmination tools user's manuals are available. please ask your hirose electric account representative. item specification remarks capacity 1.5ton stroke 30mm number of strokes 200 spm (50hz) 240spm (60hz) weight 75kg motor 0.2kw ac100v crimping speed 2000 to 4000 pcs. per day main unit accessory (electrical box) part number cm-105 specifications part number ct11-st/ad part number ct11-ct/ad specifications specifications * crimp height setting tables are available for each cable type. please contact your nearest hirose electric account representative. different cables will require different crimp height settings. main unit accessory (electrical box) cable-forming strip jig (for 2-conductor cable) mounting dimensions weight power supply air pressure task time capacity approximately 400 w x 500 d x 300 h approximately 40 kg ac100v (50/60hz) 5-6kgf/cm approximately 14 seconds remarks approximately 300 w x 250 d x 200 h approximately 5 kg automatic crimping machine (for 2-conductor and 8-conductor cable) cable-forming strip jig (for 2-conductor cable) mounting dimensions weight power supply air pressure specification approximately 300 w x 400 d x 300 h approximately 25 kg ac100v (50/60hz) 5-6kgf/cm remarks approximately 300 w x 250 d x 200 h approximately 5 kg outer terminal caulking jig (for 8-conductor cable) 92


▲Up To Search▲   

 
Price & Availability of GT11-8DP-28DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X