Part Number Hot Search : 
95CW06C2 Q68000 74HC14DB MSC8004 15005 P7350H3 B90N6T 90583C
Product Description
Full Text Search
 

To Download FE-CAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f3280c 2/08 product bulletin dimensions ? millimeters (inches) eia size code metric size code l length w width b bandwidth s separation 0402 1005 1.0 (.04) 0.05 (.002) 0.5 (.02) 0.05 (.002) 0.20 (.008) -0.40 (.016) 0.30 (.012) 0603 1608 1.6 (.063) 0.15 (.006) 0.8 (.032) 0.15 (.006) 0.35 (.014) 0.15 (.006) 0.70 (.028) 0805 2012 2.0 (.079) 0.20 (.008) 1.25 (.049) 0.20 (.008) 0.05 (.02) 0.25 (.010) 0.75 (.030) 1206 3216 3.2 (.126) 0.20 (.008) 1.6 (.063) 0.20 (.008) 0.50 (.02) .25 (.010) n/a 1210 3225 3.2 (.126) 0.20 (.008) 2.5 (.098) 0.20 (.008) 0.50 (.02) .25 (.010) n/a 1812 4532 4.5 (.177) 0.30 (.012) 3.2 (.126 ) 0.30 (.012) 0.60 (.024) .35 (.014) n/a refer to standard thickness dimensions and table located in the f3102 smt catalog on pages 73, 74, and 77. outline drawing      
    
    fail-safe floating electrode mlcc / FE-CAP / x7r dielectric the FE-CAP is a smd mlcc which utilizes a floating internal electrode design, wherein the electrodes are configured to form multiple capacitors in series within a single mlcc package. this not only yields improved voltage and esd performance over standard designs, but also mitigates the risk of low-ir or short-circuit failures that can occur due to board flex. combined with the stability of an x7r dielectric, the FE-CAP complements kemet's open mode devices by providing a fail-safe design optimized for low- to mid-range capacitance values. product description FE-CAP internal design flex crack unique electrode design allows for a fail-open during a flex condition.
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com x7r capacitance range cap (pf) cap (nf) cap code 0402 0603 0805 1206 1210 1812 6.3 10 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 25 50 100 200 250 150 0.15 151 180 0.18 181 220 0.22 221 270 0.27 271 330 0.33 331 390 0.39 391 470 0.47 471 560 0.56 561 680 0.68 681 820 0.82 821 1000 1.00 102 1200 1.2 122 1500 1.5 152 1800 1.8 182 2200 2.2 222 2700 2.7 272 3300 3.3 332 3900 3.9 392 4700 4.7 472 5600 5.6 562 6800 6.8 682 8200 8.2 822 10000 10 103 12000 12 123 15000 15 153 18000 18 183 22000 22 223 27000 27 273 33000 33 333 39000 39 393 47000 47 473 56000 56 563 68000 68 683 82000 82 823 100000 100 104 120000 120 124 150000 150 154 180000 180 184 220000 220 224
as detailed in the kemet surface mount catalog f3102 for x7r, with following specific requirements based on room temperature (25c) parameters: ? operating range: -55c to +125c, with no-bias capacitance shift limited to 15% over that range. ? insulation resistance (ir) measured after 2 minutes at rated voltage @ 25c: limit is 1,000 megohm microfarads or 100 gigohm, whichever is less. ? capacitance and dissipation factor (df) measured at 1khz and 1 vrms. df limits are: these components are suitable for reflow and wave soldering. all parts incorporate the standard kemet barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resist- ance to leaching. these chips will be supplied unmarked. if required, they can be laser-marked as an extra option. details on the marking format are included in kemet surface mount catalog f3102. aec-q200 rev. c - automotive rohs 6 - 100% tin termination in general, the information in the kemet surface mount catalog f3102 applies to these capacitors. the information in this bulletin supplements that in the catalog. ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 0805 s 103 k 5 r a c style c - ceramic size code 0402, 0603, 0805, 1206, 1210, 1812 specification s - floating electrode capacitance code, pf first two digits represent significant figures. third digit specifies number of zeros. 100 pf = 101. (use ?9? for 1.0 through 9.9 pf) capacitance tolerance k = 10%; m = 20%; j = 5% voltage 9 = 6.3v, 8 = 10v, 4 = 16v, 3 = 25v 5 = 50v, 1 = 100v, 2 = 200v, a = 250v temperature characteristic designated by capacitance change over temperature range r ? x7r (15%) (-55c +125c) end metallization c = 100% tin plated l = 70sn/30pb plated failure rate level a = not applicable ordering information 50 - 250 volts 2.5% 16 - 25 volts 3.5% 6.3 - 10 volts 5.0% electrical parameters soldering process marking qualification/certification


▲Up To Search▲   

 
Price & Availability of FE-CAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X