Part Number Hot Search : 
KBPC3504 MC12015D 2SC20 STUP012 1820A BR1765 H053B 2SA765
Product Description
Full Text Search
 

To Download EP13E7C2H-3300M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep13e7 ceramic 3.3v os5n 06/08 ep13e7 series oscillator ep13e7 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. ? rohs compliant (pb-free) ? epo? programmable oscillators ? ceramic surface mount package ? lvhcmos output ? 3.3v supply voltage ? stability to 25ppm ? available on tape & reel ? tri-state and power down funtions available h 1.05 l 3.2 w 2.5 3.300mhz, 3.6864mhz, 5.000mhz, 6.000mhz, 6.144mhz, 7.000mhz, 8.000mhz, 9.000mhz, 10.000mhz, 12.000mhz, 14.7456mhz, 16.000mhz , 20.000mhz, 24.000mhz, 25.000mhz, 26.000mhz, 27.000mhz, 30.000mhz, 32.000mhz, 33.000mhz, 33.330mhz, 33.333mhz, 37.500mhz, 40.000mhz, 48.000mhz, 50.000mhz, 52.000mhz, 54.000mhz, 55.000mhz, 66.000mhz, 70.000mhz, 75.000mhz, 80.000mhz, 83.000mhz, 88.000mhz, 96.000mhz, and 100.000mhz -20c to 70c or -40c to 85c -55c to 125c 3.3v dc 5% 12ma maximum 17ma maximum 22ma maximum 25ma maximum 25ppm, 50ppm or 100ppm maximum 90% of v dd minimum 10% of v dd maximum 6nseconds maximum 4nseconds maximum 2nseconds maximum 50 5(%) 30pf hcmos load maximum 15pf hcmos load maximum tri-state or power down enables output enables output disables output 30a maximum 8ma maximum 350psec maximum 200psec maximum 5ppm/year maximum 10msec maximum nominal frequency operating temperature range storage temperature range supply voltage (v dd ) input current frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability pad 1 connection pad 1 input voltage standby current disable current absolute clock jitter aging at 25 start up time 3.300mhz to 25.000mhz 25.001mhz to 75.000mhz 75.001mhz to 90.000mhz 90.001mhz to 100.000mhz inclusive of all conditions: calibration tolerance at 25c , frequency stability over the operating temperature range, supply voltage change, output load change, 1st year aging at 25c, 260c reflow, shock, and vibration i oh = -8ma i ol = +8ma 3.300mhz to 50.000mhz, 20% to 80% of waveform 50.001mhz to 75.000mhz, 20% to 80% of waveform 75.001mhz to 100.000mhz, 20% to 80% of waveform at 50% of waveform 3.300mhz to 50.000mhz 50.001mhz to 100.000mhz v ih of 90% of v dd minimum no connection v il of 10% of v dd maximum disabled output (logic low) disabled output (high impedance) 3.300mhz to 24.999999mhz 25.000mhz to 100.000mhz
manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep13e7 ceramic 3.3v os5n 06/08 mechanical dimensions all dimensions in millimeters environmental/mechanical specifications tape and reel dimensions all dimensions in millimeters suggested solder pad layout all dimensions in millimeters 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. ep13e7 h 2 h - 50.000m tr part numbering guide available options blank=bulk tr=tape and reel (standard) frequency logic control/additional output h=tri-state j=power down frequency tolerance & stability/ operating temperature range c=100ppm maximum over -20c to +70c d=50ppm maximum over -20c to +70c e=25ppm maximum over -20c to +70c g=100ppm maximum over -40c to +85c h=50ppm maximum over -40c to +85c duty cycle 2=50% 5% *compliant to eia 481c tolerances= +0.1 characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500vdc fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b thermal shock mil-std-883, method 1011, condition b vibration mil-std-883, method 2007, condition a pin 1: tri-state or power down pin 2: case ground pin 3: output pin 4: supply voltage a b c d e f 12.0 0.3 5.5 0.05 4.75 0.1 4.0 0.1 2.00 0.05 f g h j k l 4.0 0.1 a0* 1.5 +.1/-0 b0* 0.6 max k0* m n o p q 1.5 min 50 min 20.2 min 13+.5/-.2 40 min r s t u v qty/reel 2.5 min 10 min 18.4 max 332 max 12.4 +2/-0 1,000 reel plastic mems first? is a registered trademark of sitime corporation. 2.50 0.15 3.20 0.15 1.05 0.15 0.75 0.10 (x4) 1.20 0.10 1.00 0.10 1.00 0.10 1 2 3 4 marking orientation


▲Up To Search▲   

 
Price & Availability of EP13E7C2H-3300M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X