Part Number Hot Search : 
BU508DX ADS12 24C03 J110A FS2KM16A 652MP20 CRC101J 74VHC1
Product Description
Full Text Search
 

To Download E9321A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet agilent e4416a/e4417a epm-p series power meters and e-series e9320 peak and average power sensors
2 epm-p power meter specifications specifications describe the instruments warranted perfor- mance and apply after a 30 minute warm-up. these speci- fications are valid over its operating and environmental range unless otherwise stated and after performing a zero and calibration procedure. supplemental characteristics are intended to provide addi- tional information; useful in applying the instrument by giving typical (expected), but not warranted performance parameters. these characteristics are shown in italics or labeled as typical, nominal or approximate. measurement uncertainties information can be found in, fundamentals of rf and microwave power measurements - application note 64-1 , literature number 5965-6630e. compatibility , the epm-p series power meters operate with the e-series e9320 family of power sensors for peak, average and time-gated power measurements. the epm-p series also operates with the existing 8480 series, e-series cw and the e9300 range of power sensors for average power measurements. for specifications pertaining to the 8480 and e-series cw and e9300 power sensors, please refer to the, epm series power meters e-series and 8480 series power sensors , technical specifications, literature number 5965-6382e. measurement modes , the epm-p series power meters have two measurement modes: 1. normal mode (default mode using e9320 sensors) for peak, average and time-related measurements, and 2. average only mode. this mode is primarily for average power measurements on low-level signals, when using e9320 sensors, and is the mode used with 8480 series sensors, e-series cw sensors and e-series e9300 sensors. frequency range: 9 khz to 110 ghz, sensor dependent power range: -70 to +44 dbm, sensor dependent single sensor dynamic range e-series e9320 peak and average power sensors: 70 db maximum (normal mode); 85 db maximum (average only mode) e-series cw power sensors: 90 db e-series e9300 average power sensors: 80 db maximum 8480 series sensors: 50 db maximum display units absolute: watts or dbm relative: percent or db display resolution: selectable resolution of 1.0, 0.1, 0.01, 0.001 db in logarithmic mode, or 1 to 4 significant digits in linear mode. offset range: 100 db in 0.001 db increments, to compensate for external loss or gain video bandwidth: 5 mhz (set by meter and is sensor dependent) note that the video bandwidth represents the ability of the power sensor and meter to follow the power envelope of the input signal. the power envelope of the input signal is, in some cases, determined by the signal's modulation bandwidth, and hence video bandwidth is sometimes referred to as modulation bandwidth. video bandwidth/ dynamic range optimization the power measurement system, comprising the sensor and meter, has its maximum video bandwidth defined by the e9320 sensor. to optimize the systems dynamic range for peak power measurements , the video bandwidth in the meter can be set to high , medium and low , as detailed in the following table. the filter video bandwidths stated in the table are not the 3 db bandwidths as the video bandwidths are corrected for optimal flatness. refer to figures 6 to 8 for information on the sensors peak flat- ness response. a filter off mode is also provided. table 1. video bandwidth versus peak power dynamic range sensor model video bandwidth/maximum peak power dynamic range off high medium low E9321A 300 khz/ 300 khz/ 100 khz/ 30 khz/ e9325a -40 dbm to +20 dbm -42 dbm to +20 dbm -43 dbm to +20 dbm -45 dbm to +20 dbm e9322a 1.5 mhz/ 1.5 mhz/ 300 khz/ 100 khz/ e9326a -36 dbm to +20 dbm -37 dbm to +20 dbm -38 dbm to +20 dbm -39 dbm to +20 dbm e9323a 5 mhz/ 5 mhz/ 1.5 mhz/ 300 khz/ e9327a -32 dbm to +20 dbm -32 dbm to +20 dbm -34 dbm to +20 dbm -36 dbm to +20 dbm
3 accuracy instrumentation please add the corresponding power sensor linearity per- centage; see tables 6a and 6b for the e9320 sensors. average only mode : absolute logarithmic: 0.02 db linear: 0.5% relative logarithmic: 0.04 db linear: 1.0% normal mode : time base accuracy 0.01% 1 mw power reference power output: 1.00 mw (0.0 dbm). factory set to 0.4% traceable to the national ph ysical laboratories (npl), uk 2 accuracy: for two years 0.5% (23 3 c) 0.6% (25 10 c) 0.9% (0 to 55 c) frequency: 50 mhz nominal swr: 1.06 maximum (1.08 maximum for option e41xa-003) connector type: type n (f), 50 ohms measurement characteristics: measurements: average power peak power peak-to-average ratio measurements between two time offsets (time-gating) averaging: averaging over 1 to 1024 readings is available for reducing noise measurement speed (gpib) over the gpib, three measurement speeds are available (normal, x 2 and fast). the typical maximum speed is shown in the table below. table 2. measurement speed for different sensor types channel functions a, b, a/b, b/a, a-b, b-a and relative storage registers 10 instrument states can be saved via the save/recall menu. predefined setups for common wireless standards (gsm900, edge, nadc, iden, bluetooth, is-95 cdma, w-cdma and cdma2000), predefined setups are provided. calibration temperature 1 temperature ? ? 0 to 55 ? absolute accuracy (log) ?.04 db ?.08 db absolute accuracy (linear) ?.8% ?.7% relative accuracy (log) ?.08 db ?.16 db relative accuracy (linear) ?.6% ?.4% 1. power meter is within ? ? of its calibration temperature. 2. national metrology institutes of member states of the metre convention, such as the national institute of standards and technology in the usa, are signatories to the comit?international des poids et mesures mutual recognition arrangement. further information is available from the bureau international des poids et mesures, at http://www.bipm.fr/ 3. fast speed is not available for 8480 series sensors. 4. maximum measurement speed is obtained by using binary output in free run trigger. 5. for e9320 sensors, maximum speed is achieved using binary output in free run acquisition. sensor type measurement speed (readings/second) normal x 2 fast 3,4 e-series e9320 average only mode 20 40 400 peak and average sensors normal mode 5 20 40 1000 e-series cw and e9300 average power 20 40 400 sensors 8480 series sensors 20 40 n.a.
4 trigger sources: internal, external ttl, gpib, rs232/422, time resolution: 50 ns delay range: 1.0 s delay resolution: 50 ns for delays < 50 ms; otherwise 200 ns hold-off: range: 1 us to 400 ms resolution: 1% of selected value (minmum of 100 ns) internal trigger: range: -20 to +20 dbm level accuracy: 0.5 db resolution: 0.1 db latency: 500 ns 100 ns latency is defined as the delay between the applied rf crossing the trigger level and the meter switching into the triggered state. external trigger range: high > 2.0 v, low < 0.8 v ; bnc connector; rising or falling edge triggered; input impedance > 1 k ? . trigger out: output provides ttl compatible levels ( high > 2.4 v, low < 0.4 v ) and uses a bnc connector sampling characteristics sampling rate: 20 msamples/second sampling technique: continuous sampling rear panel inputs/outputs recorder output(s): analog 0 to 1 v, 1 k ? output impedance, bnc connector. two outputs are available on e4417a (channels a and b). remote input/output: ttl output: used to signal when measure- ment has exceeded a defined limit. ttl input: initiates zero and calibration cycle. connector type: rj-45 series shielded modular jack assembly. ttl output: high = 4.8 v max; low = 0.2 v max. ttl input: high = 3.5 v min, 5 v max; low = 1 v max, -0.3 v min. rs-232/422 interface: serial interface for communi- cation with an external controller. male plug 9-pin d-subminiature connector. trigger in: accepts a ttl signal for initiating measure- ments, bnc connector. trigger out: outputs a ttl signal for synchronizing with external equipment, bnc connector. ground: binding post accepts 4 mm plug or bare wire connection line power input voltage range 85 to 264 vac, automatic selection input frequency range 47 to 440 hz power requirement approximately 50 va (14 watts) remote programming interface: gpib interface operates to ieee 488.2 and iec-625. rs-232 and rs-422 serial interfaces supplied as standard command language: scpi standard interface commands gpib compatibility: sh1, ah1, t6, te0, l4, le0, sr1, rl1, pp1, dc1, dt1, c0. environmental specifications operating environment temperature 0 to 55 c maximum humidity 95% at 40 c, (non-condensing) minimum humidity 15% at 40 c maximum altitude 3,000 meters (9,840 feet) storage conditions: storage temperature -20 to +70c non-operating maximum humidity: 90% at 65 c (non-condensing) non-operating maximum altitude: 15,420 meters (50,000 feet) regulatory information electromagnetic compatibility: this product conforms with the protection requirements of european council directive 89/336/eec for electromagnetic compatibility (emc). the conformity assessment requirements have been met using the technical construction file route to compliance, using emc test specifications en 55011:1991 (group 1, class a) and en 50082-1:1992. in order to preserve the emc performance of the product, any cable which becomes worn or dam- aged must be replaced with the same type and specifica- tion. product safety: this product conforms to the require- ments of european council directive 73/23/eec, and meets the following safety standards: iec 61010-1(1990) + a1 (1992) + a2 (1995) / en 61010-1 (1993) iec 825-1 (1993) / en 60825-1 (1994) canada / csa c22.2 no. 1010.1-93
5 physical specifications dimensions: the following dimensions exclude front and rear panel protrusions: 212.6 mm w x 88.5 mm h x 348.3 mm d (8.5 in x 3.5 in x 13.7 in) weight net: e4416a: 4.0 kg (8.8 lbs) approximate e4417a: 4.1 kg (9.0 lbs) approximate shipping: e4416a: 7.9 kg (17.4 lbs) approximate e4417a: 8.0 kg (17.6 lbs) approximate ordering information accessories supplied power sensor cable e9288a 1.5 meter (5 ft). one per e4416a, two per e4417a power cord one 2.4 meter (7.5 ft) cable. power plug matches destination requirements. ansi/ncsl z540-1-1994 certificate of calibration supplied as standard. installation guide users guide and programming guide (cd-rom format) power meter options connectors e441xa-002 parallel rear panel sensor input connector(s) and front panel reference calibrator connector e441xa-003 parallel rear panel sensor input connector(s) and rear panel reference calibrator connector calibration documentation e441xa-a6j ansi z540 compliant calibration test data including measurement uncertainties documentation a hard copy of the installation guide and cd 1 of the english language users guide and programming guide is provided with the epm-p power meter as standard. a selection can be made to delete the hard copy. e441xa-0b0 delete manual set additional documentation selections can be made for the localization of the users guide, an english language programming guide and service manual. e441xa-0b3 english language service manual e441xa-0bk english language manual set (hardcopy users guide and english programming guide) e441xa-abd german localization (hard copy users guide and english programming guide) e441xa-abe spanish localization (hard copy users guide and english programming guide) e441xa-abf french localization (hard copy users guide and english programming guide) e441xa-abj japanese localization (hard copy users guide and english programming guide) e441xa-abz italian localization (hard copy users guide and english programming guide) power sensor cables e441xa-004 delete power sensor cable for operation with the e9320 power sensors: e9288a power sensor cable, length 5 ft (1.5 m) e9288b power sensor cable, length 10 ft (3 m) e9288c power sensor cable, length 31 ft (10 m) note: the e9288a, b, and c sensor cables will also operate with 8480 and e-series power sensors. for operation with 8480, e-series cw and e9300 power sensors: 11730a power sensor and sns noise source cable, length 5 ft (1.5 m) 11730b power sensor and sns noise source cable, length 10 ft (3 m) 11730c power sensor and sns noise source cable, length 20 ft (6.1 m) 11730d power sensor cable, length 50 ft (15.2 m) 11730e power sensor cable, length 100 ft (30.5 m) 11730f power sensor cable, length 200 ft (61.0 m) other sensor cable lengths can be supplied on request. accessories e441xa-908 rack mount kit (one instrument) e441xa-909 rack mount kit (two instruments) 34131a transit case for half-rack 2u high instruments 34141a yellow soft carry / operating case 34161a accessory pouch service options warranty included with each epm-p series power meter is a stan- dard 12-month, return-to-agilent warranty and service plan. for warranty and service of 5 years, please order 60 months of r-51b. r-51b return-to-agilent warranty and service plan calibration 2 for 3 years, order 36 months of the appropriate calibra- tion plan shown below. for 5 years, specify 60 months. r-50c-001 standard calibration plan r-50c-002 standard compliant calibration plan 1. cd includes epm-p analyzer software. 2. options not available in all countries.
6 e-series e9320 power sensor specifications the e9320 peak and average power sensors are designed for use with the epm-p series power meters. the e9320 sensors have two measurement modes: normal mode (default mode for e9320 sensors) for peak, average and time-related measurements average only mode is designed primarily for average power measurements on low-level signals. this mode is the only mode used with 8480 series sensors, e series cw sensors and e-series e9300 sensors. the following specifications are valid after zero and cali- bration of the power meter. note: e9320 power sensors must be used with an e9288a, b or c cable. table 3. sensor specifications sensor model E9321A e9325a e9322a e9326a e9323a e9327a video bandwidth 300 khz 1.5 mhz 5 mhz frequency range 50 mhz to 6 ghz 50 mhz to 18 ghz 50 mhz to 6 ghz 50 mhz to 18 ghz 50 mhz to 6 ghz 50 mhz to 18 ghz power range average only mode normal mode 1 -65 dbm to +20 dbm -50 dbm to +20 dbm -60 dbm to +20 dbm -45 dbm to +20 dbm -60 dbm to +20 dbm -40 dbm to +20 dbm maximum power +23 dbm average; +30 dbm peak (< 10 ?ec duration) connector type type n (m) 1. for average power measurements, free run acquisition.
7 the e9320 power sensors have two measurement ranges (lower and upper) as detailed in table 4. table 4. lower and upper measurement ranges lower range (min. power) lower range (max. power) lower to upper auto range point upper to lower auto range point upper range (min. power) upper range (max. power) E9321A/e9325a normal average only -50 dbm -65 dbm +0.5 dbm -17.5 dbm 1 -9.5 dbm -18.5 dbm -35 dbm -50 dbm +20 dbm +20 dbm 1 e9322a/e9326a normal average only -45 dbm -60 dbm -5 dbm -13.5 dbm 1 -15 dbm -14.5 dbm -35 dbm -45 dbm +20 dbm +20 dbm 1 e9323a/e9327a normal average only -40 dbm -60 dbm -5 dbm -10.5 dbm 1 -15 dbm -11.5 dbm -30 dbm -35 dbm +20 dbm +20 dbm 1 1. applies to cw and constant amplitude signals only above ?0 dbm. table 5. power sensor maximum swr sensor model E9321A, e9325a e9322a, e9326a e9323a, e9327a maximum swr (< = 0 dbm) 50 mhz to 2 ghz: 1.12 2 ghz to 10 ghz: 1.16 10 ghz to 16 ghz: 1.23 16 ghz to 18 ghz: 1.28 50 mhz to 2 ghz: 1.12 2 ghz to 12 ghz: 1.18 12 ghz to 16 ghz: 1.21 16 ghz to 18 ghz: 1.27 50 mhz to 2 ghz: 1.14 2 ghz to 16 ghz: 1.22 16 ghz to 18 ghz: 1.26 figure 2. typical swr for the e9322a and e9326a sensors at various power levels figure 1. typical swr for the E9321A and e9325a sensors at various power levels figure 3. typical swr for the e9323a and e9327a sensors at various power levels
8 sensor linearity if the sensor temperature changes after calibration, and the meter and sensor is not re-calibrated, then the following additional linearity errors should be added to the linearity figures in tables 6a and 6b. figure 5 shows the typical uncertainty in making a relative power measurement, using the same power meter channel and the same power sensor to obtain the reference and the measured values. it also assumes that negligible change in frequency and mismatch error occurs when transitioning from the power level used as the reference to the power level measured. table 6a. power sensor linearity, normal mode (upper and lower range). sensor model temperature temperature ( 25 10 ?) (0 to 55 ?) E9321A and e9325a ?.2% ?.0% e9322a and e9326a ?.2% ?.0% e9323a and e9327a ?.2% ?.5 % table 6b. power sensor linearity, average only mode (upper and lower range). sensor model temperature temperature ( 25 10 ?) (0 to 55 ?) E9321A and e9325a ?.7% ?.5% e9322a and e9326a ?.7% ?.5% e9323a and e9327a ?.7% ?.0 % table 6c. additional linearity error (normal and average only modes). sensor model temperature temperature ( 25 10 ?) (0 to 55 ?) E9321A and e9325a ?.0% ?.0% e9322a and e9326a ?.0% ?.5% e9323a and e9327a ?.0% ?.0 % figure 4. typical power linearity at 25 ? for the e9323a and e9327a 5 mhz bandwidth sensors, after zero and calibration, with associated measurement uncertainty. power range ?0 to ?0 to ?0 to 0 to +10 to ?0 dbm ?0 dbm 0 dbm +10 dbm +20 dbm measurement 0.9% 0.8% 0.65% 0.55% 0.45% uncertainty figure 5. relative mode power measurement linearity with an epm-p series power meter, at 25 ? (typical). +20 dbm -60 dbm -65 dbm -60 dbm -65 dbm 20 dbm 0 dbm 0 dbm 2 % 2 % 4.0 % 4.0 %
9 peak flatness the peak flatness is the flatness of a peak-to-average ratio measurement for various tone-separations for an equal magnitude two-tone rf input. figures 6, 7 and 8 refer to the relative error in peak-to-average measurement as the tone separation is varied. the measurements were per- formed at C10 dbm average power using an e9288a sensor cable (1.5 m). calibration factor (cf) and reflection coefficient (rho) calibration factor and reflection coefficient data are pro- vided at frequency intervals on a data sheet included with the power sensor. this data is unique to each sensor. if you have more than one sensor, match the serial number on the data sheet with the serial number of the power sensor you are using. the cf corrects for the frequency response of the sensor. the epm-p series power meter automatically reads the cf data stored in the sensor and uses it to make corrections. for power levels greater than 0 dbm, add to the calibra- tion factor uncertainty specification: 0.1%/db (for E9321A and e9325a sensors), 0.15%/db (for e9322a and e9326a sensors) and 0.2%/db (for e9323a and e9327a sensors). reflection coefficient (rho) relates to the swr according to the formula: swr = (1 + rho) / (1 C rho) maximum uncertainties of the cf data are listed in table 7. the uncertainty analysis for the calibration of the sensors was done in accordance with the iso guide. the uncer- tainty data, reported on the calibration certificate, is the expanded uncertainty with a 95% confidence level and a coverage factor of 2. figure 6. E9321A and e9325a error in peak-to-average measurements for a two-tone input (high, medium, low and off filters). figure 7. e9322a and e9326a error in peak-to-average measurements for a two-tone input (high, medium, low and off filters). figure 8. e9323a and e9327a error in peak-to-average measurements for a two-tone input (high, medium, low and off filters). table 7. calibration factor uncertainty at 0.1 mw (-10 dbm). frequency 50 mhz 100 mhz 300 mhz 500 mhz 800 mhz 1.0 ghz 1.2 ghz 1.5 ghz 2.0 ghz 3.0 ghz 4.0 ghz 5.0 ghz 6.0 ghz 7.0 ghz 8.0 ghz 9.0 ghz 10.0 ghz 11.0 ghz 12.0 ghz 12.4 ghz 13.0 ghz 14.0 ghz 15.0 ghz 16.0 ghz 17.0 ghz 18.0 ghz uncertainty (%) (25 ?0?) reference ?.8 ?.8 ?.8 ?.8 ?.1 ?.1 ?.1 ?.1 ?.1 ?.1 ?.1 ?.1 ?.3 ?.3 ?.3 ?.3 ?.3 ?.3 ?.3 ?.3 ?.5 ?.5 ?.5 ?.5 ?.5 uncertainty (%) (0 to 55?) reference ?.0 ?.0 ?.0 ?.0 ?.3 ?.3 ?.3 ?.3 ?.3 ?.3 ?.3 ?.3 ?.5 ?.5 ?.5 ?.5 ?.5 ?.5 ?.5 ?.5 ?.8 ?.8 ?.8 ?.8 ?.8
10 zero set this specification applies to a zero performed when the sensor input is not connected to the power ref. zero drift and measurement noise effect of averaging on noise: averaging over 1 to 1024 readings is available for reducing noise. table 9 provides the measurement noise for a particular sensor. use the noise multipliers in table 10, for the appropriate speed (normal or x 2) or measurement mode (normal or average only) and the number of averages, to determine the total measurement noise value. in addition, for x 2 speed (in normal mode) the total mea- surement noise should be multiplied by 1.2 , and for fast speed (in normal mode), the multiplier is 3.4 . note that in fast speed, no additional averaging is implemented. example: E9321A power sensor, number of averages = 4, free run acquisition, normal mode, x 2 speed. measurement noise calculation: (< 6 nw x 0.88 x 1.2) = < 6.34 nw effect of video bandwidth setting: the noise per sample is reduced by applying the meter video bandwidth reduc- tion filter setting (high, medium or low). if averaging is implemented, this will dominate any effect of changing the video bandwidth. example: e9322a power sensor, triggered acquisition, video band- width = high. noise per sample calculation: (< 180 nw x 0.80) = < 144 nw effect of time-gating on measurement noise the measurement noise will depend on the time gate length, over which measurements are made. effectively 20 averages are carried out every 1 us of gate length. table 8. zero set sensor model zero set zero set (normal mode) (average only mode) E9321A, e9325a 5 nw 0.17 nw e9322a, e9326a 19 nw 0.5 nw e9323a, e9327a 60 nw 0.6 nw table 9. zero drift and measurement noise. sensor model E9321A e9325a e9322a e9326a e9323a e9327a zero drift 1 normal average only mode mode < 5 nw < 60 pw < 5 nw < 100 pw < 40 nw < 100 pw measurement noise 2 normal normal average only mode 3 mode 4 mode < 6 nw < 75 nw < 165 pw < 12 nw < 180 nw < 330 pw < 25 nw < 550 nw < 400 pw 1. within 1 hour after zero set, at a constant temperature, after a 24 hour warm-up of the power meter. 2. measured over a one-minute interval, at a constant temperature, two standard deviations, with averaging set to 1 (for normal mode), 16 (for average only mode, normal speed) and 32 (for average only mode, x 2 speed). 3. in free run acquisition mode. 4. noise per sample, video bandwidth set to off with no averaging (i.e. averaging set to 1) - see the note ?ffect of video bandwidth setting?and table 11. table 10. noise multipliers mode average -only normal number of averages noise multiplier (normal speed) noise multiplier (x 2 speed) noise multiplier (normal speed; free run acquisition) 1 5.5 6.5 1.0 2 3.89 4.6 0.94 4 2.75 3.25 0.88 8 1.94 2.3 0.82 16 1.0 1.63 0.76 32 0.85 1.0 0.70 64 0.61 0.72 0.64 128 0.49 0.57 0.58 256 0.34 0.41 0.52 512 0.24 0.29 0.46 1024 0.17 0.2 0.40 table 11. effect of video bandwidth on noise per sample. sensor E9321A e9325a e9322a e9326a e9323a e9327a low 0.32 0.50 0.40 medium 0.50 0.63 0.63 high 0.63 0.80 1.0 noise multipliers
11 settling times average-only mode: in normal and x 2 speed, manual filter, 10 db decreasing power step refer to table 12. in fast speed, within the range C50 to +20 dbm, for a 10 db decreasing power step, the settling time is 10 ms (for the e4416a) and 20 ms (for the e4417a). when a power step crosses the power sensors auto-range switch point, add 25 ms . normal mode: in normal, free run acquisition mode, within the range C20 to +20 dbm, for a 10 db decreasing power step, the settling time is dominated by the measurement update rate and is listed in table 13 for various filter settings. in normal mode, measuring in continuous or single acquisition mode, the performance of rise times, fall times and 99% settled results are shown in table 14. rise time and fall time specifications are for a 0.0 dbm pulse, with the rise time and fall time measured between 10% to 90% points and upper range selected. overshoot in response to power steps with fast rise times, i.e. less than the sensor rise time, is < 10% . when a power step crosses the power sensors auto-range switch point, add 10 s . table 12. settling time (average only mode) number of average 1 2 4 8 16 32 64 128 256 512 1024 settling time(s) normal 0.08 0.13 0.24 0.45 1.1 1.9 3.5 6.7 14 27 57 settling time(s) x 2 0.07 0.09 0.15 0.24 0.45 1.1 1.9 3.5 6.7 14 27 table 13. settling time (normal mode) number of averages 1 2 4 8 16 32 64 128 256 512 1024 settling time free run 0.1 0.15 0.25 0.45 0.9 1.7 3.3 6.5 13.0 25.8 51.5 acquisition, normal speed (s) settling time free run 0.08 0.1 0.15 0.25 0.45 0.9 1.7 3.3 6.5 13.0 25.8 acquisition, x2 speed (s) table 14. rise and fall times versus sensor bandwidth 1 sensor model parameter video bandwidth setting low medium high off E9321A, rise time (< ?) 2.6 1.5 0.9 0.3 e9325a fall time (< ?) 2.7 1.5 0.9 0.5 settling time (rising) (< ?) 5.1 5.1 4.5 0.6 settling time (falling) (< ?) 5.1 5.1 4.5 0.9 e9322a, rise time (< ?) 1.5 0.9 0.4 0.2 e9326a fall time (< ?) 1.5 0.9 0.4 0.3 settling time (rising) (< ?) 5.3 4.5 3.5 0.5 settling time (falling) (< ?) 5.3 4.5 3.5 0.9 e9323a, rise time (< ?) 0.9 0.4 0.2 0.2 e9327a fall time (< ?) 0.9 0.4 0.2 0.2 settling time (rising) (< ?) 4.5 3.5 1.5 0.4 settling time (falling) (< ?) 4.5 3.5 2 0.4 1. rise and fall time specifications are only valid when used with the e9288a sensor cable (1.5 meters).
physical specifications dimensions: 150 mm l x 33 mm w x 30 mm h (5.9 in x 1.5 in x 1.2 in) weight: net: 0.2 kg (0.45 lbs) shipping: 0.55 kg (1.2 lbs) ordering information E9321A 50 mhz to 6 ghz; 300 khz bw e9322a 50 mhz to 6 ghz; 1.5 mhz bw e9323a 50 mhz to 6 ghz; 5 mhz bw e9325a 50 mhz to 18 ghz; 300 khz bw e9326a 50 mhz to 18 ghz; 1.5 mhz bw e9327a 50 mhz to 18 ghz; 5 mhz bw accessories supplied operating and service guide (multi-language) ansi/ncsl z540-1-1994 certificate of calibration supplied as standard power sensor options e932xa-a6j supplies ansi/ncsl z540-1-1994 test data including measurement uncertainties e932xa-0b1 add manual set agilent technologies?test and measurement support, services, and assistance agilent technologies aims to maximize the value you receive, while minimizing your risk and problems. we strive to ensure that you get the test and measurement capabilities you paid for and obtain the support you need. our extensive support resources and services can help you choose the right agilent products for your applications and apply them successfully. every instrument and system we sell has a global warranty. support is available for at least five years beyond the production life of the product. two concepts underlie agilents overall support policy: ?ur promise and ?our advantage. our promise our promise means your agilent test and measurement equipment will meet its advertised performance and functionality. when you are choosing new equipment, we will help you with product information, including realistic performance specifica- tions and practical recommendations from experienced test engineers. when you use agilent equipment, we can verify that it works properly, help with product operation, and provide basic measurement assistance for the use of specified capabilities, at no extra cost upon request. many self-help tools are avail- able. your advantage your advantage means that agilent offers a wide range of additional expert test and measurement services, which you can purchase according to your unique tech- nical and business needs. solve problems efficiently and gain a competitive edge by contracting with us for calibration, extra-cost upgrades, out-of-warranty repairs, and onsite education and training, as well as design, system integration, project management, and other professional engineering services. experienced agilent engineers and technicians worldwide can help you maximize your produc tivity, opti- mize the return on investment of your agilent instruments and systems, and obtain dependable measurement accuracy for the life of those products. www.agilent.com/find/emailupdates get the latest information on the products and applications you select. agilent t&m software and connectivity agilents test and measurement software and connectivity products, solutions and developer network allows you to take time out of connecting your instruments to your computer with tools based on pc standards, so you can focus on your tasks, not on your connections. visit www.agilent.com/find/ connectivity for more information. by internet, phone, or fax, get assistance with all your test & measurement needs online assistance: www.agilent.com/find/assist product specifications and descriptions in this document subject to change without notice. ?agilent technologies, inc. 2002, 2003, 2004 printed in usa, february 1, 2004 5980-1469e phone or fax united states: (tel) 800 452 4844 canada: (tel) 877 894 4414 (fax) 905 282 6495 china: (tel) 800 810 0189 (fax) 800 820 2816 europe: (tel) (31 20) 547 2323 (fax) (31 20) 547 2390 japan: (tel) (81) 426 56 7832 (fax) (81) 426 56 7840 korea: (tel) (82 2) 2004 5004 (fax) (82 2) 2004 5115 latin america: (tel) (305) 269 7500 (fax) (305) 269 7599 taiwan : (tel) 0800 047 866 (fax) 0800 286 331 other asia pacific countries: (tel) (65) 6375 8100 (fax) (65) 6836 0252 email: tm_asia@agilent.com agilent email updates


▲Up To Search▲   

 
Price & Availability of E9321A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X