Part Number Hot Search : 
0R010 91100 CTQ08 A1206 2SC4624 NR960TS2 RT2800 PS1105WA
Product Description
Full Text Search
 

To Download DIN-048CPC-SR1-HM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 electronic solutions division interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? din c form plug right angle, solder tail termination din 41612 series ? multi-pin count socket for vme,vex and multibus ii daughter cards ? early mate late break (emlb) grounding contacts for hot swapping ? expanded pin counts ? optional retention clips ? mates with c-form and r-form sockets date modifed: march 9 , 2009 ts-2305- b sheet 1 of 3 physical insulation: material: glass filled polyester (pbt) flammability: ul 94v-0 color: gray contact: material: copper alloy plating: underplating: 50 ? min.nickel wiping area: see ordering information termination: see ordering information electrical current rating: 1.5a at +20c contact resistance: 20 m insulation resistance: 1,000 m,100v dc withstanding voltage: 1,000 v ac for 1 minute environmental temperature rating: -55c to 105c process temperature rating: maximum insulator temperature (solder wave process only)
3 electronic solutions division interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? din c form plug right angle, solder tail termination din 41612 series ts-2305-b sheet 2 of 3 table 1 contact quantity part number a b c d 16 din-016cpa-xxx-xxxx 54.40 [2.142] 44.60 [1.756] 38.10 [1.500] 48.26 [1.900] 32 din-032cpb-xxx-xxxx 54.40 [2.142] 44.60 [1.756] 38.10 [1.500] 48.26 [1.900] 48 din-048cpc-xxx-xxxx 54.40 [2.142] 44.60 [1.756] 38.10 [1.500] 48.26 [1.900] 32 din-032cpd-xxx-xxxx 54.40 [2.142] 44.60 [1.756] 38.10 [1.500] 48.26 [1.900] 16 din-016cpe-xxx-xxxx 54.40 [2.142] 44.60 [1.756] 38.10 [1.500] 48.26 [1.900] 32 din-032cpa-xxx-xxxx 94.00 [3.701] 85.20 [3.354] 78.74 [3.100] 88.90 [3.500] 64 din-064cpb-xxx-xxxx 94.00 [3.701] 85.20 [3.354] 78.74 [3.100] 88.90 [3.500] 96 din-096cpc-xxx-xxxx 94.00 [3.701] 85.20 [3.354] 78.74 [3.100] 88.90 [3.500] 64 din-064cpd-xxx-xxxx 94.00 [3.701] 85.20 [3.354] 78.74 [3.100] 88.90 [3.500] 32 din-032cpe-xxx-xxxx 94.00 [3.701] 85.20 [3.354] 78.74 [3.100] 88.90 [3.500] 1 5 10 15 20 30 32 2-2.6 [.102] d 10.20 [.402] a(max.) 5.08 [.200] 1.00 [.039] b c 11.10 [.437] 4.80 [.189] 2.75 [.108] 2.54 [.100] 5.08 [.200] 6.00 [.236] 2.54 [.100] sr1 without rentention clip pin c1 pin b1 pin a1 rr1l with "b" rentention clips 2.95 [.116] mm [inch] tolerance unless noted x. .x .xx mm 0.50 0.38 0.25 [ ] dimension for reference only
3 electronic solutions division interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? din c form plug right angle, solder tail termination din 41612 series ts-2305-b sheet 3 of 3 ordering information din - xxxcp x - xxx - xx a = a row only b = rows a & c filled c = rows a, b & c filled d = rows a & b filled e = b row only termination options: solder tailtermination sr1 = 2.75 [.108] rr1l = 2.75 [.108] with b retention clips contact quantity see table recommended pcb layout 2 a c 1 b c d ?2.8-2.9 [.110-.114] ?0.94-1.09 [.037-.043] 2.54 [.100] 5.08 [.200] 2.54 [.100] 5.30 [.209] 2.54 [.100] plated through hole plating options: sh = 1 - 3 ? gold on contact 120 - 200 ? matte tin on terminal fj = 10 - 20 ? gold on contact 120 - 200 ? matte tin on terminal kr = 30 - 40 ? gold on contact 120 - 200 ? matte tin on terminal hm = 3 ? gold on contact, 7 ? min. pdni 120 - 200 ? matte tin on terminal kv = 30 ? gold on contact, 30? gold on terminal, 3? gold on board termination ? this diagram serves only for part number descriptive defnitions. please contact your local sales representative for customer specific product configurations.
important notice all statements, technical information, and recommendations related to 3m?s products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3m?s current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized of?cer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3m?s option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. please recycle. prin te d in usa. ? 3m 200 9 . all r ig hts r es erved. ? 3m ele ct ronics soluti on s divi sion 6801 river p la ce blvd. austin, tx 78726-9 000 u .s .a. 1-8 00 -225-5373 ww w.3m.com/inte rc onnects 3m is a trademark of 3m company.


▲Up To Search▲   

 
Price & Availability of DIN-048CPC-SR1-HM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X