Part Number Hot Search : 
R2060 1H225 66100 74AHC86 7MBP75 OP133W NJM1458 6300F
Product Description
Full Text Search
 

To Download D1208050A6348FP0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thick film, rectangular chip resistors d...-crcw vishay www.vishay.com for technical questions in europe, contact: ff1ar esistors@vishay.com document number: 20008 114 for technical questions in americas/a sia, contact: ff2bres istors@vishay.com revision: 11-jan-07 features ? metal glaze on high quality ceramic ? protective overglaze ? lead bearing (90 % sn/10 % pb) solder contacts ? excellent stability ( r/r 0.5 % for 1000 h at 70 c) in different environmental conditions ? high volume product suitable for commercial and special applications standard electrical specifications model size power rating p 70 c w limiting element voltage max v ? temperature coefficient ppm/k tolerance % resistance range e-series inch metric cecc 40401-802/eia-575 d10 crcw0402 0402 1005 0.063 50 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 10m 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 1 a d11 crcw0603 0603 1608 0.10 75 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 10m 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 1.5 a d12 crcw0805 0805 2012 0.125 150 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 10m 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 2 a d25 crcw1206 1206 3216 0.25 200 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 10m 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 2.5 a crcw1210 1210 3225 0.33 200 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 1m0 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 2.5 a crcw1218 1218 3246 1.0 200 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 2m2 1r0 - 2m2 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 4 a crcw2010 2010 5025 0.5 400 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 10m 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 3 a crcw2512 2512 6332 1.0 500 200 1) 100 200 1 1 5 1r0 - 9r76 10r - 10m 1r0 - 10m 24 + 96 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max = 4 a notes 1. 100 ppm/k on request ? ask about further value ranges ? for low values see thick film rectangular low value resistors ? for high values see thick film rectangular high values ? marking and packaging: see appr opriate catalog or web pages ? for precision thick film crcw see thick film rectangular precision resistors ? power rating depends on the max. temperature at the solder point, the component placement density and the substrate material ? agpd or pd terminations for conductive adhesive attachment on request notes 1. measuring conditions in acc. to cecc 4040 2. rated voltage: 3. depending on solder pad dimensions technical specifications parameter unit d10 crcw0402 d11 crcw0603 d12 crcw0805 d25 crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation at 70 c (cecc 40401 | eia 575) w 0.063 0.10 0.125 0.25 0.33 1.0 0.5 1.0 limiting element voltage 2) v ? 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peak > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance k/w 870 1) 550 1) 440 1) 220 1) 140 3) 65 3) 88 3) 65 3) insulation resistance > 10 9 category temperature c - 55/+ 125 (+ 155) failure rate h -1 0.3 10 -9 weight/1000 pcs g 0.65 2 5.5 10 16 29.5 25.5 40.5 p x r
document number: 20008 for technical questions in europe, contact: ff 1aresistors@vishay.com www.vishay.com revision: 11-jan-07 for technical questions in americas/asia, c ontact: ff2bresistors@vishay.com 115 d...-crcw thick film, rectangular chip resistors vishay dimensions size dimensions [in millimeters] inch metric lw h t1t2 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 size solder pad dimensions [in millimeters] reflow soldering wave soldering inch metric a b l a b l 0402 1005 0.4 0.6 0.5 0603 1608 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 1.0 3.2 5.2 1.2 3.2 5.2 part number and product description 1) c r cw 0 8 5 0 562r fk ta model/size v alue tolera n ce packagi n g 2) special d100402 3 digit v al u e 1 digit m u ltiplier f = 1 % b = 100 ppm/k u p to 2 digits d110603 a = 200 ppm/k d120 8 05 d251206 part number: d120 8 050b5620fp0 product description: d12 100 562r 1 % p5 d12 100 562r 1 % p5 model resista n ce v alue tolera n ce packagi n g 2) 200 ppm/k 49k9 = 49.9 k d10 100 ppm/k d11 d12 d25 5r1 = 5.1 0r0 = j u mper tcr special character 0 = ne u tral multiplier 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 0000 = j u mper 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 6 = *10 6 model/size v alue tolera n ce packagi n g 2) special r = decimal f = 1 % j = 5 % z = zero ohm j u mper u p to 2 digits tr = c u stomer trimma b le k = tho u sand ta = rt1 tb = rt5 tc = rt6 td = rt7 tf = r02 tg = r67 th = r 8 2 tk = rt9 ba = b27 m = million part number: crcw0 8 05562rfkta product description: crcw 0 8 05 5620 f 100 rt1 crcw 5620 f 100 rt1 model resista n ce v alue tolera n ce packagi n g 2) crcw 100 ppm/k 6 8 5 = 6. 8 m 224 = 220 k 200 ppm/k 0000 = j u mper k = 100 ppm/k n = 200 ppm/k s = j u mper or special tcr rt1 rt5 rt6 rt7 r02 r67 r 8 2 rt9 b27 1 % 5 % 0 = j u mper crcw0402 crcw0603 crcw0 8 05 crcw1206 crcw1210 crcw2010 crcw2512 crcw121 8 j = 5 % m0 pz b5 bn p0 p5 pn mz mu m0 pz b5 bn 0 8 05 0402 0603 0 8 05 1206 size f = 1 % j = 5 % z = zero ohm j u mper 1201 121 8 2010 2512 1 % = 3 sig.digits, pl u s m u ltiplier 5 % = 2 sig.digits, pl u s m u ltiplier d25 d25 p0 p5 pn mz mu d120 8 00 5b5620fp0 tcr tcr notes 1. preferred way for ordering products is by use of the part number. 2. pl ease refer to table packaging, page 116.
www.vishay.com for technical questions in europe, contact: ff1ar esistors@vishay.com document number: 20008 116 for technical questions in americas/a sia, contact: ff2bres istors@vishay.com revision: 11-jan-07 d...-crcw vishay thick film, rectangular chip resistors notes 1. on request 2. european/n.american packaging codes: na = not available ? further information about packaging: see appropriate catalog or web page. packaging model reel bulk tape width diameter pieces/reel pitch packaging code bulk feeding magazine paper 1) blister 2) pieces 1) code 2) d10 crcw0402 8 mm 180 mm/7" 10 000 2 mm p0/td 50 000 mz/ba 330 mm/13" 50 000 2 mm pz/te d11 crcw0603 8 mm 180 mm/7" 5000 4 mm p5/ta b5/na 25 000 mu/ba 255 mm/10" 10 000 4 mm p0/tb 330 mm/13" 20 000 4 mm pn/tc bn/na d12 crcw0805 8 mm 180 mm/7" 5000 4 mm p5/ta b5/na 10 000 mo/ba 255 mm/10" 10 000 4 mm p0/tb 330 mm/13" 20 000 4 mm pn/tc bn/na d25 crcw1206 8 mm 180 mm/7" 5000 4 mm p5/ta b5/na 255 mm/10" 10 000 4 mm p0/tb 330 mm/13" 20 000 4 mm pn/tc bn/na crcw1210 8 mm 180 mm/7" 5000 4 mm p5/ta b5/rg1 330 mm/13" 20 000 4 mm pn/tc bn/na crcw1218 12 mm 180 mm/7" 4000 4 mm tk crcw2010 12 mm 180 mm/7" 4000 4 mm tf crcw2512 12 mm 180 mm/7" 2000 8 mm b2/tg 4000 4 mm th temperature rise 0402 0603 0 8 05 1206 1210 2010 2512 90 8 0 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in w atts te mperature rise in c 121 8 deratin g * there are differences in b oard layo u t and meas u rements b et w een cecc and eia. - 55 - 25 0 2 55 0 75 100 125 150 175 120 100 8 0 60 40 20 0 ambient te mperature in c 70 r ated power in % eia* cecc* 100 1k 10k 100k 1m 10m non-linearity 11 0 100 90 8 0 70 60 50 40 30 20 10 resistance v alue in non-linearity a 3 in db 1206 0 8 05 0603 0402 100 1k 10k 100k 1m 10m 100 10 1 0.1 current noise resistance v alue in current noise in v/ v 0402 0603 0 8 05 1206
d...-crcw thick film, rectangular chip resistors vishay document number: 20008 for technical questions in europe, contact: ff 1aresistors@vishay.com www.vishay.com revision: 11-jan-07 for technical questions in americas/asia, c ontact: ff2bresistors@vishay.com 117 140 120 100 8 0 60 40 20 0 20 40 60 8 0 100 120 140 160 1 8 0 load in w 0.01 0.1 1 20 40 60 8 0 100 120 140 160 1 8 0 film temperature ? s in c 0.01 0.1 1 10 1 0.1 0.01 resistance chan g e r / r % r / r (t) = f [ r / r (t = 1000 h)] parameter: time 0.5 0.4 0.3 0.2 0.1 0 140 120 100 8 0 60 40 20 0 film temperature ? s in c stability nomo g ram typical values (for handlin g see g eneral explanations) resistance chan g e [ ? r / r ] in % after 1000 h temperature rise in ? c ? = 20 c 40 c 60 c 8 0 c 100 c 120 c 140 c t = 1 0 0 0 0 0 h 1 0 0 0 0 h 5 0 0 0 h 2 0 0 0 h 1 0 0 0 h r / r [t = 1000 h] = f [ ? s] parameter: resistance value d 25 - c r c w 1206 ? = f [ p ] parameter: size d12 - crcw 0 8 05 d1 1 - cr cw0603 d 1 0 - c r c w 0 4 0 2 ? = f [ ? s ] parameter: ? u 1 m 10k 10 m 0.25 w 0.125 w 0.0625 w 120 100 8 0 60 40 20 1 2 3 5 7 10 2 3 5 7 100 2 3 5 7 60 8 0 100 120 140 surface temperature ? s [c] number of mounted resistors [pcs] power ratin g as a function of packa g in g density ( g uideline) u ? = 120 c ? u = 100 c ? u = 8 0 c ? u = 60 c ? u = 40 c ? u = 20 c ? = [ c]
www.vishay.com for technical questions in europe, contact: ff1ar esistors@vishay.com document number: 20008 118 for technical questions in americas/a sia, contact: ff2bres istors@vishay.com revision: 11-jan-07 d...-crcw vishay thick film, rectangular chip resistors 1000 100 10 1 0.1 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 2512 121 8 2010 1206 0 8 05 0603 0402 secondary conditions: a) p p (peak p u lse, single p u lse) b ) u < 70 c) ? see diagram (max. p u lse v oltage) square pulse in t j s pulse ratin g p 0 power ratin g p in w atts 100 10 1 0.10 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 secondary conditions: a) p p (permissi b le constant po w e r at + 70 c) b ) u < 70 c) ? see diagram (max. p u lse v oltage) square pulse in t j s pulse ratin g p p 70 power ratin g p in w atts 121 8 121 8 1206 0 8 05 0603 0402 0 1200 8 00 500 100 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 square pulse in t j s maximum pulse volta g e pulse v olta g e ? max in v 2512 1206/121 8 2010 0 8 05 secondary conditions: a) p see diagrams (p u lse rating) b ) u < 70 0603 0402 1400 1300 1 100 1000 900 700 600 400 300 200
d...-crcw thick film, rectangular chip resistors vishay document number: 20008 for technical questions in europe, contact: ff 1aresistors@vishay.com www.vishay.com revision: 11-jan-07 for technical questions in americas/asia, c ontact: ff2bresistors@vishay.com 119 note 1. limits for change of resistance at test acc. to cecc performance test conditions of test requirements in % 1) 0402 0603 0805 1206 1210 1218 2010 2512 endurance test at 70 c iec 60115-1 4.25.1; eia-575 1000 hours at 70 c, 1.5 hours "on", 0.5 hours "off" 1.0 0.5 1.0 endurance at uct iec 60115-1 4.25.3 1000 hours at 125 c without load 1.0 0.5 1.0 overload test iec 60115-1 4.13; eia-575 short time overload, 2.5 x rated voltage or 2 x limiting element voltage. 0.25 0.25 0.5 thermal shock iec 60115-1 4.19; iec 60068-2-14; eia-575 rapid change between upper and lower category temperature 0.25 0.25 0.5 damp heat steady state iec 60115-1 4.24; iec 60068-2-3 56 days at 40 c and 93 % relative humidity 1.0 0.5 1.0 resistance to soldering heat iec 60115-1 4.18; iec 60068-2-20; eia-575 10 seconds at 260 c solder bath temperature 0.25 0.25 0.5 applicable specifications ? cecc40000/40400/40401-00 4,-006,-007,-802 ? en140400/iec 60115-1 ? eia-575
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of D1208050A6348FP0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X