Part Number Hot Search : 
5TUZ47C S7241 10A10 M1104 1N6019 24B000 TM162GD 1SMB60A
Product Description
Full Text Search
 

To Download C1260D105SV033RFPA134368MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 1 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax typical applications features base stations surface mount package test equipment reflow process compatible synthesizers at - cut crystal sonet minimum clock specification low phase noise tight tolerances frequency range 1 mhz ? 175 mhz standard frequencies 1 7. 408 ; 24.705; 30.720; 32.768; 34.368; 50; 76. 8 mhz 77.76 ; 100; 125; 150 ; 155.52 ; 156.25; 175 mhz frequency stabilities 1 [standard] parameter min typ max. units operating temp range or dering code 5 vs. operating temperature range (referenced to +25 c) - 10.0 +10.0 ppm - 20 ? +70c d105 parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs. aging /1. year vs. aging / year (foll owingyears) - 5.0 - 1.0 - 1.0 - 3.0 - 1.0 +5.0 +1.0 +1.0 +3.0 +1.0 ppm ppm ppm ppm ppm v s 5% load 5% frequency stabilities 1 [meets sonet minimum clock specification - option ] parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range - 20 ? +70c d205 parameter min typ max. units condition overall tolerance - 20.0 +20.0 ppm ( 15 years aging, temp, initial, supply, load ) supply voltage parameter min typ max. units condition ordering code 5 supp ly voltage (vs) 4.75 5.0 5.25 vdc sv050 current consumption 40 ma @ hcmos current consumption 90 ma @ pecl supply voltage (vs) 3.135 3.3 3.465 vdc sv033 current consumption 30 ma @ lvhcmos current consumption 80 ma @ lvpecl current consumption 25 ma @ lvds
c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 2 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax rf output parameter min typ max. units condition ordering code 5 signal hcmos rfh load 15.0 pf rise and fall time 5 ns @ 15 pf 10 to 90 % duty cycle 40 60 % @ vs/2 signal pecl rfp load 50 vs - 2v rise and fall time 1 ns 20 to 80 % duty cycle 45 55 % signal lvds rfl load 100 rise and fall time 1 ns 10 to 90 % duty cycle 40 60 % additional parameters pa rameter min typ max. units condition phase noise - 85 dbc/hz 10 hz @49,408 mhz - 120 dbc/hz 100 hz hcmos - 145 dbc/hz 1 khz 3,3v - 155 dbc/hz 10 khz - 160 dbc/hz 100 khz jitter 0,2 ps rms @ 12 khz to 20 mhz phase noise - 80 dbc/hz 10 hz @ 89,6 mhz - 1 08 dbc/hz 100 hz pecl - 13 4 dbc/hz 1 khz 3,3v - 14 0 dbc/hz 10 khz - 141 dbc/hz 100 khz jitter 0,6 ps rms @ 12 khz to 20 mhz phase noise - 80 dbc/hz 10 hz @ 125 mhz - 115 dbc/hz 100 hz pecl - 1 35 dbc/hz 1 khz 3,3v - 14 1 dbc/hz 10 khz - 14 1 dbc/hz 100 khz jitter 0, 6 ps rms @ 12 khz to 20 mhz weight 2 g processing & packing handling&processing note
c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 3 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax enclosur es type g241 < 53 mhz type g251 > 1 mhz package codes: code height ?h? code height ?h? a1 2,3 mm b1 2,3 mm dimensions: mm dimensions: mm pin connections pin connections 1 n/c 1 n/c 2 n/c / enable (option al) 2 n/c / enable (optional) 3 ground 3 gr ound 4 rf output 4 rf output 5 n/c 5 complementary rf output / (n/c: hcmos only) 6 supply voltage input (vs) 6 supply voltage input (vs) true table hcmos lvpecl + lvds pin 2 pin 4 pin 5 pin 4 pin 5 high data n/c no data no data open data n/c data compl. data low high tristate n/c data compl. data marking 1 a1 - xxx frequency * vi ayyww
c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 4 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax absolut e maximum ratings parameter min typ max. units condition supply voltage (vs) 7 v operable temperature range - 30 +80 c storage temperature range - 40 +90 c typical phase noise and jitter (49,408 mhz; hcmos output) ( 89,6 mhz; pecl output) frequency range [hz] jitter [ps rms] frequency range [hz] jitter [ps rms] 12khz to 20mhz 0.188ps 12khz to 20mhz 1.002 ps ( 125 mhz; pecl output) frequency range [hz] jitter [ps rms] 12kh z to 20mhz 0. 608 ps
c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 5 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax typical frequency stability vs temp -15 -10 -5 0 5 10 -45 -25 -5 15 35 55 75 temp. / c d f / p p m standard shipping method *bei w 24 mm nur untere lochreihe * by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k production tolerance complying din iec 286 - 3 enclosure type tape width w [mm] quantity per meter quantity per reel dimension p g218b / g 223 b 24 83,3 850 12 recommended reflow profile profile feature pb - free assembly /sn - pb assembly profile feature pb - free assembly /sn - pb assembly
c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 6 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax average ramp - up ra te (t l to tp) 3c/second max. time 25c to peak temperature 8 minutes max. preheat - temperature min ts min ) - temperature min ts max ) - time (min to max) (ts) 150c 200c 60 - 180 seconds time maintainted abov e - temperature (t l ) - time (t l ) 217c 60 - 150 seconds ts max to t l - ramp - up rate 3c/second max. time maintainted above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds time within 5c of act ual peak temperature (tp) 20 - 40 seconds peak temperature (tp) max 260c ramp - down rate 6c/second max. note: all temperatures refer to topside of the package, measured on the package body surface. smd oscillators must be on the top side of th e pcb during the reflow process.
c1 26 0 pxo vectron international www.vectron.com v. 2007 - 03 - 09 page 7 of 7 vectron international headquarters 267 low ell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax how to order this product: model stability code supply voltage code rf output code package code frequency control / enable frequency c1 26 0 d105 sv050 rfh a1 vs.operat. temp. range : d105: 10ppm - 20 ? +70c d205: - 20 ? +70c enclosures: a1: g2 41 signal: b1: g2 51 supply: rfh: hcmos sv050: 5v rfp: pecl sv033: 3.3v rfl: lvd s dimension: mm


▲Up To Search▲   

 
Price & Availability of C1260D105SV033RFPA134368MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X