Part Number Hot Search : 
F4148 DBF60 DLPA004 EMK21 FR9024 CGRC501 CXD1958Q RT9718
Product Description
Full Text Search
 

To Download ASPI-0704S-100M-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd shielded power inductor | | | | | | | | | | | | | | | aspi-0704s standard specifications: applications: features: 7 . 3 x 7 . 3 x 4 . 5m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 03.05.09 visit www.abracon.com for terms & conditions of sale ? s upe r i o r t o be h i gh s a t u r a t i on f o r s u r f a c e m oun t i n g ? lo w r e s i s t an c e t o k eep po w e r l o ss m i n i m u m ? m agne t i c s h i e l ded f o r l o w r ad i a t i o n ? desktop, notebook, servers ? battery charger ? network hubs, bridges, routers ? electronic game devices ? xdsl, pbx base stations ? gps system ? digital tv, dvd, modem, setup box p arameters abracon p/n: aspi-0704s-xxx series operating temperature : storage temperature : options and part identification: (left blank if standard) -25oc to +85oc -40oc to +85oc dc resistance ( h ) (khz) ( ? ) max. 1 0 10 0 0.061 1 2 10 0 0.063 1 5 10 0 0.081 1 8 10 0 0.091 2 2 10 0 0.110 2 7 10 0 0.150 3 3 10 0 0.170 3 9 10 0 0.230 4 7 10 0 0.260 5 6 10 0 0.350 6 8 10 0 0.380 8 2 10 0 0.450 10 0 10 0 0.610 12 0 10 0 0.660 15 0 10 0 0.880 18 0 10 0 0.980 22 0 10 0 1.170 27 0 10 0 1.640 33 0 10 0 1.860 39 0 10 0 2.850 47 0 10 0 3.010 56 0 10 0 3.630 68 0 10 0 4.630 82 0 10 0 5.200 100 0 10 0 6.000 idc: the dc current which causes a 25% inductance reduction of the initial value. aspi-0704s-102m aspi-0704s-391m aspi-0704s-561m aspi-0704s-821m 2 3 . 0 m 1 3 3 - s 4 0 7 0 - i p s a 0.29 0.26 0.23 aspi-0704s-681m aspi-0704s-471m 0.18 2 4 . 0 m 1 8 1 - s 4 0 7 0 - i p s a 6 3 . 0 m 1 2 2 - s 4 0 7 0 - i p s a aspi-0704s-271m 2 5 . 0 m 1 2 1 - s 4 0 7 0 - i p s a 6 4 . 0 m 1 5 1 - s 4 0 7 0 - i p s a 1 6 . 0 m 0 2 8 - s 4 0 7 0 - i p s a 0 6 . 0 m 1 0 1 - s 4 0 7 0 - i p s a 5 7 . 0 m 0 6 5 - s 4 0 7 0 - i p s a 9 6 . 0 m 0 8 6 - s 4 0 7 0 - i p s a 1 9 . 0 m 0 9 3 - s 4 0 7 0 - i p s a 8 8 . 0 m 0 7 4 - s 4 0 7 0 - i p s a 2 1 . 1 m 0 7 2 - s 4 0 7 0 - i p s a 6 9 . 0 m 0 3 3 - s 4 0 7 0 - i p s a 1 3 . 1 m 0 8 1 - s 4 0 7 0 - i p s a 3 2 . 1 m 0 2 2 - s 4 0 7 0 - i p s a (a) inductance test frequency idc 1.47 0.20 0.34 0.22 aspi-0704s-100m 1.71 aspi-0704s-150m electrical characteristics 1.84 aspi-0704s-120m part number k 1 0 % t tape & reel m 2 0 % inductance tolerance inductance code please refer to table above. packaging aspi - 0704s - -
smd shielded power inductor | | | | | | | | | | | | | | | aspi-0704s 7 . 3 x 7 . 3 x 4 . 5m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 03.05.09 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 1,000pcs/reel dimensions: mm recommended landing pattern dimensions: inches (mm) c d e f 0.1650.0 1 0.06 3 0.18 9 0.09 (4.20.2 ) (1.60 ) (4.80 ) (2.30) b a # t r a p aspi-0704s-xxx 0.2870.008 (7.30.2) 0.2870.008 (7.30.2) reflow profile:


▲Up To Search▲   

 
Price & Availability of ASPI-0704S-100M-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X