Part Number Hot Search : 
AMIS30 PZT669A MJ3328 ERIES TA0555A TQS32 1E104 A105M
Product Description
Full Text Search
 

To Download 856530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number 856530 1880 mhz saw filter features ? for wireless applicatio ns ? usable ban dwidth 60 mhz ? low loss ? high attenuation ? no impedan ce matching required for operation at 50 ? ? single-ende d operation ? ceramic surface mount package (smp) ? hermetic ? rohs comp liant (2002/9 5 /ec), pb-free ? packag e pin configuration surface mount 3.00 x 3.00 x 1.22 mm bottom vie w 65 4 3 2 1 pin no. description 2 input 5 output 1 , 3 , 4 , 6 c a s e g r o u n d 0. 6 9 1. 22 no m. 1. 32 max. 0. 75 0. 60 1. 5 0 0. 75 3. 00 3. 00 dimens io ns sh o w n ar e nomi n al in mil limet ers all toler ances are 0.1 5 mm e x ce pt overa ll len g th an d w i dt h 0.10mm body : al 2 o 3 ceramic lid: kovar , ni plate d t e rminations: au plati ng 0.5 - 1.0 m, over a 2 - 6 m ni plati n g pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v - ? 8 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 1 of 6
data sheet part number 856530 1880 mhz saw filter electrical specifications (1) operating temperature range: (2) -20 to +75 o c parameter (3) minimum t y pical maximum unit center fre quenc y - 1 8 8 0 - m h z maximum insertion loss 1850 - 1910 mhz - 2.8 4.75 db amplitude variation 1850 - 1910 mhz - 1.0 2.65 db p-p absolute attenuation 500 - 1750 mhz 1750 - 1820 mhz 1930 - 1935 mhz 1935 - 1990 mhz 2032 - 2125 mhz 30 20 30 35 35 34 23 51 42 41 - - - - - db db db db db source impedance (4) - 5 0 - ? - 5 0 - ? 1. all spec ificatio ns are bas ed o n the test circui t sho w n be lo w 2. in producti on, devic es w i l l be tested at room temperatur e to a guar db and ed specific ati on to ensur e el ectrical com p li anc e ove r temperatur e 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to temper ature drift an d manufactur i ng to lera nces 4. t h is is the optimum impe dan ce in ord e r to a c hiev e the perf o rmanc e sho w n test circuit: 50 ? sing le-e nd ed 1, 3, 4, 6 2 5 50 50 ? ? no imp eda nce matchin g requ ired subj ect to cha nge or o b so les c ence w i t h o u t notice re v - ? 8 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 2 of 6
data sheet part number 856530 1880 mhz saw filter electrical specifications (1) operating temperature range: (2) + 2 5 o c 2 o c parameter (3) minimum t y pical maximum unit center fre quenc y - 1 8 8 0 - m h z maximum insertion loss 1850 - 1910 mhz - 2.8 3.6 db amplitude variation 1850 - 1910 mhz - 1.0 2.1 db p-p absolute attenuation 500 - 1750 mhz 1750 - 1820 mhz 1930 - 1935 mhz 1935 - 1990 mhz 2032 - 2125 mhz 30 20 45 35 35 32 23 50 40 41 - - - - - db db db db db source impedance (4) - 5 0 - ? - 5 0 - ? 1. all spec ificatio ns are bas ed o n the test circui t sho w n be lo w 2. in producti on, devic es w i l l be tested at room temperatur e to a guar db and ed specific ati on to ensur e el ectrical com p li anc e ove r temperatur e 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to temper ature drift an d manufactur i ng to lera nces 4. t h is is the optimum impe dan ce in ord e r to a c hiev e the perf o rmanc e sho w n test circuit: 50 ? sing le-e nd ed 1, 3, 4, 6 2 5 50 50 ? ? no imp eda nce matchin g requ ired subj ect to cha nge or o b so les c ence w i t h o u t notice re v - ? 8 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 3 of 6
data sheet part number 856530 1880 mhz saw filter subj ect to cha nge or o b so les c ence w i t h o u t notice re v - ? 8 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 4 of 6 typical performance (at +25 o c)
data sheet part number 856530 1880 mhz saw filter matching schematics 50 ? sing le-e nd ed 1, 3, 4, 6 2 5 50 50 ? ? no imp eda nce matchin g requ ired marking pcb footprint cf co de marki n g da te cod e jjjym l ogo id do t sa wt e k .96 3.20 sq 1.27 .3 8 .81 1.70 t he date code consists of: jjj = julian da y , y = last digit of y e ar, m = man u facturin g site code t h is footprint repres ent s a re commen datio n onl y dimens io ns sh o w n ar e nomi n al in mil limet ers tape and reel 3.2 5 se c t i o n a- a 1. 7 5 ?1 .5 4.0 a 12 .0 5. 5 ?1 . 5 4. 0 2. 0 3.2 5 1.4 0.2 1 a ?1 02 ?2 0.2 ?13 . 0 2. 0 d i r e c t io n o f t r av el ?3 30 12 .8 2.7 lo go sa w t e k id d o t dimens io ns sh o w n ar e nomi n al in mil limet ers packag i ng qua ntit y : 50 00 u n it s/reel subj ect to cha nge or o b so les c ence w i t h o u t notice re v - ? 8 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 5 of 6
data sheet part number 856530 1880 mhz saw filter maximum ratings parameter sy m bol minimum maximum unit operating temperature range t -20 +75 o c storage temperature range t stg - 4 0 + 8 5 o c rf power ( 1 ) p in - + 1 2 d b m note : 1. it is recommen ded that thes e devic es be co n s ider ed suita b l e to meet a + 12 dbm po w e r i n the 18 50 - 19 10 mhz frequ e n c y ban d fo r a minimum of 10,00 0 ho urs a t 55oc important note s warnings ? electrostatic sensitive device (esd) ? avoid ultrasonic exposu r e rohs co mpliance ? this product complies with eu directive 2002/95/ec (rohs) solderability ? compatible with jedec j-std-020c pb -free process, 260 c peak reflo w temperatu r e ( see solde r ing p r ofile ) links to additional technical information pcb layout tips qualification flowcha r t sold ering profile s-parameters rohs information other te ch nical information triq uint?s liability is lim ited only t o the surface acou stic wave (saw) component(s) d e scribed in this d a ta sheet. triq ui nt do es not accept any liability for a pp lications, p r o cesses, cir c ui ts or assemblies, w h ich ar e im p lemented usin g an y t r iquint com p o nent described in this data sheet. contact information po box 6095 01 orlan do, fl 3 2860 -95 01 usa phone: +1 (4 07) 88 6-886 0 fax: +1 (40 7 ) 886-7 061 email: info-produc t @ t qs .c om web: www.triquint.c om or conta c t on e of our wo rld w ide network of sales offices , rep r e s entati v es or di strib u tors pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v - ? 8 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 6 of 6


▲Up To Search▲   

 
Price & Availability of 856530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X