Part Number Hot Search : 
1950513 24FBXX G2012 PTZ27B A101G N0943 R2100 NCP81062
Product Description
Full Text Search
 

To Download 74ALVC162334PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs 1 june 2009 industrial temperature range idt and the idt logo are registered trademarks of integrated device technology, inc. ? 2009 integrated device technology, inc. dsc-4687/6 features: ? 0.5 micron cmos technology ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ?v cc = 2.5v 0.2v ? cmos power levels (0.4 w typ. static) ? rail-to-rail output swing for increased noise margin ? available in tssop package functional block diagram applications: ? sdram modules ? pc motherboards ? workstations drive features: ? balanced output drivers: 12ma ? low switching noise idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs description: this 16-bit universal bus driver is built using advanced dual metal cmos technology. data flow from a to y is controlled by the output-enable ( oe ) input. the device operates in the transparent mode when the latch-enable ( le ) input is low. when le is high, the a data is latched if the clock (clk) input is held at a high or low logic level. if le is high, the a data is stored in the latch/flip-flop on the low-to-high transition of clk. when oe is high, the outputs are in the high-impedance state. the alvc162334 has series resistors in the device output structure which will significantly reduce line noise when used with light loads. this driver has been designed to drive 12ma at the designated threshold levels. le a 1 to 15 other channels oe clk 1 47 25 48 1 d c 1 clk 2 y 1
industrial temperature range 2 idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs tssop top view pin configuration note: 1. h = high voltage level l = low voltage level x = don?t care z = high impedance = low-to-high transition 2. output level before the indicated steady-state input conditions were established. function table (1) note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 5 7 pf c out output capacitance v out = 0v 7 9 pf c out i/o port capacitance v in = 0v 7 9 pf capacitance (t a = +25c, f = 1.0mhz) symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +4.6 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, 50 ma v i < 0 or v i > v cc i ok continuous clamp current, v o < 0 ?50 ma i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v cc terminals. 3. all terminals except v cc . inputs outputs oe le clk ax yx hx x x z ll x l l ll x h h lh ll lh hh l h l or h x y 0 (2) le gnd gnd gnd gnd gnd clk nc a 1 oe y 1 y 2 y 3 y 4 y 5 y 6 y 7 y 8 y 9 y 10 y 11 y 12 y 13 y 14 y 15 y 16 a 2 a 3 a 4 a 5 a 6 a 7 a 8 a 9 a 10 a 11 a 12 a 13 a 14 a 15 v cc a 16 gnd v cc v cc gnd v cc gnd 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 pin names description oe 3-state output enable inputs (active low) clk register input clock le latch enable (active low) a x data inputs y x 3-state outputs pin description
industrial temperature range idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs 3 symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input high current v cc = 3.6v v i = v cc ?? 5a i il input low current v cc = 3.6v v i = gnd ? ? 5a i ozh high impedance output current v cc = 3.6v v o = v cc ?? 10 a i ozl (3-state output pins) v o = gnd ? ? 10 v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v ? 0.1 40 a i cch v in = gnd or v cc i ccz i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 750 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c note: 1. typical values are at v cc = 3.3v, +25c ambient. note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 4ma 1.9 ? i oh = ? 6ma 1.7 ? v cc = 2.7v i oh = ? 4ma 2.2 ? i oh = ? 8ma 2 ? v cc = 3v i oh = ? 6ma 2.4 ? i oh = ? 12ma 2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 4ma ? 0.4 i ol = 6ma ? 0.55 v cc = 2.7v i ol = 4ma ? 0.4 i ol = 8ma ? 0.6 v cc = 3v i ol = 6ma ? 0.55 i ol = 12ma ? 0.8
industrial temperature range 4 idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs switching characteristics (1) v cc = 2.5v 0.2v v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. min. max. unit f max 150 ? 150 ? 150 ? mhz t plh propagation delay 1 4.4 ? 4.5 1.1 3.6 ns t phl ax to yx t plh propagation delay 1 5.8 ? 6 1.3 5 ns t phl le to yx t plh propagation delay 1 5.2 ? 5.4 1 4.9 ns t phl clk toyx t pzh output enable time 1 6.4 ? 6.4 1.1 5.4 ns t pzl oe to yx t phz output disable time 1 4.7 ? 5.1 1.7 5 ns t plz oe to yx t w pulse duration, le low 3.3 ? 3.3 ? 3.3 ? ns t w pulse duration, clk high or low 3.3 ? 3.3 ? 3.3 ? ns t su set-up time, data before clk 1.4 ? 1.7 ? 1.5 ? ns t su set-up time, data before le , clk high 1.2 ? 1.6 ? 1.3 ? ns t su set-up time, data before le , clk low 1.4 ? 1.5 ? 1.2 ? ns t h hold time, data after clk 0.9 ? 0.9 ? 0.9 ? ns t h hold time, data after le , clk high or low 1.1 ? 1.1 ? 1.1 ? ns t sk(o) output skew (2) ? ???? 500 ps notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction. operating characteristics, t a = 25c v cc = 2.5v 0.2v v cc = 3.3v 0.3v symbol parameter test conditions typical typical unit c pd power dissipation capacitance outputs enabled c l = 0pf, f = 10mhz 31 36 pf c pd power dissipation capacitance outputs disabled 7 11
industrial temperature range idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs 5 open v load gnd v cc pulse generator d.u.t. 500 500 c l r t v in v out (1, 2) alvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 alvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t alvc link data input 0v 0v 0v 0v t rem timing input synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t alvc link asynchronous control low-high-low pulse high-low-high pulse v t t w v t alvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v ol + v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v oh - v hz alvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 1.0mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 6 idt74alvc162334 3.3v cmos 16-bit universal bus driver with 3-state outputs ordering information xx alvc xxx xx package device type temp. range pag 162 74 thin shrink small outline package - green 16-bit universal bus driver with 3-state outputs ?40c to +85c x xx family bus-hold 334 no bus-hold double-density with resistors, 12ma blank corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com


▲Up To Search▲   

 
Price & Availability of 74ALVC162334PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X